Part Number Hot Search : 
6EDL1SM 123M080A MBT3906 PEX81 DA121 1963AF 78L05A 100000
Product Description
Full Text Search
 

To Download M5474HCT573 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 M54/74HCT563 M54/74HCT573
OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT HCT563 INVERTING - HCT573 NON INVERTING
.HI .LOWPOWERDI .COMPATI .OUTPUTDRI .SYMMETRI .BALANCEDPROPAGATI .PI
DESCRIPTION
GH SPEED tPD = 18 ns (TYP.) AT VCC = 5 V SSIPATION ICC = 4 A (MAX.) AT TA = 25 C BLE WITH TTL OUTPUTS VIH = 2V (MIN.) VIL = 0.8V (MAX.) VE CAPABILITY 15 LSTTL LOADS CAL OUTPUT IMPEDANCE IOL = IOH= 6 mA (MIN.) ON DELAYS tPLH = tPHL N AND FUNCTION COMPATIBLE WITH 54/74LS563/573
B1R (Plastic Package)
F1R (Ceramic Package)
M1R (Micro Package)
C1R (Chip Carrier)
ORDER CODES : M54HCTXXXF1R M74HCTXXXM1R M74HCTXXXB1R M74HCTXXXC1R
The M54/74HCT563 and M54HCT573 are high speed CMOS OCTAL LATCH WITH 3-STATE OUTPUTS fabricated with silicon gate C2MOS technology. These ICs achive the high speed operation similar to equivalent LSTTL while maintaining the CMOS low power dissipation. These 8 bit D-Type latches are controlled by a latch enable input (LE) and a output enable input (OE). While the LE input is held at a high level, the Q outputs will follow the data input precisely or inversely. When the LE is taken low, the Q outputs will be latched precisely or inversely at the logic level of D input data. While the OE input is at low level, PIN CONNECTION (top view)
HCT563 HCT573
the eight outputs will be in a normal logic state (high or low logic level) and while high level the outpts will be in a high impedance state. The application designer has a choise of combination of inverting and non inverting outputs. This integrated circuit has input and output characteristics that are fully compatible with 54/74 LSTTL logic families. M54/74HCT devices are designed to directly interface HSC2MOS systems with TTL and NMOS components. They are also plug in replacements for LSTTL devices giving a reduction of power consumption. All inputs are equipped with protection circuits against discharge and transient excess voltage.
HCT563
HCT573
October 1993
1/13
M54/M74HCT563/573
INPUT AND OUTPUT EQUIVALENT CIRCUIT
PIN DESCRIPTION (HCT563)
PIN No 1 2, 3, 4, 5, 6, 7, 8, 9 12, 13, 14, 15, 16, 17, 18, 19 11 10 20 SYMBOL OE D0 to D7 Q0 to Q7 NAME AND FUNCTION 3 State output Enable Input (Active LOW) Data Inputs 3 State Latch Outputs
PIN DESCRIPTION (HCT573)
PIN No 1 2, 3, 4, 5, 6, 7, 8, 9 12, 13, 14, 15, 16, 17, 18, 19 11 10 20 SYMBOL OE D0 to D7 Q0 to Q7 NAME AND FUNCTION 3 State output Enable Input (Active LOW) Data Inputs 3 State Latch Outputs
LE GND V CC
Latch Enable Input Ground (0V) Positive Supply Voltage
LE GND VCC
Latch Enable Input Ground (0V) Positive Supply Voltage
IEC LOGIC SYMBOLS
HCT563 HCT573
2/13
M54/M74HCT563/573
TRUTH TABLE
INPUTS OE H L L L LE X L H H D X X L H Q (HCT573) Z NO CHANGE * L H OUTPUTS Q (HCT563) Z NO CHANGE * H L
X: DON'T CARE Z: HIGH IMPEDANCE *: Q/Q OUTPUTS ARE LATCHED AT THE TIME WHEN THE LE INPUT IS TAKEN LOW LOGIC LEVEL.
LOGIC DIAGRAMS
HCT563
HCT573
3/13
M54/M74HCT563/573
ABSOLUTE MAXIMUM RATINGS
Symbol VCC VI VO IIK IOK IO ICC or IGND PD Tstg TL Supply Voltage DC Input Voltage DC Output Voltage DC Input Diode Current DC Output Diode Current DC Output Source Sink Current Per Output Pin DC VCC or Ground Current Power Dissipation Storage Temperature Lead Temperature (10 sec) Parameter Value -0.5 to +7 -0.5 to VCC + 0.5 -0.5 to VCC + 0.5 20 20 35 70 500 (*) -65 to +150 300 Unit V V V mA mA mA mA mW
o o
C C
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these condition isnotimplied. (*) 500 mW: 65 oC derate to 300 mW by 10mW/oC: 65 oC to 85 oC
RECOMMENDED OPERATING CONDITIONS
Symbol VCC VI VO Top tr, tf Parameter Supply Voltage Input Voltage Output Voltage Operating Temperature: M54HC Series M74HC Series Input Rise and Fall Time (VCC = 4.5 to 5.5V) Value 4.5 to 5.5 0 to VCC 0 to VCC -55 to +125 -40 to +85 0 to 500 Unit V V V C o C ns
o
4/13
M54/M74HCT563/573
DC SPECIFICATIONS
Test Conditions Symbol Parameter VCC (V) 4.5 to 5.5 4.5 to 5.5 4.5 VI = IO=-20 A VIH or IO=-6.0 mA V IL VI = IO= 20 A VIH or IO= 6.0 mA V IL VI = VCC or GND 4.4 4.18 4.5 4.31 0.0 0.17 0.1 0.26 0.1 0.5 4 2.0 TA = 25 oC 54HC and 74HC Min. Typ. Max. 2.0 Value -40 to 85 oC -55 to 125 oC 74HC 54HC Min. Max. Min. Max. 2.0 2.0 Unit
VIH
High Level Input Voltage Low Level Input Voltage High Level Output Voltage
V
V IL
0.8
0.8
0.8
V
V OH
4.4 4.13 0.1 0.33 1 5.0 40 2.9
4.4 4.10 0.1 V 0.4 1 10 80 3.0 A A A mA V
VOL
Low Level Output Voltage
4.5
II IOZ ICC ICC
Input Leakage Current 3 State Output Off State Current Quiescent Supply Current Additional worst case supply current
5.5 5.5
VI = VIH or VIL VO = VCC or GND 5.5 VI = VCC or GND 5.5 Per Input pin VI = 0.5V or V I = 2.4V Other Inputs at V CC or GND
5/13
M54/M74HCT563/573
AC ELECTRICAL CHARACTERISTICS (C L = 50 pF, Input t r = t f = 6 ns)
Test Conditions Symbol Parameter VCC (V) 4.5 4.5 4.5 4.5 4.5 4.5 4.5 4.5 4.5 4.5 4.5 CL (pF) 50 50 150 50 150 50 150 50 50 50 50 5 10 51 RL = 1 K RL = 1 K RL = 1 K TA = 25 C 54HC and 74HC Min. Typ. Max. 7 12 21 25 19 23 19 23 18 7 4 33 39 30 36 30 36 25 15 10 5 10
o
tTLH tTHL tPLH tPHL tPLH tPHL tPZL tPZH tPZL tPZH tW(L) tW(H) ts th CIN COUT CPD (*)
Output Transition Time Propagation Delay Time (LE - Q, Q) Propagation Delay Time (D - Q, Q) 3 State Output Enable Time 3 State Output Disable Time Minimum Pulse Width (LE) Minimum Set-up Time Minimum Hold Time Input Capacitance Output Capacitance Power Dissipation Capacitance
Value -40 to 85 oC -55 to 125 oC 74HC 54HC Min. Max. Min. Max. 15 18 41 49 38 45 38 45 31 19 13 5 10 50 59 45 54 45 54 38 22 15 5 10
Unit
ns ns ns ns ns ns ns ns ns ns ns pF pF pF
(*) CPD is defined as the value of the IC's internal equivalent capacitance which is calculated from the operating current consumption without load. (Refer to Test Circuit). Average operting current can be obtained by the following equation. ICC(opr) = CPD *VCC *fIN + ICC/8 (per Flip-Flop)
6/13
M54/M74HCT563/573
SWITCHING CHARACTERISTICS TEST WAVEFORM
tPLH, tPHL (D - Q) tPLH, tPHL (LE - Q), ts, th, tw
tPLZ, tPZL The 1K load resistors should be connected between outputs and VCC line and the 50pF load capacitors should be connected between outputsand GND line. All inputs except OE input should be connected to VCC line or GND line such that outputs will be in low logic level while OE input is held low.
tPHZ, tPZH The 1K load resistors and the 50pF load capacitors should be connected between each output and GND line. All inputs except OE input should be connected to VCC or GND line such that output will be in high logic level while OE input is held low.
7/13
M54/M74HCT563/573
TEST CIRCUIT ICC (Opr.)
INPUT WAVEFORM IS THE SAME AS THAT IN CASE OF SWITCHING CHARACTERISTICS TEST.
8/13
M54/M74HCT563/573
Plastic DIP20 (0.25) MECHANICAL DATA
mm MIN. a1 B b b1 D E e e3 F I L Z 3.3 1.34 8.5 2.54 22.86 7.1 3.93 0.130 0.053 0.254 1.39 0.45 0.25 25.4 0.335 0.100 0.900 0.280 0.155 1.65 TYP. MAX. MIN. 0.010 0.055 0.018 0.010 1.000 0.065 inch TYP. MAX.
DIM.
P001J
9/13
M54/M74HCT563/573
Ceramic DIP20 MECHANICAL DATA
mm MIN. A B D E e3 F G I L M N1 P Q 7.9 2.29 0.4 1.27 0.22 0.51 0.5 22.86 2.79 0.55 1.52 0.31 1.27 0.090 0.016 0.050 0.009 0.020 3.3 1.78 0.020 0.900 0.110 0.022 0.060 0.012 0.050 TYP. MAX. 25 7.8 0.130 0.070 MIN. inch TYP. MAX. 0.984 0.307
DIM.
4 (min.), 15 (max.) 8.13 5.71 0.311 0.320 0.225
P057H
10/13
M54/M74HCT563/573
SO20 MECHANICAL DATA
DIM. MIN. A a1 a2 b b1 C c1 D E e e3 F L M S 7.40 0.50 12.60 10.00 1.27 11.43 7.60 1.27 0.75 8 (max.) 0.291 0.19 13.00 10.65 0.35 0.23 0.50 45 (typ.) 0.496 0.393 0.050 0.450 0.299 0.050 0.029 0.512 0.419 0.10 mm TYP. MAX. 2.65 0.20 2.45 0.49 0.32 0.013 0.009 0.020 0.004 MIN. inch TYP. MAX. 0.104 0.007 0.096 0.019 0.012
P013L
11/13
M54/M74HCT563/573
PLCC20 MECHANICAL DATA
mm MIN. A B D d1 d2 E e e3 F G M M1 1.27 1.14 7.37 1.27 5.08 0.38 0.101 0.050 0.045 9.78 8.89 4.2 2.54 0.56 8.38 0.290 0.050 0.200 0.015 0.004 TYP. MAX. 10.03 9.04 4.57 MIN. 0.385 0.350 0.165 0.100 0.022 0.330 inch TYP. MAX. 0.395 0.356 0.180
DIM.
P027A
12/13
M54/M74HCT563/573
Information furnished is believed to be accurate and reliable. However, SGS-THOMSON Microelectronics assumes no responsability for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may results from its use. No license is granted by implication or otherwise under any patent or patent rights of SGS-THOMSON Microelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. SGS-THOMSON Microelectronics products are not authorized for use ascritical components in life support devices or systems without express written approval of SGS-THOMSON Microelectonics. (c) 1994 SGS-THOMSON Microelectronics - All Rights Reserved SGS-THOMSON Microelectronics GROUP OF COMPANIES Australia - Brazil - France - Germany - Hong Kong - Italy - Japan - Korea - Malaysia - Malta - Morocco - The Netherlands Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A
13/13


▲Up To Search▲   

 
Price & Availability of M5474HCT573

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X