Part Number Hot Search : 
2N533902 ON2170 2700290 SP7656EN 23RGB 4N35FVM 23RGB SY10E
Product Description
Full Text Search
 

To Download LTC3411 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LTC3411 1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
FEATURES
s s s s s s s s
DESCRIPTIO
s s s s s s s
Small 10-Lead MSOP or DFN Package Uses Tiny Capacitors and Inductor High Frequency Operation: Up to 4MHz High Switch Current: 1.6A Low RDS(ON) Internal Switches: 0.110 High Efficiency: Up to 95% Stable with Ceramic Capacitors Current Mode Operation for Excellent Line and Load Transient Response Short-Circuit Protected Low Dropout Operation: 100% Duty Cycle Low Shutdown Current: IQ 1A Low Quiescent Current: 60A Output Voltages from 0.8V to 5V Selectable Burst Mode(R) Operation Sychronizable to External Clock
The LTC(R)3411 is a constant frequency, synchronous, step- down DC/DC converter. Intended for medium power applications, it operates from a 2.63V to 5.5V input voltage range and has a user configurable operating frequency up to 4MHz, allowing the use of tiny, low cost capacitors and inductors 2mm or less in height. The output voltage is adjustable from 0.8V to 5V. Internal sychronous 0.11 power switches with 1.6A peak current ratings provide high efficiency. The LTC3411's current mode architecture and external compensation allow the transient response to be optimized over a wide range of loads and output capacitors. The LTC3411 can be configured for automatic power saving Burst Mode operation to reduce gate charge losses when the load current drops below the level required for continuous operation. For reduced noise and RF interference, the SYNC/MODE pin can be configured to skip pulses or provide forced continuous operation. To further maximize battery life, the P-channel MOSFET is turned on continuously in dropout (100% duty cycle) with a low quiescent current of 60A. In shutdown, the device draws <1A.
, LTC and LT are registered trademarks of Linear Technology Corporation. Burst Mode is a registered trademark of Linear Technology Corporation.
APPLICATIO S
s s s s s
Notebook Computers Digital Cameras Cellular Phones Handheld Instruments Board Mounted Power Supplies
TYPICAL APPLICATIO
VIN 2.63V TO 5.5V C1 22F VIN SYNC/MODE PGOOD LTC3411 ITH 13k 1000pF 324k SHDN/RT SGND PGND 412k VFB PVIN SVIN SW 887k L1 2.2H
Efficiency vs Load Current
100 95
EFFICIENCY (%)
VOUT 2.5V/1.25A C2 22F
90 85 80 75 VIN = 3.3V VOUT = 2.5V fO = 1MHz Burst Mode OPERATION 1 100 10 LOAD CURRENT (mA) 1000
3411 TA01
NOTE: IN DROPOUT, THE OUTPUT TRACKS THE INPUT VOLTAGE C1, C2: TAIYO YUDEN JMK325BJ226MM L1: TOKO A914BYW-2R2M (D52LC SERIES)
3411 F01
70
Figure 1. Step-Down 2.5V/1.25A Regulator
U
sn3411 3411fs
U
U
1
LTC3411
ABSOLUTE
AXI U RATI GS
PVIN, SVIN Voltages .....................................- 0.3V to 6V VFB, ITH, SHDN/RT Voltages .......... - 0.3V to (VIN + 0.3V) SYNC/MODE Voltage .................... - 0.3V to (VIN + 0.3V) SW Voltage ................................... - 0.3V to (VIN + 0.3V) PGOOD Voltage ...........................................- 0.3V to 6V Operating Ambient Temperature Range (Note 2) .................................................. - 40C to 85C
PACKAGE/ORDER I FOR ATIO
TOP VIEW SHDN/RT SYNC/MODE SGND SW PGND 1 2 3 4 5 10 ITH 9 VFB 8 PGOOD 7 SVIN 6 PVIN
ORDER PART NUMBER LTC3411EDD DD PART MARKING LADT
SHDN/RT SYNC/MODE SGND SW PGND 1 2 3 4 5
DD PACKAGE 10-LEAD (3mm x 3mm) PLASTIC DFN
TJMAX = 125C, JA = 43C/W, JC = 3C/W (EXPOSED PAD MUST BE SOLDERED TO PCB)
Consult LTC Marketing for parts specified with wider operating temperature ranges.
The q denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25C. VIN = 3.3V, RT = 324k unless otherwise specified. (Note 2)
SYMBOL VIN IFB VFB VLINEREG VLOADREG gm(EA) IS PARAMETER Operating Voltage Range Feedback Pin Input Current Feedback Voltage Reference Voltage Line Regulation Output Voltage Load Regulation Error Amplifier Transconductance Input DC Supply Current (Note 4) Active Mode Sleep Mode Shutdown Shutdown Threshold High Active Oscillator Resistor Oscillator Frequency Synchronization Frequency Peak Switch Current Limit Top Switch On-Resistance (Note 6) Bottom Switch On-Resistance (Note 6) Switch Leakage Current Undervoltage Lockout Threshold CONDITIONS (Note 3) (Note 3) VIN = 2.7V to 5V ITH = 0.36, (Note 3) ITH = 0.84, (Note 3) ITH Pin Load = 5A (Note 3) VFB = 0.75V, SYNC/MODE = 3.3V VSYNC/MODE = 3.3V, VFB = 1V VSHDN/RT = 3.3V MIN 2.625
q q q
ELECTRICAL CHARACTERISTICS
VSHDN/RT fOSC fSYNC ILIM RDS(ON) ISW(LKG) VUVLO
RT = 324k (Note 7) (Note 7) ITH = 1.3 VIN = 3.3V VIN = 3.3V VIN = 6V, VITH/RUN = 0V, VFB = 0V VIN Ramping Down
2
U
U
W
WW U
W
(Note 1)
Junction Temperature (Notes 5, 8) ....................... 125C Storage Temperature Range DD Package ...................................... - 65C to 125C MS Package .................................... - 65C to 150C Lead Temperature (Soldering, 10 sec).................. 300C
TOP VIEW 10 9 8 7 6 ITH VFB PGOOD SVIN PVIN
ORDER PART NUMBER LTC3411EMS MS PART MARKING LTQT
MS PACKAGE 10-LEAD PLASTIC MSOP TJMAX = 125C, JA = 120C/W, JC = 10C/W
TYP
0.784
0.8 0.04 0.02 - 0.02 800
MAX 5.5 0.1 0.816 0.2 0.2 - 0.2
UNITS V A V %/V % % S A A A V MHz MHz MHz A A V
0.85 0.4 1.6
2.375
240 350 62 100 0.1 1 VIN - 0.6 VIN - 0.4 324k 1M 1 1.15 4 4 2 0.11 0.15 0.11 0.15 0.01 1 2.5 2.625
sn3411 3411fs
LTC3411
The q denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25C. VIN = 3.3V, RT = 324k unless otherwise specified. (Note 2)
SYMBOL PGOOD RPGOOD PARAMETER Power Good Threshold Power Good Pull-Down On-Resistance CONDITIONS VFB Ramping Up, SHDN/RT = 1V VFB Ramping Down, SHDN/RT = 1V MIN TYP 6.8 - 7.6 118 MAX UNITS % %
ELECTRICAL CHARACTERISTICS
200
Note 1: Absolute Maximum Ratings are those values beyond which the life of a device may be impaired. Note 2: The LTC3411E is guaranteed to meet specified performance from 0C to 70C. Specifications over the - 40C to 85C operating ambient termperature range are assured by design, characterization and correlation with statistical process controls. Note 3: The LTC3411 is tested in a feedback loop which servos VFB to the midpoint for the error amplifier (VITH = 0.6V). Note 4: Dynamic supply current is higher due to the internal gate charge being delivered at the switching frequency.
Note 5: TJ is calculated from the ambient TA and power dissipation PD according to the following formula: LTC3411EDD: TJ = TA + (PD * 43C/W) LTC3411EMS: TJ = TA + (PD * 120C/W) Note 6: Switch on-resistance is guaranteed by correlation to wafer level measurements. Note 7: 4MHz operation is guaranteed by design but not production tested and is subject to duty cycle limitations (see Applications Information). Note 8: This IC includes overtemperature protection that is intended to protect the device during momentary overload conditions. Junction temperature will exceed 125C when overtemperature protection is active. Continuous operation above the specified maximum operating junction temperature may impair device reliability.
PI FU CTIO S
SHDN/RT (Pin 1): Combination Shutdown and Timing Resistor Pin. The oscillator frequency is programmed by connecting a resistor from this pin to ground. Forcing this pin to SVIN causes the device to be shut down. In shutdown all functions are disabled. SYNC/MODE (Pin 2): Combination Mode Selection and Oscillator Synchronization Pin. This pin controls the operation of the device. When tied to SVIN or SGND, Burst Mode operation or pulse skipping mode is selected, respectively. If this pin is held at half of SVIN, the forced continuous mode is selected. The oscillation frequency can be syncronized to an external oscillator applied to this pin. When synchronized to an external clock pulse skip mode is selected. SGND (Pin 3): The Signal Ground Pin. All small signal components and compensation components should be connected to this ground (see Board Layout Considerations). SW (Pin 4): The Switch Node Connection to the Inductor. This pin swings from PVIN to PGND. PGND (Pin 5): Main Power Ground Pin. Connect to the (-) terminal of COUT, and (-) terminal of CIN. PVIN (Pin 6): Main Supply Pin. Must be closely decoupled to PGND. SVIN (Pin 7): The Signal Power Pin. All active circuitry is powered from this pin. Must be closely decoupled to SGND. SVIN must be greater than or equal to PVIN. PGOOD (Pin 8): The Power Good Pin. This common drain logic output is pulled to SGND when the output voltage is not within 7.5% of regulation. VFB (Pin 9): Receives the feedback voltage from the external resistive divider across the output. Nominal voltage for this pin is 0.8V. ITH (Pin 10): Error Amplifier Compensation Point. The current comparator threshold increases with this control voltage. Nominal voltage range for this pin is 0V to 1.5V.
U
U
U
sn3411 3411fs
3
LTC3411
PI FU CTIO S
PIN 1 2 3 4 5 6 7 8 9 10 NAME SHDN/RT SYNC/MODE SGND SW PGND PVIN SVIN PGOOD VFB ITH DESCRIPTION Shutdown/Timing Resistor Mode Select/Sychronization Pin Signal Ground Switch Node Main Power Ground Main Power Supply Signal Power Supply Power Good Pin Output Feedback Pin Error Amplifier Compensation and Run Pin NOMINAL (V) TYP MAX 0.8 SVIN SVIN 0 0 PVIN 0 - 0.3 5.5 2.5 5.5 0 SVIN 0 0.8 1.0 0 1.5 MIN - 0.3 0 ABSOLUTE MAX (V) MIN MAX - 0.3 SVIN + 0.3 - 0.3 SVIN + 0.3 - 0.3 - 0.3 - 0.3 - 0.3 - 0.3 - 0.3 PVIN + 0.3 SVIN + 0.3 6 6 SVIN + 0.3 SVIN + 0.3
TYPICAL PERFOR A CE CHARACTERISTICS
Burst Mode Operation
VOUT 10mV/ DIV VOUT 10mV/ DIV
IL1 100mA/ DIV VIN = 3.3V 2s/DIV VOUT = 2.5V ILOAD = 50mA CIRCUIT OF FIGURE 7
3411 G01.eps
Efficiency vs Load Current
100 95 90 Burst Mode OPERATION 100 95 90
EFFICIENCY (%)
EFFICIENCY (%)
85 80 75 70 65 60 1
PULSE SKIP
FORCED CONTINUOUS
VIN = 3.3V VOUT = 2.5V CIRCUIT OF FIGURE 7 100 1000 10 LOAD CURRENT (mA) 10000
3411 G04
4
UW
U
U
U
Pulse Skipping Mode
VOUT 10mV/ DIV
Forced Continuous Mode
IL1 100mA/ DIV 2s/DIV VIN = 3.3V VOUT = 2.5V ILOAD = 50mA CIRCUIT OF FIGURE 7
3411 G02.eps
IL1 100mA/ DIV VIN = 3.3V 2s/DIV VOUT = 2.5V ILOAD = 50mA CIRCUIT OF FIGURE 7
3411 G03.eps
Efficiency vs VIN
IOUT = 400mA
Load Step
VOUT 100mV/ DIV
IOUT = 1.25A 85 80 75 70 65 VOUT = 2.5V CIRCUIT OF FIGURE 7 3.5 4.5 VIN (V) 5.5
3411 G05
IL1 0.5A/ DIV VIN = 3.3V 40s/DIV VOUT = 2.5V ILOAD = 0.25mA TO 1.25A CIRCUIT OF FIGURE 7
3411 G06.eps
60 2.5
sn3411 3411fs
LTC3411 TYPICAL PERFOR A CE CHARACTERISTICS
Load Regulation
0.4 0.3 0.2 Burst Mode OPERATION PULSE SKIP FORCED CONTINUOUS VIN = 3.3V VOUT = 2.5V 0.50 0.45 0.40
VOUT ERROR (%)
VOUT ERROR (%)
0.1 0 -0.1 -0.2 -0.3 -0.4 -0.5 1
0.35 0.30 0.25 0.20 0.15 0.10 0.05 0 IOUT = 400mA IOUT = 1.25A
FREQUENCY VARIATION (%)
10 100 1000 LOAD CURRENT (mA)
Frequency Variation vs Temperature
10 8
REFERENCE VARIATION (%)
6 4
EFFICIENCY (%)
RDS(ON) (m)
2 0 -2 -4 -6 -8 -10 -50
-25
0 25 50 75 TEMPERATURE (C)
UW
100
Line Regulation
10 VOUT = 1.8V TA = 25C 8 6 4 2 0 -2 -4 -6 -8 -10 2 3 4 VIN (V) 5 6
3411 G08
Frequency vs VIN
VOUT = 1.8V IOUT = 1.25A TA = 25C
10000
3411 G07
2
3
4 VIN (V)
5
6
3411 G09
Efficiency vs Frequency
100 VIN = 3.3V VOUT = 2.5V IOUT = 500mA TA = 25C 120
RDS(ON) vs VIN
TA = 25C 115 110 SYNCHRONOUS SWITCH 105 MAIN SWITCH 100 95
95
90
85 125 0 1 2 3 FREQUENCY (MHz) 4
3411 G11
90 2.5
3
3.5
4 4.5 VIN (V)
5
5.5
6
3411 G10
3411 G12
sn3411 3411fs
5
LTC3411
BLOCK DIAGRA
0.8V
VFB 9
0.74V
0.86V PGOOD 8
6
W
SVIN 7 SGND 3 ITH 10 PVIN 6 VOLTAGE REFERENCE ITH LIMIT BCLAMP PMOS CURRENT COMPARATOR
+ -
+ - -
ERROR AMPLIFIER VB
B
+
BURST COMPARATOR HYSTERESIS = 80mV OSCILLATOR SLOPE COMPENSATION 4 SW
+ -
+ -
LOGIC
+ - - +
5 PGND
NMOS COMPARATOR
REVERSE COMPARATOR 1 SHDN/RT 2 SYNC/MODE
3411 BD
sn3411 3411fs
LTC3411
OPERATIO
The LTC3411 uses a constant frequency, current mode architecture. The operating frequency is determined by the value of the RT resistor or can be synchronized to an external oscillator. To suit a variety of applications, the selectable Mode pin, allows the user to trade-off noise for efficiency. The output voltage is set by an external divider returned to the VFB pin. An error amplfier compares the divided output voltage with a reference voltage of 0.8V and adjusts the peak inductor current accordingly. Overvoltage and undervoltage comparators will pull the PGOOD output low if the output voltage is not within 7.5%. Main Control Loop During normal operation, the top power switch (P-channel MOSFET) is turned on at the beginning of a clock cycle when the VFB voltage is below the the reference voltage. The current into the inductor and the load increases until the current limit is reached. The switch turns off and energy stored in the inductor flows through the bottom switch (N-channel MOSFET) into the load until the next clock cycle. The peak inductor current is controlled by the voltage on the ITH pin, which is the output of the error amplifier.This amplifier compares the VFB pin to the 0.8V reference. When the load current increases, the VFB voltage decreases slightly below the reference. This decrease causes the error amplifier to increase the ITH voltage until the average inductor current matches the new load current. The main control loop is shut down by pulling the SHDN/RT pin to SVIN. A digital soft-start is enabled after shutdown, which will slowly ramp the peak inductor current up over 1024 clock cycles or until the output reaches regulation, whichever is first. Soft-start can be lengthened by ramping the voltage on the ITH pin (see Applications Information section). Low Current Operation Three modes are available to control the operation of the LTC3411 at low currents. All three modes automatically switch from continuous operation to to the selected mode when the load current is low.
U
To optimize efficiency, the Burst Mode operation can be selected. When the load is relatively light, the LTC3411 automatically switches into Burst Mode operation in which the PMOS switch operates intermittently based on load demand. By running cycles periodically, the switching losses which are dominated by the gate charge losses of the power MOSFETs are minimized. The main control loop is interrupted when the output voltage reaches the desired regulated value. The hysteretic voltage comparator B trips when ITH is below 0.24V, shutting off the switch and reducing the power. The output capacitor and the inductor supply the power to the load until ITH/RUN exceeds 0.31V, turning on the switch and the main control loop which starts another cycle. For lower output voltage ripple at low currents, pulse skipping mode can be used. In this mode, the LTC3411 continues to switch at a constant frequency down to very low currents, where it will eventually begin skipping pulses. Finally, in forced continuous mode, the inductor current is constantly cycled which creates a fixed output voltage ripple at all output current levels. This feature is desirable in telecommunications since the noise is at a constant frequency and is thus easy to filter out. Another advantage of this mode is that the regulator is capable of both sourcing current into a load and sinking some current from the output. Dropout Operation When the input supply voltage decreases toward the output voltage, the duty cycle increases to 100% which is the dropout condition. In dropout, the PMOS switch is turned on continuously with the output voltage being equal to the input voltage minus the voltage drops across the internal P-channel MOSFET and the inductor. Low Supply Operation The LTC3411 incorporates an undervoltage lockout circuit which shuts down the part when the input voltage drops below about 2.5V to prevent unstable operation.
sn3411 3411fs
7
LTC3411
APPLICATIO S I FOR ATIO
A general LTC3411 application circuit is shown in Figure 5. External component selection is driven by the load requirement, and begins with the selection of the inductor L1. Once L1 is chosen, CIN and COUT can be selected. Operating Frequency Selection of the operating frequency is a tradeoff between efficiency and component size. High frequency operation allows the use of smaller inductor and capacitor values. Operation at lower frequencies improves efficiency by reducing internal gate charge losses but requires larger inductance values and/or capacitance to maintain low output ripple voltage. The operating frequency, fO, of the LTC3411 is determined by an external resistor that is connected between the RT pin and ground. The value of the resistor sets the ramp current that is used to charge and discharge an internal timing capacitor within the oscillator and can be calculated by using the following equation:
RT = 9.78 * 1011( fO )
-1.08
FREQUENCY (MHz)
( )
or can be selected using Figure 2. The maximum usable operating frequency is limited by the minimum on-time and the duty cycle. This can be calculated as: fO(MAX) 6.67 * (VOUT / VIN(MAX)) (MHz) The minimum frequency is limited by leakage and noise coupling due to the large resistance of RT. Inductor Selection Although the inductor does not influence the operating frequency, the inductor value has a direct effect on ripple current. The inductor ripple current IL decreases with higher inductance and increases with higher VIN or VOUT: IL = VOUT VOUT * 1- f O* L V IN
Accepting larger values of IL allows the use of low inductances, but results in higher output voltage ripple, greater core losses, and lower output current capability.
8
U
A reasonable starting point for setting ripple current is IL = 0.3 * ILIM, where ILIM is the peak switch current limit. The largest ripple current IL occurs at the maximum input voltage. To guarantee that the ripple current stays below a specified maximum, the inductor value should be chosen according to the following equation:
W
U
U
L=
VOUT f O* IL
V * 1 - OUT V IN(MAX)
The inductor value will also have an effect on Burst Mode operation. The transition from low current operation begins when the peak inductor current falls below a level set by the burst clamp. Lower inductor values result in higher ripple current which causes this to occur at lower load currents. This causes a dip in efficiency in the upper range of low current operation. In Burst Mode operation, lower inductance values will cause the burst frequency to increase.
4.5 4.0 3.5 3.0 2.5 2.0 1.5 1.0 0.5 0 0 500 RT (k)
3411 F02
TA = 25C
1000
1500
Figure 2. Frequency vs RT
Inductor Core Selection Different core materials and shapes will change the size/ current and price/current relationship of an inductor. Toroid or shielded pot cores in ferrite or permalloy materials are small and don't radiate much energy, but generally cost more than powdered iron core inductors with similar electrical characteristics. The choice of which style inductor to use often depends more on the price vs size requirements and any radiated field/EMI requirements than on what the LTC3411 requires to operate. Table 1 shows some
sn3411 3411fs
LTC3411
APPLICATIO S I FOR ATIO
Table 1. Representative Surface Mount Inductors
MANUFACTURER PART NUMBER Toko Toko Coilcraft Coilcraft Sumida Sumida A915AY-2ROM-D53LC D01608C-222 LP01704-222M CDRH4D282R2 CDC5D232R2 MAX DC VALUE CURRENT DCR HEIGHT 2.05A 3.3A 2.3A 2.4A 2.04A 2.16A 3.2A 2.9A 3.2A 49m 22m 70m 23m 2mm 3mm 3mm 3mm 2H 2.2H 2.2H 2.2H 2.2H 2.2H 2.2H 2.2H
typical surface mount inductors that work well in LTC3411 applications.
A914BYW-2R2M-D52LC 2.2H
120m 1mm 30m 2.5mm 29m 3.2mm 32m 2.8mm 24m 5mm
Taiyo Yuden N06DB2R2M Taiyo Yuden N05DB2R2M Murata LQN6C2R2M04
Catch Diode Selection Although unnecessary in most applications, a small improvement in efficiency can be obtained in a few applications by including the optional diode D1 shown in Figure 5, which conducts when the synchronous switch is off. When using Burst Mode operation or pulse skip mode, the synchronous switch is turned off at a low current and the remaining current will be carried by the optional diode. It is important to adequately specify the diode peak current and average power dissipation so as not to exceed the diode ratings. The main problem with Schottky diodes is that their parasitic capacitance reduces the efficiency, usually negating the possible benefits for LTC3411 circuits. Another problem that a Schottky diode can introduce is higher leakage current at high temperatures, which could reduce the low current efficiency. Remember to keep lead lengths short and observe proper grounding (see Board Layout Considerations) to avoid ringing and increased dissipation when using a catch diode. Input Capacitor (CIN) Selection In continuous mode, the input current of the converter is a square wave with a duty cycle of approximately VOUT/ VIN. To prevent large voltage transients, a low equivalent
U
series resistance (ESR) input capacitor sized for the maximum RMS current must be used. The maximum RMS capacitor current is given by:
IRMS IMAX VOUT (VIN - VOUT ) VIN
W
U
U
where the maximum average output current IMAX equals the peak current minus half the peak-to-peak ripple current, IMAX = ILIM - IL/2. This formula has a maximum at VIN = 2VOUT, where IRMS = IOUT/2. This simple worst case is commonly used to design because even significant deviations do not offer much relief. Note that capacitor manufacturer's ripple current ratings are often based on only 2000 hours lifetime. This makes it advisable to further derate the capacitor, or choose a capacitor rated at a higher temperature than required. Several capacitors may also be paralleled to meet the size or height requirements of the design. An additional 0.1F to 1F ceramic capacitor is also recommended on VIN for high frequency decoupling, when not using an all ceramic capacitor solution. Output Capacitor (COUT) Selection The selection of COUT is driven by the required ESR to minimize voltage ripple and load step transients. Typically, once the ESR requirement is satisfied, the capacitance is adequate for filtering. The output ripple (VOUT) is determined by:
1 VOUT IL ESR + 8fO C OUT
where f = operating frequency, COUT = output capacitance and IL = ripple current in the inductor. The output ripple is highest at maximum input voltage since IL increases with input voltage. With IL = 0.3 * ILIM the output ripple will be less than 100mV at maximum VIN and fO = 1MHz with: ESRCOUT < 150m
sn3411 3411fs
9
LTC3411
APPLICATIO S I FOR ATIO
Once the ESR requirements for COUT have been met, the RMS current rating generally far exceeds the IRIPPLE(P-P) requirement, except for an all ceramic solution. In surface mount applications, multiple capacitors may have to be paralleled to meet the capacitance, ESR or RMS current handling requirement of the application. Aluminum electrolytic, special polymer, ceramic and dry tantulum capacitors are all available in surface mount packages. The OS-CON semiconductor dielectric capacitor available from Sanyo has the lowest ESR(size) product of any aluminum electrolytic at a somewhat higher price. Special polymer capacitors, such as Sanyo POSCAP, offer very low ESR, but have a lower capacitance density than other types. Tantalum capacitors have the highest capacitance density, but it has a larger ESR and it is critical that the capacitors are surge tested for use in switching power supplies. An excellent choice is the AVX TPS series of surface mount tantalums, avalable in case heights ranging from 2mm to 4mm. Aluminum electrolytic capacitors have a significantly larger ESR, and is often used in extremely cost-sensitive applications provided that consideration is given to ripple current ratings and long term reliability. Ceramic capacitors have the lowest ESR and cost but also have the lowest capacitance density, a high voltage and temperature coefficient and exhibit audible piezoelectric effects. In addition, the high Q of ceramic capacitors along with trace inductance can lead to significant ringing. Other capacitor types include the Panasonic specialty polymer (SP) capacitors. In most cases, 0.1F to 1F of ceramic capacitors should also be placed close to the LTC3411 in parallel with the main capacitors for high frequency decoupling. Ceramic Input and Output Capacitors Higher value, lower cost ceramic capacitors are now becoming available in smaller case sizes. These are tempting for switching regulator use because of their very low ESR. Unfortunately, the ESR is so low that it can cause loop stability problems. Solid tantalum capacitor ESR generates a loop "zero" at 5kHz to 50kHz that is instrumental in giving acceptable loop phase margin. Ceramic ca-
10
U
pacitors remain capacitive to beyond 300kHz and ususally resonate with their ESL before ESR becomes effective. Also, ceramic caps are prone to temperature effects which requires the designer to check loop stability over the operating temperature range. To minimize their large temperature and voltage coefficients, only X5R or X7R ceramic capacitors should be used. A good selection of ceramic capacitors is available from Taiyo Yuden, TDK and Murata. Great care must be taken when using only ceramic input and output capacitors. When a ceramic capacitor is used at the input and the power is being supplied through long wires, such as from a wall adapter, a load step at the output can induce ringing at the VIN pin. At best, this ringing can couple to the output and be mistaken as loop instability. At worst, the ringing at the input can be large enough to damage the part. Since the ESR of a ceramic capacitor is so low, the input and output capacitor must instead fulfill a charge storage requirement. During a load step, the output capacitor must instantaneously supply the current to support the load until the feedback loop raises the switch current enough to support the load. The time required for the feedback loop to respond is dependent on the compensation components and the output capacitor size. Typically, 3 to 4 cycles are required to respond to a load step, but only in the first cycle does the output drop linearly. The output droop, VDROOP, is usually about 2 to 3 times the linear drop of the first cycle. Thus, a good place to start is with the output capacitor size of approximately:
C OUT 2.5 IOUT fO * VDROOP
W
U
U
More capacitance may be required depending on the duty cycle and load step requirements. In most applications, the input capacitor is merely required to supply high frequency bypassing, since the impedance to the supply is very low. A 10F ceramic capacitor is usually enough for these conditions.
sn3411 3411fs
LTC3411
APPLICATIO S I FOR ATIO
Setting the Output Voltage The LTC3411 develops a 0.8V reference voltage between the feedback pin, VFB, and the signal ground as shown in Figure 5. The output voltage is set by a resistive divider according to the following formula: R2 VOUT 0.8V 1 + R1 Keeping the current small (<5A) in these resistors maximizes efficiency, but making them too small may allow stray capacitance to cause noise problems and reduce the phase margin of the error amp loop. To improve the frequency response, a feed-forward capacitor CF may also be used. Great care should be taken to route the VFB line away from noise sources, such as the inductor or the SW line. Shutdown and Soft-Start The SHDN/RT pin is a dual purpose pin that sets the oscillator frequency and provides a means to shut down the LTC3411. This pin can be interfaced with control logic in several ways, as shown in Figure 3(a) and Figure 3(b). The ITH pin is primarily for loop compensation, but it can also be used to increase the soft-start time. Soft start reduces surge currents from VIN by gradually increasing
SHDN/RT RT RUN
3411 F03a
SHDN/RT RT
SVIN 1M
RUN
3411 F03b
(3a)
RUN OR VIN R1 D1 ITH RC
(3b)
C1
CC
3411 F03c
(3c) Figure 3. SHDN/RT Pin Interfacing and External Soft-Start
U
the internal peak inductor current. Power supply sequencing can also be accomplished using this pin. The LTC3411 has an internal digital soft-start which steps up a clamp on ITH over 1024 clock cycles, as can be seen in Figure 4. The soft-start time can be increased by ramping the voltage on ITH during start-up as shown in Figure 3(c). As the voltage on ITH ramps through its operating range the internal peak current limit is also ramped at a proportional linear rate. Mode Selection and Frequency Synchronization The SYNC/MODE pin is a multipurpose pin which provides mode selection and frequency synchronization. Connecting this pin to VIN enables Burst Mode operation, which provides the best low current efficiency at the cost of a higher output voltage ripple. When this pin is connected to ground, pulse skipping operation is selected which provides the lowest output voltage and current ripple at the cost of low current efficiency. Applying a voltage within 1V of the supplies, results in forced continuous mode, which creates a fixed output ripple and is capable of sinking some current (about 1/2IL). Since the switching noise is constant in this mode, it is also the easiest to filter out. In many cases, the output voltage can be simply connected to the SYNC/MODE pin, giving the forced continuous mode, except at startup.
VIN 2V/DIV VOUT 2V/DIV IL 500mA/DIV VIN = 3.3V VOUT = 2.5V RL = 1.4 200s/DIV
3411 F04.eps
W
U
U
Figure 4. Digital Soft-Start
sn3411 3411fs
11
LTC3411
APPLICATIO S I FOR ATIO
The LTC3411 can also be synchronized to an external clock signal by the SYNC/MODE pin. The internal oscillator frequency should be set to 20% lower than the external clock frequency to ensure adequate slope compensation, since slope compensation is derived from the internal oscillator. During synchronization, the mode is set to pulse skipping and the top switch turn on is synchronized to the rising edge of the external clock. Checking Transient Response The OPTI-LOOP compensation allows the transient response to be optimized for a wide range of loads and output capacitors. The availability of the ITH pin not only allows optimization of the control loop behavior but also provides a DC coupled and AC filtered closed loop response test point. The DC step, rise time and settling at this test point truly reflects the closed loop response. Assuming a predominantly second order system, phase margin and/or damping factor can be estimated using the percentage of overshoot seen at this pin. The bandwidth can also be estimated by examining the rise time at the pin. The ITH external components shown in the Figure 1 circuit will provide an adequate starting point for most applications. The series R-C filter sets the dominant pole-zero loop compensation. The values can be modified slightly (from 0.5 to 2 times their suggested values) to optimize transient response once the final PC layout is done and the particular output capacitor type and value have been determined. The output capacitors need to be selected
VIN 2.5V TO 5.5V
+
C6 CIN C8 PGND PGND
R6 SVIN PVIN LTC3411 SYNC/MODE ITH VFB SHDN/RT RC SGND PGND PGOOD SW SGND
SGND
CITH
CC SGND SGND GND
Figure 5. LTC3411 General Schematic
sn3411 3411fs
12
U
because the various types and values determine the loop feedback factor gain and phase. An output current pulse of 20% to 100% of full load current having a rise time of 1s to 10s will produce output voltage and ITH pin waveforms that will give a sense of the overall loop stability without breaking the feedback loop. Switching regulators take several cycles to respond to a step in load current. When a load step occurs, VOUT immediately shifts by an amount equal to ILOAD * ESR, where ESR is the effective series resistance of COUT. ILOAD also begins to charge or discharge COUT generating a feedback error signal used by the regulator to return VOUT to its steady-state value. During this recovery time, VOUT can be monitored for overshoot or ringing that would indicate a stability problem. The initial output voltage step may not be within the bandwidth of the feedback loop, so the standard second order overshoot/DC ratio cannot be used to determine phase margin. The gain of the loop increases with R and the bandwidth of the loop increases with decreasing C. If R is increased by the same factor that C is decreased, the zero frequency will be kept the same, thereby keeping the phase the same in the most critical frequency range of the feedback loop. In addition, a feedforward capacitor CF can be added to improve the high frequency response, as shown in Figure 5. Capacitor CF provides phase lead by creating a high frequency zero with R2 which improves the phase margin.
R5 PGOOD D1 L1 OPTIONAL CF
W
U
U
+
COUT C5
VOUT
R1 RT
R2
PGND
PGND
SGND SGND
3411 F05
LTC3411
APPLICATIO S I FOR ATIO
The output voltage settling behavior is related to the stability of the closed-loop system and will demonstrate the actual overall supply performance. For a detailed explanation of optimizing the compensation components, including a review of control loop theory, refer to Linear Technology Application Note 76. Although a buck regulator is capable of providing the full output current in dropout, it should be noted that as the input voltage VIN drops toward VOUT, the load step capability does decrease due to the decreasing voltage across the inductor. Applications that require large load step capability near dropout should use a different topology such as SEPIC, Zeta or single inductor, positive buck/ boost. In some applications, a more severe transient can be caused by switching in loads with large (>1uF) input capacitors. The discharged input capacitors are effectively put in parallel with COUT, causing a rapid drop in VOUT. No regulator can deliver enough current to prevent this problem, if the switch connecting the load has low resistance and is driven quickly. The solution is to limit the turn-on speed of the load switch driver. A hot swap controller is designed specifically for this purpose and usually incorporates current limiting, short-circuit protection, and softstarting. Efficiency Considerations The percent efficiency of a switching regulator is equal to the output power divided by the input power times 100%. It is often useful to analyze individual losses to determine what is limiting the efficiency and which change would produce the most improvement. Percent efficiency can be expressed as: %Efficiency = 100% - (L1 + L2 + L3 + ...) where L1, L2, etc. are the individual losses as a percentage of input power. Although all dissipative elements in the circuit produce losses, four main sources usually account for most of the losses in LTC3411 circuits: 1) LTC3411 VIN current, 2) switching losses, 3) I2R losses, 4) other losses.
U
1) The VIN current is the DC supply current given in the electrical characteristics which excludes MOSFET driver and control currents. VIN current results in a small (<0.1%) loss that increases with VIN, even at no load. 2) The switching current is the sum of the MOSFET driver and control currents. The MOSFET driver current results from switching the gate capacitance of the power MOSFETs. Each time a MOSFET gate is switched from low to high to low again, a packet of charge dQ moves from VIN to ground. The resulting dQ/dt is a current out of VIN that is typically much larger than the DC bias current. In continuous mode, IGATECHG = fO(QT + QB), where QT and QB are the gate charges of the internal top and bottom MOSFET switches. The gate charge losses are proportional to VIN and thus their effects will be more pronounced at higher supply voltages. 3) I2R Losses are calculated from the DC resistances of the internal switches, RSW, and external inductor, RL. In continuous mode, the average output current flowing through inductor L but is "chopped" between the internal top and bottom switches. Thus, the series resistance looking into the SW pin is a function of both top and bottom MOSFET RDS(ON) and the duty cycle (DC) as follows: RSW = (RDS(ON)TOP)(DC) + (RDS(ON)BOT)(1 - DC) The RDS(ON) for both the top and bottom MOSFETs can be obtained from the Typical Performance Characteristics curves. Thus, to obtain I2R losses: I2R losses = IOUT2(RSW + RL) 4) Other "hidden" losses such as copper trace and internal battery resistances can account for additional efficiency degradations in portable systems. It is very important to include these "system" level losses in the design of a system. The internal battery and fuse resistance losses can be minimized by making sure that CIN has adequate charge storage and very low ESR at the switching frequency. Other losses including diode conduction losses during dead-time and inductor core losses generally account for less than 2% total additional loss.
sn3411 3411fs
W
U
U
13
LTC3411
APPLICATIO S I FOR ATIO
Thermal Considerations
In a majority of applications, the LTC3411 does not dissipate much heat due to its high efficiency. However, in applications where the LTC3411 is running at high ambient temperature with low supply voltage and high duty cycles, such as in dropout, the heat dissipated may exceed the maximum junction temperature of the part. If the junction temperature reaches approximately 150C, both power switches will be turned off and the SW node will become high impedance. To avoid the LTC3411 from exceeding the maximum junction temperature, the user will need to do some thermal analysis. The goal of the thermal analysis is to determine whether the power dissipated exceeds the maximum junction temperature of the part. The temperature rise is given by: TRISE = PD * JA where PD is the power dissipated by the regulator and JA is the thermal resistance from the junction of the die to the ambient temperature. The junction temperature, TJ, is given by: TJ = TRISE + TAMBIENT As an example, consider the case when the LTC3411 is in dropout at an input voltage of 3.3V with a load current of 1A. From the Typical Performance Characteristics graph of Switch Resistance, the RDS(ON) resistance of the P-channel switch is 0.11. Therefore, power dissipated by the part is: PD = I2 * RDS(ON) = 110mW The MS10 package junction-to-ambient thermal resistance, JA, will be in the range of 100C/W to 120C/W. Therefore, the junction temperature of the regulator operating in a 70C ambient temperature is approximately: TJ = 0.11 * 120 + 70 = 83.2C Remembering that the above junction temperature is obtained from an RDS(ON) at 25C, we might recalculate the junction temperature based on a higher RDS(ON) since it increases with temperature. However, we can safely
14
U
assume that the actual junction temperature will not exceed the absolute maximum junction temperature of 125C. Design Example As a design example, consider using the LTC3411 in a portable application with a Li-Ion battery. The battery provides a VIN = 2.5V to 4.2V. The load requires a maximum of 1A in active mode and 10mA in standby mode. The output voltage is VOUT = 2.5V. Since the load still needs power in standby, Burst Mode operation is selected for good low load efficiency. First, calculate the timing resistor:
RT = 9.78 * 1011(1MHz )
-1.08
W
U
U
= 323.8k
Use a standard value of 324k. Next, calculate the inductor value for about 30% ripple current at maximum VIN:
L=
2.5V 2.5V * 1- = 2H 1MHz * 510mA 4.2V
Choosing the closest inductor from a vendor of 2.2H, results in a maximum ripple current of:
IL = 2.5V 2.5V * 1- = 460mA 1MHz * 2.2 4.2V
For cost reasons, a ceramic capacitor will be used. COUT selection is then based on load step droop instead of ESR requirements. For a 5% output droop: C OUT 2.5 1A = 20F 1MHz * (5%* 2.5V)
The closest standard value is 22F. Since the output impedance of a Li-Ion battery is very low, CIN is typically 10F. In noisy environments, decoupling SVIN from PVIN with an R6/C8 filter of 1/0.1F may help, but is typically not needed. The output voltage can now be programmed by choosing the values of R1 and R2. To maintain high efficiency, the
sn3411 3411fs
LTC3411
APPLICATIO S I FOR ATIO
current in these resistors should be kept small. Choosing 2A with the 0.8V feedback voltage makes R1~400k. A close standard 1% resistor is 412k and R2 is then 887k. The compensation should be optimized for these components by examining the load step response but a good place to start for the LTC3411 is with a 13k and 1000pF filter. The output capacitor may need to be increased depending on the actual undershoot during a load step. The PGOOD pin is a common drain output and requires a pull-up resistor. A 100k resistor is used for adequate speed. Figure 1 shows the complete schematic for this design example. Board Layout Considerations When laying out the printed circuit board, the following checklist should be used to ensure proper operation of the LTC3411. These items are also illustrated graphically in the layout diagram of Figure 6. Check the following in your layout: 1. Does the capacitor CIN connect to the power VIN (Pin 6) and power GND (Pin 5) as close as possible? This
VIN PVIN R5 PGOOD C4 R2 R1 R3 C3
3411 F06
SVIN LTC3411 PGOOD VFB ITH
BOLD LINES INDICATE HIGH CURRENT PATHS
Figure 6. LTC3411 Layout Diagram (See Board Layout Checklist)
U
capacitor provides the AC current to the internal power MOSFETs and their drivers. 2. Are the COUT and L1 closely connected? The (-) plate of COUT returns current to PGND and the (-) plate of CIN. 3. The resistor divider, R1 and R2, must be connected between the (+) plate of COUT and a ground line terminated near SGND (Pin 3). The feedback signal VFB should be routed away from noisy components and traces, such as the SW line (Pin 4), and its trace should be minimized. 4. Keep sensitive components away from the SW pin. The input capacitor CIN, the compensation capacitor CC and CITH and all the resistors R1, R2, RT, and RC should be routed away from the SW trace and the inductor L1. 5. A ground plane is preferred, but if not available, keep the signal and power grounds segregated with small signal components returning to the SGND pin at one point which is then connected to the PGND pin. 6. Flood all unused areas on all layers with copper. Flooding with copper will reduce the temperature rise of power components. These copper areas should be connected to one of the input supplies: PVIN, PGND, SVIN or SGND.
CIN PGND SW SGND VIN SYNC/MODE SHDN/RT PS BM RT COUT L1 VOUT
sn3411 3411fs
W
U
U
15
LTC3411
TYPICAL APPLICATIO S
VIN 2.63V TO 5.5V
C1 22F PGND SVIN BM RS1 1M ITH SGND R3 13k C3 1000pF SGND SGND GND PVIN LTC3411 SYNC/MODE PS RS2 1M R5 100k PGOOD
FC
NOTE: IN DROPOUT, THE OUTPUT TRACKS THE INPUT VOLTAGE C1, C2: TAIYO YUDEN JMK325BJ226MM L1: TOKO A914BYW-2R2M (D52LC SERIES)
Figure 7. General Purpose Buck Regulator Using Ceramic Capacitors
EFFICIENCY (%)
16
U
PGOOD SW
L1 2.2H R2 887K
VFB SHDN/RT 3.3V PGND R4 324k R1A 280k R1B 412k 2.5V 1.8V C4 22pF R1C 698k
VOUT 1.8V/2.5V/3.3V AT 1.25A
C2 22F
3411 F07a
SGND
PGND
Efficiency vs Load Current
100 95 90 85 80 75 70 65 60 1 VIN = 3.3V VOUT = 2.5V fO = 1MHz 100 1000 10 LOAD CURRENT (mA) 10000
3411 F07b
Burst Mode OPERATION (BM)
PULSE SKIP (PS)
FORCED CONTINUOUS (FC)
sn3411 3411fs
LTC3411
TYPICAL APPLICATIO S
Single Inductor, Positive, Buck-Boost Converter
C1 22F
VIN 2.63V TO 5V PVIN 100k PGOOD R1 280k R2 887k SVIN
R3 13k C3 1000pF
C7 10pF
C1, C2: TAIYO YUDEN JMK325BJ226MM C4: SANYO POSCAP 6TPA47M D1: ON MBRM120L
EFFICIENCY (%)
U
PGND SW LTC3411 SGND VIN SYNC/MODE SHDN/RT R4 324k
L1 3.3H
D1 C2 22F x2
M1
+
PGOOD VFB ITH
C4 47F
VOUT 3.3V/ 400mA
3411 TA02
L1: TOKO A915AY-3R3M (D53LC SERIES) M1: SILICONIX Si2302DS
Efficiency vs Load Current
85 80 75 70 65 60 55 VIN = 2.5V VIN = 3V VIN = 3.5V fO = 1MHz VIN = 4V
10
100k LOAD CURRENT (mA)
1000
3411 TA03
sn3411 3411fs
17
LTC3411
TYPICAL APPLICATIO S
All Ceramic 2-Cell to 3.3V and 1.8V Converters
VIN = 2V TO 3V L1 4.7H D1
LTC3402 VIN SW VOUT 1M SVIN SYNC/MODE 604k 1000pF RT 49.9k GND 10pF 47k PGOOD C2 44F (2 x 22F) 13k 1000pF 324k ITH SHDN/RT SGND PGND 412k VFB LTC3411 SW 887k PVIN L2 2.2H
+2
CELLS
SHDN
MODE/SYNC FB PGOOD VC
C1 10F
0 = FIXED FREQ 1 = Burst Mode OPERATION
C1: TAIYO YUDEN JMK212BJ106MG C2: TAIYO YUDEN JMK325BJ226MM C5, C6: TAIYO YUDEN JMK325BJ226MM
EFFICIENCY (%)
18
U
VOUT 3.3V 120mA/1A
C5 22F
VOUT 1.8V/1.2A C6 22F
D1: ON SEMICONDUCTOR MBRM120LT3 L1: TOKO A916CY-4R7M L2: TOKO A914BYW-2R2M (D52LC SERIES)
3411 TA06
Efficiency vs Load Current
100 95 90 85 80 75 70 65 60 VIN = 2.4V Burst Mode OPERATION 10 100 1000 LOAD CURRENT (mA) 10000
3211 TA07
3.3V
1.8V
sn3411 3411fs
LTC3411
PACKAGE DESCRIPTIO
0.675 0.05
3.50 0.05 1.65 0.05 2.15 0.05 (2 SIDES) PACKAGE OUTLINE 0.25 0.05 0.50 BSC 2.38 0.05 (2 SIDES) RECOMMENDED SOLDER PAD PITCH AND DIMENSIONS PIN 1 TOP MARK (SEE NOTE 5)
0.889 0.127 (.035 .005)
5.23 (.206) MIN
3.2 - 3.45 (.126 - .136) 0.254 (.010) GAUGE PLANE
0.50 0.305 0.038 (.0197) (.0120 .0015) BSC TYP RECOMMENDED SOLDER PAD LAYOUT
NOTE: 1. DIMENSIONS IN MILLIMETER/(INCH) 2. DRAWING NOT TO SCALE 3. DIMENSION DOES NOT INCLUDE MOLD FLASH, PROTRUSIONS OR GATE BURRS. MOLD FLASH, PROTRUSIONS OR GATE BURRS SHALL NOT EXCEED 0.152mm (.006") PER SIDE 4. DIMENSION DOES NOT INCLUDE INTERLEAD FLASH OR PROTRUSIONS. INTERLEAD FLASH OR PROTRUSIONS SHALL NOT EXCEED 0.152mm (.006") PER SIDE 5. LEAD COPLANARITY (BOTTOM OF LEADS AFTER FORMING) SHALL BE 0.102mm (.004") MAX
Information furnished by Linear Technology Corporation is believed to be accurate and reliable. However, no responsibility is assumed for its use. Linear Technology Corporation makes no representation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
U
DD Package 10-Lead Plastic DFN (3mm x 3mm)
(Reference LTC DWG # 05-08-1699)
R = 0.115 TYP 6 0.38 0.10 10 3.00 0.10 (4 SIDES) 1.65 0.10 (2 SIDES)
(DD10) DFN 0403
5 0.200 REF 0.75 0.05 2.38 0.10 (2 SIDES)
1
0.25 0.05 0.50 BSC
0.00 - 0.05
BOTTOM VIEW--EXPOSED PAD NOTE: 1. DRAWING TO BE MADE A JEDEC PACKAGE OUTLINE M0-229 VARIATION OF (WEED-2). CHECK THE LTC WEBSITE DATA SHEET FOR CURRENT STATUS OF VARIATION ASSIGNMENT 2. ALL DIMENSIONS ARE IN MILLIMETERS 3. DIMENSIONS OF EXPOSED PAD ON BOTTOM OF PACKAGE DO NOT INCLUDE MOLD FLASH. MOLD FLASH, IF PRESENT, SHALL NOT EXCEED 0.15mm ON ANY SIDE 4. EXPOSED PAD SHALL BE SOLDER PLATED 5. SHADED AREA IS ONLY A REFERENCE FOR PIN 1 LOCATION ON THE TOP AND BOTTOM OF PACKAGE
MS10 Package 10-Lead Plastic MSOP
(Reference LTC DWG # 05-08-1661)
3.00 0.102 (.118 .004) (NOTE 3) 10 9 8 7 6
0.497 0.076 (.0196 .003) REF
DETAIL "A" 0 - 6 TYP
4.88 0.10 (.192 .004)
3.00 0.102 (.118 .004) NOTE 4
0.53 0.01 (.021 .006) DETAIL "A" 0.18 (.007) SEATING PLANE
12345 1.10 (.043) MAX 0.86 (.034) REF
0.17 - 0.27 (.007 - .011)
0.50 (.0197) TYP
0.13 0.05 (.005 .002)
MSOP (MS) 0402
sn3411 3411fs
19
LTC3411
TYPICAL APPLICATIO
VIN 2.63V TO 4.2V C6 1F
+
C7 47pF
C1, C2: AVX TPSB336K006R0600 C4, C5: TAIYO YUDEN LMK212BJ105MG L1: COILCRAFT DO1606T-102
EFFICIENCY (%)
RELATED PARTS
PART NUMBER LT1616 LT1776 LTC1879 LTC3405/LTC3405A LTC3406/LTC3406B LTC3412 LTC3413 LTC3430 LTC3440 DESCRIPTION 500mA (IOUT) 1.4MHz High Efficiency Step-Down DC/DC Converter 500mA (IOUT) 200kHz High Efficiency Step-Down DC/DC Converter 1.2A (IOUT) 550kHz Synchronous Step-Down DC/DC Converter 300mA (IOUT) 1.5MHz Synchronous Step-Down DC/DC Converters 600mA (IOUT) 1.5MHz Synchronous Step-Down DC/DC Converters 2.5A (IOUT) 4MHz Synchronous Step-Down DC/DC Converter 3A (IOUT Sink/Source) 2MHz Monolithic Synchronous Regulator for DDR/QDR Memory Termination 60V, 2.75A (IOUT) 200kHz High Efficiency Step-Down DC/DC Converter 600mA (IOUT) 2MHz Synchronous Buck-Boost DC/DC Converter COMMENTS 90% Efficiency, VIN: 3.6V to 25V, VOUT(MIN): 1.25V, IQ: 1.9mA, ISD: <1A, ThinSOT 90% Efficiency, VIN: 7.4V to 40V, VOUT(MIN): 1.24V, IQ: 3.2mA, ISD: 30A, N8, S8 95% Efficiency, VIN: 2.7V to 10V, VOUT(MIN): 0.8V, IQ: 15A, ISD: <1A, TSSOP16 95% Efficiency, VIN: 2.7V to 6V, VOUT(MIN): 0.8V, IQ: 20A, ISD: <1A, ThinSOT 95% Efficiency, VIN: 2.5V to 5.5V, VOUT(MIN): 0.6V, IQ: 20A, ISD: <1A, ThinSOT 95% Efficiency, VIN: 2.5V to 5.5V, VOUT(MIN): 0.8V, IQ: 60A, ISD: <1A, TSSOP16E 90% Efficiency, VIN: 2.25V to 5.5V, VOUT(MIN): VREF/2, IQ: 280A, ISD: <1A, TSSOP16E 90% Efficiency, VIN: 5.5V to 60V, VOUT(MIN): 1.20V, IQ: 2.5mA, ISD: 25A, TSSOP16E 95% Efficiency, VIN: 2.5V to 5.5V, VOUT(MIN): 2.5V, IQ: 25A, ISD: <1A, 10-Lead MS
sn3411 3411fs
ThinSOT is a trademark of Linear Technology Corporation.
20
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 q FAX: (408) 434-0507
q
U
2mm Height, 2MHz, Li-Ion to 1.8V Converter
C1 33F R5 100k PVIN SVIN LTC3411 SYNC/MODE ITH R3 15k C3 470pF SGND PGND VFB SHDN/RT R4 154k R1 698k R2 887k PGOOD SW L1 1H PGOOD C4 22pF VOUT 1.8V AT 1.25A
+
C2 33F
C5 1F
3411 TA04
Efficiency vs Load Current
100 95 90 85 80 75 70 65 60 55 50 1 100 1000 10 LOAD CURRENT (mA) 10000
3411 TA05
2.5V 3.6V
4.2V
VOUT = 1.8V fO = 2MHz
LT/TP 0503 2K * PRINTED IN USA
www.linear.com
(c) LINEAR TECHNOLOGY CORPORATION 2002


▲Up To Search▲   

 
Price & Availability of LTC3411

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X