Part Number Hot Search : 
EDZ22B FP6137B SFH4203 RT3S4S15 EDZ22B BA6287F R6030 DL6709
Product Description
Full Text Search
 

To Download LTC1344 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LTC1344 Software-Selectable Cable Terminator
FEATURES
s
DESCRIPTION
The LTC (R) 1344 features six software-selectable multiprotocol cable terminators. Each terminator can be configured as an RS422 (V.10) 100 minimum differential load, V.35 T-network load or an open circuit for use with RS232 (V.28) or RS423 (V.10) transceivers that provide their own termination. When combined with the LTC1343, the LTC1344 forms a complete software-selectable multiprotocol serial port. A data bus latch feature allows sharing of the select lines between multiple interface ports. The LTC1344 is available in a 24-lead SSOP.
, LTC and LT are registered trademarks of Linear Technology Corporation.
s
Software-Selectable Cable Termination for: RS232 (V.28) RS423 (V.10) RS422 (V.11) RS485 RS449 EIA530 EIA530-A V.35 V.36 X.21 Outputs Won't Load the Line with Power Off
APPLICATIONS
s s s
Data Networking CSU and DSU Data Routers
TYPICAL APPLICATION
CTS DSR DCD DTR RTS RL TM RXD RXC TXC SCTE TXD LL
Daisy-Chained Control Outputs
LTC1343 D4 R4 R3 R2 R1 D3 D2 D1 R4 R3 R2 R1 LTC1343 D4 D3 D2 D1
13 5
CTS B CTS A (106)
22 6
DSR B DSR A (107)
10 8
DCD B DCD A (109)
23 20 19
DTR B DTR A (108) RTS B
4
RL A (140) RTS A (105)
21
SHIELD (101)
1
SGND (102)
7
25
TM A (142)
16 3
RXD B RXD A (104)
9
RXC B
17 12 15
RXC A (115) TXC B TXC A (114)
11 24 14 2
SCTE B SCTE A (113) TXD B TXD A (103) LL A (141)
DB-25 CONNECTOR
U
U
U
LTC1344
18
1344 TA01
1
LTC1344 ABSOLUTE MAXIMUM RATINGS
(Note 1)
PACKAGE/ORDER I FOR ATIO
TOP VIEW M0 VEE R1C R1B R1A R2A R2B R2C R3A 1 2 3 4 5 6 7 8 9 24 M1 23 M2 22 DCE/DTE 21 LATCH 20 R6B 19 R6A 18 R5A 17 R5B 16 R4A 15 R4B 14 VCC 13 GND
Positive Supply Voltage (VCC) ................................... 7V Negative Supply Voltage (VEE) ........................... - 13.2V Input Voltage (Logic Inputs) .... VEE - 0.3V to VCC + 0.3V Input Voltage (Load Inputs) .................................. 18V Operating Temperature Range .................... 0C to 70C Storage Temperature Range ................ - 65C to 150C Lead Temperature (Soldering, 10 sec)................. 300C
ORDER PART NUMBER LTC1344CG
R3B 10 R3C 11 GND 12
G PACKAGE 24-LEAD PLASTIC SSOP TJMAX = 150C, JA = 100C/W
Consult factory for Industrial and Military grade parts.
ELECTRICAL CHARACTERISTICS
VCC = 5V 5%, VEE = - 5V 5%, TA = 0C to 70C (Notes 2, 3) unless otherwise noted.
SYMBOL Supplies ICC RV.35 RV.11 ILEAK VIH VIL IIN Supply Current Differential Mode Impedance Common Mode Impedance Differential Mode Impedance High Impedance Leakage Current Input High Voltage Input Low Voltage Input Current All Digital Pins = GND or VCC All Loads (Figure 1), - 2V VCM 2V All Loads (Figure 2), - 2V VCM 2V All Loads (Figure 1), - 7V VCM 7V All Loads, - 7V VCM 7V All Logic Input Pins All Logic Input Pins All Logic Input Pins
q
PARAMETER
CONDITIONS
MIN
TYP 200
MAX 500 110 165 50
UNITS A A V
Terminator Pins
q q q q
90 135 100
103 153 103 1
Logic Inputs
q q q
2 0.8 10
The q denotes specifications which apply over the full operating temperature range. Note 1: Absolute Maximum Ratings are those values beyond which the life of a device may be impaired.
Note 2: All currents into device pins are positive; all currents out of device pins are negative. All voltages are reference to ground unless otherwise specified. Note 3: All typicals are given at VCC = 5V, VEE = - 5V, TA = 25C.
2
U
V A
W
U
U
WW
W
LTC1344 TYPICAL PERFORMANCE CHARACTERISTICS
V.11 or V.35 Differential Mode Impedance vs Temperature
120
DIFFERENTIAL MODE IMPEDANCE ()
DIFFERENTIAL MODE IMPEDANCE ()
108
115
VCM = -7V
106
110
VCM = -2V VCM = 0V
DIFFERENTIAL MODE IMPEDANCE ()
105 VCM = 7V 100 -40 -20 0 20 40 60 80 100
1344 G01
TEMPERATURE (C)
V.11 or V.35 Differential Mode Impedance vs Negative Supply Voltage (VEE)
104
DIFFERENTIAL MODE IMPEDANCE ()
COMMON MODE IMPEDANCE ()
160 VCM = -2V 155
COMMON MODE IMPEDANCE ()
103
102 - 5.4 - 5.2 - 5.0 - 4.8 VEE VOLTAGE (V) - 4.6
1344 G04
V.35 Common Mode Impedance vs Supply Voltage (VCC)
153
COMMON MODE IMPEDANCE ()
COMMON MODE IMPEDANCE ()
SUPPLY CURRENT (A)
152
151 4.6 4.8 5.0 5.2 VCC VOLTAGE (V) 5.4
1344 G07
UW
V.11 or V.35 Differential Mode Impedance vs Common Mode Voltage
104
V.11 or V.35 Differential Mode Impedance vs Supply Voltage (VCC)
103
104
102
100 -8 -6 6 - 4 -2 0 2 4 COMMON MODE VOLTAGE (V) 8
102 4.6 4.8 5.0 5.2 VCC VOLTAGE (V) 5.4
1344 G03
1344 G02
V.35 Common Mode Impedance vs Temperature
165
158
V.35 Common Mode Impedance vs Common Mode Voltage
156
154
150 VCM = 2V 145 - 40 -20
VCM = 0V
152
0
40 60 20 TEMPERATURE (C)
80
100
1344 G05
150 -2
0 -1 1 COMMON MODE VOLTAGE (V)
2
1344 G06
V.35 Common Mode Inpedance vs Negative Supply Voltage (VEE)
154
320
Supply Current vs Temperature
153
280
152
240
151
200
150
- 5.4
- 5.2 - 4.8 - 5.0 VEE VOLTAGE (V)
- 4.6
1344 G08
0 -40 -20
0
40 60 20 TEMPERATURE (C)
80
100
1344 G09
3
LTC1344
PIN FUNCTIONS
M0 (Pin 1): TTL Level Mode Select Input. The data on M0 is latched when LATCH is high. VEE (Pin 2): Negative Supply Voltage Input. Can connect directly to the LTC1343 VEE pin. R1C (Pin 3): Load 1 Center Tap. R1B (Pin 4): Load 1 Node B. R1A (Pin 5): Load 1 Node A. R2A (Pin 6): Load 2 Node A. R2B (Pin 7): Load 2 Node B. R2C (Pin 8): Load 2 Center Tap. R3A (Pin 9): Load 3 Node A. R2B (Pin 10): Load 2 Node B. R3C (Pin 11): Load 3 Center Tap. GND (Pin 12): Ground Connection for Load 1 to Load 3. GND (Pin 13): Ground Connection for Load 4 to Load 6. VCC (Pin 14): Positive Supply Input. 4.75V VCC 5.25V. R4B (Pin 15): Load 4 Node B. R4A (Pin 16): Load 4 Node A. R5B (Pin 17): Load 5 Node B. R5A (Pin 18): Load 5 Node A. R6A (Pin 19): Load 6 Node A. R6B (Pin 20): Load 6 Node B. LATCH (Pin 21): TTL Level Logic Signal Latch Input. When it is low the input buffers on M0, M1, M2 and DCE/DTE are transparent. When it is high the logic pins are latched into their respective input buffers. The data latch allows the select lines to be shared between multiple I/O ports. DCE/DTE (Pin 22): TTL Level Mode Select Input. The DCE mode is selected when it is high and DTE mode when low. The data on DCE/DTE is latched when LATCH is high. M2 (Pin 23): TTL Level Mode Select Input 1. The data on M2 is latched when LATCH is high. M1 (Pin 24): TTL Level Mode Select Input 2. The data on M1 is latched when LATCH is high.
TEST CIRCUITS
A R1 51.5 S1 ON S2 OFF R2 51.5 B V 7V OR 2V
1344 F01
Figure 1. Differential V.11 or V.35 Impedance Measurement
4
U
U
U
C R3 124
A, B V S1 ON
R1 51.5 S2 ON R2 51.5 2V
C R3 124
1344 F02
Figure 2. V.35 Common Mode Impedance Measurement
LTC1344
ODE SELECTIO
X 0 1 0 1 0 1 0 1 0 1 X X
LTC1344 MODE NAME V.10/RS423 RS530A Reserved X.21 V.35 RS530/RS449/V.36 V.28/RS232 No Cable
DCE/DTE
X = don't care, 0 = logic low, 1 = logic high
A R1 51.5 S1 ON S2 OFF R2 51.5 B C R3 124
V.11 Mode
U
M2 0 0 0 0 0 0 0 1 1 1 1 1 1 M1 0 0 0 1 1 1 1 0 0 0 0 1 1 M0 0 1 1 0 0 1 1 0 0 1 1 0 1 R1 Z Z Z Z V.11 Z Z V.35 V.35 Z Z Z V.11 R2 Z Z Z Z V.11 Z Z V.35 V.35 Z Z Z V.11 R3 Z Z Z Z V.11 Z Z Z V.35 Z Z Z V.11 R4 Z V.11 Z V.11 Z V.11 Z V.35 Z V.11 Z Z V.11 R5 Z V.11 V.11 V.11 Z V.11 V.11 V.35 V.35 V.11 V.11 Z V.11 R6 Z V.11 V.11 V.11 Z V.11 V.11 V.35 V.35 V.11 V.11 Z V.11
A R1 51.5 S1 ON S2 ON R2 51.5 B B C R3 124 S1 OFF A R1 51.5 S2 OFF R2 51.5
1344 F03
W
C R3 124
V.35 Mode
High-Z Mode
Figure 3. LTC1344 Modes
5
LTC1344
APPLICATIONS INFORMATION
Multiprotocol Cable Termination One of the most difficult problems facing the designer of a multiprotocol serial interface is how to allow the transmitters and receivers for different electrical standards to share connector pins. In some cases the transmitters and receivers for each interface standard can be simply tied together and the appropriate circuitry enabled. But the biggest problem still remains: how to switch the various cable terminations required by the different standards. Traditional implementations have included switching resistors with expensive relays or requiring the user to change termination modules every time the interface standard has changed. Custom cables have been used with the termination in the cable head or separate terminations are built on the board, and a custom cable routes the signals to the appropriate termination. Switching the terminations using FETs is difficult because the FETs must remain off even though the signal voltage is beyond the supply voltage for the FET drivers or the power is off. The LTC1344 solves the cable termination switching problem via software control. The LTC1344 provides termination for the V.10 (RS423), V.11 (RS422), V.28 (RS232) and V.35 electrical protocols. V.10 (RS423) Termination A typical V.10 unbalanced interface is shown in Figure 4. A V.10 single-ended generator output A with ground C is connected to a differential receiver with inputs A' connected to A and input B' connected to the signal return ground C. The receiver's ground C' is separate from the signal return. Usually no cable termination is required for V.10 interfaces but the receiver inputs must be compliant with the impedance curve shown in Figure 5. In V.10 mode, both switches S1 and S2 are turned off so the only cable termination is the input impedance of the V.10 receiver.
Z 3V - 3.25mA
GENERATOR BALANCED INTERCONNECTING CABLE LOAD CABLE TERMINATION RECEIVER A C B' C'
1344 F04
6
U
W
U
U
A'
Figure 4. Typical V.10 Interface
A 51.5 S1 OFF S2 OFF LTC1344 Z 124 Z 51.5 B C IZ 3.25mA -10V -3V VZ 10V
1344 F05
V.10 RECEIVER
Figure 5. V.10 Interface Using the LTC1344
V.11 (RS422) Termination A typical V.11 balanced interface is shown in Figure 6. A V.11 differential generator with outputs A and B with ground C is connected to a differential receiver with ground C', inputs A' connected to A, B' connected to B. The V.11 interface requires a different termination at the receiver end that has a minimum value of 100. The receiver inputs must also be compliant with the impedance curve shown in Figure 7. In V.11 mode, switch S1 is turned on and S2 is turned off so the cable is terminated with a 103 impedance.
LTC1344
APPLICATIONS INFORMATION
GENERATOR BALANCED INTERCONNECTING CABLE LOAD CABLE TERMINATION RECEIVER A A' 100 MIN
A C A' C'
1344 F08
B C
B' C'
1344 F06
Figure 6. Typical V.11 Interface
A 51.5 S1 ON S2 OFF LTC1344 Z 124 Z 51.5 B C IZ 3.25mA -10V Z 3V - 3.25mA -3V VZ 10V
1344 F07
V.11 RECEIVER
S1 OFF
Figure 7. V.11 Interface Using the LTC1344
V.28 (RS232) Termination A typical V.28 unbalanced interface is shown in Figure 8. A V.28 single-ended generator output A with ground C is connected to a single-ended receiver with inputs A' connected to A, ground C' connected via the signal return ground to C. The V.28 standard requires a 5k terminating resistor to ground which is included in almost all compliant receivers as shown in Figure 9. Because the termination is included in the receiver, both switches S1 and S2 in the LTC1344 are turned off.
U
W
U
U
GENERATOR
BALANCED INTERCONNECTING CABLE
LOAD CABLE TERMINATION RECEIVER
Figure 8. Typical V.28 Interface
A 51.5 S2 OFF LTC1344 V.28 RECEIVER
124
5k
51.5 B C
1344 F09
Figure 9. V.28 Interface Using the LTC1344
V.35 Termination A typical V.35 balanced interface is shown in Figure 10. A V.35 differential generator with outputs A and B with ground C is connected to a differential receiver with ground C', inputs A' connected to A, B' connected to B. The V.35 interface requires a T-network termination at the receiver end and the generator end. In V.35 mode both switches S1 and S2 in the LTC1344 are turned on as shown in Figure 11. The differential impedance measured at the connector must be 100 10 and the impedance between shorted terminals A' and B' to ground C' must be 150 15. The input impedance of the V.35 receiver is connected in parallel with the T-network inside the LTC1344, which can cause the overall impedance to fail the specification on the
7
LTC1344
APPLICATIONS INFORMATION
GENERATOR BALANCED INTERCONNECTING CABLE
A
LOAD CABLE TERMINATION RECEIVER
V.35 DRIVER
A 50 50 B C 125
A' 125 50 50 B' C'
1344 F10
Figure 10. Typical V.35 Interface
A 51.5 S1 ON S2 ON 51.5 B C IZ 1mA -7V Z 3V -0.8mA -3V VZ 12V
1344 F11
LTC1344 Z 124 Z
V.35 RECEIVER
Figure 11. V.35 Receiver Using the LTC1344
low side. However, all of Linear Technology's V.35 receivers meet the RS485 input impedance specification as shown in Figure 11, which insures compliance with the V.35 specification when used with the LTC1344. The generator differential impedance must be 50 to 150 and the impedance between shorted terminals A
8
U
W
U
U
LTC1344
51.5 S2 ON 51.5 B C1 100pF C
1344 F12
124
S1 ON
Figure 12. V.35 Driver Using the LTC1344
and B to ground C must be 150 15. For the generator termination, switches S1 and S2 are both on and the top side of the center resistor is brought out to a pin so it can be bypassed with an external capacitor to reduce common mode noise as shown in Figure 12. Any mismatch in the driver rise and fall times or skew in the driver propagation delays will force current through the center termination resistor to ground causing a high frequency common mode spike on the A and B terminals. The common mode spike can cause EMI problems that are reduced by capacitor C1 which shunts much of the common mode energy to ground rather than down the cable. The LATCH Pin The LATCH pin (21) allows the select lines (M0, M1, M2 and DCE/DTE) to be shared with multiple LTC1344s, each with its own LATCH signal. When the LATCH pin is held low the select line input buffers are transparent. When the LATCH pin is pulled high, the select line input buffers latch the state of the Select pins so that changes on the select lines are ignored until LATCH is pulled low again. If the latch feature is not used, the LATCH pin should be tied to ground.
LTC1344
TYPICAL APPLICATIONS N
Figure 13 shows a typical application for the LTC1344 using the LTC1343 mixed mode transceiver chip to generate the clock and data signals for a serial interface. The LTC1344 VEE supply is generated from the LTC1343 charge pump and the select lines M0, M1, M2, DCE and LATCH are shared by both chips. Each driver output and receiver input is connected to one of the LTC1344 termination ports. Each electrical protocol can then be chosen using the digital select lines.
M0 M1 M2
1 24 23
M0 M1 M2 LTC1344
DCE/DTE LATCH
22 21
DCE/DTE LATCH VCC 14
5V
C1 1F 17 18 19 21 22 6
3
8
LTC1343 M0 M1 M2 DCE/DTE LATCH
7 35 34 9 33 32 13 31 30 14 29 28 15 27 NC RXC + RXC - TXC + TXC - RXD+ RXD- RXC - NC NC SCTE + SCTE - TXD + TXD -
1344 F13
U
100pF 100pF 3 8 11
100pF 12 13
VEE 2 5 4 6 7 9 10 16 15 18 17 19 20
C2 3.3F 42
38 37 36
DTE TXD+ TXD- SCTE
+
DCE RXD + RXD - TXC + TXC - RXC +
SCTE - NC
Figure 13. Typical Application Using the LTC1344
9
LTC1344
TYPICAL APPLICATIONS N
Controller Selectable Multiprotocol DTE Port with DB-25 Connector
C6 100pF C7 100pF C8 100pF
VCC 5V 14 1 C3 1F C1 + 1F 2 4 3 8 LTC1343 5 6 7 9 10 12 13 14 15 D1 D2 D3 D4 39 38 37 36 35 34 33 32 31 30 29 28 27 26 21 DCE 19 M2 18 M1 17 M0 CHARGE PUMP 44 43 42 41 VCC
+
+
DTE_LL/DCE_TM DTE_TXD/DCE_RXD DTE_SCT/DEC_RXC
C5 1F
DTE_TXC/DCE_TXC DTE_RXC/DCE_SCTE DTE_RXD/DCE_TXD DTE_TM/DCE_LL
R1 R2 R3
R1 100k
16 R4 20 CTRL 22 LATCH 11 INVERT 25 423 SET 40 GND 23 LB 1
EC
24
VCC
+
44 43 42 41 LTC1343
C11 1F
+ C10
1F C13 3.3F
C9 1F
+
2 4 3 8 5 6 7 9 10 12 13 14 15 16 CHARGE PUMP
VCC
+
C12 1F
DTE_RL/DCE_RL DTE_RTS/DCE_CTS DTE_DTR/DCE_DSR
D1 D2 D3 D4
39 38 37 36 35 34 33 32 31 30 29 28 27 26 21 DCE 19 M2 18 M1 17 M0
DTE_DCD/DCE_DCD DTE_DSR/DCE_DTR DTE_CTS/DCE_RTS
R1 R2 R3
VCC LATCH
R2 100k LB DCE/DTE M2 M1 M0
R4 20 CTRL 22 LATCH 11 INVERT 25 423 SET
40 GND 23 LB
EC
24
10
+
+
U
3
8
11
12 13 LTC1344
+ C2
1F 2 VEE C4 3.3F 5 4 6 7 9 10 16 15
DCE/ DTE M2 M1 M0 18 17 19 20 22 23 24 1 18
DB-25 CONNECTOR
DTE LL A
DCE TM A RXD A RXD B RXC A RXC B
2 TXD A 14 TXD B 24 SCTE A 11 SCTE B
15 12 17 9 3 16 25
TXC A TXC B RXC A RXC B RXD A RXD B TM A
TXC A TXC B SCTE A SCTE B TXD A TXD B LL A
7 1
SGND SHIELD
RL A 4 RTS A 19 RTS B 20 DTR A 23 DTR B
21
RL A CTS A CTS B DSR A DSR B
8 DCD A 10 DCD B 6 DSR A 22 DSR B 5 CTS A 13 CTS B
DCD A DCD B DTR A DTR B RTS A RTS B
1343 F33
LTC1344
TYPICAL APPLICATIONS N
Cable Selectable Multiprotocol DTE Port with DB-25 Connector
C6 100pF C7 100pF C8 100pF
VCC 5V 14 1 C3 1F C1 1F 44 43 42 41 LTC1343 5 6 7 9 10 12 13 14 15 D1 D2 D3 D4 39 38 37 36 35 34 33 32 31 30 29 28 27 26 21 DCE 19 M2 18 M1 17 M0 VCC
+
+
2 4 3 8 CHARGE PUMP
+
C5 1F
DTE_TXD/DCE_RXD DTE_SCTE/DEC_RXC
DTE_TXC/DCE_TXC DTE_RXC/DCE_SCTE DTE_RXD/DCE_TXD
R1 R2 R3
R1 100k
16 R4 20 CTRL 22 LATCH 11 INVERT 25 423 SET 40 GND 23 LB 1
VCC 1
EC
24
VCC
+
44 43 42 41 LTC1343
C11 1F
+ C10
1F C13 3.3F
C9 1F
+
2 4 3 8 5 6 7 9 10 12 13 14 15 16 CHARGE PUMP
VCC
+
C12 1F
D1 D2 D3 D4
39 38 37 36 35 34 33 32 31 30 29 28 27 26 21 DCE 19 M2 18 M1 17 M0 4 RTS A 19 RTS B 20 DTR A 23 DTR B CTS A CTS B DSR A DSR B
DTE_RTS/DCE_CTS DTE_DTR/DCE_DSR
DTE_DCD/DCE_DCD DTE_DSR/DCE_DTR DTE_CTS/ DCE_RTS
R1 R2 R3
VCC
R2 100k LB
R4 20 CTRL 22 LATCH 11 INVERT 25 423 SET
VCC
40 GND 23 LB
24 EC
Information furnished by Linear Technology Corporation is believed to be accurate and reliable. However, no responsibility is assumed for its use. Linear Technology Corporation makes no representation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
+
+
U
3
8
11
12 13 LTC1344
+ C2
1F 2 VEE C4 3.3F 5 4 6 7 9 10 16 15
DCE/ DTE M2 M1 M0 18 17 19 20 22 23 24 1
DB-25 CONNECTOR
VCC
DTE 2 TXD A 14 TXD B 24 SCTE A 11 SCTE B
DCE RXD A RXD B RXC A RXC B
15 12 17 9 3 16
TXC A TXC B RXC A RXC B RXD A RXD B
TXC A TXC B SCTE A SCTE B TXD A TXD B
7
SGND SHIELD
VCC R3 10k
VCC R4 10k
VCC R5 10k
25 21 18
DCE/DTE M1 M0
8 DCD A 10 DCD B 6 DSR A 22 DSR B 5 CTS A 13 CTS B
DCD A DCD B DTR A DTR B RTS A RTS B
1344 TA03
CABLE WIRING FOR MODE SELECTION MODE PIN 18 PIN 21 V.35 PIN 7 PIN 7 EIA-530, RS449, NC PIN 7 V.36, X.21 RS232 PIN 7 NC
CABLE WIRING FOR DTE/DCE SELECTION MODE PIN 25 DTE PIN 7 DCE NC
11
LTC1344
PACKAGE DESCRIPTION
0.205 - 0.212** (5.20 - 5.38)
0.005 - 0.009 (0.13 - 0.22)
0.022 - 0.037 (0.55 - 0.95)
*DIMENSIONS DO NOT INCLUDE MOLD FLASH. MOLD FLASH SHALL NOT EXCEED 0.006" (0.152mm) PER SIDE **DIMENSIONS DO NOT INCLUDE INTERLEAD FLASH. INTERLEAD FLASH SHALL NOT EXCEED 0.010" (0.254mm) PER SIDE
RELATED PARTS
PART NUMBER LTC1334 LTC1343 LTC1345 LTC1346A DESCRIPTION Single Supply RS232/RS485 Transceiver Multiprotocol Serial Transceiver Single Supply V.35 Transceiver Dual Supply V.35 Transceiver COMMENTS 2 RS485 Dr/Rx or 4 RS232 Dr/Rx Pairs Software Selectable Mulitprotocol Interface 3 Dr/3 Rx for Data and CLK Signals 3 Dr/3 Rx for Data and CLK Signals
12
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417 q (408) 432-1900 FAX: (408) 434-0507q TELEX: 499-3977 q www.linear-tech.com
U
Dimensions in inches (millimeters) unless otherwise noted. G Package 24-Lead Plastic SSOP (0.209)
(LTC DWG # 05-08-1640)
0.318 - 0.328* (8.07 - 8.33) 24 23 22 21 20 19 18 17 16 15 14 13
0.301 - 0.311 (7.65 - 7.90)
1 2 3 4 5 6 7 8 9 10 11 12 0.068 - 0.078 (1.73 - 1.99)
0 - 8
0.0256 (0.65) BSC
0.010 - 0.015 (0.25 - 0.38)
0.002 - 0.008 (0.05 - 0.21)
G24 SSOP 0595
1344f LT/TP 0497 7K * PRINTED IN USA
(c) LINEAR TECHNOLOGY CORPORATION 1996


▲Up To Search▲   

 
Price & Availability of LTC1344

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X