Part Number Hot Search : 
FP100 F1508 25X25 4LVC2G PS7200 4FCT2 PIC24E ZT620
Product Description
Full Text Search
 

To Download LM2901 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www.fairchildsemi.com
LM2901,LM339/LM339A,LM3302, LM239/LM239A
Quad Comparator
Features
* Single or dual supply operation * Wide range of supply voltage LM2901,LM339/LM339A,LM239/LM239A : 2 ~ 36V (or 1 ~ 18V) LM3302 : 2 ~ 28V (or 1 ~ 14V) * Low supply current drain 800A Typ. * Open collector outputs for wired and connectors * Low input bias current 25nA Typ. * Low Input offset current 2.3nA Typ. * Low input offset voltage 1.4mV Typ. * Common mode input voltage range includes ground. * Low output saturation voltage * Output compatible with TTL. DTL and MOS logic system
Description
The LM2901, LM339/LM339A ,LM239/LM239A, LM3302 consist of four independent voltage comparators designed to operate from single power supply over a wide voltage range.
14-DIP
1
14-SOP
1
Internal Block Diagram
Rev. 1.0.1
(c)2001 Fairchild Semiconductor Corporation
LM2901,LM339/LM339A,LM3302, LM239/LM239A
Schematic Diagram
Absolute Maximum Ratings
Parameter Supply Voltage Supply Voltage only LM3302 Differential Input Voltage Differential Input Voltage only LM3302 Input Voltage Input Voltage only LM3302 Output Short Circuit to GND Power Dissipation Operating Temperature LM339/LM339A LM2901/LM3302 LM239/LM239A Storage Temperature Symbol VCC VCC VI(DIFF) VI(DIFF) VI VI PD TOPR Value 18 or 36 14 or 28 36 28 - 0.3 to +36 - 0.3 to +28 Continuous 570 0 ~ + 70 -40 ~ + 85 -25 ~ + 85 - 65 ~ + 150 Unit V V V V V V mW C
TSTG
C
2
LM2901,LM339/LM339A,LM3302, LM239/LM239A
Electrical Characteristics
(VCC = 5V, TA = 25C, unless otherwise specified) Parameter Input Offset Voltage Input Offset Current Input Bias Current Input Common Mode Voltage Range Supply Current Voltage Gain Large Signal Response Time Response Time Output Sink Current Output Saturation Voltage Output Leakage Current Symbol VIO IIO IBIAS Conditions VO(P) =1.4V, RS =0 Note 1 Note 1 Note 1 LM239A/LM339A Min 0 VI(R) ICC GV TLRES TRES ISINK VSAT Io(LKG) Note 1 VCC = 5V RL = VCC =15V, RL 15K (for large swing) VI = TTL Logic Swing VREF = 1.4V, VRL = 5V, RL = 5.1K VRL = 5V, RL = 5.1K VI(-) 1V, VI(+) = 0V, VO(P) 1.5V VI(-) 1V, VI(+) = 0V ISINK = 4mA VI(-) = 0V VI(+) = 1V Note 1 VO(P) = 5V VO(P) = 30V Note 1 0 50 6 0.1 57 1.1 200 350 1.4 18 140 2.3 Typ 1 Max 2 4.0 50 150 250 400 VCC-1.5 VCC-2 2.0 400 700 1.0 36 LM239/LM339 Min Typ 0 0 50 6 0.1 1.4 2.3 57 1.1 200 350 1.4 18 140 Max 5 9.0 50 150 250 400 VCC-1.5 VCC-2 2.0 400 700 1.0 36 V mA V/mV ns s mA mV nA A V nA nA Unit mV
Differential Voltage VI(DIFF)
Note 1. LM339/LM339A : 0 TA +70C LM2901/LM3302 : -40 TA +85C LM239/LM239A : -25 TA +85C
3
LM2901,LM339/LM339A,LM3302, LM239/LM239A
Electrical Characteristics (Continued)
(VCC = 5V, TA = 25C, unless otherwise specified) Parameter Input Offset Voltage Input Offset Current Input Bias Current Input Common Mode Voltage Range Supply Current Voltage Gain Large Signal Response Time Response Time Output Sink Current Output Saturation Voltage Output Leakage Current Symbol VIO IIO IBIAS Conditions VO(P) =1.4V, RS =0 Note 1 Note 1 Note 1 LM2901 Min 0 VI(R) Note 1 ICC GV TLRES TRES ISINK VSAT IO(LKG) RL =, VCC=5V RL =,VCC=30V VCC =15V, RL 15K (for large swing) VI =TTL Logic Swing VREF =1.4V, VRL =5V, RL =5.1K VRL = 5V, RL = 5.1K VI(-) 1V, VI(+) =0V, VO(P) 1.5V VI(-) 1V, VI(+) = 0V ISINK =4mA VI(-) = 0V VI(+) = 1V Note 1 VO(P) = 5V VO(P) = 30V Note 1 0 25 6 1.1 1.6 100 350 1.4 18 140 0.1 Typ 2 9 2.3 50 57 200 Max. 7 15 50 200 250 500 VCC -1.5 VCC -2 2.0 2.5 400 700 1.0 36 Min 0 0 2 6 LM3302 Typ 2 3 57 1.1 30 350 1.4 18 140 0.1 Max. 20 40 100 300 250 1000 VCC -1.5 VCC -2 2.0 400 700 1.0 36 Unit mV nA nA
V
mA V/ mV ns s mA mV nA A V
Differential Voltage VI(DIFF)
Note 1. LM339/LM339A : 0 TA +70C LM2901/LM3302 : -40 TA +85C LM239/LM239A : -25 TA +85C
4
LM2901,LM339/LM339A,LM3302, LM239/LM239A
Typical Performance Characteristics
Figure 1. Supply Current vs Supply Voltage
Figure 2. Input Current vs Supply Voltage
Figure 3. Output Saturation Voltage vs sink Current
Figure 4. Response Time for Various Input Overdrive-Negative Transition
Figure 5. Response Time for Various Input Overdrive-Positive Transition
5
LM2901,LM339/LM339A,LM3302, LM239/LM239A
Mechanical Dimensions
Package
14-DIP
6.40 0.20 0.252 0.008
19.80 MAX 0.780
19.40 0.20 0.764 0.008
#7
#8
7.62 0.300
3.25 0.20 0.128 0.008
0.20 0.008 MIN
5.08 MAX 0.200
3.30 0.30 0.130 0.012
0.25 -0.05
+0.10
0~15
0.010 -0.002
+0.004
6
2.54 0.100
0.46 0.10 0.018 0.004
1.50 0.10 0.059 0.004
#1
#14
(
2.08 ) 0.082
LM2901,LM339/LM339A,LM3302, LM239/LM239A
Mechanica Dimensions (Continued)
Package
14-SOP
MIN 1.55 0.10 0.061 0.004 0.05 0.002 0.47 ) 0.019 MAX0.10 MAX0.004 1.27 0.050 +0.004 0.016 -0.002 +0.10 0.406
-0.05
#1
#14
8.70 MAX 0.343
#7 6.00 0.30 0.236 0.012
#8
1.80 MAX 0.071
+0.004 0.008 -0.002
+0.10
-0.05
0.20
3.95 0.20 0.156 0.008
0.60 0.20 0.024 0.008
5.72 0.225
0~
8
8.56 0.20 0.337 0.008
(
7
LM2901,LM339/LM339A,LM3302, LM239/LM239A
Ordering Information
Product Number LM339N LM339AN LM339M LM339AM LM2901N LM2901M LM3302N LM3302M LM239N LM239AN LM239M LM239AM Package 14-DIP 0 ~ + 70C 14-SOP 14-DIP 14-SOP 14-DIP 14-SOP 14-DIP -25 ~ + 85C 14-SOP -40 ~ + 85C Operating Temperature
8
LM2901,LM339/LM339A,LM3302, LM239/LM239A
9
LM2901,LM339/LM339A,LM3302, LM239/LM239A
DISCLAIMER FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury of the user.
www.fairchildsemi.com 6/1/01 0.0m 001 Stock#DSxxxxxxxx 2001 Fairchild Semiconductor Corporation
2. A critical component in any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness.


▲Up To Search▲   

 
Price & Availability of LM2901

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X