Part Number Hot Search : 
A1011 D2544 TEA1204 PBSS4 RU3568R 90010 MC404 MXD202
Product Description
Full Text Search
 

To Download LB1412M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Ordering number: EN1593B
Monolithic Digital IC
LB1412M
Level Meter for 12 LEDs
Functions and Features
Package Dimensions
unit : mm
. Bar-shaped display of input level by means of 12 LEDs. . High-order 5 dots with peak hold. . Built-in oscillator for peak hold reset. Requires 1pce each of . . . . .
external C, R. Uses either oscillator at the time of stereo operation. Also capable of resetting manually. Capable of constant-current driving low-order 7 dots (green LED). Constant-current value variable with an external resistor. Lower current drain available by connecting green LEDs in series. Built-in input amplifier. Requires no other light-up level adjustment than adjustment for 0 dB. D1 error: Within 3 dB of 20 dB Supply voltage range: 10 to 16 V
3045B-MFP24
[LB1412M]
24 13
0.15 2.15 2.5max
0.35
1.27
0.67
SANYO : MFP24
Specifications
Absolute Maximum Ratings at Ta = 25C
Parameter Maximum supply voltage Output current Allowable power dissipation Operating temperature Storage temperature Symbol VCC max IOL Pd max Topr Tstg Pin 16 Pins 2 to 6: D8 to D12, output on Ta = 60C Conditions Ratings -0.3 to +18 30 380 -30 to +75 -40 to +125 Unit V mA mW C C
Allowable Operating Range at Ta = 25C
Parameter Supply voltage Symbol VCC Conditions Ratings 10 to 16 Unit V
Any and all SANYO products described or contained herein do not have specifications that can handle applications that require extremely high levels of reliability, such as life-support systems, aircraft's control systems, or other applications whose failure can be reasonably expected to result in serious physical and/or material damage. Consult with your SANYO representative nearest you before using any SANYO products described or contained herein in such applications. SANYO assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all SANYO products described or contained herein.
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
53096HA(II)/9087KI/9134KI,TS No.1593-1/5
0.1
0.75
1
15.3
12
9.0 10.5
7.9
LB1412M
Electrical Characteristics at Ta = 25C, VCC = 12 V
Parameter Input bias current Output saturation voltage Voltage gain Input resistance Load resistance Output current Voltage gain Output current Amp (1) Amp (1) Amp (1) Amp (1) Amp (2) Amp (2) Amp (2) Amp (2) Symbol IBIN1 VOH01 VOL01 VGA1 RIN2 R02 IOL02 VGA2 IOL Vsat Vsat Output leak current Ioff Ioff D8 D1 D2 D3 D4 Comparator level D5 D6 D7 D9 D10 D11 D12 Reference voltage R pin flow-out current R pin voltage Oscillation frequency Current drain VTHD8 GD1 GD2 GD3 GD4 GD5 GD6 GD7 GD9 GD10 GD11 GD12 VZ IOLR VR fOSC ICC 17, 21 D1, D5: 3 k across VZ and ILED 18, 19, D2 to D4, D6 to D7: output 20, 22, transistor on across VZ and ILED 23 2 to 6 17, 21 2 to 6 2 17 18 19 20 21 22 23 3 4 5 6 13 12 12 14 16 D8 to D12: IOLD1 to D5 = 30 mA D1, D5: output transistor off D8 to D12: output transistor off D8: Voltage to turn on D8 by applying DC voltage across VZ and IN2 D8 light-up level: 0 dB D8 light-up level: 0 dB D8 light-up level: 0 dB D8 light-up level: 0 dB D8 light-up level: 0 dB D8 light-up level: 0 dB D8 light-up level: 0 dB D8 light-up level: 0 dB D8 light-up level: 0 dB D8 light-up level: 0 dB D8 light-up level: 0 dB 3 k across VZ and ILED VR = 0 V, OSC pin open OSC pin open 1 M, 2.2 F across VCC and VZ 3 k across VZ and ILED, all D outputs off 0 0 -0.625 -23 -17 -12 -8 -6 -4 -1.5 0.5 2 4 7 5.6 -0.6 0.4 1.5 -0.55 -20 -15 -10 -7 -5 -3 -1 1 3 5 8 6.3 -0.3 0.7 2 9 10 11 11 Pin No. 8 9 9 Pins 9, 10 short Pins 9, 10 short Conditions min -3 10.5 1.0 30 8 35 3 1.8 13 typ -0.2 11.2 1.5 100 12 50 6 2.0 17 1.0 1.5 16 65 12 2.2 20 1.3 2.0 30 30 -0.465 -17 -13 -8 -6 -4 -2 -0.5 1.5 4 6 9 6.8 -0.1 0.9 2.5 15 max 0 11.6 2.0 Unit A V V dB k k mA times mA V V A A V dB dB dB dB dB dB dB dB dB dB dB V mA V s mA
Output saturation voltage
Allowable power dissipation, Pd max - mW
Pd max - Ta
Ambient temperature, Ta - C
No.1593-2/5
LB1412M
Pin Assignment
Equivalent Circuit Block Diagram
Oscillator
Constantcurrent driver
Constantcurrent driver
VCC 10 to 16 V
Unit (resistance: , capacitance: F) No.1593-3/5
LB1412M
Sample Application Circuit
R5 2.2 k R6 2.2 k R7 2.2 k R8 2.2 k R9 2.2 k
Unit (resistance: , capacitance: F) Note : Input signal of approximately 110 mVrms causes D8 (0 dB display) to light. For sample application circuit : 1. The LB1412M consists of the following blocks. Input amp 1: Amplification of input signal, variable with external constants Input amp 2: Amplification of signal (fixed, double), detection of signal Reference voltage : Reference voltage of comparator, constant-current drive of LED Comparator : Comparison of input voltage LED driver : LED drive, D1 to D7: Constant-current drive Peak hold circuit : Hold of highest-order point of high-order 5 points (D8 to D12) Oscillator for peak hold reset : Peak hold circuit reset
10 to 16 V
. . . . . . .
2.
Description of constants of each block 2-1 R3, R4 (R11, R12) The gain of amp1 depends on R3, R4. Gain of amp 1 = R3/R4 times. The gain of amp1 must not exceed 4 times (12 dB). R3 + R4 6 100 k (C4 = 4.7 F). 2-2 C2, C3 (C5, C6) C3 is for coupling amp 1 with amp 2 and its value is 1 F. C2 is for controlling the time to turn off LED. 2-3 R2 (R10) The current of LEDs connected to D1 to D7 depends on R2. The current is stabilized to be approximately 17 mA at R2 = 3 k and approximately 11 mA at R2 = 4.7 k. 2-4 R5 to R9 (R13 to R17) The current of LEDs connected to D8 to D12 depends on these resistors. D8 to D12 pins are collectors of Darlington transistors. VCC - 3.5 V VCC - Vsat D8 to D12 - VFLED ID8 to D12 = 6 R5 to 9 R5 to 9 ID8
to D12
is approximately 4 mA at R5 to 9 = 2.2 k.
No.1593-4/5
LB1412M
2-5 Reset pin (Pin 12) When the reset pin is open, peak hold of D8 to D12 occurs. When the reset pin is connected to GND, reset occurs. Connecting the reset pin to GND causes no peak hold. 2-6 C1, R1 The oscillation cycle of oscillator depends on the product of C1 and R1. The oscillation cycle at C1 = 2.2 F, R1 = 1 M is approximately 2 seconds. However, if an electrolytic capacitor is used for C1, the actual capacitance differs from the marked value. 2-7 Reduction in number of parts R3, R4, VR1 are substituted by one VR.
Unit (resistance: , capacitance: F)
Specifications of any and all SANYO products described or contained herein stipulate the performance, characteristics, and functions of the described products in the independent state, and are not guarantees of the performance, characteristics, and functions of the described products as mounted in the customer's products or equipment. To verify symptoms and states that cannot be evaluated in an independent device, the customer should always evaluate and test devices mounted in the customer's products or equipment. SANYO Electric Co., Ltd. strives to supply high-quality high-reliability products. However, any and all semiconductor products fail with some probability. It is possible that these probabilistic failures could give rise to accidents or events that could endanger human lives, that could give rise to smoke or fire, or that could cause damage to other property. When designing equipment, adopt safety measures so that these kinds of accidents or events cannot occur. Such measures include but are not limited to protective circuits and error prevention circuits for safe design, redundant design, and structural design. In the event that any or all SANYO products(including technical data,services) described or contained herein are controlled under any of applicable local export control laws and regulations, such products must not be exported without obtaining the export license from the authorities concerned in accordance with the above law. No part of this publication may be reproduced or transmitted in any form or by any means, electronic or mechanical, including photocopying and recording, or any information storage or retrieval system, or otherwise, without the prior written permission of SANYO Electric Co., Ltd. Any and all information described or contained herein are subject to change without notice due to product/technology improvement, etc. When designing equipment, refer to the "Delivery Specification" for the SANYO product that you intend to use. Information (including circuit diagrams and circuit parameters) herein is for example only ; it is not guaranteed for volume production. SANYO believes information herein is accurate and reliable, but no guarantees are made or implied regarding its use or any infringements of intellectual property rights or other rights of third parties.
This catalog provides information as of May, 1996. Specifications and information herein are subject to change without notice. PS No.1593-5/5


▲Up To Search▲   

 
Price & Availability of LB1412M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X