Part Number Hot Search : 
645ETT CY7C15 74C90 S7010 2SK33 80N15 DL4755A 485EC
Product Description
Full Text Search
 

To Download K3010PGSERIES Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 K3010P(G) Series
Vishay Telefunken
Optocoupler with Phototriac Output
Description
The K3010P(G) series consists of a phototransistor optically coupled to a gallium arsenide infrared-emitting diode in a 6-lead plastic dual inline package. The elements are mounted on one leadframe using a coplanar technique, providing a fixed distance between input and output for highest safety requirements.
Applications
Circuits for safe protective separation against electrical shock according to safety class II (reinforced isolation):
14827
D For appl. class I - IV at mains voltage 300 V D For appl. class I - III at mains voltage 600 V
according to VDE 0884, table 2, suitable for: Monitors, air conditioners, line switches, solid state relays, microwaves.
~
6 5
~
4
VDE Standards
These couplers perform safety functions according to the following equipment standards:
1 2 3
95 10812
D VDE 0884
Optocoupler for electrical safety requirements
A (+) C (-) nc Note: Pin 5 must not be connected
D IEC 950/EN 60950
Office machines (applied for reinforced isolation for mains voltage 400 VRMS)
D VDE 0804
Telecommunication apparatus and data processing
D IEC 65
Safety for mains-operated electronic and related household apparatus
Order Instruction
Ordering Code CTR Ranking K3010P/ K3010PG1) < 15 mA 1) K3011P/ K3011PG < 10 mA K3012P/ K3012PG1) < 5 mA 1) G = Leadform 10.16 mm; G is not marked on the body Remarks
Document Number 83504 Rev. A4, 13-Sep-99
www.vishay.de * FaxBack +1-408-970-5600 1 (9)
K3010P(G) Series
Vishay Telefunken Features
Approvals:
D Rated recurring peak voltage (repetitive)
VIORM = 600 VRMS D Creepage current resistance according to VDE 0303/IEC 112 Comparative Tracking Index: CTI = 275 D Thickness through insulation 0.75 mm General features:
D BSI: BS EN 41003, BS EN 60095 (BS 415),
BS EN 60950 (BS 7002), Certificate number 7081 and 7402
D FIMKO (SETI): EN 60950,
Certificate number 12398
D Underwriters Laboratory (UL) 1577 recognized,
file number E-76222
D VDE 0884, Certificate number 94778
VDE 0884 related features:
D Rated impulse voltage (transient overvoltage)
VIOTM = 6 kV peak D Isolation test voltage (partial discharge test voltage) Vpd = 1.6 kV D Rated isolation voltage (RMS includes DC) VIOWM = 600 VRMS (848 V peak)
D Isolation materials according to UL 94-VO D Pollution degree 2 (DIN/VDE 0110 resp. IEC 664) D Climatic classification 55/100/21 (IEC 68 part 1) D Special construction:
Therefore, extra low coupling capacity of typical 0.2 pF, high Common Mode Rejection D IFT offered in 3 groups D Coupling System C
Absolute Maximum Ratings
Input (Emitter)
Parameter Reverse voltage Forward current Forward surge current Power dissipation Junction temperature Test Conditions Symbol VR IF IFSM PV Tj Value 5 80 3 100 100 Unit V mA A mW C
tp 10 ms Tamb 25C
Output (Detector)
Parameter Test Conditions Off state output terminal voltage On state RMS current Peak surge current, non-repetitive tp 10 ms Power dissipation Tamb 25C Junction temperature Symbol VDRM ITRMS ITMS PV Tj Value 250 100 1.5 300 100 Unit V mA A mW C
Coupler
Parameter Test Conditions Isolation test voltage (RMS) t = 1 min Total power dissipation Tamb 25C Ambient temperature range Storage temperature range Soldering temperature 2 mm from case, t 10 s 1) Related to standard climate 23/50 DIN 50014 Symbol VIO 1) Ptot Tamb Tstg Tsd Value 3.75 350 -40 to +85 -55 to +100 260 Unit kV mW C C C
www.vishay.de * FaxBack +1-408-970-5600 2 (9)
Document Number 83504 Rev. A4, 13-Sep-99
K3010P(G) Series
Vishay Telefunken Electrical Characteristics (Tamb = 25C)
Input (Emitter)
Parameter Forward voltage Junction capacitance Test Conditions IF = 50 mA VR = 0, f = 1 MHz Symbol VF Cj Min. Typ. 1.25 50 Max. 1.6 Unit V pF
Output (Detector)
Parameter Forward peak off-state voltage (repetitive) Peak on-state voltage Critical rate of rise of off-state voltage
1)
Test Conditions IDRM = 100 nA ITM = 100 mA IFT = 0, IFT = 30 mA
Symbol VDRM 1) VTM (dv/dt)cr (dv/dt)crq
Min. 250
Typ.
Max.
Unit V V V/ms V/ms
0.1
1.5 10 0.2
3
Test voltage must be applied within dv/dt ratings
Coupler
Parameter Emitting diode trigger g gg current Test Conditions Type VS = 3 V, RL = 150 W K3010P(G) K3011P(G) K3012P(G) Holding current IF = 10 mA, VS 3 V Note: IFT is defined as a minimum trigger current Symbol IFT IFT IFT IH Min. Typ. 8 5 2 100 Max. 15 10 5 Unit mA mA mA
mA
RS
IFT RL
95 10813
V~
Test condition: dv/dtcr VS = 2/3 VDRM (Sine wave) RL = 33 k dv/dtcrq Veff = 30 V (Sine wave) RL = 2 k
Figure 1. Test circuit for dv/dtcr and dv/dtcrp
Document Number 83504 Rev. A4, 13-Sep-99
www.vishay.de * FaxBack +1-408-970-5600 3 (9)
K3010P(G) Series
Vishay Telefunken
IF
yI
FT
95 10814
IF = 0 dv / dtcrq
dv/dtcr
dv / dtcr
Highest value of the "rate of rise of off-state voltage" which does not cause any switching from the off-state to the on-state dv/dtcrq Highest value of the "rate of rise of communicating voltage" which does not switch on the device again, after the voltage has decreased to zero and the trigger current is switched from IFT to zero Figure 2.
+5 V
270 M
0.1 F TTL
VAC ~
Galvanical separation
Figure 3. Motor control circuit
95 10815
www.vishay.de * FaxBack +1-408-970-5600 4 (9)
Document Number 83504 Rev. A4, 13-Sep-99
K3010P(G) Series
Vishay Telefunken Maximum Safety Ratings (according to VDE 0884) see figure 4
This device is used for protective separation against electrical shock only within the maximum safety ratings. This must be ensured by using protective circuits in the applications.
Input (Emitter)
Parameters Forward current Test Conditions Symbol Isi Value 130 Unit mA
Output (Detector)
Parameters Power dissipation Test Conditions Tamb 25C Symbol Psi Value 600 Unit mW
Coupler
Parameters Rated impulse voltage Safety temperature Test Conditions Symbol VIOTM Tsi Value 6 150 Unit kV C
Insulation Rated Parameters (according to VDE 0884)
Parameter Partial discharge test voltage - g g Routine test Partial discharge test voltage - Lot test (sample test) Insulation resistance Test Conditions 100%, ttest = 1 s tTr = 60 s, ttest = 10 s, (see figure 5) VIO = 500 V VIO = 500 V, Tamb = 100C VIO = 500 V, Tamb = 150C
(construction test only) 675 600 525 450 375 300 225 150 75 0 0
95 10925
Symbol Vpd VIOTM Vpd RIO RIO RIO
Min. 1.6 6 1.3 1012 1011 109
Typ.
Max.
Unit kV kV kV
W W W
VIOTM t1, t2 = 1 to 10 s t3, t4 = 1 s ttest = 10 s tstres = 12 s VPd VIOWM VIORM Isi (mA)
Psi (mW)
0 25 50 75 100 125 150
13930
t3 ttest t4
Tamb ( C )
t1
tTr = 60 s
t2
tstres
t
Figure 4. Derating diagram
Figure 5. Test pulse diagram for sample test according to DIN VDE 0884
Document Number 83504 Rev. A4, 13-Sep-99
www.vishay.de * FaxBack +1-408-970-5600 5 (9)
K3010P(G) Series
Vishay Telefunken Typical Characteristics (Tamb = 25_C, unless otherwise specified)
400 P tot - Total Power Dissipation ( mW ) Coupled device 300
Phototransistor
1.5 VTMrel - Relative On-State Voltage 1.4 1.3 1.2 1.1 1.0 0.9 0.8 0.7 0.6 0.5 -30 -20 -10 0 10 20 30 40 50 60 70 80
96 11923
IF FT IT=100mA
wI
200 IR-diode 100
0 0
96 11701
20
40
60
80
100
Tamb - Ambient Temperature ( C )
Tamb - Ambient Temperature ( C )
Figure 6. Total Power Dissipation vs. Ambient Temperature
1000.0
Figure 9. Relative On - State vs. Ambient Temperature
100 I DRM - Off-State Current ( nA )
I F - Forward Current ( mA )
100.0
VDR=100V IF=0 10
10.0
1.0
0.1 0
96 11862
1 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 VF - Forward Voltage ( V )
96 11924
20
30
40
50
60
70
80
90
100
Tamb - Ambient Temperature ( C )
Figure 7. Forward Current vs. Forward Voltage
I FTrel - Relative Threshold Forward Current 1.5 1.4 1.3 1.2 1.1 1.0 0.9 0.8 0.7 0.6 0.5 -30 -20 -10 0 10 20 30 40 50 60 70 80 Tamb - Ambient Temperature ( C )
Figure 10. Off - State Current vs. Ambient Temperature
250 200 ITM - On-State Current ( mA )
VS=3V RL=150W
150 100 50 0 -50 -100 -150 -200
IFT=15mA
-250 -2.5 -2.0 -1.5 -1.0 -0.5 0.0 0.5 1.0 1.5 2.0 2.5
96 11925
96 11922
VTM - On-State Voltage ( V )
Figure 8. Relative Threshold Forward Current vs. Ambient Temperature
www.vishay.de * FaxBack +1-408-970-5600 6 (9)
Figure 11. On - State Current vs. Ambient Temperature
Document Number 83504 Rev. A4, 13-Sep-99
K3010P(G) Series
Vishay Telefunken
Type
Date Code (YM)
XXXXXX 918 A TK 63 0884 V DE
15090
Production Location Safety Logo
Coupling System Indicator
Company Logo
Figure 12. Marking example
Dimensions of K301.PG in mm
14771
Document Number 83504 Rev. A4, 13-Sep-99
www.vishay.de * FaxBack +1-408-970-5600 7 (9)
K3010P(G) Series
Vishay Telefunken Dimensions of K301.P in mm
14770
www.vishay.de * FaxBack +1-408-970-5600 8 (9)
Document Number 83504 Rev. A4, 13-Sep-99
K3010P(G) Series
Vishay Telefunken Ozone Depleting Substances Policy Statement
It is the policy of Vishay Semiconductor GmbH to 1. Meet all present and future national and international statutory requirements. 2. Regularly and continuously improve the performance of our products, processes, distribution and operating systems with respect to their impact on the health and safety of our employees and the public, as well as their impact on the environment. It is particular concern to control or eliminate releases of those substances into the atmosphere which are known as ozone depleting substances ( ODSs ). The Montreal Protocol ( 1987 ) and its London Amendments ( 1990 ) intend to severely restrict the use of ODSs and forbid their use within the next ten years. Various national and international initiatives are pressing for an earlier ban on these substances. Vishay Semiconductor GmbH has been able to use its policy of continuous improvements to eliminate the use of ODSs listed in the following documents. 1. Annex A, B and list of transitional substances of the Montreal Protocol and the London Amendments respectively 2 . Class I and II ozone depleting substances in the Clean Air Act Amendments of 1990 by the Environmental Protection Agency ( EPA ) in the USA 3. Council Decision 88/540/EEC and 91/690/EEC Annex A, B and C ( transitional substances ) respectively. Vishay Semiconductor GmbH can certify that our semiconductors are not manufactured with ozone depleting substances and do not contain such substances.
We reserve the right to make changes to improve technical design and may do so without further notice. Parameters can vary in different applications. All operating parameters must be validated for each customer application by the customer. Should the buyer use Vishay Telefunken products for any unintended or unauthorized application, the buyer shall indemnify Vishay Telefunken against all claims, costs, damages, and expenses, arising out of, directly or indirectly, any claim of personal damage, injury or death associated with such unintended or unauthorized use. Vishay Semiconductor GmbH, P.O.B. 3535, D-74025 Heilbronn, Germany Telephone: 49 ( 0 ) 7131 67 2831, Fax number: 49 ( 0 ) 7131 67 2423
Document Number 83504 Rev. A4, 13-Sep-99
www.vishay.de * FaxBack +1-408-970-5600 9 (9)


▲Up To Search▲   

 
Price & Availability of K3010PGSERIES

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X