Part Number Hot Search : 
1950513 24FBXX G2012 PTZ27B A101G N0943 R2100 NCP81062
Product Description
Full Text Search
 

To Download IDTQS32390 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IDTQS32390 HIGH-SPEED CMOS QUICKSWITCH 16:8 MULTIPLEXER
INDUSTRIAL TEMPERATURE RANGE
QUICKSWITCH(R) PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 16:8 MULTIPLEXER
.EATURES:
* * * * * * * * Enhanced N channel FET with no inherent diode to Vcc 16:8 multiplexer function with zero delay 5 bidirectional switches connect inputs to outputs Zero propagation delay, zero ground bounce Undershoot clamp diodes on all switch and control inputs Direct bidirectional connection for mux, demux 25 resistors for low noise Available in QSOP package
IDTQS32390
DESCRIPTION:
The QS32390 provides a 16:8 multiplexer logic switch. The QS32390 has an internal 25 resistor to reduce reflection noise in high-speed applications. The enable inputs connect one of two inputs to the common I/O pin, respectively. The multiplexer function can be used to select and route logic signals for zero delay, isolate bus capacitance, form crossbar switches, etc. Mux/Demux devices provide an order of magnitude faster speed than equivalent logic devices. The QS32390 is characterized for operation at -40C to +85C.
APPLICATIONS:
* Video, audio, graphics switching, muxing * Hot-swapping, hot-docking * Voltage translation (5V to 3.3V)
.UNCTIONAL BLOCK DIAGRAM
A0 AB0
A7
AB7
AEN
B0
B7
BEN
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
INDUSTRIAL TEMPERATURE RANGE
1
c 2002 Integrated Device Technology, Inc.
MARCH 2002
DSC-5752/2
IDTQS32390 HIGH-SPEED CMOS QUICKSWITCH 16:8 MULTIPLEXER
INDUSTRIAL TEMPERATURE RANGE
PIN CON.IGURATION
A0 B0 AB0 A1 B1 AB1 A2 B2 AB2 A3 B3 AB3 AEN GND 1 2 3 4 5 6 7 8 9 10 11 12 13 14 28 27 26 25 24 23 22 21 20 19 18 17 16 15 VCC A7 B7 AB7 A6 B6 AB6 A5 B5 AB5 A4 B4 AB4 BEN
ABSOLUTE MAXIMUM RATINGS(1)
Symbol VTERM(2) VTERM(3) VTERM(3) VAC IOUT PMAX TSTG Description Supply Voltage to Ground DC Switch Voltage Vs DC Input Voltage VIN AC Input Voltage (pulse width 20ns) DC Output Current Maximum Power Dissipation (TA = 85C) Storage Temperature Max -0.5 to +7 -0.5 to +7 -0.5 to +7 -3 120 0.5 -65 to +150 Unit V V V V mA W C
NOTE: 1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability. 2. Vcc terminals. 3. All terminals except Vcc.
CAPACITANCE
QSOP TOP VIEW (TA = +25C, f = 1.0MHZ, VIN = 0V, VOUT = 0V)
Pins Control Pins Quickswitch Channels (Switch OFF) Demux Mux Typ. 4 5 9 Max. (1) 5 7 10 Unit pF pF
NOTE: 1. This parameter is measured at characterization but not tested.
PIN DESCRIPTION
Pin Names A0 - A9 B0 - B9 AEN, BEN I/O I/O I/O I Bus A Bus B Bus Switch Enable Description
.UNCTION TABLE(1)
AEN H L H L BEN H H L L A0 - A9 Off On Off On B0 - B9 Off Off On On A to AB B to AB A, B to AB Function Disconnect
NOTE: 1. H = HIGH Voltage Level L = LOW Voltage Level
2
IDTQS32390 HIGH-SPEED CMOS QUICKSWITCH 16:8 MULTIPLEXER
INDUSTRIAL TEMPERATURE RANGE
DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE
Following Conditions Apply Unless Otherwise Specified: Industrial: TA = -40C to +85C, VCC = 5.0V 5%
Symbol VIH VIL IIN IOZ RON(3) VP Parameter Input HIGH Level Input LOW Level Off-State Output Current (Hi-Z) Switch ON Resistance Pass Voltage(2) Test Conditions Guaranteed Logic HIGH for Control Pins Guaranteed Logic LOW for Control Pins 0V VOUT VCC, Switches OFF VCC = Min., VIN = 0V, ION = 30mA VCC = Min., VIN = 2.4V, ION =15mA VIN = VCC = 5V, IOUT = -5A Min. 2 -- -- -- 15 15 3.7 Typ.(1) -- -- -- -- 20 19 4 Max. -- 0.8 1 1 35 40 4.2 Unit V V A A V
Input LeakageCurrent (Control Inputs)(2) 0V VIN VCC
NOTES: 1. Typical values are at VCC = 5.0V, TA = 25C. 2. Pass Voltage is guaranteed but not production tested. 3. ROUT changed on March 8, 2002. See rear page for more information.
TYPICAL ON RESISTANCE vs VIN AT VCC = 5V
80
RON
(ohms)
70 60 50 40 30 20 10 0 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5
VIN
(Volts)
3
IDTQS32390 HIGH-SPEED CMOS QUICKSWITCH 16:8 MULTIPLEXER
INDUSTRIAL TEMPERATURE RANGE
POWER SUPPLY CHARACTERISTICS
Symbol ICCQ ICC ICCD Parameter Quiescent Power Supply Current Power Supply Current per Control Input HIGH (2) Dynamic Power Supply Current per MHz(3) Test Conditions(1) VCC = Max., VIN = GND or Vcc, f = 0 VCC = Max., VIN = 3.4V, f = 0 VCC = Max., A, B, and AB pins open Control Inputs Toggling at 50% Duty Cycle
NOTES: 1. For conditions shown as Min. or Max., use the appropriate values specified under DC Electrical Characteristics. 2. Per TLL driven input (VIN = 3.4V, control inputs only). A, B, and AB pins do not contribute to Icc. 3. This current applies to the control inputs only and represents the current required to switch internal capacitance at the specified frequency. The A, B, and AB I/Os generate no significant AC or DC currents as they transition. This parameter is guaranteed but not production tested.
Max. 3 1.5 0.25
Unit A mA mA/MHz
SWITCHING CHARACTERISTICS OVER OPERATING RANGE
TA = -40C to +85C, VCC = 5.0V 5%; CLOAD = 50pF, RLOAD = 500 unless otherwise noted.
Symbol tPLH tPHL tPZH tPZL tPHZ tPLZ Data Propagation Delay (2,4) AxBx to CxDx, CxDx to AxBx Switch Turn-on Delay BE to Ax, Bx, Cx, Dx Switch Turn-off Delay (2) BE to Ax, Bx, Cx, Dx -- -- 5.5
ns
Parameter
Min. (1) -- 1.5
Typ. -- --
Max. 1.25(3) 7.5
Unit
ns
ns
NOTES: 1. Minimums are guaranteed but not production tested. 2. This parameter is guaranteed but not production tested. 3. The time constant for the switch alone is of the order of 1.25ns for CL = 50pF. 4. The bus switch contributes no propagation delay other than the RC delay of the ON resistance of the switch and the load capacitance. Since this time constant is much smaller than the rise and fall times of typical driving signals, it adds very little propagation delay to the system. Propagation delay of the bus switch, when used in a system, is determined by the driving circuit on the driving side of the switch and its interaction with the load on the driven side.
4
IDTQS32390 HIGH-SPEED CMOS QUICKSWITCH 16:8 MULTIPLEXER
INDUSTRIAL TEMPERATURE RANGE
ORDERING IN.ORMATION
IDTQS XXXXX Device Type XX Package
Q
Quarter Size Outline Package
32390
High Speed CMOS QuickSwitch 16:8 Multiplexer
As per PCN L0201-02, the Output Resistance (RON) specifications have changed as of March 8, 2002. The original specifications were:
Parameter RON Description VCC = Min, VIN = 0V, ION = 30mA VCC = Min, VIN = 2.4V, ION = 15mA Min. 20 24 Typ. 28 35 Max. 40 48 Unit
CORPORATE HEADQUARTERS 2975 Stender Way Santa Clara, CA 95054
for SALES: 800-345-7015 or 408-727-6116 fax: 408-492-8674 www.idt.com
for Tech Support: logichelp@idt.com (408) 654-6459
5


▲Up To Search▲   

 
Price & Availability of IDTQS32390

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X