Part Number Hot Search : 
SF088 00CTT ET110 TC9329FA 361505 0J100 SMCJ90 VP0109
Product Description
Full Text Search
 

To Download IDT74LVC16501A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IDT74LVC16501A 3.3V CMOS 18-BIT REGISTERED TRANSCEIVER
INDUSTRIAL TEMPERATURE RANGE
3.3V CMOS 18-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O
* Typical tSK(o) (Output Skew) < 250ps * ESD > 2000V per MIL-STD-883, Method 3015; > 200V using machine model (C = 200pF, R = 0) * VCC = 3.3V 0.3V, Normal Range * VCC = 2.7V to 3.6V, Extended Range * CMOS power levels (0.4 W typ. static) * All inputs, outputs, and I/O are 5V tolerant * Supports hot insertion * Available in SSOP, TSSOP, and TVSOP packages
IDT74LVC16501A
FEATURES:
DESCRIPTION:
DRIVE FEATURES: APPLICATIONS:
* High Output Drivers: 24mA * Reduced system switching noise
* 5V and 3.3V mixed voltage systems * Data communication and telecommunication systems
The LVC16501A is built using advanced dual metal CMOS technology. This high-speed, low power 18-bit registered bus transceiver combines Dtype latches and D-type flip-flops to allow data flow in transparent, latched, and clocked modes. Data flow in each direction is controlled by outputenable (OEAB and OEBA), latch enable (LEAB and LEBA) and clock (CLKAB and CLKBA) inputs. For A-to-B data flow, the device operates in transparent mode when LEAB is high. When LEAB is low, the A data is latched if CLKAB is held at a high or low logic level. If LEAB is low, the A bus data is stored in the latch/flip-flop on the low-to-high transition of CLKAB. OEAB performs the output enable function on the B port. Data flow from B port to A port is similar but requires using OEBA, LEBA and CLKBA. Flowthrough organization of signal pins simplifies layout. All inputs are designed with hysteresis for improved noise margin. The LVC16501A has been designed with a 24mA output driver. This driver is capable of driving a moderate to heavy load while maintaining speed performance. Inputs can be driven from either 3.3V or 5V devices. This feature allows the use of this device as a translator in a mixed 3.3V/5V supply system.
FUNCTIONAL BLOCK DIAGRAM
OEAB CLKBA LEBA OEBA CLKAB LEAB
1
30
28
27
55
2
C A1
3
C D
54
D
B1
C D
C D
TO 17 OTHER CHANNELS
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
INDUSTRIAL TEMPERATURE RANGE
1
(c) 1999 Integrated Device Technology, Inc.
MARCH 1999
DSC-4481/2
IDT74LVC16501A 3.3V CMOS 18-BIT REGISTERED TRANSCEIVER
INDUSTRIAL TEMPERATURE RANGE
PIN CONFIGURATION
OEAB LEAB A1 GND A2 A3 VCC A4 A5 A6 GND A7 A8 A9 A10 A11 A12 GND A13 A14 A15 VCC A16 A17 GND A18 OEBA LEBA 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 56 55 54 53 52 51 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 GND CLKAB B1 GND B2 B3 VCC B4 B5 B6 GND B7 B8 B9 B10 B11 B12 GND B13 B14 B15 VCC B16 B17 GND B18 CLKBA GND
ABSOLUTE MAXIMUM RATINGS(1)
Symbol Description Max VTERM TSTG IOUT IIK IOK ICC ISS Terminal Voltage with Respect to GND Storage Temperature DC Output Current Continuous Clamp Current, VI < 0 or VO < 0 Continuous Current through each VCC or GND -0.5 to +6.5 -65 to +150 -50 to +50 -50 100
Unit V C mA mA mA
NOTE: 1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability.
CAPACITANCE (TA = +25C, F = 1.0MHz)
Symbol CIN COUT CI/O Parameter(1) Input Capacitance Output Capacitance I/O Port Capacitance Conditions VIN = 0V VOUT = 0V VIN = 0V Typ. 4.5 6.5 6.5 Max. 6 8 8 Unit pF pF pF
NOTE: 1. As applicable to the device type.
PIN DESCRIPTION
Pin Names OEAB OEBA LEAB LEBA CLKAB CLKBA Ax Bx Description A-to-B Output Enable Input (Active HIGH) B-to-A Output Enable Input (Active LOW) A-to-B Latch Enable Input B-to-A Latch Enable Input A-to-B Clock Input B-to-A Clock Input A-to-B Data Inputs or B-to-A 3-State Outputs B-to-A Data Inputs or A-to-B 3-State Outputs
SSOP/ TSSOP/ TVSOP TOP VIEW
2
IDT74LVC16501A 3.3V CMOS 18-BIT REGISTERED TRANSCEIVER
INDUSTRIAL TEMPERATURE RANGE
FUNCTION TABLE(1,2)
Inputs OEAB L H H H H H H LEAB X H H L L L L CLKAB X X X L H Ax X L H L H X X Outputs Bx Z L H L H B(3) B(4)
NOTES: 1. H = HIGH Voltage Level X = Don't Care L = LOW Voltage Level Z = High-Impedance = LOW-to-HIGH transition 2. A-to-B data flow is shown. B-to-A data flow is similar but uses OEBA, LEBA, and CLKBA. 3. Output level before the indicated steady-state input conditions were established. 4. Output level before the indicated steady-state input conditions were established, provided that CLKAB was HIGH before LEAB went LOW.
DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE
Following Conditions Apply Unless Otherwise Specified: Operating Condition: TA = -40C to +85C
Symbol VIH VIL IIH IIL IOZH IOZL IOFF VIK VH ICCL ICCH ICCZ ICC High Impedance Output Current (3-State Output pins) Input/Output Power Off Leakage Clamp Diode Voltage Input Hysteresis Quiescent Power Supply Current VCC = 0V, VIN or VO 5.5V VCC = 2.3V, IIN = -18mA VCC = 3.3V VCC = 3.6V VIN = GND or VCC -- -- -- -- -- -- -- -0.7 100 -- -- -- 50 -1.2 -- 10 10 500 A V mV A VCC = 3.6V VO = 0 to 5.5V -- -- 10 A Parameter Input HIGH Voltage Level Input LOW Voltage Level Input Leakage Current VCC = 2.3V to 2.7V VCC = 2.7V to 3.6V VCC = 2.3V to 2.7V VCC = 2.7V to 3.6V VCC = 3.6V VI = 0 to 5.5V Test Conditions Min. 1.7 2 -- -- -- Typ.(1) -- -- -- -- -- Max. -- -- 0.7 0.8 5 A V Unit V
Quiescent Power Supply Current Variation
3.6 VIN 5.5V(2) One input at VCC - 0.6V, other inputs at VCC or GND
A
NOTES: 1. Typical values are at VCC = 3.3V, +25C ambient. 2. This applies in the disabled state only.
3
IDT74LVC16501A 3.3V CMOS 18-BIT REGISTERED TRANSCEIVER
INDUSTRIAL TEMPERATURE RANGE
OUTPUT DRIVE CHARACTERISTICS
Symbol VOH Parameter Output HIGH Voltage VCC = 2.3V VCC = 2.3V VCC = 2.7V VCC = 3V VCC = 3V VOL Output LOW Voltage VCC = 2.3V to 3.6V VCC = 2.3V VCC = 2.7V VCC = 3V IOH = - 24mA IOL = 0.1mA IOL = 6mA IOL = 12mA IOL = 12mA IOL = 24mA Test Conditions(1) VCC = 2.3V to 3.6V IOH = - 0.1mA IOH = - 6mA IOH = - 12mA Min. VCC - 0.2 2 1.7 2.2 2.4 2.2 -- -- -- -- -- Max. -- -- -- -- -- -- 0.2 0.4 0.7 0.4 0.55 V Unit V
NOTE: 1. VIH and VIL must be within the min. or max. range shown in the DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE table for the appropriate VCC range. TA = - 40C to + 85C.
OPERATING CHARACTERISTICS, VCC = 3.3V 0.3V, TA = 25C
Symbol CPD CPD Parameter Power Dissipation Capacitance per Transceiver Outputs enabled Power Dissipation Capacitance per Transceiver Outputs disabled Test Conditions CL = 0pF, f = 10Mhz Typical Unit pF
SWITCHING CHARACTERISTICS(1)
VCC = 2.7V Symbol fMAX tPLH tPHL tPLH tPHL tPLH tPHL tPZH tPZL tPHZ tPLZ tSU tH tSU tH tW tW tSK(o) Propagation Delay Ax to Bx or Bx to Ax Propagation Delay LEBA to Ax, LEAB to Bx Propagation Delay CLKBA to Ax, CLKAB to Bx Output Enable Time OEBA to Ax, OEAB to Bx Output Disable Time OEBA to Ax, OEAB to Bx Set-up Time HIGH or LOW, Ax to CLKAB, Bx to CLKBA Hold Time HIGH or LOW, Ax to CLKAB, Bx to CLKBA Set-up Time HIGH or LOW Ax to LEAB, Bx to LEBA Clock LOW Clock HIGH 3 0 2.5 2.5 1.5 3 3 -- -- -- -- -- -- -- 3 0 2.5 2.5 1.5 3 3 -- -- -- -- -- -- -- 500 ns ns ns ps ns ns ns 1.5 5.6 1.5 5.2 ns 1.5 6 1.5 5.6 ns 1.5 5.6 1.5 5.3 ns 1.5 5.6 1.5 5.3 ns Parameter Min. 150 1.5 Max. -- 5.1 VCC = 3.3V 0.3V Min. 150 1.5 Max. -- 4.6 Unit MHz ns
Hold Time HIGH or LOW, Ax to LEAB, Bx to LEBA LEAB or LEBA Pulse Width HIGH or LOW CLKAB or CLKBA Pulse Width HIGH or LOW Output Skew(2)
--
--
--
NOTES: 1. See TEST CIRCUITS AND WAVEFORMS. TA = - 40C to + 85C. 2. Skew between any two outputs of the same package and switching in the same direction.
4
IDT74LVC16501A 3.3V CMOS 18-BIT REGISTERED TRANSCEIVER
INDUSTRIAL TEMPERATURE RANGE
TEST CIRCUITS AND WAVEFORMS TEST CONDITIONS
Symbol VLOAD VIH VT VLZ VHZ CL VCC(1)= 3.3V0.3V VCC(1)= 2.7V 6 2.7 1.5 300 300 50
VCC 500 Pulse (1, 2) Generator VIN D.U.T. RT 500 CL
LVC Link
VCC(2)= 2.5V0.2V 2 x Vcc Vcc Vcc / 2 150 150 30
Unit V V V mV mV pF
VLOAD Open GND
6 2.7 1.5 300 300 50
SAME PHASE INPUT TRANSITION tPLH OUTPUT tPLH OPPOSITE PHASE INPUT TRANSITION tPHL tPHL
VIH VT 0V VOH VT VOL VIH VT 0V
LVC Link
Propagation Delay
ENABLE CONTROL INPUT tPZL OUTPUT SWITCH NORMALLY CLOSED LOW tPZH OUTPUT SWITCH NORMALLY OPEN HIGH VLOAD/2 VT tPHZ VT 0V tPLZ DISABLE VIH VT 0V VLOAD/2 VOL+VLZ VOL VOH VOH-VHZ 0V
LVC Link
VOUT
Test Circuit for All Outputs
DEFINITIONS: CL = Load capacitance: includes jig and probe capacitance. RT = Termination resistance: should be equal to ZOUT of the Pulse Generator. NOTES: 1. Pulse Generator for All Pulses: Rate 10MHz; tF 2.5ns; tR 2.5ns. 2. Pulse Generator for All Pulses: Rate 10MHz; tF 2ns; tR 2ns.
NOTE: 1. Diagram shown for input Control Enable-LOW and input Control Disable-HIGH.
Enable and Disable Times
SWITCH POSITION
Test Open Drain Disable Low Enable Low Disable High Enable High All Other Tests Switch VLOAD GND Open
VIH VT 0V VOH VT VOL VOH VT VOL tPLH2 tPHL2
LVC Link
DATA INPUT TIMING INPUT ASYNCHRONOUS CONTROL SYNCHRONOUS CONTROL
tSU
tH
tREM
tSU
tH
VIH VT 0V VIH VT 0V VIH VT 0V VIH VT 0V
LVC Link
INPUT
Set-up, Hold, and Release Times
LOW-HIGH-LOW PULSE tW HIGH-LOW-HIGH PULSE VT
LVC Link
tPLH1
tPHL1
OUTPUT 1
VT
tSK (x)
tSK (x)
OUTPUT 2
tSK(x) = tPLH2 - tPLH1 or tPHL2 - tPHL1
Pulse Width
Output Skew - tSK(X)
NOTES: 1. For tSK(o) OUTPUT1 and OUTPUT2 are any two outputs. 2. For tSK(b) OUTPUT1 and OUTPUT2 are in the same bank.
5
IDT74LVC16501A 3.3V CMOS 18-BIT REGISTERED TRANSCEIVER
INDUSTRIAL TEMPERATURE RANGE
ORDERING INFORMATION
X LVC IDT XX Bus-Hold Temp. Range XX Family XX XXXX Device Type Package
PV PA PF 501A 16 Blank 74
Shrink Small Outline Package Thin Shrink Small Outline Package Thin Very Small Outline Package 18-bit Registered Transceiver with 3 State Outputs Double-Density with Resistors, 24mA No Bus-hold -40C to +85C
CORPORATE HEADQUARTERS 2975 Stender Way Santa Clara, CA 95054
for SALES: 800-345-7015 or 408-727-6116 fax: 408-492-8674 www.idt.com
for Tech Support: logichelp@idt.com (408) 654-6459
6


▲Up To Search▲   

 
Price & Availability of IDT74LVC16501A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X