Part Number Hot Search : 
7005S55J PT380 BT169 16241 IRFS4 M18109A V115K7 ASI4U
Product Description
Full Text Search
 

To Download IDT74FCT162823CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IDT74FCT162823AT/CT FAST CMOS 18-BIT REGISTER
INDUSTRIAL TEMPERATURE RANGE
FAST CMOS 18-BIT REGISTER
IDT74FCT162823AT/CT
FEATURES:
* * * * * * * *
0.5 MICRON CMOS Technology High-speed, low-power CMOS replacement for ABT functions Typical tSK(o) (Output Skew) < 250ps Low input and output leakage 1A (max.) VCC = 5V 10% Balanced Output Drivers of 24mA Reduced system switching noise Typical VOLP (Output Ground Bounce) < 0.6V at VCC = 5V, TA = 25C * Available in SSOP and TSSOP packages
DESCRIPTION:
The FCT162823T 18-bit bus interface register is built using advanced, dual metal CMOS technology. These high-speed, low-power registers with clock enable (xCLKEN) and clear (xCLR) controls are ideal for parity bus interfacing in high-performance synchronous systems. The control inputs are organized to operate the device as two 9-bit registers or one 18-bit register. Flow-through organization of signal pins simplifies layout. All inputs are designed with hysteresis for improved noise margin. The FCT162823T has balanced output drive with current limiting resistors. This offers low ground bounce, minimal undershoot, and controlled output fall times - reducing the need for external series terminating resistors. The FCT162823T is a plug-in replacement for the FCT16823T and ABT16823 for on-board interface applications.
FUNCTIONAL BLOCK DIAGRAM
2 1OE 1C LR 1C LK 55 1C LKEN 2C LKEN 1 56 2C LK 2O E 2C LR
27
28
29 30
R C D 54 1D 1 2D 1 3 1Q 1 42
R C D 15 2Q 1
TO EIGHT OTHE R CHANNELS
TO EIGHT OTHER CHANNELS
INDUSTRIAL TEMPERATURE RANGE
1
(c) 2002 Integrated Device Technology, Inc.
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
JUNE 2002
DSC-5437/3
IDT74FCT162823AT/CT FAST CMOS 18-BIT REGISTER
INDUSTRIAL TEMPERATURE RANGE
PIN CONFIGURATION
1CLR 1OE 1Q1
ABSOLUTE MAXIMUM RATINGS(1)
Symbol Description Terminal Voltage with Respect to GND Terminal Voltage with Respect to GND Storage Temperature DC Output Current Max -0.5 to 7 -0.5 to VCC+0.5 -65 to +150 -60 to +120 Unit V V C mA
56 55 54 53 52 51 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28
VTERM(2)
1CLK 1CLKEN 1D1
VTERM(3) TSTG IOUT
GND
1Q2 1Q3
GND
1D2 1D3
VCC
1Q4 1Q5 1Q6
VCC
1D4 1D5 1D6
NOTES: 1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability. 2. All device terminals except FCT162XXX Output and I/O terminals. 3. Outputs and I/O terminals for FCT162XXX.
CAPACITANCE (TA = +25C, f = 1.0MHz)
Symbol CIN COUT Parameter(1) Input Capacitance Output Capacitance Conditions VIN = 0V VOUT = 0V Typ. 3.5 3.5 Max. 6 8 Unit pF pF
GND
1Q7 1Q8 1Q9 2Q1 2Q2 2Q3
GND
1D7 1D8 1D9 2D1 2D2 2D3
NOTE: 1. This parameter is measured at characterization but not tested.
PIN DESCRIPTION
Pin Names xDx xCLK xCLKEN xCLR xOE xOx Data Inputs Clock Inputs Clock Enable Inputs (Active LOW) Asynchronous clear Inputs (Active LOW) Output Enable Inputs (ActiveLOW) 3-State Outputs Description
GND
2Q4 2Q5 2Q6
GND
2D4 2D5 2D6
VCC
2Q7 2Q8
VCC
2D7 2D8
GND
2Q9 2OE 2CLR
GND
2D9 2CLKEN 2CLK
FUNCTION TABLE(1)
xOE H L L H H L L xCLR X L H H H H H Inputs xCLKEN X X H L L L L xCLK X X X xDx X X X L H L H Outputs xQx Function Z High Z L Clear Q(2) Hold Z Load Z L H
SSOP/ TSSOP TOP VIEW
NOTES: 1. H = HIGH Voltage Level L = LOW Voltage Level X = Don't Care Z = High-Impedance 2. Output level before indicated steady-state input conditions were established.
2
IDT74FCT162823AT/CT FAST CMOS 18-BIT REGISTER
INDUSTRIAL TEMPERATURE RANGE
DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE
Following Conditions Apply Unless Otherwise Specified: Industrial: TA = -40C to +85C, VCC = 5.0V 10%
Symbol VIH VIL IIH IIL IOZH IOZL VIK IOS VH ICCL ICCH ICCZ Parameter Input HIGH Level Input LOW Level Input HIGH Current (Input pins)(4) Input HIGH Current (I/O pins)(4) Input LOW Current (Input pins)(4) Input LOW Current (I/O pins)(4) High Impedance Output Current (3-State Output pins)(4) Clamp Diode Voltage Short Circuit Current Input Hysteresis Quiescent Power Supply Current VCC = Max VIN = GND or VCC VCC = Min., IIN = -18mA VCC = Max., VO = GND(3) -- VCC = Max. VO = 2.7V VO = 0.5V VI = GND Test Conditions(1) Guaranteed Logic HIGH Level Guaranteed Logic LOW Level VCC = Max. VI = VCC Min. 2 -- -- -- -- -- -- -- -- -80 -- -- Typ.(2) -- -- -- -- -- -- -- -- -0.7 -140 100 5 Max. -- 0.8 1 1 1 1 1 1 -1.2 -250 -- 500 V mA mV A A Unit V V A
OUTPUT DRIVE CHARACTERISTICS
Symbol IODL IODH VOH VOL Parameter Output LOW Current Output HIGH Current Output HIGH Voltage Output LOW Voltage Test Conditions(1) VCC = 5V, VIN = VIH or VIL, VO = 1.5V(3) VCC = 5V, VIN = VIH or VIL, VCC = Min. VIN = VIH or VIL VCC = Min. VIN = VIH or VIL
NOTES: 1. For conditions shown as Min. or Max., use appropriate value specified under Electrical Characteristics for the applicable device type. 2. Typical values are at VCC = 5.0V, +25C ambient. 3. Not more than one output should be shorted at one time. Duration of the test should not exceed one second. 4. This test limit for this parameter is 5A at TA = -55C.
Min. 60 -60 2.4 --
Typ.(2) 115 -115 3.3 0.3
Max. 200 -200 -- 0.55
Unit mA mA V V
VO = 1.5V(3) IOH = -24mA IOL = 24mA
3
IDT74FCT162823AT/CT FAST CMOS 18-BIT REGISTER
INDUSTRIAL TEMPERATURE RANGE
POWER SUPPLY CHARACTERISTICS
Symbol ICC ICCD Parameter Quiescent Power Supply Current TTL Inputs HIGH Dynamic Power Supply Current(4) Test Conditions(1) VCC = Max. VIN = 3.4V(3) VCC = Max. Outputs Open xOE = xCLKEN = GND One Input Toggling 50% Duty Cycle VCC = Max. Outputs Open fCP = 10MHz 50% Duty Cycle xOE = xCLKEN = GND at fi = 5MHz 50% Duty Cycle One Bit Toggling VCC = Max. Outputs Open fCP = 10MHz 50% Duty Cycle xOE = xCLKEN = GND at fi = 2.5MHz 50% Duty Cycle Eighteen Bits Toggling VIN = VCC VIN = GND Min. -- -- Typ.(2) 0.5 75 Max. 1.5 120 Unit mA A/ MHz
IC
Total Power Supply Current(6)
VIN = VCC VIN = GND
--
0.8
1.7
mA
VIN = 3.4V VIN = GND
--
1.3
3.2
VIN = VCC VIN = GND
--
4.2
7.1(5)
VIN = 3.4V VIN = GND
--
9.2
22.1(5)
NOTES: 1. For conditions shown as Min. or Max., use appropriate value specified under Electrical Characteristics for the applicable device type. 2. Typical values are at VCC = 5.0V, +25C ambient. 3. Per TTL driven input (VIN = 3.4V). All other inputs at VCC or GND. 4. This parameter is not directly testable, but is derived for use in Total Power Supply Calculations. 5. Values for these conditions are examples of the ICC formula. These limits are guaranteed but not tested. 6. IC = IQUIESCENT + IINPUTS + IDYNAMIC IC = ICC + ICC DHNT + ICCD (fCPNCP/2 + fiNi) ICC = Quiescent Current (ICCL, ICCH and ICCZ) ICC = Power Supply Current for a TTL High Input (VIN = 3.4V) DH = Duty Cycle for TTL Inputs High NT = Number of TTL Inputs at DH ICCD = Dynamic Current Caused by an Input Transition Pair (HLH or LHL) fCP = Clock Frequency for Register Devices (Zero for Non-Register Devices) NCP = Number of Clock Inputs at fCP fi = Input Frequency Ni = Number of Inputs at fi
4
IDT74FCT162823AT/CT FAST CMOS 18-BIT REGISTER
INDUSTRIAL TEMPERATURE RANGE
SWITCHING CHARACTERISTICS OVER OPERATING RANGE
Symbol Parameter Propagation Delay tPLH tPHL xCLKx to xOx Condition(1) CL = 50pF RL = 500 CL = 300pF(4) RL = 500 CL = 50pF RL = 500 CL = 50pF RL = 500 CL = 300pF(4) RL = 500 CL = 50pF(4) RL = 500 CL = 50pF RL = 500 CL = 50pF RL= 500 FCT162823AT Min.(2) Max. 1.5 10 1.5 1.5 1.5 1.5 1.5 1.5 3 1.5 3 0 6 6 6 -- 20 14 12 23 7 8 -- -- -- -- -- -- -- 0.5 FCT162823CT Min.(2) Max. 1.5 4.7 1.5 1.5 1.5 1.5 1.5 1.5 1.5 0 2.5 0 3 3 3 -- 8 4.7 4.4 9 3.6 3.6 -- -- -- -- -- -- -- 0.5 ns ns ns ns ns ns ns ns ns ns ns Unit ns
tPHL tPZH tPZL
Propagation Delay xCLR to xQx Output Enable Time xOE to xOx
tPHZ tPLZ
Output Disable Time xOE to xOx
tSU tH tSU tH tW tW tREM tSK(o)
Set-up Time HIGH or LOW xDx to xCLK Hold Time HIGH or LOW, xDx to xCLK Set-up Time HIGH or LOW, xCLKEN to xCLK Hold Time HIGH or LOW, xCLKEN to xCLK xCLK Pulse Width HIGH or LOW xCLR Pulse Width LOW Recovery Time, xCLR to xCLK Output Skew(3)
NOTES: 1. See test circuit and waveforms. 2. Minimum limits are guaranteed but not tested on Propagation Delays. 3. Skew between any two outputs, of the same package, switching in the same direction. This parameter is guaranteed by design. 4. This condition is guaranteed but not tested.
5
IDT74FCT162823AT/CT FAST CMOS 18-BIT REGISTER
INDUSTRIAL TEMPERATURE RANGE
TEST CIRCUITS AND WAVEFORMS
V CC 7.0V 500 V IN Pulse Generator D.U.T. 50pF RT 500 CL V OUT
SWITCH POSITION
Test Open Drain Disable Low Enable Low All Other Tests Switch Closed Open
DEFINITIONS: CL = Load capacitance: includes jig and probe capacitance. RT = Termination resistance: should be equal to ZOUT of the Pulse Generator.
Test Circuits for All Outputs
DATA INPUT tSU TIM ING INPUT ASYNCHRONOUS CONTROL PRES ET CLEA R ETC. SYNCHRONOUS CONTROL PRES ET CLEA R CLOCK ENABLE ETC. tREM
tH
3V 1.5V 0V 3V 1.5V 0V 3V 1.5V 0V 3V 1.5V 0V
LOW -HIGH-LOW PULSE tW HIGH-LOW -HIGH PULSE
1.5V
1.5V
tSU
tH
Pulse Width
Set-up, Hold, and Release Times
ENABLE SAM E PHASE INPUT TRANSITION tPLH OUTPUT tPLH OPPOSITE P HASE INPUT TRANSITION tPHL tPHL 3V 1.5V 0V VOH 1.5V VOL 3V 1.5V 0V DISABLE 3V CONTROL INPUT tPZL OUTPUT NORM ALLY LOW SW ITCH CLOSED tPZH OUTPUT NORM ALLY HIGH SW ITCH OPEN 3.5V 1.5V 0.3V tPHZ 0.3V 1.5V 0V 0V VOH tPLZ 1.5V 0V 3.5V VOL
Propagation Delay
Enable and Disable Times
NOTES: 1. Diagram shown for input Control Enable-LOW and input Control Disable-HIGH. 2. Pulse Generator for All Pulses: Rate 1.0MHz; tF 2.5ns; tR 2.5ns.
6
IDT74FCT162823AT/CT FAST CMOS 18-BIT REGISTER
INDUSTRIAL TEMPERATURE RANGE
ORDERING INFORMATION
IDT XX FCT Temp. Range XXX Family XXXX Device Type XX Package
PV PA
Shrink Small Outline Package Thin Shrink Small Outline Package
823AT 823CT
18-Bit Register
162
Double-Density, 5 Volt, Balanced Drive
74
- 40C to +85C
DATA SHEET DOCUMENT HISTORY 4/10/2002 Removed B speed option 5/21/2002 Removed TVSOP package 6/20/2002 Updated as per PDNs Logic-00-07 and Logic-01-04
CORPORATE HEADQUARTERS 2975 Stender Way Santa Clara, CA 95054
for SALES: 800-345-7015 or 408-727-6116 fax: 408-492-8674 www.idt.com
for Tech Support: logichelp@idt.com (408) 654-6459
7


▲Up To Search▲   

 
Price & Availability of IDT74FCT162823CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X