Part Number Hot Search : 
C5107M SPX29 37214 54HC112 C5107M SMAJ33A P6KE56 NJM2370
Product Description
Full Text Search
 

To Download ICS8302-01 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Integrated Circuit Systems, Inc.
ICS8302-01
LOW SKEW, 1-TO-2 LVCMOS / LVTTL FANOUT BUFFER W/ COMPLEMENTARY OUTPUT
FEATURES
* Complementary LVCMOS / LVTTL output * LVCMOS / LVTTL clock input accepts LVCMOS or LVTTL input levels * Maximum output frequency: 250MHz * Output skew: 165ps (maximum) * Part-to-part skew: 800ps (maximum) * Small 8 lead SOIC package saves board space * Full 3.3V or 3.3V core, 2.5V supply modes * 0C to 70C ambient operating temperature * Industrial temperature information available upon request
GENERAL DESCRIPTION
T h e I C S 8 3 0 2-01 i s a l o w s k e w, 1 - t o - 2 LVCMOS/LVTTL Fanout Buffer w/ComplemenHiPerClockSTM tary Output and a member of the HiPerClockSTM family of High Performance Clock Solutions from ICS. The ICS8302-01 has a single ended clock input. The single ended clock input accepts LVCMOS or LVTTL input levels. The ICS8302-01 is characterized at full 3.3V for input VDD, and mixed 3.3V and 2.5V for o u t p u t o p e r a t i n g s u p p l y m o d e s (V DDO). G u a r a n t e e d output and part-to-part skew characteristics make the I C S 8 3 0 2-01 i d e a l f o r clock distribution applications demanding well defined performance and repeatability.
,&6
BLOCK DIAGRAM
Q CLK nQ
PIN ASSIGNMENT
VDDO VDD CLK GND 1 2 3 4 8 7 6 5 Q GND VDDO nQ
ICS8302-01
8-Lead SOIC 3.8mm x 4.8mm, x 1.47mm package body M Package Top View
8302AM-01
www.icst.com/products/hiperclocks.html
1
REV. A DECEMBER 10, 2002
Integrated Circuit Systems, Inc.
ICS8302-01
LOW SKEW, 1-TO-2 LVCMOS / LVTTL FANOUT BUFFER W/ COMPLEMENTARY OUTPUT
Type Power Power Input Power Output Output Pulldown Description Output supply pins. Core supply pin. LVCMOS / LVTTL clock input. Power supply ground. Complementary clock output. LVCMOS / LVTTL interface levels. Clock output. LVCMOS / LVTTL interface levels.
TABLE 1. PIN DESCRIPTIONS
Number 1, 6 2 3 4,7 5 8 Name VDDO VDD CLK GND nQ Q
NOTE: Pullup and Pulldown refer to internal input resistors. See Table 2, Pin Characteristics, for typical values.
TABLE 2. PIN CHARACTERISTICS
Symbol CIN CPD RPULLUP RPULLDOWN ROUT Parameter Input Capacitance Power Dissipation Capacitance (per output) Input Pullup Resistor Input Pulldown Resistor Output Impedance VDD, VDDO = 3.465V VDD = 3.465V, VDDO = 2.625V 22 16 51 51 7 Test Conditions Minimum Typical Maximum 4 Units pF pF pF K K
8302AM-01
www.icst.com/products/hiperclocks.html
2
REV. A DECEMBER 10, 2002
Integrated Circuit Systems, Inc.
ICS8302-01
LOW SKEW, 1-TO-2 LVCMOS / LVTTL FANOUT BUFFER W/ COMPLEMENTARY OUTPUT
4.6V -0.5V to VDD + 0.5 V -0.5V to VDDO + 0.5V 112.7C/W (0 lfpm) -65C to 150C NOTE: Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These ratings are stress specifications only. Functional operation of product at these conditions or any conditions beyond those listed in the DC Characteristics or AC Characteristics is not implied. Exposure to absolute maximum rating conditions for extended periods may affect product reliability.
ABSOLUTE MAXIMUM RATINGS
Supply Voltage, VDD Inputs, VI Outputs, VO Package Thermal Impedance, JA Storage Temperature, TSTG
TABLE 3A. POWER SUPPLY DC CHARACTERISTICS, VDD = VDDO = 3.3V5%, TA = 0C TO 70C
Symbol VDD VDDO IDD IDDO Parameter Core Supply Voltage Output Power Supply Voltage Power Supply Current Output Supply Current Test Conditions Minimum 3.135 3.135 Typical 3.3 3.3 Maximum 3.465 3.465 13 4 Units V V mA mA
TABLE 3B. LVCMOS / LVTTL DC CHARACTERISTICS, VDD = VDDO = 3.3V5%, TA = 0C TO 70C
Symbol VIH VIL IIH IIL VOH VOL Parameter Input High Voltage Input Low Voltage Input High Current Input Low Current Output High Voltage Output Low Voltage CLK CLK VDD = VIN = 3.465V VDD = 3.465V, VIN = 0V 50 to VDDO/2 IOH = -100A 50 to VDDO/2 IOL = 100A -5 2.6 2.9 0.5 0.2 Test Conditions Minimum 2 -0.3 Typical Maximum VDD + 0.3 1.3 150 Units V V A A V V V V
TABLE 4A. AC CHARACTERISTICS, VDD = VDDO = 3.3V5%, TA = 0C TO 70C
Symbol Parameter fMAX tpLH Output Frequency Propagation Delay, Low-to-High; NOTE 1 Output Skew; NOTE 2, 4 Par t-to-Par t Skew; NOTE 3, 4 Output Rise/Fall Time Output Duty Cycle 20% to 80% 133MHz 300 45 1.8 2.18 50 Test Conditions Minimum Typical Maximum 250 2.7 165 800 800 55 60 Units MHz ns ps ps ps % %
tsk(o) tsk(pp)
tR / tF odc
133MHz < 250MHz 40 NOTE 1: Measured from VDD/2 of the input to VDDO/2 of the output. NOTE 2: Defined as skew between outputs at the same supply voltage and with equal load conditions. Measured at VDDO/2. NOTE 3: Defined as skew between outputs on different devices operating at the same supply voltages and with equal load conditions. Using the same type of inputs on each device, the outputs are measured at VDDO/2. NOTE 4: This parameter is defined in accordance with JEDEC Standard 65.
8302AM-01
www.icst.com/products/hiperclocks.html
3
REV. A DECEMBER 10, 2002
Integrated Circuit Systems, Inc.
ICS8302-01
LOW SKEW, 1-TO-2 LVCMOS / LVTTL FANOUT BUFFER W/ COMPLEMENTARY OUTPUT
Test Conditions Minimum 3.135 2.375 Typical 3.3 2.5 Maximum 3.465 2.625 13 4 Units V V mA mA
TABLE 3C. POWER SUPPLY DC CHARACTERISTICS, VDD = 3.3V5%, VDDO = 2.5V5%, TA = 0C TO 70C
Symbol VDD VDDO IDD IDDO Parameter Positive Supply Voltage Output Supply Voltage Power Supply Current Output Supply Current
TABLE 3D. LVCMOS / LVTTL DC CHARACTERISTICS, VDD = 3.3V5%, VDDO = 2.5V5%, TA = 0C TO 70C
Symbol VIH VIL IIH IIL VOH VOL Parameter Input High Voltage Input Low Voltage Input High Current Input Low Current Output High Voltage Output Low Voltage CLK CLK VDD = VIN = 3.465V VDD = 3.465V, VIN = 0V 50 to VDDO/2 IOH = -100A 50 to VDDO/2 IOL = 100A -5 1.8 2.2 0.5 0.2 Test Conditions Minimum 2 -0.3 Typical Maximum VDD + 0.3 1.3 150 Units V V A A V V V
V
TABLE 4B. AC CHARACTERISTICS, VDD = 3.3V5%, VDDO = 2.5V5%, TA = 0C TO 70C
Symbol Parameter fMAX tpLH Output Frequency Propagation Delay, Low-to-High; NOTE 1 Output Skew; NOTE 2, 4 Par t-to-Par t Skew; NOTE 3, 4 Output Rise/Fall Time Output Duty Cycle 20% to 80% 133MHz 250 45 1.9 Test Conditions Minimum Typical Maximum 250 2.9 250 900 650 55 60 Units MHz ns ps ps ps % %
tsk(o) tsk(pp)
tR / tF odc
133MHz < 250MHz 40 NOTE 1: Measured from VDD/2 of the input to VDDO/2 of the output. NOTE 2: Defined as skew between outputs at the same supply voltage and with equal load conditions. Measured at VDDO/2. NOTE 3: Defined as skew between outputs on different devices operating at the same supply voltages and with equal load conditions. Using the same type of inputs on each device, the outputs are measured at VDDO/2. NOTE 4: This parameter is defined in accordance with JEDEC Standard 65.
8302AM-01
www.icst.com/products/hiperclocks.html
4
REV. A DECEMBER 10, 2002
Integrated Circuit Systems, Inc.
ICS8302-01
LOW SKEW, 1-TO-2 LVCMOS / LVTTL FANOUT BUFFER W/ COMPLEMENTARY OUTPUT
PARAMETER MEASUREMENT INFORMATION
VDD, VDDO = 1.65V5% 2.05V5% 1.25V5%
SCOPE LVCMOS
Qx
VDD VDDO
SCOPE
Qx
LVCMOS
GND = -1.65V5%
GND = -1.25V5%
3.3V OUTPUT LOAD AC TEST CIRCUIT
V
3.3V/2.5V OUTPUT LOAD AC TEST CIRCUIT
V
Q
DD
CLK
2 V
DDO
DDO
2 V
Q nQ
V
2
DDO
nQ
DDO
2
2 t
PD
tsk(o)
PROPAGATION DELAY
PART 1 Q PART 2 Q nQ
V V
DD
OUTPUT SKEW
2 V
DDO
80%
80%
2
Clock Outputs
DDO
20% t
R
20% t
F
2 tsk(pp)
PART-TO-PART SKEW
OUTPUT RISE/FALL TIME
nQ
VDDO VDDO 2
Q
2
t PW t PERIOD t PW t PERIOD
odc =
odc & tPERIOD
8302AM-01
www.icst.com/products/hiperclocks.html
5
REV. A DECEMBER 10, 2002
Integrated Circuit Systems, Inc.
ICS8302-01
LOW SKEW, 1-TO-2 LVCMOS / LVTTL FANOUT BUFFER W/ COMPLEMENTARY OUTPUT RELIABILITY INFORMATION
TABLE 5. JAVS. AIR FLOW TABLE
qJA by Velocity (Linear Feet per Minute)
0
Single-Layer PCB, JEDEC Standard Test Boards Multi-Layer PCB, JEDEC Standard Test Boards 153.3C/W 112.7C/W
200
128.5C/W 103.3C/W
500
115.5C/W 97.1C/W
NOTE: Most modern PCB designs use multi-layered boards. The data in the second row pertains to most designs.
TRANSISTOR COUNT
The transistor count for ICS8302-01 is: 322
8302AM-01
www.icst.com/products/hiperclocks.html
6
REV. A DECEMBER 10, 2002
Integrated Circuit Systems, Inc.
ICS8302-01
LOW SKEW, 1-TO-2 LVCMOS / LVTTL FANOUT BUFFER W/ COMPLEMENTARY OUTPUT
PACKAGE OUTLINE - SUFFIX M
TABLE 6. PACKAGE DIMENSIONS
SYMBOL N A A1 B C D E e H h L 5.80 0.25 0.40 0 1.35 0.10 0.33 0.19 4.80 3.80 1.27 BASIC 6.20 0.50 1.27 8 Millimeters MINIMUN 8 1.75 0.25 0.51 0.25 5.00 4.00 MAXIMUM
Reference Document: JEDEC Publication 95, MS-012
8302AM-01
www.icst.com/products/hiperclocks.html
7
REV. A DECEMBER 10, 2002
Integrated Circuit Systems, Inc.
ICS8302-01
LOW SKEW, 1-TO-2 LVCMOS / LVTTL FANOUT BUFFER W/ COMPLEMENTARY OUTPUT
Marking 8302A01 8302A01 Package 8 lead SOIC 8 lead SOIC on Tape and Reel Count 96 per tube 2500 Temperature 0C to 70C 0C to 70C
TABLE 7. ORDERING INFORMATION
Part/Order Number ICS8302AM-01 ICS8302AM-01T
While the information presented herein has been checked for both accuracy and reliability, Integrated Circuit Systems, Incorporated (ICS) assumes no responsibility for either its use or for infringement of any patents or other rights of third parties, which would result from its use. No other circuits, patents, or licenses are implied. This product is intended for use in normal commercial applications. Any other applications such as those requiring extended temperature range, high reliability, or other extraordinary environmental requirements are not recommended without additional processing by ICS. ICS reserves the right to change any circuitry or specifications without notice. ICS does not authorize or warrant any ICS product for use in life support devices or critical medical instruments. 8302AM-01
www.icst.com/products/hiperclocks.html
8
REV. A DECEMBER 10, 2002


▲Up To Search▲   

 
Price & Availability of ICS8302-01

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X