Part Number Hot Search : 
BCP56 03470 2N5339 ES22MABE 4HC404 CEG8205A CEG8205A TA0882A
Product Description
Full Text Search
 

To Download HVM12 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RECTRON
SEMICONDUCTOR
TECHNICAL SPECIFICATION
HVM5 THRU HVM16
HIGH VOLTAGE ASSEMBLIED RECTIFIER
VOLTAGE RANGE 5000 to 16000 Volts CURRENT 0.35 Amperes
FEATURES
* * * * * * Low cost Low leakage Isolated case Surge overload rating - 50 amperes peak Mounting position: Any Low forward voltage drop
HVM
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 o C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%. Dimensions in inches and (millimeters)
MAXIMUM RATINGS (At TA = 25 oC unless otherwise noted) RATINGS Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current at TA = 50 oC Peak Forward Surge Current 8.3 ms single half sine-wave superimposed on rated load (JEDEC method) Operating and Storage Temperature Range SYMBOL VRRM VRMS VDC IO HVM5 5 3.5 5 HVM8 8 5.6 8 HVM10 10 7.0 10 HVM12 12 8.4 12 350 HVM14 14 9.8 14 HVM15 15 10.5 15 HVM16 16 11.2 16 UNITS K Volts K Volts K Volts mAmps
IFSM TJ,TSTG
50 -20 to + 135
Amps
0
C
ELECTRICAL CHARACTERISTICS (At TA = 25oC unless otherwise noted) CHARACTERISTICS Maximum Instantaneous Forward Voltage at 0.35A DC Maximum DC Reverse Current at Rated DC Blocking Voltage NOTES:1. Enough heat sink must be considered in application. 2. Operating and Storage Temperature : -20oC to +135oC 3. Suffix " L " for Wire type. SYMBOL VF IR HVM5 8.0 HVM8 HVM10 14.0 5.0 HVM12 HVM14 HVM15 14.0 HVM16 UNITS Volts uAmps 1998-8
Back
RECTRON


▲Up To Search▲   

 
Price & Availability of HVM12

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X