Part Number Hot Search : 
R30R160 MC9S12 B80N0 FMS9875 AD7450 MY300X SH7216 XHXXX
Product Description
Full Text Search
 

To Download HVM12 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DC COMPONENTS CO., LTD.
R
HVM5 THRU HVM16
RECTIFIER SPECIALISTS
TECHNICAL SPECIFICATIONS OF HIGH VOLTAGE ASSEMBLIED RECTIFIER
VOLTAGE RANGE - 5000 to 16000 Volts CURRENT - 0.35 Ampere
FEATURES
* * * * Low cost Low leakage Isolated case Surge overload rating - 50 amperes peak
* Low forward voltage drop
HVM
MECHANICAL DATA
* Case: Molded plastic * Epoxy: UL 94V-0 rate flame retardant * Lead: MIL-STD-202E, Method 208 guaranteed * Polarity: Color band denotes cathode end * Mounting position: Any
MAX .
MAX.
MAX .
MAX .
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 o C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%.
MAX .
Dimensions in inches and (millimeters)
SYMBOL Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage
o Maximum Average Forward Rectified Current at TA = 50 C
HVM5 5 3.5 5
HVM8 8 5.6 8
HVM10 10 7.0 10
HVM12 12 8.4 12 350 50
HVM14 14 9.8 14
HVM15 15 10.5 15
HVM16 16 11.2 16
UNITS K Volts K Volts K Volts mAmps Amps
VRRM VRMS VDC IO IFSM VF IR TJ,TSTG
Peak Forward Surge Current 8.3 ms single half sine-wave superimposed on rated load (JEDEC Method) Maximum Instantaneous Forward Voltage at 0.35A DC Maximum DC Reverse Current at Rated DC Blocking Voltage TA = 25 o C Operating and Storage Temperature Range NOTES:1. Enough heat sink must be considered in application. 2. Suffix "-Tox" (e.g.-T01,-T02,.....) for Terminal type.
8.0
13.5 5.0 -20 to + 135
14.0
Volts uAmps
0
C
154
NEXT NEXT NEXT
BACK EXIT BACK EXI BACK EXIT
RA TING AND CHARACTERISTIC CURVES (HVM5 THRU HVM16)
DC COMPONENTS CO., LTD.
R
155
NEXT NEXT
BACK BACK
EXIT EXIT


▲Up To Search▲   

 
Price & Availability of HVM12

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X