Part Number Hot Search : 
48S15 SK113 MAX1812 18330351 MBT44 ADVANCED DL4728A C1345
Product Description
Full Text Search
 

To Download HRP2540 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HRP2540
April 1995 File Number 2942.1
Power Rectifier/Power Surge Suppressor
The HRP2540 (TA9673) is a high forward current, high reverse energy controlled avalanche power rectifier. It uses an ion-implanted planar epitaxial construction. This device was designed for use as the output rectifier in the three phase six diode bridge assembly of an automotive alternator system. It provides "Load Dump" suppression by virtue of its precisely controlled reverse avalanche breakdown voltage. When used singly it can also serve as a transient suppressor for an automotive accessory. This device can provide forward voltage clamping and reverse voltage bypassing. This will protect the accessory from L-C inductive spikes and/or field decay transients.
Features
* Low Forward Voltage Drop (1.1V Max at 100A) * High Reverse Energy Capability * Controlled Maximum Avalanche Voltage (40V Max at 40A)
Applications
* Alternator Rectification * Accessory Load Dump Protector * High Current Forward Voltage Clamp
Symbol
K
Ordering Information
PACKAGING AVAILABILITY PART NUMBER HRP2540 PACKAGE TO-220AB BRAND HRP2540
NOTE: When ordering, use the entire part number.
A
Package
JEDEC TO-220AB
A K A
CATHODE (FLANGE)
Absolute Maximum Ratings
TC = +25oC, Unless Otherwise Specified HRP2540 23 25 22 600 UNITSVm V A A A
DC Peak Repetitive Reverse Voltage. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VRRM RMS Forward Current (TC = 125oC) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . IRMS Average Rectified Forward Current (Single Phase Resistive Load TC = 125oC) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . IO Non-Repetitive Peak Forward Surge Current. . . . . . . . . . . . . . . . . . . . . . . . . . . . IFSM (Surge Applied at Rated Load Conditions, Halfwave, Single Phase 60Hz) Power Dissipation. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . PT At TC = 25oC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Derated above 25oC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Operating and Storage Junction Temperature Range . . . . . . . . . . . . . . . . . .TSTG, TJ
100 0.8 -65 to 150
W W/oC oC
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures. 1-888-INTERSIL or 321-724-7143 | Copyright (c) Intersil Corporation 1999
HRP2540
Electrical Specifications
PARAMETERS Forward Voltage Drop (Note 1) Reverse Current Reverse Current TC = 100oC Breakdown Voltage Breakdown Voltage (Note 2) TC = 85oC Thermal Resistance NOTES: TC = 25oC, Unless Otherwise Specified SYMBOL VF I R I
R
TEST CONDITIONS IF = 100A VR = 20V VR = 20V IR = 100mA IR = 40A RJC
MIN 24 -
MAX 1.1 1 50 32 40 1.25
UNITS V mA mA V V oC/W
BV BVM -
1. Pulse Test: Pulse width <300s duty cycle <2.0%. 2. Pulse Test: Pulse width <10ms, duty cycle <2.0%.
Typical Performance Curves
IF(AV) , FORWARD CURRENT RATING (A) 60 50 40 30 20 10 0 75 DIRECT CURRENT SQUARE WAVE SINGLE PHASE THREE-PHASE/HALF BRIDGE 90 105 120 135 150 REVERSE CURRENT RATING (A) 200.0 100.0
10.0 25oC 75oC 1.0 100oC 125oC 0.1 0.01
0.1
TC , CASE TEMPERATURE (Co)
1.0 10 PULSE WIDTH (ms)
100
1000
FIGURE 1. MAXIMUM FORWARD CURRENT vs TEMPERATURE DERATING CURVE
100
FIGURE 2. MAXIMUM REVERSE CURRENT vs PULSE WIDTH
40 VR, REVERSE VOLTAGE (V) 38 150oC 36 34 32 25oC 30 -55oC 28 0 0.5 0.6 0.7 0.8 0.9 VF, FORWARD VOLTAGE (V) 1.0 1.1 5 10 15 20 25 30 IR, REVERSE CURRENT (A) 35 40
IF, FORWARD CURRENT (A)
150oC 10
25oC
-55oC
85oC
1
FIGURE 3. TYPICAL FORWARD CURRENT vs FORWARD VOLTAGE
FIGURE 4. TYPICAL REVERSE VOLTAGE vs REVERSE CURRENT
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil semiconductor products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see web site www.intersil.com 2
HRP2540 Typical Performance Curves
5000 POWER DISSIPATION MULTIPLIER 0 4 8 12 VR, REVERSE VOLTAGE (V) 16 20
(Continued)
1.2 1.0 0.8 0.6 0.4 0.2 0.0 0 25 50 75 100 TR, CASE TEMPERATURE (oC) 125 150
C, CAPACITANCE (pF)
4000
3000
2000
1000
0
FIGURE 5. TYPICAL CAPACITANCE vs REVERSE VOLTAGE
FIGURE 6. NORMALIZED POWER DISSIPATION vs TEMPERATURE DERATING CURVE
Exploded View
1 r(t), NORMALIZED EFFECTIVE TRANSIENT THERMAL RESISTANCE 0.5 0.2 0.1 0.1 0.05 0.02 0.01 SIGNAL PULSE 0.01 0.01 0.1
SUGGESTED MOUNTING HARDWARE FOR JEDEC TO-220AB
P(PEAK) t1 t2 DUTY CYCLE D = t1 t2 RJC(t) - r(t) RJC RJC = 1.25oC/W MAX D CURVES APPLY FOR POWER PULSE TRAIN SHOWN READ TIME AT t1 TJ(PEAK) - TC = P(PEAK) RJC(t) 10 1 t, TIME (ms) 100 1000 SCREW, 6.32
NR231A RECTANGULAR METAL WASHER
DF103B MICA INSULATOR HOLE DIA. = 0.145 - 0.141 IN. (3.68 - 3.58mm)
FIGURE 7. TRANSIENT THERMAL RESISTANCE
HEAT SINK (CHASSIS) DF378F INSULATING SHOULDER WASHER I.D. = 0.156 IN. (4.00mm) SHOULDER DIA. = 0.250 IN. (6.35mm) MAX. METAL WASHER LOCK WASHER HEX NUT SOLDER LUG HEX NUT
NOTE: Maximum torque applied to mounting flange is 8 in. lb. (0.09kgf m).
3


▲Up To Search▲   

 
Price & Availability of HRP2540

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X