|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
(R) EL1511 Data Sheet February 10, 2005 FN7016.1 Medium Power Differential Line Driver The EL1511 is a dual operational amplifier designed for customer premise line driving in DMT ADSL solutions. This device features a high drive capability of 360mA while consuming only 7.5mA of supply current per amplifier and operating from a single 5V to 15V supply. This driver achieves a typical distortion of less than -85dBc, at 150kHz into a 25 load. The EL1511 is available in the thermallyenhanced 16-pin SO (0.150") and a 16-pin QFN (4x4mm) packages. The EL1511 is specified for operation over the full -40C to +85C temperature range. Electrical characteristics are given for typical 15V supply operation. The EL1511 has two control pins, C0 and C1, which allow the selection of full IS power, 3/4-IS, 1/2-IS, and power-down modes. The EL1511 is ideal for ADSL, SDSL, and HDSL2 line driving applications for single power supply, high voltage swing, and low power. The EL1511 maintains excellent distortion and load driving capabilities even in the lowest power settings. Features * Drives up to 360mA from a +15V supply * 24VP-P differential output drive into 25 and 26VP-P differential output drive into 100 * -85dBc typical driver output distortion at full output at 150kHz * Low quiescent current of 3.5mA per amplifier at 1/2-IS current mode * Disable down to 1.5mA * Pb-Free available (RoHS compliant) Applications * ADSL CSA line driving * ADSL full rate CPE line driving * G.SHDSL, HDSL2 line driver * Video distribution amplifier * Video twisted-pair line driver Ordering Information PART NUMBER EL1511CS EL1511CS-T7 EL1511CS-T13 EL1511CSZ (See Note) PACKAGE 16-Pin SO (0.150") 16-Pin SO (0.150") 16-Pin SO (0.150") 16-Pin SO (0.150") (Pb-free) 16-Pin SO (0.150") (Pb-free) TAPE & REEL 7" 13" 7" 13" 7" 13" 7" 13" PKG. DWG. # MDP0027 MDP0027 MDP0027 MDP0027 MDP0027 MDP0027 MDP0046 MDP0046 MDP0046 MDP0046 MDP0046 MDP0046 Get FULL DATASHEET EL1511CSZ-T7 (See Note) EL1511CSZ-T13 16-Pin SO (0.150") (See Note) (Pb-free) EL1511CL EL1511CL-T7 EL1511CL-T13 EL1511CLZ (See Note) EL1511CLZ-T7 (See Note) EL1511CLZ-T13 (See Note) 16-Pin QFN 16-Pin QFN 16-Pin QFN 16-Pin QFN (Pb-free) 16-Pin QFN (Pb-free) 16-Pin QFN (Pb-free) NOTE: Intersil Pb-free products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin plate termination finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020. 1 CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures. 1-888-INTERSIL or 1-888-352-6832 | Intersil (and design) is a registered trademark of Intersil Americas Inc. Copyright Intersil Americas Inc. 2003, 2005. All Rights Reserved All other trademarks mentioned are the property of their respective owners. EL1511 All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9000 quality systems. Intersil Corporation's quality certifications can be viewed at www.intersil.com/design/quality Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries. For information regarding Intersil Corporation and its products, see www.intersil.com 2 FN7016.1 February 10, 2005 |
Price & Availability of EL1511 |