Part Number Hot Search : 
MIC25 00095 X9221AYP D52FU MAX6675 MC74VH IRF74 623G50
Product Description
Full Text Search
 

To Download EFA240D-SOT89NBSP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Excelics
Features
* * * * * * * *
EFA240D-SOT89
DATA SHEET
DC-4GHz Low Distortion GaAs Power FET
LOW COST SURFACE-MOUNT PLASTIC PACKAGE +31.0dBm TYPICAL OUTPUT POWER 13.0dB TYPICAL POWER GAIN AT 2GHz 0.7dB TYPICAL NOISE FIGURE AT 2GHz +48dBm TYPICAL OUTPUT 3rd ORDER INTERCEPT POINT AT 2GHz 0.5 X 2400 MICRON RECESSED "MUSHROOM" GATE Si3N4 PASSIVATION ADVANCED EPITAXIAL DOPING PROFILE PROVIDES HIGH POWER EFFICIENCY, LINEARITY AND RELIABILITY

$ &#

6285&(
'5$,1
*$7(
Applications * Analog and Digital Wireless System * HPA
(Top View) All Dimensions In Mils
ELECTRICAL CHARACTERISTICS (Ta = 25 OC)
SYMBOLS P1dB G1dB PAE NF IP3 Idss Gm Vp BVgd BVgs Rth PARAMETERS/TEST CONDITIONS Output Power at 1dB Compression f = 2GHz Vds=7V, Ids=350mA Gain at 1dB Compression f = 2GHz Vds=7V, Ids=350mA Power Added Efficiency at 1dB Compression Vds=7V, Ids=350mA f = 2GHz Noise Figure f = 2GHz Vds=5V, Ids=150mA Vds=5-7V, Ids=350mA Output 3rd Order Intercept Point f = 2GHz Vds=5-7V, Ids=350mA Vds=5V, Ids=150mA Saturated Drain Current Vds=3V, Vgs=0V Transconductance Pinch-off Voltage Vds=3V, Vgs=0V Vds=3V, Ids=6mA -11 -7 MIN 29.5 11.0 TYP 31.0 13.0 45 0.7 1.2 48 36 440 280 680 360 -2.0 -15 -14 25*
o
MAX
UNIT dBm dB % dB dBm
880
mA mS
-3.5
V V V C/W
Drain Breakdown Voltage Igd=2.4mA Source Breakdown Voltage Igs=2.4mA Thermal Resistance *Overall Rth depends on case mounting.
MAXIMUM RATINGS AT 25OC
SYMBOLS Vds Vgs Ids Igsf Pin Tch Tstg Pt PARAMETERS Drain-Source Voltage Gate-Source Voltage Drain Current Forward Gate Current Input Power Channel Temperature Storage Temperature Total Power Dissipation ABSOLUTE1 12V -8V Idss 60mA 29dBm 175oC -65/175oC 5.5 W 7V -4V 660mA 10mA @ 3dB Compression 150oC -65/150oC 4.6 W CONTINUOUS2
Note: 1. Exceeding any of the above ratings may result in permanent damage. 2. Exceeding any of the above ratings may reduce MTTF below design goals.
Excelics Semiconductor, Inc., 2908 Scott Blvd., Santa Clara, CA 95054 Phone: (408) 970-8664 Fax: (408) 970-8998 Web Site: www.excelics.com
EFA240D-SOT89
DATA SHEET
DC-4GHz Low Distortion GaAs Power FET
Typical Performance
S21 Distribution Noise Figure & IP3
EFA240D -SO T89 (5V , 2G H z)
1.4 1.2 1 0.8 0.6 0.4 0.2 0 0 10 0 20 0 I ds [m A ] 30 0 40 0 60 50 I P3 [dBm ]
--- S22 --MAG ANG
NF [dB]
40 30 20 10 0
NF IP 3
S-PARAMETERS
5V, 150mA
FREQ (GHz) 0.1 0.2 0.3 0.4 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0 --- S11 --MAG 0.980 0.964 0.942 0.923 ANG --- S21 --MAG ANG 162.1 147.1 134.2 123.8 115.0 86.6 72.1 55.6 40.9 26.0 10.4 -6.9 -23.5 -38.8 -52.7 -65.7 --- S12 --MAG 0.009 0.024 0.029 0.035 0.039 0.048 0.064 0.072 0.080 0.090 0.101 0.110 0.113 0.113 0.110 0.109 ANG 50.3 61.6 51.8 43.6 38.2 23.1 19.6 13.1 6.1 -1.9 -10.8 -22.6 -33.8 -45.0 -55.3 -64.7 --- S22 --MAG ANG FREQ (GHz) 0.1 0.2 0.3 0.4 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0 --- S11 --MAG 0.970 0.952 0.927 0.911 0.896 ANG
S-PARAMETERS
7V, 350mA
--- S21 --MAG ANG 161.5 145.4 132.4 121.9 113.2 84.6 70.1 53.3 38.2 23.3 7.7 -9.5 -26.3 -42.2 -56.5 -70.0 --- S12 --MAG 0.019 0.023 0.030 0.034 0.039 0.047 0.060 0.066 0.072 0.080 0.089 0.096 0.100 0.102 0.102 0.102 ANG 75.7 58.2 49.9 41.9 36.0 19.8 16.8 10.5 4.7 -1.6 -9.6 -19.9 -30.0 -40.0 -49.7 -59.0
-29.5 15.580 -56.5 14.250 -78.3 12.624 -96.1 11.069 9.717 5.742 4.782 3.721 3.092 2.697 2.411 2.140 1.849 1.577 1.353 1.174
0.273 -165.8 0.348 -155.7 0.407 -157.6 0.459 -161.2 0.494 -165.6 0.547 -179.8 0.439 0.445 0.435 0.420 0.399 0.401 0.433 0.495 0.550 0.582 166.2 154.7 144.6 133.7 120.3 101.6 81.3 65.4 54.0 44.3
-32.8 17.023 -58.4 15.321 -80.6 13.396 -98.4 11.673 -112. 10.188 5.962 4.853 3.767 3.119 2.707 2.413 2.147 1.863 1.605 1.388 1.206
0.148 -137.8 0.241 -133.9 0.312 -140.8 0.362 -147.9 0.395 -154.6 0.442 -171.7 0.319 0.326 0.318 0.303 0.281 0.274 0.299 0.364 0.428 0.471 177.2 165.5 156.6 147.2 135.1 115.1 91.3 73.1 61.2 51.4
0.907 -110.1 0.870 -152.5 0.765 -170.0 0.750 0.735 0.723 0.722 0.721 0.744 0.781 0.812 0.830 169.6 152.7 137.1 119.8 101.3 82.8 66.2 52.3 40.0
0.861 -154.0 0.760 -171.3 0.748 0.735 0.724 0.725 0.724 0.746 0.785 0.817 0.835 168.6 152.1 136.7 119.5 101.0 82.6 66.1 52.3 40.0


▲Up To Search▲   

 
Price & Availability of EFA240D-SOT89NBSP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X