Part Number Hot Search : 
00A16 SBR10 LC865008 2SC197 8HC90 157M0 130A0 RGL34B
Product Description
Full Text Search
 

To Download DSB5822 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 * 1N5822 AVAILABLE IN JAN, PER MIL-PRF-19500/620
JANTX, JANTXV AND JANS
1N5822 and DSB5820 thru DSB5822 and DSB3A20 thru DSB3A40
* 3 AMP SCHOTTKY BARRIER RECTIFIERS * HERMETICALLY SEALED * METALLURGICALLY BONDED
MAXIMUM RATINGS
0.115/0.145
Operating Temperature: -65C to +125C Storage Temperature: -65C to +150C Average Rectified Forward Current: 3.0 AMP @ TL = +55C, L = 3/8" Derating: 43 mA / C above TL = +55C, L = 3/8"
2.92/3.68
0.130/0.195 3.30/4.95
0.900 22.86 0.036/0.042 0.91/1.07
ELECTRICAL CHARACTERISTICS @ 25C, unless otherwise specified.
CDI TYPE NUMBER
WORKING PEAK REVERSE VOLTAGE VRWM VOLTS
MAXIMUM FORWARD VOLTAGE VF @ 1.0 A VOLTS 0.40 0.40 0.40 0.40 0.40 0.40 0.40 VF @ 3.0 A VOLTS 0.50 0.50 0.50 0.50 0.50 0.50 0.50 VF @ 9.4A VOLTS 0.70 0.70 0.70 0.70 0.70 0.70 0.70
MAXIMUM REVERSE LEAKAGE CURRENT AT RATED VOLTAGE IR @ +25C mA 0.10 0.10 0.10 0.10 0.10 0.10 0.10 IR @ +100C mA 12.5 12.5 12.5 12.5 12.5 12.5 12.5
FIGURE 1
DESIGN DATA
CASE: Hermetically sealed, "B" Body per MIL-PRF-19500/620. D-5B LEAD MATERIAL: Copper clad steel LEAD FINISH: Tin / Lead THERMAL RESISTANCE: (ROJEC): 30 C/W maximum at L = .375 inch THERMAL IMPEDANCE: (ZOJX): 3 C/W maximum POLARITY: Cathode end is banded. MOUNTING POSITION: Any
DSB5820 DSB5821 DSB5822 J,JX,JV & JS 5822 DSB3A20 DSB3A30 DSB3A40
20 30 40 40 20 30 40
6 LAKE STREET, LAWRENCE, MASSACHUSETTS 01841 PHONE (978) 620-2600 FAX (978) 689-0803 WEBSITE: http://www.microsemi.com
67
1N5822
and
DSB5820
and thru
thru
DSB5822
DSB3A20
10.0
DSB3A40
TYPICAL REVERSE LEAKAGE CURRENT AT RATED PIV (PULSED)
IR, REVERSE CURRENT (mA)
1.0
0.1
DSB5822 DSB5821
DSB5820
0.01
0.001 +25 +50 +75 +100 +125
TJ , JUNCTION TEMPERATURE (C)
FIGURE 1
TYPICAL FORWARD VOLTAGE IF, FORWARD CURRENT, INSTANTANEOUS (AMPS) 100.0
10.0
1.0
0.1
0.01 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1
VF, FORWARD VOLTAGE, INSTANTANEOUS (VOLTS)
FIGURE 2
68


▲Up To Search▲   

 
Price & Availability of DSB5822

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X