Part Number Hot Search : 
65012 2AS10DC5 4082F MAX8727 SBP13 C3332 6KE100A 1A102
Product Description
Full Text Search
 

To Download CSD20030 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PRELIMINARY
CSD20030
ZERO RECOVERYTM RECTIFIER
Features
* 300 Volt Schottky Rectifier * Zero Reverse Recovery * Zero Forward Recovery * High Frequency Operation * Temperature Independent Switching Behavior * Extremely Fast Switching * Positive Temperature Coefficient on VF
Benefits
_________
* Replace Bipolar with Unipolar Rectifiers * Essentially No Switching Losses * Higher Efficiency * Reduction Of Heat Sink Requirements * Parallel Devices without Thermal Runaway
Applications
* * * Switch Mode Power Supplies Power Factor Correction Motor Drives Output Rectification
Package
_____________
*
Maximum Ratings
Parameter Repetitive Peak Reverse Voltage Surge Peak Reverse Voltage DC Blocking Voltage Average Forward Current C TC=150 (Per Device) (Per Leg) Symbol VRRM VRSM VDC IF(AV) IFRM IFSM Ptot TJ , Tstg Value 300 300 300 20 10 40 200 79 -55 to +175 Unit V V V A A A W C
Repetitive Peak Forward Surge Current (Per Leg) TC=25 tP=8.3ms, Half Sine Wave C, Non-Repetitive Peak Forward Surge Current (Per Leg) TC=25 tP=10s, Pulse C, Power Dissipation (Per Leg) TC = 25C Operating Junction and Storage Temperature
Page 1 * CSD20030, Rev A
PRELIMINARY
ELECTRICAL CHARACTERISTICS (PER LEG)
Parameter Forward Voltage IF = 10A TJ=25C IF = 10A TJ=175C Reverse Current VR = 300V TJ=25C VR = 300V TJ=175C Total Capacitive Charge VR = 300V,IF = 10A, di/dt = 500 A/s, TJ = 25C Total Capacitance VR = 0V, TJ = 25C, f =1MHz VR = 150V, TJ = 25C, f =1MHz VR = 300V, TJ = 25C, f =1MHz Symbol VF IR QC Min Typ 1.2 1.4 50
CSD20030
Max 1.4 1.8 200 2000
Units V A nC
1000 11.5 660 62 58
C
pF
NOTE: 1. This is a majority carrier diode, so there is no reverse recovery charge.
THERMAL CHARACTERISTICS
Characteristic Thermal Resistance from Junction to Case Per Leg Per Device Symbol RJC RJC Min Typ 1.9 0.95 Max Units C/W C/W
Typical Performance (Per Leg)
Figure 1. Forward Characteristics
20 18 16 14 12 10 8 6 4 2 0 0.0 0.5 1.0 1.5 2.0 2.5 VF FORWARD VOLTAGE (V)
Figure 2. Reverse Characteristics
1000 900 800 IR Reverse Current (uA) 700 600 500 400 300 200 100 0 0 100 200 300 400 500 600 VR Reverse Voltage (V)
IF FORWARD CURRENT (A)
T J = 25 C T J = 75 C T J = 125 C T J = 175 C
TJ = 25 C TJ = 750 C TJ = 1250 C TJ = 1500 C TJ = 1750 C
0
Page 2 * CSD20030, Rev A
PRELIMINARY
CSD20030
Figure 3. Current Derating
30
Figure 4. Capacitance vs. Reverse Voltage
500 450
25
400 350 Capacitance (pF) 300 250 200 150 100
IF(AV) Forward Current (A)
20
15
10
5
50
0 25 50 75 100 125 150 175 200 TC Case Temperture (C)
0 1 10 100 1000 VR Reverse Voltage (V)
Figure 5. Transient Thermal Impedance
1.00E+01 1.00E+00 Zth [ C/W] 1.00E-01 1.00E-02 1.00E-03 1.00E-07 1.00E-06 1.00E-05 1.00E-04 1.00E-03 1.00E-02 1.00E-01 1.00E+00 time [s]
Page 3 * CSD20030, Rev A
PRELIMINARY Package Dimensions
Package TO-247-3
A V K L R M N T C D P U S H J
POS A B C D E F G H J K L M N P Q R S T U V
CSD20030
B
E F
PIN 1 PIN 2 PIN 3
Inches Min Max .621 .631 .820 .830 .789 .799 .120 .126 .047 .052 .075 .084 .215 TYP .193 .203 .075 .081 19 21 4 6 2 4 2 4 .093 .097 .024 .030 9 11 9 11 2 4 2 4 .140 .144
Millimeters Min Max 15.773 16.027 20.823 21.077 20.053 20.307 3.044 3.196 1.200 1.327 1.903 2.132 5.450 TYP 4.903 5.157 1.904 2.056 19 21 4 6 2 4 2 4 2.349 2.451 .600 .752 9 11 9 11 2 4 2 4 3.560 3.660
G
Q
CASE
Part Number CSD20030D
Package TO-247-3
Marking CSD20030
This product has not been designed or tested for use in, and is not intended for use in, applications implanted into the human body nor in applications in which failure of the product could lead to death, personal injury or property damage, including but not limited to equipment used in the operation of nuclear facilities, life-support machines, cardiac defibrillators or similar emergency medical equipment, aircraft navigation or communication or control systems, air traffic control systems, or weapons systems.
Copyright (c) 2001-2004 Cree, Inc. All rights reserved. Permission is given to reproduce this document provided the entire document (including this copyright notice) is duplicated. The information in this document is subject to change without notice. Cree and the Cree logo are trademarks of Cree, Inc.
Cree, Inc. Power Products 4600 Silicon Drive * Durham, NC 27703 * USA Tel: 919-313-5300 * Fax: 919-313-5451 www.cree.com
Page 4 * CSD20030, Rev A


▲Up To Search▲   

 
Price & Availability of CSD20030

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X