Part Number Hot Search : 
87C52X2 MBR1015 C3752 ML7800 74LCX00 IW4060BN DS278410 KS823C03
Product Description
Full Text Search
 

To Download CMPD7006S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PR
IM EL
Y CMPD7006 AR IN
CMPD7006A CMPD7006C CMPD7006S
Central
TM
Semiconductor Corp.
SURFACE MOUNT VERY HIGH VOLTAGE SILICON SWITCHING DIODE
DESCRIPTION: The Central Semiconductor CMPD7006, CMPD7006A, CMPD7006C and CMPD7006S are silicon switching diodes with various diode configurations, manufactured by the epitaxial planar process and packaged in an epoxy molded SOT-23 surface mount case. These devices are designed for applications requiring high voltage switching diodes.
SOT-23 CASE
The following configurations are available: CMPD7006 CMPD7006A CMPD7006C CMPD7006S SINGLE DUAL, COMMON ANODE DUAL, COMMON CATHODE DUAL, IN SERIES MARKING MARKING MARKING MARKING CODE: CODE: CODE: CODE: C7006 C706A C706C C706S
MAXIMUM RATINGS PER DIODE: (TA=25C) Continuous Reverse Voltage Peak Repetitive Reverse Voltage Continous Forward Current Peak Repetitive Forward Current Forward Surge Current, tp=1.0 s Forward Surge Current, tp=1.0 s Power Dissipation Operating and Storage Junction Temperature Thermal Resistance
P
E R
LI
IN M
VRRM IF IFRM IFSM PD TJ, Tstg JA IFSM
SYMBOL VR
RY A
600 600 100 300 4.0 1.0 350 -65 to +150 357
UNITS V V mA mA A A mW C C/W
ELECTRICAL CHARACTERISTICS PER DIODE: (TA=25C unless otherwise noted) SYMBOL TEST CONDITIONS MIN TYP IR VR=480V 7.0 IR VR=480V, TA=150C BVR IR=1.0A 600 675 VF IF=10mA 0.88 VF IF=50mA 1.04 VF IF=100mA 1.16 CT VR=0V, f=1.0 MHz trr IR=IF=10mA, RL=100, Rec. to 1.0mA
MAX 100 100 1.0 1.2 1.4 5.0 500
UNITS nA A V V V V pF ns
R0 (8-December 2003)
Central
TM
Semiconductor Corp.
P
L RE
IM
Y AR INCMPD7006
CMPD7006A CMPD7006C CMPD7006S
SURFACE MOUNT VERY HIGH VOLTAGE SILICON SWITCHING DIODE SOT-23 CASE - MECHANICAL OUTLINE
MARKING CODE: SEE PREVIOUS PAGE
2
1
2
1
2
1
2
1
D1
D2
D1
D2
D1
D2
3
3
3
3
LEAD CODE:
CMPD7006 1) Anode 2) No Connection 3) Cathode
LEAD CODE:
CMPD7006A 1) Cathode D2 2) Cathode D1 3) Anode D1, Anode D2
LEAD CODE:
CMPD7006C 1) Anode D2 2) Anode D1 3) Cathode D1, Cathode D2
LEAD CODE:
CMPD7006S 1) Anode D2 2) Cathode D1 3) Anode D1, Cathode D2
R0 (8-December 2003)


▲Up To Search▲   

 
Price & Availability of CMPD7006S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X