Part Number Hot Search : 
029LBS 00MTR SK240LHT C1413 ST309 5NF06 FR602GP MP23550
Product Description
Full Text Search
 

To Download BLF2022-30 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DISCRETE SEMICONDUCTORS
DATA SHEET
M3D750
BLF2022-30 UHF power LDMOS transistor
Product specification Supersedes data of 2002 Dec 19 2003 Feb 24
Philips Semiconductors
Product specification
UHF power LDMOS transistor
FEATURES * Typical W-CDMA performance at a supply voltage of 28 V and IDQ of 240 mA: - Output power = 3.5 W (AV) - Gain = 12.9 dB - Efficiency = 16.5% - ACPR = -45 dBc at 3.84 MHz - dim = -42 dBc * Easy power control * Excellent ruggedness * High power gain * Excellent thermal stability * Designed for broadband operation (2000 to 2200 MHz) * Internally matched for ease of use.
2 1
BLF2022-30
PINNING - SOT608A PIN 1 2 3 drain gate source, connected to flange DESCRIPTION
3
APPLICATIONS * RF power amplifiers for W-CDMA base stations and multicarrier applications in the 2000 to 2200 MHz frequency range. DESCRIPTION 30 W LDMOS power transistor for base station applications at frequencies from 2000 to 2200 MHz. QUICK REFERENCE DATA Typical RF performance at Th = 25 C in a common source test circuit. MODE OF OPERATION 2-tone, class-AB two-carrier W-CDMA test model 1, 64 channels f (MHz) f1 = 2170; f2 = 2170.1 f1 = 2155; f2 = 2165 VDS (V) 28 28 IDQ (mA) 240 270 PL (W)
Top view
MBL290
Fig.1 Simplified outline (SOT608A).
Gp (dB) 12.6 12.9
D (%) 34.3 16.5
dim (dBc) -29.5 -42
ACLR5 (dBc) - -45
30 (PEP) 3.5 (AV)
CAUTION This product is supplied in anti-static packing to prevent damage caused by electrostatic discharge during transport and handling. For further information, refer to Philips specs.: SNW-EQ-608, SNW-FQ-302A and SNW-FQ-302B.
2003 Feb 24
2
Philips Semiconductors
Product specification
UHF power LDMOS transistor
LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 60134). SYMBOL VDS VGS ID Tstg Tj drain-source voltage gate-source voltage DC drain current storage temperature junction temperature PARAMETER - - - -65 - MIN.
BLF2022-30
MAX. 65 15 4.5 +150 200 V V A
UNIT
C C
THERMAL CHARACTERISTICS SYMBOL Rth j-h Notes 1. Thermal resistance is determined under specified RF operating conditions. CHARACTERISTICS Tj = 25 C unless otherwise specified. SYMBOL V(BR)DSS VGSth IDSS IDSX IGSS gfs RDSon Crs PARAMETER drain-source breakdown voltage gate-source threshold voltage drain-source leakage current on-state drain current gate leakage current forward transconductance drain-source on-state resistance feedback capacitance CONDITIONS VGS = 0; ID = 0.7 mA VDS = 10 V; ID = 70 mA VGS = 0; VDS = 28 V VGS = VGSth + 9 V; VDS = 10 V VGS = 15 V; VDS = 0 VDS = 10 V; ID = 2.5 A VGS = VGSth + 9 V; ID = 2.5 A VGS = 0; VDS = 28 V; f = 1 MHz MIN. 65 4.5 - 9 - - - - TYP. - - - - - 2 0.3 1.7 MAX. - 5.5 5 - 11 - - - UNIT V V A A nA S pF PARAMETER CONDITIONS VALUE 1.85 UNIT K/W
thermal resistance from junction to heatsink Th = 25 C; note 1
APPLICATION INFORMATION RF performance in a common source class-AB circuit. Th = 25 C; Rth j-c = 1.85 K/W; unless otherwise specified. MODE OF OPERATION 2-tone, class-AB f (MHz) f1 = 2170; f2 = 2170.1 VDS (V) 28 IDQ (mA) 240 PL (W) 30 (PEP) Gp (dB) >11 D (%) >30 dim (dBc) -25
Ruggedness in class-AB operation The BLF2022-30 is capable of withstanding a load mismatch corresponding to VSWR = 10 : 1 through all phases under the following conditions: VDS = 28 V; IDQ = 240 mA; PL = 30 W; f = 2170 MHz.
2003 Feb 24
3
Philips Semiconductors
Product specification
UHF power LDMOS transistor
BLF2022-30
handbook, halfpage
15
MLD935
60
MLD936
handbook, halfpage
0
Gp (dB) 10
Gp
D
(%) 40
dim (dBc) -20 d3 d5 -40 d7
D
5
20 -60
0 0 10 20 30 40 50 PL (PEP) (W)
0
-80
0
10
20
30
40 50 PL (PEP) (W)
VDS = 28 V; IDQ = 240 mA; Th 25 C; f1 = 2170 MHz; f2 = 2170.1 MHz.
VDS = 28 V; IDQ = 240 mA; Th 25 C; f1 = 2170 MHz; f2 = 2170.1 MHz.
Fig.2
Power gain and drain efficiency as functions of peak envelope load power; typical values.
Fig.3
Intermodulation distortion as a function of peak envelope load power; typical values.
handbook, halfpage
(1) (2)
15
MLD937
60
MLD938
handbook, halfpage
0
Gp (dB) 10
(3)
Gp
D
(%) 40
dim (dBc) -20
D
(4) (5) (6)
(1)
-40
(2) (3)
5
20 -60
0 0 10 20 30 40 50 PL (PEP) (W)
0
-80
0
10
20
30
40 50 PL (PEP) (W)
VDS = 28 V; Th 25 C; f1 = 2170 MHz; f2 = 2170.1 MHz. (1) IDQ = 290 mA. (2) IDQ = 240 mA. (3) IDQ = 190 mA. (4) IDQ = 190 mA. (5) IDQ = 240 mA. (6) IDQ = 290 mA.
VDS = 28 V; Th 25 C; f1 = 2170 MHz; f2 = 2170.1 MHz. (1) IDQ = 190 mA. (2) IDQ = 240 mA. (3) IDQ = 290 mA.
Fig.4
Power gain and drain efficiency as functions of peak envelope load power; typical values.
Fig.5
Third order intermodulation distortion as a function of peak envelope load power; typical values.
2003 Feb 24
4
Philips Semiconductors
Product specification
UHF power LDMOS transistor
BLF2022-30
handbook, halfpage
15
MLD940
30
handbook, halfpage
0
MLD941
0 ACLR (dBc) -20
Gp (dB) 10
Gp
D (%)
20
dim (dBc) -20
D
5
10
-40
dim ACLR
-40
0 0 2 4 6
0 8 10 PL (AV) (W)
-60 0 2 4 6
-60 10 PL (AV) (W) 8
Two-carrier W-CDMA performance. VDS = 28 V; IDQ = 270 mA; Th 25 C; f1 = 2170 MHz. Input signal: 3GPP W-CDMA 64 channels with 66% clipping; peak to average power ratio: 8.5 dB at 0.01% probability on CCDF; channel spacing/bandwidth = 5 MHz / 3.84 MHz.
Two-carrier W-CDMA performance. VDS = 28 V; IDQ = 270 mA; Th 25 C; f1 = 2155 MHz; f1 = 2165 MHz;. Input signal: 3GPP W-CDMA 64 channels with 66% clipping; peak to average power ratio: 8.5 dB at 0.01% probability on CCDF; channel spacing/bandwidth = 5 MHz / 3.84 MHz.
Fig.7 Fig.6 Power gain and drain efficiency as functions of average load power; typical values.
Intermodulation distortion and adjacent channel leakage ratio (ACLR) as functions of average load power; typical values.
2003 Feb 24
5
Philips Semiconductors
Product specification
UHF power LDMOS transistor
BLF2022-30
handbook, halfpage
12
MLD942
handbook, halfpage
8
MLD943
RL
zi () 8 ri
ZL () 4
0
4
xi
-4 XL
0 2 2.05 2.1 2.15 f (GHz) 2.2
-8
2
2.05
2.1
2.15 f (GHz)
2.2
VDS = 28 V; ID = 240 mA; PL = 30 W; Th 25 C.
VDS = 28 V; ID = 240 mA; PL = 30 W; Th 25 C.
Fig.8
Input impedance as a function of frequency (series components); typical values.
Fig.9
Load impedance as a function of frequency (series components); typical values.
handbook, full pagewidth
L1 VDD C8 C7 C6 L6 L3 C4 C1 C5 C2 L12 C16 C18 C15
MLD944
L11
C13
C17 C11
C14
C19
C20
Vgate R1 input 50 L2 C3
L4 L5
L7
L8 C9
L9 C10 C12
L10
output 50
Fig.10 Class-AB test circuit.
2003 Feb 24
6
Philips Semiconductors
Product specification
UHF power LDMOS transistor
List of components (See Figs 10 and 11) COMPONENT C1, C2, C9, C10 DESCRIPTION Tekelec variable capacitor VALUE 0.6 to 4.5 pF DIMENSIONS
BLF2022-30
CATALOGUE NO.
C3, C4, C11, C12 multilayer ceramic chip capacitor; 6.8 pF note 1 C5 C6, C7, C13, C14, C15, C16 C8 C17, C18 C19 C20 L1 L2 L3 L4 L5 L6 L7 L8 L9 L10 L11, L12 Notes 1. American Technical Ceramics type 100A or capacitor of same quality. 2. American Technical Ceramics type 100B or capacitor of same quality. 3. The striplines are on a double copper-clad printed-circuit board with Teflon dielectric (r = 2.2); thickness 0.79 mm. multilayer ceramic chip capacitor; 2.2 pF note 1 multilayer ceramic chip capacitor; 12 pF note 1 tantalum capacitor multilayer ceramic chip capacitor 10 F 4.7 F TDK C4532X7R1H475M
multilayer ceramic chip capacitor; 1 nF note 2 electrolytic capacitor handmade stripline; note 3 stripline; note 3 stripline; note 3 stripline; note 3 stripline; note 3 stripline; note 3 stripline; note 3 stripline; note 3 stripline; note 3 stripline; note 3 50 43 29 10 56 9 29 41 50 17 100 F; 63 V 2 loops, dia. 4 mm 12 x 2.4 mm 18 x 3 mm 4 x 5 mm 5 x 18.4 mm 34.4 x 2 mm 10 x 20 mm 4 x 5 mm 20 x 3.2 mm 5 x 2.4 mm 24.5 x 10 mm
2003 Feb 24
7
Philips Semiconductors
Product specification
UHF power LDMOS transistor
BLF2022-30
handbook, full pagewidth
40
40
60
BLF2022-30 testjig input
BLF2022-30 testjig output
C8 R1 C6 C7
C13 C17 C14 L1
C20 C19
C3 C4 C1
C5
C11 C12 C2 C9 C15 C18 C16 C10
BLF2022-30 testjig input
BLF2022-30 testjig output
MLD945
Dimensions in mm. The components are situated on one side of the copper-clad printed-circuit board with Teflon dielectric (r = 2.2), thickness 0.79 mm. The other side is unetched and serves as a ground plane.
Fig.11 Component layout for 2.17 GHz class-AB test circuit.
2003 Feb 24
8
Philips Semiconductors
Product specification
UHF power LDMOS transistor
PACKAGE OUTLINE Flanged ceramic package; 2 mounting holes; 2 leads
BLF2022-30
SOT608A
D
A F
3
D1
U1 q C
B c
1
H
U2
p
E1
E
w1 M A M B M
A b
2
w2 M C M Q 0 5 scale 10 mm
DIMENSIONS (millimetre dimensions are derived from the original inch dimensions) UNIT mm inches A 4.62 3.76 0.182 0.148 b 7.24 6.99 c 0.15 0.10 D D1 E E1 F 1.14 0.89 H 15.75 14.73 p 3.30 2.92 0.130 0.115 Q 1.70 1.35 q 15.24 U1 20.45 20.19 0.805 0.795 U2 9.91 9.65 w1 0.25 w2 0.51
10.21 10.29 10.01 10.03 0.402 0.405 0.394 0.395
10.21 10.29 10.01 10.03 0.402 0.405 0.394 0.395
0.285 0.006 0.275 0.004
0.045 0.620 0.035 0.580
0.067 0.600 0.053
0.390 0.010 0.020 0.380
OUTLINE VERSION SOT608A
REFERENCES IEC JEDEC EIAJ
EUROPEAN PROJECTION
ISSUE DATE 01-02-22 02-02-11
2003 Feb 24
9
Philips Semiconductors
Product specification
UHF power LDMOS transistor
DATA SHEET STATUS LEVEL I DATA SHEET STATUS(1) Objective data PRODUCT STATUS(2)(3) Development DEFINITION
BLF2022-30
This data sheet contains data from the objective specification for product development. Philips Semiconductors reserves the right to change the specification in any manner without notice. This data sheet contains data from the preliminary specification. Supplementary data will be published at a later date. Philips Semiconductors reserves the right to change the specification without notice, in order to improve the design and supply the best possible product. This data sheet contains data from the product specification. Philips Semiconductors reserves the right to make changes at any time in order to improve the design, manufacturing and supply. Relevant changes will be communicated via a Customer Product/Process Change Notification (CPCN).
II
Preliminary data Qualification
III
Product data
Production
Notes 1. Please consult the most recently issued data sheet before initiating or completing a design. 2. The product status of the device(s) described in this data sheet may have changed since this data sheet was published. The latest information is available on the Internet at URL http://www.semiconductors.philips.com. 3. For data sheets describing multiple type numbers, the highest-level product status determines the data sheet status. DEFINITIONS Short-form specification The data in a short-form specification is extracted from a full data sheet with the same type number and title. For detailed information see the relevant data sheet or data handbook. Limiting values definition Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 60134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Applications that are described herein for any of these products are for illustrative purposes only. Philips Semiconductors make no representation or warranty that such applications will be suitable for the specified use without further testing or modification. DISCLAIMERS Life support applications These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips Semiconductors customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips Semiconductors for any damages resulting from such application. Right to make changes Philips Semiconductors reserves the right to make changes in the products including circuits, standard cells, and/or software described or contained herein in order to improve design and/or performance. When the product is in full production (status `Production'), relevant changes will be communicated via a Customer Product/Process Change Notification (CPCN). Philips Semiconductors assumes no responsibility or liability for the use of any of these products, conveys no licence or title under any patent, copyright, or mask work right to these products, and makes no representations or warranties that these products are free from patent, copyright, or mask work right infringement, unless otherwise specified.
2003 Feb 24
10
Philips Semiconductors
Product specification
UHF power LDMOS transistor
NOTES
BLF2022-30
2003 Feb 24
11
Philips Semiconductors - a worldwide company
Contact information For additional information please visit http://www.semiconductors.philips.com. Fax: +31 40 27 24825 For sales offices addresses send e-mail to: sales.addresses@www.semiconductors.philips.com.
(c) Koninklijke Philips Electronics N.V. 2003
SCA75
All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent- or other industrial or intellectual property rights.
Printed in The Netherlands
613524/03/pp12
Date of release: 2003
Feb 24
Document order number:
9397 750 10921


▲Up To Search▲   

 
Price & Availability of BLF2022-30

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X