Part Number Hot Search : 
24C256 BUZ31 PTF10154 H16C60 102M0 LH101510 CY7C132 720LT
Product Description
Full Text Search
 

To Download BH6514AFS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Motor driver ICs
Power driver for CD and MD applications
BH6514AFS
The BH6514AFS is a PWM driver for CD and MD motors and actuators. In addition to a two-channel "H" bridge for the actuators, the IC includes a three-phase driver for spindle motor drive, and a single-channel half bridge for synchronous rectification of the spindle drive VM. FApplications Power drive for CD and MD players FFeatures 1) Compatible with PWM input. 2) Charge pump circuit to increase VG. 3) Charge pump circuit has free-running oscillator. 4) Each "H" bridge power supply can be supplied independently for efficient application. FAbsolute maximum ratings (Ta = 25_C)
5) Low on-resistance. 6) Low power consumption. 7) Compact SSOP-A32 package.
FRecommended operating conditions (Ta = 25_C)
832
Motor driver ICs
FBlock diagram
BH6514AFS
833
Motor driver ICs
FPin descriptions
BH6514AFS
834
Motor driver ICs
FInput / output circuits
BH6514AFS
835
Motor driver ICs
BH6514AFS
FElectrical characteristics (unless otherwise noted, Ta = 25_C, VM = 2.5V, VDD = 3V, FElectrical characteristics (VG is the internally pumped output, f123IN = 176kHz, fUVWIN = 1kHz, and RL = 8-47H)
836
Motor driver ICs
FMeasurement circuit
BH6514AFS
837
Motor driver ICs
FCircuit operation Driver truth table Focus / tracking coil
BH6514AFS
Brushless motor power supply
Stepping motor
838
Motor driver ICs
FApplication example
BH6514AFS
839
Motor driver ICs
FOperation notes (1) The charge pump circuit is a x3 multiplier that uses the voltage on pin 30 as its reference. Therefore, set the voltage (VDD) on pin 30 so that the VG does not exceed its rating. (2) If you will use an externally-supplied VG, disconnect the capacitors between pins 31 and 32 and pins 1 and 2.
BH6514AFS
FExternal dimensions (Units: mm)
840


▲Up To Search▲   

 
Price & Availability of BH6514AFS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X