Part Number Hot Search : 
MAX755 1602B 100MZF 1N3032 TMEGA1 BCM53 AAT8641A RUS160
Product Description
Full Text Search
 

To Download BC516 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PNP Silicon Darlington Transistor
High current gain q High collector current q Complementary type: BC 517 (NPN)
q 2 1 3
BC 516
Type BC 516
Marking -
Ordering Code Q62702-C944
Pin Configuration 1 2 3 C B E
Package1) TO-92
Maximum Ratings Parameter Collector-emitter voltage Collector-base voltage Emitter-base voltage Collector current Peak collector current Base current Peak base current Total power dissipation, TC = 66 C Junction temperature Storage temperature range Thermal Resistance Junction - ambient Junction - case2) Rth JA Rth JC

Symbol VCE0 VCB0 VEB0 IC ICM IB IBM Ptot Tj Tstg
Values 30 40 10 500 800 100 200 625 150 - 65 ... + 150
Unit V
mA
mW C
200 135
K/W
1) 2)
For detailed information see chapter Package Outlines. Mounted on Al heat sink 15 mm x 25 mm x 0.5 mm.
Semiconductor Group
1
5.91
BC 516
Electrical Characteristics at TA = 25 C, unless otherwise specified. Parameter Symbol min. DC characteristics Collector-emitter breakdown voltage IC = 10 mA Collector-base breakdown voltage IC = 100 A Emitter-base breakdown voltage IE = 10 A Collector cutoff current VCB = 30 V VCB = 30 V, TA = 150 C Emitter cutoff current VEB = 4 V DC current gain IC = 20 mA; VCE = 2 V Collector-emitter saturation voltage1) IC = 100 mA; IB = 0.1 mA Base-emitter voltage1) IC = 10 mA; VCE = 5 V AC characteristics Transition frequency IC = 50 mA, VCE = 5 V, f = 20 MHz Output capacitance VCB = 10 V, f = 1 MHz fT Cobo - - 200 3.5 - - MHz pF V(BR)CE0 V(BR)CB0 V(BR)EB0 ICB0 - - IEB0 hFE VCEsat VBE - - - - 100 10 100 - 1 1.4 nA
A A
Values typ. max.
Unit
30 40 10
- - -
- - -
V
30 000 - - - - -
- V
1)
Pulse test: t 300 s, D 2 %.
Semiconductor Group
2
BC 516
Total power dissipation Ptot = f (TA; TC)
Collector cutoff current ICB0 = f (TA) VCB = 30 V
Permissible pulse load RthJA = f (tp)
Transition frequency fT = f (IC) VCE = 5 V
Semiconductor Group
3
BC 516
Collector-emitter saturation voltage IC = f (VCEsat) hFE = 1000
Base-emitter saturation voltage IC = f (VBEsat) hFE = 1000
DC current gain hFE = f (IC) VCE = 2 V
Capacitance C = f (VEB, VCB)
Semiconductor Group
4


▲Up To Search▲   

 
Price & Availability of BC516

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X