Part Number Hot Search : 
VN060 BPC3504 R102K ES22MABE 402ML 82S100 0C500 MLL411
Product Description
Full Text Search
 

To Download ASM3P2111B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 May 2005
rev 0.1 Peak EMI Reducing Solution
Features
Generates an EMI optimized clock at the output. Input frequency: 25 MHz. Frequency outputs: o o o 60 MHz (unmodulated) 2 x 48 MHz (unmodulated) 66.6 MHz (modulated): -1.7% down spread
ASM3P2111B
allows significant system cost savings by reducing the number of circuit board layers and shielding that are required to pass EMI regulations. The ASM3P2111B modulates the output of PLL in order to spread the bandwidth of a synthesized clock, thereby decreasing the peak amplitudes of its harmonics. This results in significantly lower system EMI compared to the typical narrow band signal produced by oscillators and most clock generators. Lowering EMI by increasing a signal's bandwidth is called spread spectrum clock generation.
Modulation rate: 30 KHz. Supply voltage range: 3.3V 0.3V. Available in 8-pin SOIC Package. Commercial and Industrial Temperature range. RoHS Compliant
Applications
ASM3P2111B is targeted towards EMI management for
Product Description
The ASM3P2111B is a versatile spread spectrum frequency modulator that reduces electromagnetic interference (EMI) at the clock source. The ASM3P2111B
high speed digital applications such as PC peripheral devices, consumer electronics and embedded controller systems.
Block Diagram
VDD
XIN /CLKIN XOUT
60 MHz Crystal Oscillator PLL1 48 MHz_1
48 MHz_2 48 MHz_1 PLL2 66.6 MHz Modulated
VSS
Alliance Semiconductor 2575 Augustine Drive * Santa Clara CA * Tel: 408-855-4900 * Fax: 408-855-4999 * www.alsc.com
May 2005 rev 0.1
Pin Configuration
ASM3P2111B
XIN/ CLKIN XOUT VDD 60 MHz
1 2 3 4
8 7
VSS 66.6 MHz 48 MHz_1 48 MHz_2
ASM3P2111B
6 5
Pin Description Pin #
1 2 3 4 5 6 7 8
Pin Name
XIN / CLKIN XOUT VDD 60 MHz 48 MHz_2 48 MHz_1 66.6 MHz VSS
Type
I O P O O O O P
Description
Connection to crystal Connection to crystal Power supply for the analog and digital blocks (+3.3V) Clock output-1 60 MHz un-modulated Clock output-2 48 MHz_2 un-modulated Clock output-3 48 MHz_1 un-modulated Clock output-4 66.6 MHz modulated Ground to entire chip. Connect to System Ground
Peak Reducing EMI Solution
2 of 8
May 2005 rev 0.1
Absolute Maximum Ratings Symbol
VDD, VIN TSTG TA Ts TJ TDV Storage temperature Operating temperature Max. Soldering Temperature (10 sec) Junction Temperature Static Discharge Voltage (As per JEDEC STD 22- A114-B)
ASM3P2111B
Parameter
Voltage on any pin with respect to Ground
Rating
-0.5 to +7.0 -65 to +125 0 to 70 260 150 2
Unit
V C C C C KV
Note: These are stress ratings only and are not implied for functional use. Exposure to absolute maximum ratings for prolonged periods of time may affect device reliability.
Operating Conditions Parameter
Supply Voltage Crystal Resonator Frequency Output Driver Load Capacitance
Symbol
VDD FXIN CL
Condition / Description
3.3V 0.3V
Min
3 25 -
Typ
3.3 -
Max
3.6 15
Unit
V MHz pF
Peak Reducing EMI Solution
3 of 8
May 2005 rev 0.1
DC Electrical Characteristics Parameter
Overall Supply Current, Dynamic Supply Current, Static All input pins High-Level Input Voltage Low-Level Input Voltage High-Level Input Current Low-Level Input Current (pull-up) High-Level Output Source Current Low-Level Output Sink Current Clock Outputs High-Level Output Source Current Low-Level Output Sink Current Output Impedance IOH IOL ZOH ZOL VO=2.5V VO=0.4V VO=0.5VDD; output driving high Vo=0.5VDD; output driving low -20 23 29 27 VIH VIL IIH IIL IxOH IxOL VDD=V (XIN) = 3.3V, VO=0.4V VDD=3.3V, V (XIN)=VO=2.5V VDD=3.3V VDD=3.3V 2.0 VSS-0.3 -1 -20 -36 3 3 IDD IDDL VDD=3.3V, FCLK =25MHz, CL=15pF VDD = 3.3V, Clock Input = 0 41 20 48 25
ASM3P2111B
Symbol
Conditions / Description
Min
Typ
Max
Unit
62 35
mA mA
VDD+0.3 0.8 1 -80 -
V V
A
A
mA mA
-
mA mA
AC Electrical Characteristics Parameter
Rise Time Fall Time Clock Duty Cycle
Symbol
tr tf
Conditions/ Description
VO = 0.8V to 2.0V; CL = 15pF VO = 2.0V to 0.8V; CL = 15pF Ratio of pulse width (as measured from rising edge to next falling edge at VDD /2) to one clock period
Min
300 360
Typ
800 800
Max
900 900
Unit
pS pS
45
-
55
%
* CL = 15 pF, Input clock frequency = 25 MHz
Peak Reducing EMI Solution
4 of 8
May 2005 rev 0.1
Typical Crystal Oscillator Circuit
ASM3P2111B
Crystal
R1 = 510
C1 = 27 pF
C2 = 27 pF
Typical Crystal Specifications Fundamental AT cut parallel resonant crystal
Nominal frequency Frequency tolerance Operating temperature range Storage temperature Load capacitance Shunt capacitance ESR 25 MHz 50 ppm or better at 25C -25C to +85C -40C to +85C 18pF 7pF maximum 25
Peak Reducing EMI Solution
5 of 8
May 2005 rev 0.1
Package Information 8-Pin SOIC Package
ASM3P2111B
E
H
D
A2
A
e B A 1
C L
D
Dimensions
Symbol Min
A1 A A2 B C D E e H L
Inches Max
0.010 0.069 0.059 0.020 0.010 0.004 0.053 0.049 0.012 0.007
Millimeters Min Max
0.10 1.35 1.25 0.31 0.18 4.90 BSC 3.91 BSC 1.27 BSC 6.00 BSC 0.41 0 1.27 8 0.25 1.75 1.50 0.51 0.25
0.193 BSC 0.154 BSC 0.050 BSC 0.236 BSC 0.016 0 0.050 8
Peak Reducing EMI Solution
6 of 8
May 2005 rev 0.1
Ordering Codes Part number
ASM3P2111BF-08ST ASM3P2111BF-08SR ASM3I2111BF-08ST ASM3I2111BF-08SR ASM3P2111BG-08ST ASM3P2111BG-08SR ASM3I2111BG-08ST ASM3I2111BG-08SR
ASM3P2111B
Marking
3P2111BF 3P2111BF 3I2111BF 3I2111BF 3P2111BG 3P2111BG 3I2111BG 3I2111BG
Package Configuration
8-pin SOIC TUBE, Pb Free 8-pin SOIC TAPE & REEL, Pb Free 8-pin SOIC TUBE, Pb Free 8-pin SOIC TAPE & REEL, Pb Free 8-pin SOIC TUBE, Green 8-pin SOIC TAPE & REEL, Green 8-pin SOIC TUBE, Green 8-pin SOIC TAPE & REEL, Green
Temperature Range
Commercial Commercial Industrial Industrial Commercial Commercial Industrial Industrial
Ordering Information
ASM3P2111BF-08
SR
R = Tape & reel, T = Tube or Tray O = SOT S = SOIC T = TSSOP A = SSOP V = TVSOP B = BGA Q = QFN DEVICE PIN COUNT F = LEAD FREE AND RoHS COMPLIANT PART G = GREEN PACKAGE U = MSOP E = TQFP L = LQFP U = MSOP P = PDIP D = QSOP X = SC-70
PART NUMBER X= Automotive I= Industrial P or n/c = Commercial (-40C to +125C) (-40C to +85C) (0C to +70C) 1 = Reserved 2 = Non PLL based 3 = EMI Reduction 4 = DDR support products 5 = STD Zero Delay Buffer 6 = Power Management 7 = Power Management 8 = Power Management 9 = Hi Performance 0 = Reserved
ALLIANCE SEMICONDUCTOR MIXED SIGNAL PRODUCT
Licensed under US patent #5,488,627, #6,646,463 and #5,631,920.
Peak Reducing EMI Solution
7 of 8
May 2005 rev 0.1
ASM3P2111B
Alliance Semiconductor Corporation 2575, Augustine Drive, Santa Clara, CA 95054 Tel# 408-855-4900 Fax: 408-855-4999 www.alsc.com
Copyright (c) Alliance Semiconductor All Rights Reserved Part Number: ASM3P2111B Document Version: v0.1
Note: This product utilizes US Patent # 6,646,463 Impedance Emulator Patent issued to Alliance Semiconductor, dated 11-11-2003
(c) Copyright 2003 Alliance Semiconductor Corporation. All rights reserved. Our three-point logo, our name and Intelliwatt are trademarks or registered trademarks of Alliance. All other brand and product names may be the trademarks of their respective companies. Alliance reserves the right to make changes to this document and its products at any time without notice. Alliance assumes no responsibility for any errors that may appear in this document. The data contained herein represents Alliance's best data and/or estimates at the time of issuance. Alliance reserves the right to change or correct this data at any time, without notice. If the product described herein is under development, significant changes to these specifications are possible. The information in this product data sheet is intended to be general descriptive information for potential customers and users, and is not intended to operate as, or provide, any guarantee or warrantee to any user or customer. Alliance does not assume any responsibility or liability arising out of the application or use of any product described herein, and disclaims any express or implied warranties related to the sale and/or use of Alliance products including liability or warranties related to fitness for a particular purpose, merchantability, or infringement of any intellectual property rights, except as express agreed to in Alliance's Terms and Conditions of Sale (which are available from Alliance). All sales of Alliance products are made exclusively according to Alliance's Terms and Conditions of Sale. The purchase of products from Alliance does not convey a license under any patent rights, copyrights; mask works rights, trademarks, or any other intellectual property rights of Alliance or third parties. Alliance does not authorize its products for use as critical components in life-supporting systems where a malfunction or failure may reasonably be expected to result in significant injury to the user, and the inclusion of Alliance products in such life-supporting systems implies that the manufacturer assumes all risk of such use and agrees to indemnify Alliance against all claims arising from such use.
Peak Reducing EMI Solution
8 of 8


▲Up To Search▲   

 
Price & Availability of ASM3P2111B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X