Part Number Hot Search : 
DA120 D1406 C8051 AT49F002 1VSN391 LTC6242 L24D25C 5109M
Product Description
Full Text Search
 

To Download 74VCXF162835 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 74VCXF162835 Low Voltage 18-Bit Universal Bus Driver with 3.6V Tolerant Outputs and 26 Series Resistors in Outputs
October 1999 Revised November 2000
74VCXF162835 Low Voltage 18-Bit Universal Bus Driver with 3.6V Tolerant Outputs and 26 Series Resistors in Outputs
General Description
The VCXF162835 low voltage 18-bit universal bus driver combines D-type latches and D-type flip-flops to allow data flow in transparent, latched and clocked modes. Data flow is controlled by output-enable (OE), latch-enable (LE), and clock (CLK) inputs. The device operates in Transparent Mode when LE is held HIGH. The device operates in clocked mode when LE is LOW and CLK is toggled. Data transfers from the Inputs (In) to Outputs (On) on a Positive Edge Transition of the Clock. When OE is LOW, the output data is enabled. When OE is HIGH the output port is in a high impedance state. The VCXF162835 is designed with 26 series resistors in the outputs. This design reduces noise in applications such as memory address drivers, clock drivers, and bus transceivers/transmitters. The 74VCXF162835 is designed for low voltage (1.65V to 3.6V) VCC applications with I/O capability up to 3.6V. The 74VCXF162835 is fabricated with an advanced CMOS technology to achieve high speed operation while maintaining low CMOS power dissipation.
Features
s Compatible with PC133 DIMM module specifications s 1.65V-3.6V VCC specifications provided s 3.6V tolerant outputs s 26 series resistors in outputs s tPD (CLK to O n) 3.2 ns max for 3.0V to 3.6V VCC 4.1 ns max for 2.3V to 2.7V VCC 7.4 ns max for 1.65V to 1.95V VCC s Power-down high impedance outputs s Static Drive (IOH/IOL) 12 mA @ 3.0V VCC 8 mA @ 2.3V VCC 3 mA @ 1.65V VCC s Latchup performance exceeds 300 mA s ESD performance: Human body model > 2000V Machine model >200V
Ordering Code:
Order Number 74VCXF162835MTD 74VCXF162835MTX (Note 1) Package Number MTD56 MTD56 Package Description 56-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 6.1mm Wide [TUBES] 56-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 6.1mm Wide [TAPE and REEL]
Note 1: Use this Order Number to receive devices in Tape and Reel.
(c) 2000 Fairchild Semiconductor Corporation
DS500259
www.fairchildsemi.com
74VCXF162835
Connection Diagram
Pin Descriptions
Pin Names OE LE CLK I1 - I18 O1 - O18 Description Output Enable Input (Active LOW) Latch Enable Input Clock Input Data Inputs 3-STATE Outputs
Truth Table
Inputs OE H L L L L L L LE X H H L L L L CLK X X X In X L H L H X X Outputs On Z L H L H O0 (Note 2) O0 (Note 3)

H L
H = Logic HIGH L = Logic LOW X = Don't Care, but not floating Z = High Impedance = LOW-to-HIGH Clock Transition Note 2: Output level before the indicated steady-state input conditions were established provided that CLK was HIGH before LE went LOW. Note 3: Output level before the indicated steady-state input conditions were established.
Logic Diagram
www.fairchildsemi.com
2
74VCXF162835
Absolute Maximum Ratings(Note 4)
Supply Voltage (VCC) DC Input Voltage (VI) Output Voltage (VO) Outputs 3-STATE Outputs Active (Note 5) DC Input Diode Current (IIK) VI < -0.5V VI > VCC + 0.5V (Note 6) DC Output Diode Current (IOK) VO < 0V VO > VCC DC Output Source/Sink Current (IOH/IOL) DC VCC or Ground Current per Supply Pin (I CC or Ground) Storage Temperature Range (TSTG)
-0.5V to +4.6V -0.5V to VCC + 0.5V -0.5V to +4.6V -0.5V to VCC + 0.5V -50 mA +50 mA -50 mA +50 mA 50 mA 100 mA -65C to +150C
Recommended Operating Conditions (Note 7)
Power Supply Operating Data Retention Only Input Voltage Output Voltage (VO) Output in Active States Output in 3-STATE Output Current in IOH/IOL VCC = 3.0V to 3.6V VCC = 2.3V to 2.7V VCC = 1.65V to 2.3V Free Air Operating Temperature (TA) Minimum Input Edge Rate (t/V) VIN = 0.8V to 2.0V, VCC = 3.0V 10 ns/V
Note 4: The "Absolute Maximum Ratings" are those values beyond which the safety of the device cannot be guaranteed. The device should not be operated at these limits. The parametric values defined in the Electrical Characteristics tables are not guaranteed at the Absolute Maximum Ratings. The Recommended Operating Conditions tables will define the conditions for actual device operation. Note 5: IO Absolute Maximum Rating must be observed. Note 6: Inputs do not have over-voltage tolerance. Note 7: Floating or unused pin (inputs or I/O's) must be held HIGH or LOW.
1.65V to 3.6V 1.2V to 3.6V
-0.3V to VCC
0V to VCC 0V to 3.6V
12 mA 8 mA 3 mA -40C to +85C
DC Electrical Characteristics (2.7V < VCC 3.6V)
Symbol VIH VIL VOH Parameter HIGH Level Input Voltage LOW Level Input Voltage HIGH Level Output Voltage IOH = -100 A IOH = -6 mA IOH = -8 mA IOH = -12 mA VOL LOW Level Output Voltage IOL = 100 A IOL = 6mA IOL = 8 mA IOL = 12mA II IOZ IOFF ICC ICC Input Leakage Current 3-STATE Output Leakage Power Off Leakage Current Quiescent Supply Current Increase in ICC per Input VI = V CC or GND 0V VO 3.6V VI = V IH or VIL 0V (VO) 3.6V VI = V CC or GND VCC (VO) 3.6V (Note 8) VIH = VCC - 0.6V
Note 8: Outputs disabled or 3-STATE only.
Conditions
VCC (V) 2.7-3.6 2.7-3.6 2.7-3.6 2.7 3.0 3.0 2.7-3.6 2.7 3.0 3.0 2.7-3.6 2.7-3.6 0 2.7-3.6 2.7-3.6
Min 2.0
Max
Units V
0.8 VCC - 0.2 2.2 2.4 2.2 0.2 0.4 0.55 0.8 5.0 10 10 20 20 750
V
V
V
A A A A A
3
www.fairchildsemi.com
74VCXF162835
DC Electrical Characteristics (2.3V VCC 2.7V)
Symbol VIH VIL VOH Parameter HIGH Level Input Voltage LOW Level Input Voltage HIGH Level Output Voltage IOH = -100 A IOH = -3 mA IOH = -6 mA IOH = -8 mA VOL LOW Level Output Voltage IOL = 100 A IOL = 6 mA IOL = 8 mA II IOZ IOFF ICC Input Leakage Current 3-STATE Output Leakage Power Off Leakage Current Quiescent Supply Current VI = VCC or GND 0V VO 3.6V VI = VIH or VIL 0V (VO) 3.6V VI = VCC or GND VCC (VO) 3.6V (Note 9)
Note 9: Outputs disabled or 3-STATE only.
Conditions
VCC (V) 2.3-2.7 2.3-2.7 2.3-2.7 2.3 2.3 2.3 2.3-2.7 2.3 2.3 2.3-2.7 2.3-2.7 0 2.3-2.7
Min 1.6
Max
Units V
0.7 VCC - 0.2 2.0 1.8 1.7 0.2 0.4 0.6 5.0 10 10 20 20
V
V
V A A A A
DC Electrical Characteristics (1.65V VCC < 2.3V)
Symbol VIH VIL VOH VOL II IOZ IOFF ICC Parameter HIGH Level Input Voltage LOW Level Input Voltage HIGH Level Output Voltage LOW Level Output Voltage Input Leakage Current 3-STATE Output Leakage Power Off Leakage Current Quiescent Supply Current IOH = -100 A IOH = -3 mA IOL = 100 A IOL = 3 mA VI = VCC or GND 0V VO 3.6V VI = VIH or VIL 0V (VO) 3.6V VI = VCC or GND VCC (VO) 3.6V (Note 10)
Note 10: Outputs disabled or 3-STATE only.
Conditions
VCC (V) 1.65 - 2.3 1.65 - 2.3 1.65 - 2.3 1.65 1.65 - 2.3 1.65 1.65 - 2.3 1.65 - 2.3 0 1.65 - 2.3
Min 0.65 x VCC
Max
Units V
0.35 x VCC VCC - 0.2 1.25 0.2 0.3 5.0 10 10 20 20
V V V A A A A
www.fairchildsemi.com
4
74VCXF162835
AC Electrical Characteristics (Note 11)
TA = -40C to +85C, CL = 30 pF, RL = 500 Symbol Parameter VCC = 3.3V 0.3V Min fMAX tPHL, tPLH tPHL, tPLH tPHL, tPLH tPZL, tPZH tPLZ, tPHZ tS tH tW tOSHL tOSLH Maximum Clock Frequency Propagation Delay Bus to Bus Propagation Delay Clock to Bus Propagation Delay LE to Bus Output Enable Time Output Disable Time Setup Time Hold Time Pulse Width Output to Output Skew (Note 12) 250 0.6 1.0 0.6 0.6 0.6 1.5 0.7 1.5 0.5 3.1 3.2 3.7 4.3 4.2 Max VCC = 2.5 0.2V Min 200 0.8 1.5 0.8 0.8 0.8 1.5 0.7 1.5 0.5 4.0 4.1 4.7 5.9 4.7 Max VCC = 1.8 0.15V Min 100 1.5 2.0 1.5 1.5 1.5 2.5 1.0 4.0 0.75 7.2 7.4 8.5 9.8 7.9 Max MHz ns ns ns ns ns ns ns ns ns Units
Note 11: For CL = 50pF, add approximately 300ps to the AC maximum specification. Note 12: Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same device. The specification applies to any outputs switching in the same direction, either HIGH-to-LOW (tOSHL) or LOW-to-HIGH (tOSLH).
AC Electrical Characteristics Over Load (Note 13)
TA = -0C to +85C, RL = 500 V CC = 3.3V 03V Symbol Parameter Min tPHL, tPLH tPHL, tPLH tPHL, tPLH tPZL, tPZH tPLZ, tPHZ tS tH Propagation Delay Bus to Bus Propagation Delay Clock to Bus Propagation Delay LE to Bus Output Enable Time Output Disable Time Setup Time Hold Time 1.0 1.4 1.0 1.0 1.0 1.0 0.6 CL = 50 pF Max 3.4 3.5 4.0 4.6 4.5 ns ns ns ns ns ns ns Units
Note 13: Characterized only.
Dynamic Switching Characteristics
Symbol VOLP Parameter Quiet Output Dynamic Peak VOL Conditions CL = 30 pF, VIH = VCC, VIL = 0V VCC (V) 1.8 2.5 3.3 VOLV Quiet Output Dynamic Valley VOL CL = 30 pF, VIH = VCC, VIL = 0V 1.8 2.5 3.3 VOHV Quiet Output Dynamic Valley VOH CL = 30 pF, VIH = VCC, VIL = 0V 1.8 2.5 3.3 TA=+25C Typical 0.25 0.40 0.55 -0.25 -0.40 -0.55 1.35 1.80 2.30 V V V Units
5
www.fairchildsemi.com
74VCXF162835
Capacitance
Symbol CIN CI/O CPD Parameter Input Capacitance Input/Output Capacitance Power Dissipation Capacitance Conditions VI = 0V or VCC, VCC = 1.8V, 2.5V, or 3.3V, VI = 0V, or VCC, VCC = 1.8V, 2.5V or 3.3V VI = 0V or VCC, f = 10 MHz, VCC = 1.8V, 2.5V or 3.3V TA = +25C Typical 3.5 5.5 13 Units pF pF pF
IOUT - VOUT Characteristics
IOH versus VOH
FIGURE 1. Characteristics for Output - Pull Up Drive
IOL versus VOL
FIGURE 2. Characteristics for Output - Pull Down Driver
www.fairchildsemi.com
6
74VCXF162835
AC Loading and Waveforms
FIGURE 3. AC Test Circuit TEST tPLH, tPHL tPZL, tPLZ tPZH, tPHZ SWITCH Open 6V at VCC = 3.3 0.3V; VCC x 2 at VCC = 2.5 0.2V; 1.8V to 0.15V GND
FIGURE 4. Waveform for Inverting and Non-inverting Functions tr = tf 2.0ns, 10% to 90%
FIGURE 5. 3-STATE Output High Enable and Disable Times for Low Voltage Logic tr = tf 2.0ns, 10% to 90%
FIGURE 6. 3-STATE Output Low Enable and Disable Times for Low Voltage Logic tr = tf 2.0ns, 10% to 90% Symbol Vmi Vmo Vx Vy VCC 3.3V 0.3V 1.5V 1.5V VOL + 0.3V VOH - 0.3V 2.5V 0.2V VCC/2 VCC/2 VOL + 0.15V VOH - 0.15V 1.8 0.15V VCC/2 VCC/2 VOL + 0.15V VOH - 0.15V
7
www.fairchildsemi.com
74VCXF162835 Low Voltage 18-Bit Universal Bus Driver with 3.6V Tolerant Outputs and 26 Series Resistors in Outputs
Physical Dimensions inches (millimeters) unless otherwise noted
56-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 6.1mm Wide Package Number MTD56
Fairchild does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and Fairchild reserves the right at any time without notice to change said circuitry and specifications. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury to the user. www.fairchildsemi.com 8 2. A critical component in any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. www.fairchildsemi.com


▲Up To Search▲   

 
Price & Availability of 74VCXF162835

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X