Part Number Hot Search : 
05S12 MPL031 MLL3825A MURF815 B90M1 BA7181FS 03600 1N5927B
Product Description
Full Text Search
 

To Download 74ALVCH16501 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INTEGRATED CIRCUITS
74ALVCH16501 18-bit universal bus transceiver (3-State)
Product specification Supersedes data of 1998 Aug 31 IC24 Data Handbook 1998 Sep 29
Philips Semiconductors
Philips Semiconductors
Product specification
18-bit universal bus transceiver (3-State)
74ALVCH16501
FEATURES
* Complies with JEDEC standard no. 8-1A. * CMOS low power consumption * Direct interface with TTL levels * Current drive 24 mA at 3.0 V * Universal bus transceiver with D-type latches and D-type flip-flops
capable of operating in transparent, latched or clocked mode.
DESCRIPTION
The 74ALVCH16501 is an 18-bit universal transceiver featuring non-inverting 3-State bus compatible outputs in both send and receive directions. Data flow in each direction is controlled by output enable (OEAB and OEBA), latch enable (LEAB and LEBA), and clock (CPAB and CPBA) inputs. For A-to-B data flow, the device operates in the transparent mode when LEAB is High. When LEAB is Low, the A data is latched if CPAB is held at a High or Low logic level. If LEAB is Low, the A-bus data is stored in the latch/flip-flop on the Low-to-High transition of CPAB. When OEAB is High, the outputs are active. When OEAB is Low, the outputs are in the high-impedance state. Data flow for B-to-A is similar to that of A-to-B but uses OEBA, LEBA and CPBA. The output enables are complimentary (OEAB is active High, and OEBA is active Low). To ensure the high impedance state during power up or power down, OEBA should be tied to VCC through a pullup resistor and OEAB should be tied to GND through a pulldown resistor; the minimum value of the resistor is determined by the current-sinking/current-sourcing capability of the driver. Active bus hold circuitry is provided to hold unused or floating data inputs at a valid logic level.
* All inputs have bushold circuitry * Output drive capability 50 transmission lines @ 85C * 3-State non-inverting outputs for bus oriented applications
QUICK REFERENCE DATA
GND = 0V; Tamb = 25C; tr = tf = 2.5ns SYMBOL tPHL/tPLH CI/O CI CPD PARAMETER Propagation delay An, Bn to Bn, An Input/output capacitance Input capacitance Power dissipation capacitance per latch VI = GND to VCC1 Outputs enabled Outputs disabled CONDITIONS VCC = 2.5V, CL = 30pF VCC = 3.3V, CL = 50pF TYPICAL 2.8 3.0 8.0 4.0 21 3 UNIT ns pF pF pF F
NOTES: 1. CPD is used to determine the dynamic power dissipation (PD in W): PD = CPD x VCC2 x fi + S (CL x VCC2 x fo) where: fi = input frequency in MHz; CL = output load capacitance in pF; fo = output frequency in MHz; VCC = supply voltage in V; S (CL x VCC2 x fo) = sum of outputs.
ORDERING INFORMATION
PACKAGES 56-Pin Plastic TSSOP Type II TEMPERATURE RANGE -40C to +85C OUTSIDE NORTH AMERICA 74ALVCH16501 DGG DWG NUMBER SOT364-1
1998 Sep 29
2
853-2091 20106
Philips Semiconductors
Product specification
18-bit universal bus transceiver (3-State)
74ALVCH16501
PIN CONFIGURATION
OEAB LEAB A0 GND A1 A2 VCC A3 A4 A5 1 2 3 4 5 6 7 8 9 10 56 GND 55 CPAB 54 A0 53 GND 52 B1 51 B2 50 VCC 49 B3 48 B4 47 B5 46 GND 45 B6 44 B7 43 B8 42 B9 41 B10 40 B11 39 GND 38 B12 37 B13 36 B14 35 VCC 34 B15 33 B16 32 GND 31 B17 30 CPBA 29 GND
PIN DESCRIPTION
PIN NUMBER 1 2 3, 5, 6, 8, 9, 10, 12, 13, 14, 15, 16, 17, 19, 20, 21, 23, 24, 26 4, 11, 18, 25, 29, 32, 39, 46, 53, 56 7, 22, 35, 50 27 28 30 54, 52, 51, 49, 48, 47, 45, 44, 43, 42, 41, 40, 38, 37, 36, 34, 33, 31 55 SYMBOL OEAB LEAB NAME AND FUNCTION Output enable A-to-B Latch enable A-to-B
A0 to A17
Data inputs/outputs
GND VCC OEBA LEBA CPBA
Ground (0V) Positive supply voltage Output enable B-to-A Latch enable B-to-A Clock input B-to-A
GND 11 A6 12 A7 13
B0 to B17
Data inputs/outputs
A8 14 A9 15 A10 16 A11 GND A12 17 18 19
CPAB
Clock input A-to-B
LOGIC SYMBOL (IEEE/IEC)
OEAB CPAB LEAB 1 56 2 EN1 2C3 C3 G2 OEBA CPBA LEBA 27 30 28 EN4 5C6 C6 G5
A13 20 A14 VCC A15 21 22 23
A16 24 GND A17 OEBA 25 26 27
A0
3
3D 4
1 1
1 6D
54
B0
A1 A2 A3 A4 A5 A6 A7 A8 A9 A10 A11 A12 A13 A14 A15 A16 A17
5 6 8 9 10 12 13 14 15 16 17 19 20 21 23 24 26
52 51 49 48 47 45 44 43 42 41 40 38 37 36 34 33 31
B1 B2 B3 B4 B5 B6 B7 B8 B9 B10 B11 B12 B13 B14 B15 B16 B17
LEBA 28
SW00089
SW00088
1998 Sep 29
3
Philips Semiconductors
Product specification
18-bit universal bus transceiver (3-State)
74ALVCH16501
LOGIC SYMBOL
3 5 6 8 9 10 12 13 14 15 16 17 19 20 21 23 24 26 1 2 55 A0 A1 A2 A3 A4 A5 A6 A7 A8 A9 A10 A11 A12 A13 A14 A15 A16 A17 OEAB LEAB CPAB B0 B1 B2 B3 B4 B5 B6 B7 B8 B9 B10 B11 B12 B13 B14 B15 B16 B17 OEBA LEBA CPBA 54 52 51 49 48 47 45 44 43 42 41 40 38 37 36 34 33 31 27 28 30
BUS HOLD CIRCUIT
VCC
Data Input
To internal circuit
SW00044
SW00087
LOGIC DIAGRAM (one section)
OEAB CPBA LEBA CPAB LEAB OEBA
C1
C1 B1
A1
1D
1D
C1
C1
1D 18 IDENTICAL CHANNELS
1D
SW00091
1998 Sep 29
4
Philips Semiconductors
Product specification
18-bit universal bus transceiver (3-State)
74ALVCH16501
FUNCTION TABLE
INPUTS OEAB L H H H H H H H H LEAB X H H L L L L CPAB X X X X X H or L H or L An X H L h I h I X X OUTPUTS Bn Z H L H L H L H L Disabled Trans arent Transparent Latch data & dis lay display Clock data & display dis lay Hold data & display dis lay OPERATING MODE
NOTE: A-to-B data flow is shown; B-to-A flow is similar but uses OEBA, LEBA, and CPBA. H = High voltage level h = High voltage level one set-up time prior to the Enable or Clock transition L = Low voltage level I = Low voltage level one set-up time prior to the Enable or Clock transition NC= No Change X = Don't care Z = High Impedance "off" state = High-to-Low Enable or Clock transition
RECOMMENDED OPERATING CONDITIONS
SYMBOL PARAMETER DC supply voltage 2.5V range (for max. speed performance @ 30 pF output load) DC supply voltage 3.3V range (for max. speed performance @ 50 pF output load) DC Input voltage range DC output voltage range Operating free-air temperature range Input rise and fall times VCC = 2.3 to 3.0V VCC = 3.0 to 3.6V CONDITIONS LIMITS MIN 2.3 3.0 0 0 -40 0 0 MAX 2.7 V 3.6 VCC VCC +85 20 10 V V C ns/V UNIT
VCC VI VO Tamb tr, tf
ABSOLUTE MAXIMUM RATINGS
In accordance with the Absolute Maximum Rating System (IEC 134) Voltages are referenced to GND (ground = 0V) SYMBOL VCC IIK VI IOK VO IO IGND, ICC Tstg PTOT PARAMETER DC supply voltage DC input diode current DC in ut voltage input DC output diode current DC output voltage DC output source or sink current DC VCC or GND current Storage temperature range Power dissipation per package -plastic thin-medium-shrink (TSSOP) For temperature range: -40 to +125 C above +55C derate linearly with 8 mW/K VI t0 For control pins1 For data inputs1 VO uVCC or VO t 0 Note 1 VO = 0 to VCC CONDITIONS RATING -0.5 to +4.6 -50 -0.5 to +4.6 -0.5 to VCC +0.5 "50 -0.5 to VCC +0.5 "50 "100 -65 to +150 600 V mA V mA mA C mW UNIT V mA
NOTE: 1. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
1998 Sep 29
5
Philips Semiconductors
Product specification
18-bit universal bus transceiver (3-State)
74ALVCH16501
DC ELECTRICAL CHARACTERISTICS
Over recommended operating conditions. Voltage are referenced to GND (ground = 0 V). LIMITS SYMBOL PARAMETER TEST CONDITIONS Temp = -40C to +85C MIN VIH HIGH level Input voltage VCC = 2.3 to 2.7V VCC = 2.7 to 3.6V LOW level Input voltage VCC = 2.3 to 2.7V VCC = 2.7 to 3.6V VCC = 2 3 to 3 6V; VI = VIH or VIL; IO = -100A 100A 2.3 3.6V; VCC = 2.3V; VI = VIH or VIL; IO = -6mA VO OH HIGH level output voltage VCC = 2.3V; VI = VIH or VIL; IO = -12mA VCC = 2.7V; VI = VIH or VIL; IO = -12mA VCC = 3.0V; VI = VIH or VIL; IO = -12mA VCC = 3.0V; VI = VIH or VIL; IO = -24mA VCC = 2 3 to 3 6V; VI = VIH or VIL; IO = 100A 2.3 3.6V; VCC = 2.3V; VI = VIH or VIL; IO = 6mA VOL LOW level output voltage VCC = 2.3V; VI = VIH or VIL; IO = 12mA VCC = 2.7V; VI = VIH or VIL; IO = 12mA VCC = 3.0V; VI = VIH or VIL; IO = 24mA II IOZ ICC ICC IBHL Input leakage current g 3-State output OFF-state current Quiescent supply current Additional quiescent supply current Bus hold LOW sustaining current VCC = 2 3 to 3 6V; 2.3 3.6V; VI = VCC or GND VCC = 2.7 to 3.6V; VI = VIH or VIL; VO = VCC or GND VCC = 2.3 to 3.6V; VI = VCC or GND; IO = 0 VCC = 2.3V to 3.6V; VI = VCC - 0.6V; IO = 0 VCC = 2.3V; VI = 0.7V2 VCC = 3.0V; VI = Bus hold HIGH sustaining current Bus hold LOW overdrive current Bus hold HIGH overdrive current 0.8V2 45 75 -45 -75 500 -500 -175 VCC*0.2 02 VCC*0.3 VCC*0.6 VCC*0.5 VCC*0.6 VCC*1.0 1.7 2.0 TYP1 1.2 V 1.5 1.2 1.5 VCC VCC*0.08 VCC*0.26 VCC*0.14 VCC*0.09 VCC*0.28 GND 0.07 0.15 0.14 0.27 0.1 0.1 0.2 150 - 150 0.20 0 20 0.40 0.70 0.40 0.55 5 10 40 750 A A A A A V V V V 0.7 V 0.8 MAX UNIT
VIL
IBHH IBHLO IBHHO
VCC = 2.3V; VI = 1.7V2 VCC = 3.0V; VI = VCC = 3.6V2 VCC = 3.6V2 2.0V2
A A A
NOTES: 1. All typical values are at Tamb = 25C. 2. Valid for data inputs of bus hold parts.
1998 Sep 29
6
Philips Semiconductors
Product specification
18-bit universal bus transceiver (3-State)
74ALVCH16501
AC CHARACTERISTICS FOR VCC = 2.3V TO 2.7V RANGE
GND = 0V; tr = tf 2.0ns; CL = 30pF LIMITS SYMBOL PARAMETER WAVEFORM MIN Propagation delay An, Bn to Bn, An tPHL/tPLH Propagation delay LEAB, LEBA to Bn, An Propagation delay CPAB, CPBA to Bn, An 3-State output enable time OEBA to An 3-State output enable time OEAB to Bn 3-State output enable time OEBA to An 3-State output enable time OEAB to Bn Pulse width HIGH LEAB, LEBA Pulse width HIGH or LOW CPAB, CPBA Set-up time An, Bn to CPAB, CPBA Set-up time An, Bn to LEAB, LEBA Hold time An, Bn to CPAB, CPBA Hold time An, Bn to LEAB, LEBA Maximum clock frequency 1, 2 1.0 1.1 1.0 1.3 3 1.0 1.3 3 1.5 3.3 2 3.3 1.7 4 1.1 1.7 4 1.6 150 0.3 333 - - MHz 0.1 0.3 - - ns 2.0 0.1 - - ns 2.5 0.8 6.2 - ns 2.5 2.5 5.8 5.3 ns VCC = 2.5V 0.2V TYP1 2.8 3.5 3.3 2.8 MAX 5.1 6.1 6.1 6.3 ns ns UNIT
tPZH/tPZL
tPHZ/tPLZ
tW
tS SU
th
fMAX
NOTE: 1. All typical values are at VCC = 2.5V and Tamb = 25C.
1998 Sep 29
7
Philips Semiconductors
Product specification
18-bit universal bus transceiver (3-State)
74ALVCH16501
AC CHARACTERISTICS FOR VCC = 3.0V TO 3.6V RANGE AND VCC = 2.7V
GND = 0V; tr = tf = 2.5ns; CL = 50pF LIMITS SYMBOL PARAMETER WAVEFORM VCC = 3.3V 0.3V MIN Propagation delay An, Bn to Bn, An tPHL/tPLH Propagation delay LEAB, LEBA to Bn, An Propagation delay CPAB, CPBA to Bn, An 3-State output enable time OEBA to An 3-State output enable time OEAB to Bn 3-State output disable time OEBA to An 3-State output disable tiime OEAB to Bn LE pulse width LEAB, LEBA to CPAB, CPBA LE pulse width HIGH or LOW CPAB, CPBA Set-up time An, Bn to CPAB, CPBA Set-up time An, Bn to LEAB, LEBA Hold time An, Bn to CPAB, CPBA Hold time An, Bn to LEAB, LEBA Maximum clock frequency 1, 2 1.0 1.3 1.4 1.1 3 1.0 1.3 3 1.4 3.3 2 3.3 1.3 4 1.0 1.3 4 1.2 150 0.1 340 1.5 150 0.1 333 MHz 0.3 0.4 1.0 1.6 -0.2 0.3 ns 1.1 -0.3 3.3 1.4 1.4 -0.1 ns 2.9 0.9 5.0 3.3 3.6 0.7 ns 5.7 2.4 3.1 4.6 4.2 2.7 3.3 5.3 4.6 ns TYP1 3.0 3.4 3.3 2.5 MAX 4.2 4.8 4.9 5.0 MIN VCC = 2.7V TYP 3.0 3.6 3.4 3.3 MAX 4.6 5.3 5.6 6.0 ns ns UNIT
tPZH/tPZL
tPHZ/tPLZ
tW
tS SU
th
fMAX
NOTE: 1. All typical values are at VCC = 3.3V and Tamb = 25C.
1998 Sep 29
8
Philips Semiconductors
Product specification
18-bit universal bus transceiver (3-State)
74ALVCH16501
AC WAVEFORMS
VCC = 2.3 TO 2.7 V RANGE 1. VM = 0.5 V 2. VX = VOL + 0.15V 3. VY = VOH - 0.15V 4. VI = VCC 5. VOL and VOH are the typical output voltage drop that occur with the output load. VCC = 3.0 TO 3.6 V RANGE AND VCC = 2.7 V 1. VM = 1.5 V 2. VX = VOL + 0.3V 3. VY = VOH - 0.3V 4. VI = 2.7 V 5. VOL and VOH are the typical output voltage drop that occur with the output load.
VI An, Bn INPUT GND tPHL VOH Bn, An OUTPUT VOL VM tPLH VOH VM OUTPUT HIGH-to-OFF OFF-to-HIGH GND outputs enabled outputs disabled outputs enabled VY VM OEAB INPUT VM OEBA INPUT VM
tPLZ VCC OUTPUT LOW-to-OFF OFF-to-LOW VOL tPHZ
tPZL
VM VX
tPZH
SW00085
Waveform 3. 3-State enable and disable times
An, Bn INPUT
Waveform 1. Input (An, Bn) to output (Bn, An) propagation delays
GND
VI LEXX INPUT CPXX INPUT GND VOH An, Bn OUTPUT VOL
1/fmax
CPXX, LEXX INPUT VM GND
tW tPHL tPLH
NOTE: The unshaded areas indicate when the input is permitted to change for predictable output performance.
VM
Waveform 4. Data set-up and hold times for the An and Bn inputs to the LEAB, LEBA, CPAB and CPBA inputs
SW00092
Waveform 2. Latch enable input (LEAB, LEBA) and clock pulse input (CPAB, CPBA) to output propagation delays and their pulse width
1998 Sep 29
9
EEEEEEEEEE EEE E EEEEEEEEEE EEE E
VM th th tSU tSU VI VM
SW00083
VI
SW00093
Philips Semiconductors
Product specification
18-bit universal bus transceiver (3-State)
74ALVCH16501
TEST CIRCUIT
VCC S1 2 * VCC Open GND
VI PULSE GENERATOR RT D.U.T.
VO
RL = 500
CL
RL = 500
Test Circuit for switching times DEFINITIONS
RL = Load resistor CL = Load capacitance includes jig and probe capacitance RT = Termination resistance should be equal to ZOUT of pulse generators.
SWITCH POSITION
TEST tPLH/tPHL tPLZ/tPZL tPHZ/tPZH S1 Open 2 < VCC
GND
VCC < 2.7V 2.7-3.6V
VI VCC 2.7V
SV00906
Figure 5. Load circuitry for switching times
1998 Sep 29
10
Philips Semiconductors
Product specification
18-bit universal bus transceiver (3-State)
74ALVCH16501
TSSOP56: plastic thin shrink small outline package; 56 leads; body width 6.1mm
SOT364-1
1998 Sep 29
11
Philips Semiconductors
Product specification
18-bit universal bus transceiver (3-State)
74ALVCH16501
NOTES
1998 Sep 29
12
Philips Semiconductors
Product specification
18-bit universal bus transceiver (3-State)
74ALVCH16501
DEFINITIONS
Data Sheet Identification
Objective Specification
Product Status
Formative or in Design
Definition
This data sheet contains the design target or goal specifications for product development. Specifications may change in any manner without notice. This data sheet contains preliminary data, and supplementary data will be published at a later date. Philips Semiconductors reserves the right to make changes at any time without notice in order to improve design and supply the best possible product. This data sheet contains Final Specifications. Philips Semiconductors reserves the right to make changes at any time without notice, in order to improve design and supply the best possible product.
Preliminary Specification
Preproduction Product
Product Specification
Full Production
Philips Semiconductors and Philips Electronics North America Corporation reserve the right to make changes, without notice, in the products, including circuits, standard cells, and/or software, described or contained herein in order to improve design and/or performance. Philips Semiconductors assumes no responsibility or liability for the use of any of these products, conveys no license or title under any patent, copyright, or mask work right to these products, and makes no representations or warranties that these products are free from patent, copyright, or mask work right infringement, unless otherwise specified. Applications that are described herein for any of these products are for illustrative purposes only. Philips Semiconductors makes no representation or warranty that such applications will be suitable for the specified use without further testing or modification. LIFE SUPPORT APPLICATIONS Philips Semiconductors and Philips Electronics North America Corporation Products are not designed for use in life support appliances, devices, or systems where malfunction of a Philips Semiconductors and Philips Electronics North America Corporation Product can reasonably be expected to result in a personal injury. Philips Semiconductors and Philips Electronics North America Corporation customers using or selling Philips Semiconductors and Philips Electronics North America Corporation Products for use in such applications do so at their own risk and agree to fully indemnify Philips Semiconductors and Philips Electronics North America Corporation for any damages resulting from such improper use or sale. Philips Semiconductors 811 East Arques Avenue P.O. Box 3409 Sunnyvale, California 94088-3409 Telephone 800-234-7381 (c) Copyright Philips Electronics North America Corporation 1998 All rights reserved. Printed in U.S.A. Date of release: 06-98 Document order number: 9397-750-04801
Philips Semiconductors
1998 Sep 29 13


▲Up To Search▲   

 
Price & Availability of 74ALVCH16501

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X