Part Number Hot Search : 
BZT52C5 K2200 T74LS147 KE220 OPB750N M83723 C4460 RB085
Product Description
Full Text Search
 

To Download 301CNQSERIES Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Bulletin PD-2.177 rev. D 07/01
301CNQ... SERIES
SCHOTTKY RECTIFIER 300 Amp
TO-244AB
Major Ratings and Characteristics Characteristics
IF(AV) Rectangular waveform VRRM range IFSM @ tp = 5 s sine VF TJ @ 150Apk, TJ=125C (per leg) range
Description/Features
The 301CNQ center tap Schottky rectifier module series has been optimized for low reverse leakage at high temperature. The proprietary barrier technology allows for reliable operation up to 175 C junction temperature. Typical applications are in high current switching power supplies, plating power supplies, UPS systems, converters, free-wheeling diodes, welding, and reverse battery protection. 175 C TJ operation Center tap module High purity, high temperature epoxy encapsulation for enhanced mechanical strength and moisture resistance Low forward voltage drop High frequency operation Guard ring for enhanced ruggedness and long term reliability
208CMQ060
301CNQ... Units
300 35 to 45 16,000 0.59 - 55 to 175 A V A V C
80.01 [3.150] 40.26 [1.585] 39.75 [1.565] COMMON CATHODE
O
10.41 [.410] 9.65 [.380]
20.32 [.800] 17.78 [.700]
LUG TERMINAL ANODE 1
LUG TERMINAL ANODE 2
2X O
7.49 [.295] 6.99 [.275]
34.925 [1.375] REF. 63.50 [2.500] 60.96 [2.400]
O
4.95 [.195] 4.70 [.185]
1/4-20 SLOTTED HEX
BASE COMMON CATHODE
23.55 [.927] 20.42 [.804]
15.75 [.620] 14.99 [.590] 3.35 [.132] 3.02 [.119]
92.71 [3.650] 90.17 [3.550] NOTES: 1. DIMENSIONS ARE SHOWN IN MILLIMETERS [INCHES]. 2. CONTROLLING DIMENSION: MILLIMETER
Modified JEDEC Outline TO-244AB Dimensions in millimeters and (inches)
www.irf.com
1
301CNQ... Series
Bulletin PD-2.177 rev. D 07/01
Voltage Ratings
Part number
VR Max. DC Reverse Voltage (V) VRWM Max. Working Peak Reverse Voltage (V)
301CNQ035
35
301CNQ040
40
301CNQ045
45
Absolute Maximum Ratings
Parameters
IF(AV) Max. Average Forward Current * See Fig. 5 IFSM EAS IAR Max. Peak One Cycle Non-Repetitive Surge Current (Per Leg) * See Fig. 7 Non-Repetitive Avalanche Energy (Per Leg) Repetitive Avalanche Current (Per Leg) 16,000 3200 202 30 A mJ A Following any rated load condition and with 10ms Sine or 6ms Rect. pulse rated VRRM applied 5s Sine or 3s Rect. pulse TJ = 25 C, IAS = 40 Amps, L = 0.34 mH Current decaying linearly to zero in 1 sec Frequency limited by TJ max. VA = 1.5 x VR typical
301CNQ Units Conditions
300 A 50% duty cycle @ TC = 81 C, rectangular wave form
Electrical Specifications
Parameters
VFM Max. Forward Voltage Drop (Per Leg) * See Fig. 1 (1)
301CNQ Units
0.69 0.90 0.59 0.76 10 90 5200 7.0 10,000 V V V V mA mA pF nH V/ s @ 150A @ 300A @ 150A @ 300A
Conditions
TJ = 25 C TJ = 100 C VR = rated VR
IRM CT LS
Max. Reverse Leakage Current (Per Leg) * See Fig. 2 (1) Max. Junction Capacitance (Per Leg) Typical Series Inductance (Per Leg)
TJ = 25 C TJ = 125 C
VR = 5VDC, (test signal range 100Khz to 1Mhz) 25C From top of terminal hole to mounting plane
dv/dt Max. Voltage Rate of Change (Rated VR)
Thermal-Mechanical Specifications
Parameters
TJ Tstg Max. Junction Temperature Range Max. Storage Temperature Range
(1) Pulse Width < 300s, Duty Cycle <2%
301CNQ Units Conditions
-55 to 175 -55 to 175 0.40 0.20 0.10 C C C/W DC operation C/W DC operation C/W Mounting surface , smooth and greased * See Fig. 4
RthJC Max. Thermal Resistance Junction to Case (Per Leg) RthJC Max. Thermal Resistance Junction to Case (Per Package) RthCS Typical Thermal Resistance, Case to Heatsink wt Approximate Weight T Mounting Torque Base Min. Max. Mounting Torque Center Hole Typ. Terminal Torque Min. Max. Case Style
79 (2.80) g (oz.) 24 (20) 35 (30) Kg-cm 13.5 (12) (Ibf-in) 35 (30) 46 (40) TO - 244AB Modified JEDEC
2
www.irf.com
301CNQ... Series
Bulletin PD-2.177 rev. D 07/01
10 00
10 00 T =1 5C 7 J 10 0 1 0 1 .1 .0 1 .0 1 0 0
Reverse Current - I R (mA)
1 0C 5 1 5C 2 1 0C 0 7 5C 5 0C 2 5C
(A) Instantaneous Forward Current - I
F
10 0
5
11223344 05050505
T =1 5C 7 J T =1 5C 2 J T= 2 5C J 1 0 100 00
Reverse Voltage - V R (V) Fig. 2 - Typical Values Of Reverse Current Vs. Reverse Voltage (Per Leg)
Junction Capacitance - C T (pF)
T =2 5C J
1 0
.2
.4
.6
.8
1
1 .2 1 .4 1 .6 1 .8
10 00 0
1 0
2 0
3 0
4 0
5 0
Forward Voltage Drop - V FM (V) Fig. 1 - Max. Forward Voltage Drop Characteristics (Per Leg)
1
Reverse Voltage - V R (V) Fig. 3 - Typical Junction Capacitance Vs. Reverse Voltage (Per Leg)
Thermal Impedance Z thJC (C/W)
D=0 0 .5 .1 D=0 3 .3 D=0 5 .2 D=0 7 .1 D=0 8 .0 .0 1 S g P ls in le u e (T e a R s ta c ) h rm l e is n e .0 1 0 .0 0 1 00 .0 0 01 .0 1 0 .0 1 .1
PM D
t 1 t2 N te : os 1 D tyfa to D= t1/ t2 .u cr 2 P a T =P xZ . ek +T JD M th C C J 1 1 0 10 0
t 1 , Rectangular Pulse Duration (Seconds) Fig. 4 - Max. Thermal Impedance ZthJC Characteristics (Per Leg)
www.irf.com
3
301CNQ... Series
Bulletin PD-2.177 rev. D 07/01
10 8 10 4
Allowable Case Temperature (C)
10 6 10 5 10 4 10 3 10 2 10 1 0 D C
Average Power Loss (Watts)
10 7
31 N 0C Q R J (D ) =0 0 C .4 /W th C C
D=0 8 .0 .1 1 0 D=0 7 2 D=0 5 .2 D=0 3 .3 10 0 D=0 0 .5 8 0 6 0 4 0 2 0 0 0 R SL it M im D C
4 0
8 0
10 2
10 6
20 0
20 4
2 5 7 1 01 51 01 52 02 5 505025702
Average Forward Current - IF(AV) (A) Fig. 5 - Max. Allowable Case Temperature Vs. Average Forward Current (Per Leg)
Non-Repetitive Surge Current - I FSM (A)
100000 At Any Rated Load Condition And With Rated V RRM Applied Following Surge
Average Forward Current - IF (AV) (A) Fig. 6 - Forward Power Loss Characteristics (Per Leg)
10000
1000 10
100
1000
10000
Square Wave Pulse Duration - t p (microsec) Fig. 7 - Max. Non-Repetitive Surge Current (Per Leg)
L H IG H -SPE ED SW IT C H FRE E-W H EEL D IO D E 40H FL40S02 V d = 25 V olt
D UT
IRFP460 Rg = 2 5 oh m
+
C UR RE N T M O N ITO R
Fig. 8 - Unclamped Inductive Test Circuit
4
www.irf.com
301CNQ... Series
Bulletin PD-2.177 rev. D 07/01
Data and specifications subject to change without notice. This product has been designed and qualified for Industrial Level. Qualification Standards can be found on IR's Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7309 Visit us at www.irf.com for sales contact information. 07/01
www.irf.com
5


▲Up To Search▲   

 
Price & Availability of 301CNQSERIES

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X