Part Number Hot Search : 
BQ20Z90 RN2101F KT130 BSO303SP MA101 40007 M5218F 9MS8G01
Product Description
Full Text Search
 

To Download 2SC3927 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SC3927
Silicon NPN Triple Diffused Planar Transistor (High Voltage Switchihg Transistor) sAbsolute maximum ratings (Ta=25C)
Symbol VCBO VCEO VEBO IC IB PC Tj Tstg 2SC3927 900 550 7 10(Pulse15) 5 120(Tc=25C) 150 -55 to +150 Unit V V V A A W C C
Application : Switching Regulator and General Purpose
(Ta=25C) 2SC3927 100max 100max 550min 10 to 28 0.5max 1.2max 6typ 105typ V V MHz pF
20.0min 4.0max 3 1.05 +0.2 -0.1 5.450.1 B C E 5.450.1 0.65 +0.2 -0.1 1.4
sElectrical Characteristics
Symbol ICBO IEBO V(BR)CEO hFE VCE(sat) VBE(sat) fT COB Conditions VCB=800V VEB=7V IC=10mA VCE=4V, IC=5A IC=5A, IB=1A IC=5A, IB=1A VCE=12V, IE=-1A VCB=10V, f=1MHz
External Dimensions MT-100(TO3P)
5.00.2 15.60.4 9.6 2.0 1.8 4.80.2 2.00.1
Unit
A A
19.90.3
V
4.0
a b
o3.20.1
2
sTypical Switching Characteristics (Common Emitter)
VCC (V) 250 RL () 50 IC (A) 5 VBB1 (V) 10 VBB2 (V) -5 IB1 (A) 0.75 IB2 (A) -1.5 ton (s) 1max tstg (s) 5max tf (s) 0.5max
Weight : Approx 6.0g a. Type No. b. Lot No.
IC - VCE Characteristics (Typical)
10
1. 2A
VCE(sat),VBE(sat) - IC Temperature Characteristics (Typical)
Collector-Emitter Saturation Voltage V CE(s a t)( V ) Base-Emitter Saturation Voltage V B E(s a t)( V ) (IC/I B= 5)
I C - VBE Temperature Characteristics (Typical)
10 (VCE=4V)
1A
80 0m A
60 0m A
Collector Current I C( A)
-55C (C
25C (C
ase Temp)
p)
6
400m A
ase Tem
Collector Current I C (A)
8
1
V B E( sat) 8
6
p)
mp
4
4
eT
200mA
125C
(Case 25C
Cas
(C a
I B =100mA
125
C (
12
25
2
C 5
2
C
VCE(sat) 0 0.02 0.05 0.1 0.5 1
5 -5
0
0
1
2
3
4
5
10
0
0
0.2
0.4
0.6
0.8
-55C
C
(Case
se
Te
Temp)
)
em
(Case
Temp
T
emp)
)
1.0
1.2
Collector-Emitter Voltage V C E( V)
Collector Current I C( A)
Base-Emittor Voltage V B E( V)
hFE - IC Characteristics (Typical)
(VCE=4V) 50 10
t on *t st g * tf - IC Characteristics (Typical)
j-a(C/W)
2
j-a - t Characteristics
ton*t s t g*t f( s)
125 C
DC C urrent G ain h FE
Transient Thermal Resistance
25 C
5 VCC 250V IC:I B 1: -I B2= 10:1.5:3
t s tg
1
-5 5 C
Switching Ti me
1 0.5 t on tf 0.1 0.2 0.5 1 Collector Current I C( A) 5 10
0.5
10
5 0.02
0.05
0.1
0.5
1
5
10
0.1
1
10 Time t(ms)
100
1000
Collector Current I C( A)
Safe Operating Area (Single Pulse)
20 10 5 Co lle ctor Cu rre nt I C( A)
DC
10
Reverse Bias Safe Operating Area
20 120
P c - T a Derating
s
M aximu m Power Dissipat io n P C( W)
ms
1m
10
10
0 s
5 Co lle ctor Cu rre nt I C( A)
100
W ith In fin ite
1 0.5
1 0.5
he at si nk
50
0.1 0.05 0.02 10
Without Heatsink Natural Cooling
0.1 0.05 0.02 50
Without Heatsink Natural Cooling L=3mH IB2=-1.0A Duty:less than 1% 100 500 1000
50
100
500 600
3.5 0
Without Heatsink 0 25 50 75 100 125 150
Collector-Emitter Voltage V C E( V)
Collector-Emitter Voltage V C E( V)
Ambient Temperature Ta(C)
82


▲Up To Search▲   

 
Price & Availability of 2SC3927

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X