Part Number Hot Search : 
08HT58CP SI7148DP T52C4V T52C4V SI7148DP K100310 0469PWR PST9136
Product Description
Full Text Search
 

To Download 2SB892 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Ordering number:930C
PNP/NPN Epitaxial Planar Silicon Darlington Transistors
2SB892/2SD1207
Large-Current Switching Applications
Features
* Power supplies, relay drivers, lamp drivers, and automotive wiring.
Package Dimensions
unit:mm 2006A
[2SB892/2SD1207]
Features
* FBET and MBIT processed (Original process of SANYO). * Low saturation voltage. * Large current capacity and wide ASO.
( ) : 2SB892
EIAJ : SC-51 SANYO : MP
Specifications
Absolute Maximum Ratings at Ta = 25C
Parameter Collector-to-Base Voltage Collector-to-Emitter Voltage Emitter-to-Base Voltage Collector Current Collector Current (Pulse) Allowable Collector Dissipation Junction Temperature Storage Temperature Symbol VCBO VCEO VEBO IC ICP PC Tj Tstg Conditions
B : Base C : Collector E : Emitter
Ratings (-)60 (-)50 (-)6 (-)2 (-)4 1 150 -55 to +150
Unit V V V A A W C
C
Electrical Characteristics at Ta = 25C
Parameter Collector Cutoff Current Emitter Cutoff Current DC Current Gain Gain-Bandwidth Product Output Capacitance Symbol ICBO IEBO hFE1 hFE2 fT Cob VCB=(-)50V, IE=0 VEB=(-)4V, IC=0 VCE=(-)2V, IC=(-)100mA VCE=(-)2V, IC=(-)1.5A VCE=(-)10V, IC=(-)50mA VCB=(-)10V, f=1MHz 10 0 40 150 12 (22) MHz pF pF Conditions Ratings min typ max (-)0.1 (-)0.1 56 0 Unit A A
* : The 2SB892/2SD1207 are graded as follows by hFE at 100mA :
100 R 200 140 S 280 200 T 400 280 U 560
Any and all SANYO products described or contained herein do not have specifications that can handle applications that require extremely high levels of reliability, such as life-support systems, aircraft's control systems, or other applications whose failure can be reasonably expected to result in serious physical and/or material damage. Consult with your SANYO representative nearest you before using any SANYO products described or contained herein in such applications. SANYO assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges,or other parameters) listed in products specifications of any and all SANYO products described or contained herein.
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquaters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
91098HA (KT)/4067KI/3145KI No.930-1/4
2SB892/2SD1207
Parameter Collector-to-Emitter Saturation Voltage Base-to-Emitter Saturation Voltage Collector-to-Base Breakdown Voltage Collector-to-Emitter Breakdown Voltage Emitter-to-Base Breakdown Voltage Symbol VCE(sat) VBE(sat) Conditions IC=(-)1A, IB=(-)50mA Ratings min typ 0.15 (-0.3) IC=(-)1A, IB=(-)50mA V(BR)CBO IC=(-)10A, IE=0 V(BR)CEO IC=(-)1mA, RBE= V(BR)EBO IE=(-)10A, IC=0 (-)0.9 (-)60 (-)50 (-)6 max 0.4 (-0.7) (-)1.2 Unit V V V V V V
No.930-2/4
2SB892/2SD1207
No.930-3/4
2SB892/2SD1207
Specifications of any and all SANYO products described or contained herein stipulate the performance, characteristics, and functions of the described products in the independent state, and are not guarantees of the performance, characteristics, and functions of the described products as mounted in the customer's products or equipment. To verify symptoms and states that cannot be evaluated in an independent device, the customer should always evaluate and test devices mounted in the customer's products or equipment. SANYO Electric Co., Ltd. strives to supply high-quality high-reliability products. However, any and all semiconductor products fail with some probability. It is possible that these probabilistic failures could give rise to accidents or events that could endanger human lives, that could give rise to smoke or fire, or that could cause damage to other property. When designing equipment, adopt safety measures so that these kinds of accidents or events cannot occur. Such measures include but are not limited to protective circuits and error prevention circuits for safe design, redundant design, and structural design. In the event that any and all SANYO products described or contained herein fall under strategic products (including services) controlled under the Foreign Exchange and Foreign Trade Control Law of Japan, such products must not be exported without obtaining export license from the Ministry of International Trade and Industry in accordance with the above law. No part of this publication may be reproduced or transmitted in any form or by any means, electronic or mechanical, including photocopying and recording, or any information storage or retrieval system, or otherwise, without the prior written permission of SANYO Electric Co. , Ltd. Any and all information described or contained herein are subject to change without notice due to product/technology improvement, etc. When designing equipment, refer to the "Delivery Specification" for the SANYO product that you intend to use. Information (including circuit diagrams and circuit parameters) herein is for example only ; it is not guaranteed for volume production. SANYO believes information herein is accurate and reliable, but no guarantees are made or implied regarding its use or any infringements of intellectual property rights or other rights of third parties.
This catalog provides information as of September, 1998. Specifications and information herein are subject to change without notice.
PS No.930-4/4


▲Up To Search▲   

 
Price & Availability of 2SB892

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X