|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Ordering number:EN2266A PNP/NPN Epitaxial Planar Type Silicon Transistors 2SB1270/2SD1906 High-Current Switching Applications Applications * Suitable for relay drivers, high-speed inverters, converters, and other general high-current switching applications. Package Dimensions unit:mm 2049B [2SB1270/2SD1906] Features * Suitable for sets whose height is restricted. * Low collector to emitter saturation voltage. * Large current capacity. ( ) : 2SB1270 Specifications Absolute Maximum Ratings at Ta = 25C Parameter Collector-to-Base Voltage Collector-to-Emitter Voltage Emitter-to-Base Voltage Collector Current Collector Current (Pulse) Collector Dissipation Junction Temperature Storage Temperature Symbol VCBO VCEO VEBO IC ICP PC Tc=25C E : Emitter C : Collector B : Base SANYO : TO-220MF Conditions Ratings (-)90 (-)80 (-)6 (-)5 (-)9 1.65 30 150 -55 to +150 Unit V V V A A W W C C Tj Tstg Electrical Characteristics at Ta = 25C Parameter Collector Cutoff Current Emitter Cutoff Current DC Current Gain Gain-Bandwidth Product Collector-to-Emitter Saturation Voltage Symbol ICBO IEBO hFE1 hFE2 fT VCE(sat) VCB=(-)80V, IE=0 VEB=(-)4V, IC=0 VCE=(-)2V, IC=(-)1A VCE=(-)2V, IC=(-)3A VCE=(-)5V, IC=(-)1A IC=(-)3A, IB=(-)0.3A 70* 30 20 0.4 (-0.5) MHz V V Conditions Ratings min typ max (-)0.1 (-)0.1 280* Unit mA mA * : The 2SB1270/2SD1906 are classified by 1A hFE as follows : 70 Q 140 100 R 200 140 S 280 Any and all SANYO products described or contained herein do not have specifications that can handle applications that require extremely high levels of reliability, such as life-support systems, aircraft's control systems, or other applications whose failure can be reasonably expected to result in serious physical and/or material damage. Consult with your SANYO representative nearest you before using any SANYO products described or contained herein in such applications. SANYO assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges,or other parameters) listed in products specifications of any and all SANYO products described or contained herein. SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquaters TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN O1598HA (KT)/D251MH/4097TA, TS No.2266-1/4 2SB1270/2SD1906 Parameter Collector-to-Base Breakdown Voltage Collector-to-Emitter Breakdown Voltage Emitter-to-Base Breakdown Voltage Turn-ON Time Storage Time Fall Time Symbol V(BR)CBO IC=(-)1mA, IE=0 V(BR)CEO IC=(-)1mA, RBE= V(BR)EBO ton tstg tf IE=(-)1mA, IC=0 See specified test circuit. See specified test circuit. See specified test circuit. Conditions Ratings min (-)90 (-)80 (-)6 (0.2) 0.1 (0.7) 1.2 (0.2) 0.4 typ max Unit V V V s s s s s s Switching Time Test Circuit No.2266-2/4 2SB1270/2SD1906 No.2266-3/4 2SB1270/2SD1906 Specifications of any and all SANYO products described or contained herein stipulate the performance, characteristics, and functions of the described products in the independent state, and are not guarantees of the performance, characteristics, and functions of the described products as mounted in the customer's products or equipment. To verify symptoms and states that cannot be evaluated in an independent device, the customer should always evaluate and test devices mounted in the customer's products or equipment. SANYO Electric Co., Ltd. strives to supply high-quality high-reliability products. However, any and all semiconductor products fail with some probability. It is possible that these probabilistic failures could give rise to accidents or events that could endanger human lives, that could give rise to smoke or fire, or that could cause damage to other property. When designing equipment, adopt safety measures so that these kinds of accidents or events cannot occur. Such measures include but are not limited to protective circuits and error prevention circuits for safe design, redundant design, and structural design. In the event that any or all SANYO products(including technical data,services) described or contained herein are controlled under any of applicable local export control laws and regulations, such products must not be expor ted without obtaining the expor t license from the authorities concerned in accordance with the above law. No part of this publication may be reproduced or transmitted in any form or by any means, electronic or mechanical, including photocopying and recording, or any information storage or retrieval system, or otherwise, without the prior written permission of SANYO Electric Co., Ltd. Any and all information described or contained herein are subject to change without notice due to product/technology improvement, etc. When designing equipment, refer to the "Delivery Specification" for the SANYO product that you intend to use. Information (including circuit diagrams and circuit parameters) herein is for example only ; it is not guaranteed for volume production. SANYO believes information herein is accurate and reliable, but no guarantees are made or implied regarding its use or any infringements of intellectual property rights or other rights of third parties. This catalog provides information as of October, 1998. Specifications and information herein are subject to change without notice. PS No.2266-4/4 |
Price & Availability of 2SB1270 |