Part Number Hot Search : 
1N522 APTGT1 25616 OPB618 331M1 070906FS M6004 TC74A
Product Description
Full Text Search
 

To Download 2SA1533 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Transistor
2SA1533
Silicon PNP epitaxial planer type
For low-frequency driver amplification Complementary to 2SC3939
5.00.2 4.00.2
Unit: mm
q q
High collector to emitter voltage VCEO. Optimum for the driver stage of a low-frequency and 25 to 30W output amplifier.
s Absolute Maximum Ratings
Parameter Collector to base voltage Collector to emitter voltage Emitter to base voltage Peak collector current Collector current Collector power dissipation Junction temperature Storage temperature Symbol VCBO VCEO VEBO ICP IC PC Tj Tstg
(Ta=25C)
Ratings -80 -80 -5 -1 - 0.5 1 150 -55 ~ +150 Unit V V V A A W C C
123 2.540.15 1.27 0.45 -0.1 1.27
+0.15
13.50.5
0.70.1
0.70.2
8.00.2
s Features
0.45 -0.1
+0.15
2.30.2
1:Emitter 2:Collector 3:Base TO-92NL Package
s Electrical Characteristics
Parameter Collector cutoff current Collector to base voltage Collector to emitter voltage Emitter to base voltage Forward current transfer ratio Collector to emitter saturation voltage Base to emitter saturation voltage Transition frequency Collector output capacitance
(Ta=25C)
Symbol ICBO VCBO VCEO VEBO hFE1* hFE2 VCE(sat) VBE(sat) fT Cob Conditions VCB = -20V, IE = 0 IC = -10A, IE = 0 IC = -100A, IB = 0 IE = -10A, IC = 0 VCE = -10V, IC = -150mA VCE = -5V, IC = -500mA IC = -300mA, IB = -30mA IC = -300mA, IB = -30mA VCB = -10V, IE = 50mA, f = 200MHz VCB = -10V, IE = 0, f = 1MHz -80 -80 -5 90 50 100 - 0.2 - 0.85 85 11 20 - 0.4 -1.2 V V MHz pF 220 min typ max - 0.1 Unit A V V V
*h
FE1
Rank classification
Q 90 ~ 155 R 130 ~ 220
Rank hFE1
1
Transistor
PC -- Ta
1.2 -1.2 Ta=25C
2SA1533
IC -- VCE
-1.2 VCE=-10V Ta=25C -1.0
IC -- IB
Collector power dissipation PC (W)
1.0
-1.0
IB=-10mA
Collector current IC (A)
0.8
- 0.8
-8mA -7mA -6mA -5mA -4mA -3mA -2mA -1mA
0.6
- 0.6
0.4
- 0.4
0.2
- 0.2
0 0 20 40 60 80 100 120 140 160
0 0 -2 -4 -6 -8 -10
Collector current IC (A)
-9mA
- 0.8
- 0.6
- 0.4
- 0.2
0 0 -2 -4 -6 -8 -10
Ambient temperature Ta (C)
Collector to emitter voltage VCE (V)
Base current IB (mA)
VCE(sat) -- IC
Collector to emitter saturation voltage VCE(sat) (V)
-10 -3 -1
VBE(sat) -- IC
Base to emitter saturation voltage VBE(sat) (V)
IC/IB=10 -100 -30 -10 -3 -1 Ta=-25C 75C IC/IB=10 300
hFE -- IC
VCE=-10V
Forward current transfer ratio hFE
250
200
Ta=75C 25C
- 0.3 - 0.1 - 0.03 - 0.01 25C
Ta=75C
25C
150 -25C 100
-25C
- 0.3 - 0.1 - 0.03 - 0.01 -1
50
- 0.003 - 0.001 -1
-3
-10
-30
-100 -300 -1000
-3
-10
-30
-100 -300 -1000
0 -1
-3
-10
-30
-100 -300 -1000
Collector current IC (mA)
Collector current IC (mA)
Collector current IC (mA)
fT -- IE
120
Cob -- VCB
Collector output capacitance Cob (pF)
VCB=-10V f=200MHz Ta=25C 60 IE=0 f=1MHz Ta=25C 104
ICBO -- Ta
VCB=-20V
Transition frequency fT (MHz)
100
50
103 40
80
ICBO (Ta) ICBO (Ta=25C)
-3 -10 -30 -100
60
30
102
40
20
10 10
20
0 1 3 10 30 100 300 1000
0 -1
1 0 60 120 180
Emitter current IE (mA)
Collector to base voltage VCB (V)
Ambient temperature Ta (C)
2
Transistor
ICEO -- Ta
105 VCE=-10V -10 -3
2SA1533
Area of safe operation (ASO)
Single pulse Ta=25C
Collector current IC (A)
104
-1
ICP IC
t=10ms
ICEO (Ta) ICEO (Ta=25C)
103
- 0.3 t=1s - 0.1 - 0.03 - 0.01
102
10 - 0.003 1 0 20 40 60 80 100 120 140 - 0.001 - 0.1 - 0.3
-1
-3
-10
-30
-100
Ambient temperature Ta (C)
Collector to emitter voltage VCE (V)
3
Request for your special attention and precautions in using the technical information and semiconductors described in this material
(1) An export permit needs to be obtained from the competent authorities of the Japanese Government if any of the products or technologies described in this material and controlled under the "Foreign Exchange and Foreign Trade Law" is to be exported or taken out of Japan. (2) The technical information described in this material is limited to showing representative characteristics and applied circuit examples of the products. It does not constitute the warranting of industrial property, the granting of relative rights, or the granting of any license. (3) The products described in this material are intended to be used for standard applications or general electronic equipment (such as office equipment, communications equipment, measuring instruments and household appliances). Consult our sales staff in advance for information on the following applications: * Special applications (such as for airplanes, aerospace, automobiles, traffic control equipment, combustion equipment, life support systems and safety devices) in which exceptional quality and reliability are required, or if the failure or malfunction of the products may directly jeopardize life or harm the human body. * Any applications other than the standard applications intended. (4) The products and product specifications described in this material are subject to change without notice for reasons of modification and/or improvement. At the final stage of your design, purchasing, or use of the products, therefore, ask for the most up-to-date Product Standards in advance to make sure that the latest specifications satisfy your requirements. (5) When designing your equipment, comply with the guaranteed values, in particular those of maximum rating, the range of operating power supply voltage and heat radiation characteristics. Otherwise, we will not be liable for any defect which may arise later in your equipment. Even when the products are used within the guaranteed values, redundant design is recommended, so that such equipment may not violate relevant laws or regulations because of the function of our products. (6) When using products for which dry packing is required, observe the conditions (including shelf life and after-unpacking standby time) agreed upon when specification sheets are individually exchanged. (7) No part of this material may be reprinted or reproduced by any means without written permission from our company.
Please read the following notes before using the datasheets
A. These materials are intended as a reference to assist customers with the selection of Panasonic semiconductor products best suited to their applications. Due to modification or other reasons, any information contained in this material, such as available product types, technical data, and so on, is subject to change without notice. Customers are advised to contact our semiconductor sales office and obtain the latest information before starting precise technical research and/or purchasing activities. B. Panasonic is endeavoring to continually improve the quality and reliability of these materials but there is always the possibility that further rectifications will be required in the future. Therefore, Panasonic will not assume any liability for any damages arising from any errors etc. that may appear in this material. C. These materials are solely intended for a customer's individual use. Therefore, without the prior written approval of Panasonic, any other use such as reproducing, selling, or distributing this material to a third party, via the Internet or in any other way, is prohibited.
2001 MAR


▲Up To Search▲   

 
Price & Availability of 2SA1533

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X