Part Number Hot Search : 
HS420 2SA17 STT6601 PSKT95 SC441 02000 2N753 NR301E
Product Description
Full Text Search
 

To Download 2N6298 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TECHNICAL DATA
PNP DARLINGTON POWER SILICON TRANSISTOR
Qualified per MIL-PRF-19500/540 Devices 2N6298 2N6299 Qualified Level JAN JANTX JANTXV
MAXIMUM RATINGS Ratings
Collector-Emitter Voltage Collector-Base Voltage Emitter-Base Voltage Base Current Collector Current Total Power Dissipation @ TC = 00C (1) @ TC = 1000C Operating & Storage Junction Temperature Range
Symbol
VCEO VCBO VEBO IB IC PT TOP,TSTG Symbol RJC
2N6298 2N6299
60 60 80 80
Units
Vdc Vdc Vdc mAdc Adc W W 0 C Unit C/W
5.0 120 8.0 75 32 -65 to +175 Max. 2.33
THERMAL CHARACTERISTICS
Characteristics Thermal Resistance, Junction-to-Case 1) Derate linearly 0.428 W/0C above TC > 00C
0
TO-66* (TO-213AA)
*See appendix A for package outline
ELECTRICAL CHARACTERISTICS (TC = 250C unless otherwise noted)
Characteristics Symbol Min. Max. Unit
OFF CHARACTERISTICS
Collector-Emitter Breakdown Voltage IC = 100 mAdc Collector-Emitter Cutoff Current VCE = 30 Vdc VCE = 40 Vdc Collector-Emitter Cutoff Current VCE = 60 Vdc, VBE = 1.5 Vdc VCE = 80 Vdc, VBE = 1.5 Vdc Emitter-Base Cutoff Current VEB = 5.0 Vdc 2N6298 2N6299 2N6298 2N6299 2N6298 2N6299 V(BR)CEO 60 80 0.5 0.5 0.5 0.5 2.0 Vdc
ICEO
mAdc
ICEX IEBO
mAdc mAdc
6 Lake Street, Lawrence, MA 01841 1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
120101 Page 1 of 2
2N6298, 2N6299 JAN SERIES
ELECTRICAL CHARACTERISTICS (con't)
Characteristics Symbol Min. Max. Unit
ON CHARACTERISTICS (2)
Forward-Current Transfer Ratio IC = 1.0 Adc, VCE = 3.0 Vdc IC = 4.0 Adc, VCE = 3.0 Vdc IC = 8.0 Adc, VCE = 3.0 Vdc Collector-Emitter Saturation Voltage IC = 4.0 Adc, IB = 16 mAdc IC = 8.0 Adc, IB = 80 mAdc Base-Emitter Saturation Voltage IC = 8.0 Adc, IB = 80 mAdc Base-Emitter Voltage IC = 4.0 Adc, VCE = 3.0 Vdc 500 750 100 18,000
hFE
VCE(sat)
2.0 3.0 4.0 2.8
Vdc
VBE(sat) VBE(on)
Vdc Vdc
DYNAMIC CHARACTERISTICS
Magnitude of Common Emitter Small-Signal Short-Circuit Forward Current Transfer Ratio IC = 3.0 Adc, VCE = 3.0 Vdc, f = 1.0 MHz Small-Signal Short-Circuit Forward Current Transfer Ratio IC = 3.0 Adc, VCE = 3.0 Vdc, f = 1.0 kHz Output Capacitance VCB = 10 Vdc, IE = 0, 100 kHz f 1.0 MHz hfe 25 350
hfe Cobo
300 200 pF
SWITCHING CHARACTERISTICS
Turn-On Time VCC = 30 Vdc; IC = 4.0 Adc; IB1 = 16 mAdc Turn-Off Time VCC = 30 Vdc; IC = 4.0 Adc; IB1 = 16 mAdc
t
on
2.0 8.0
s s
t
off
SAFE OPERATING AREA
DC Tests TC = +250C, 1 Cycle, t = 1.0 s Test 1 VCE = 8.0 Vdc, IC = 8.0 Adc Test 2 VCE = 20 Vdc, IC = 2.0 Adc Test 3 VCE = 60 Vdc, IC = 100 mAdc 2N6298 VCE = 80 Vdc, IC = 100 mAdc 2N6299 (2) Pulse Test: Pulse Width = 300s, Duty Cycle 2.0%.
6 Lake Street, Lawrence, MA 01841 1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
120101 Page 2 of 2


▲Up To Search▲   

 
Price & Availability of 2N6298

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X