Part Number Hot Search : 
EP120660 PAC7302 G106M MN347H 5KE40 3055EL ITA6V5B1 FCM1005
Product Description
Full Text Search
 

To Download 20CTQ040S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Bulletin PD-20056 rev. A 12/01
20CTQ... 20CTQ...S 20CTQ... -1
SCHOTTKY RECTIFIER 20 Amp
IF(AV) = 20Amp VR = 35 to 45V
Major Ratings and Characteristics Characteristics
IF(AV) Rectangular waveform VRRM range IFSM @ tp = 5 s sine VF TJ @ 10 Apk, TJ = 125C (per leg) range
Description/Features Units
A The 20CTQ center tap Schottky rectifier series has been optimized for low reverse leakage at high temperature. The proprietary barrier technology allows for reliable operation up to 175 C junction temperature. Typical applications are in switching power supplies, converters, free-wheeling diodes, and reverse battery protection. 175 C TJ operation Center tap TO-220 package Low forward voltage drop High purity, high temperature epoxy encapsulation for enhanced mechanical strength and moisture resistance High frequency operation Guard ring for enhanced ruggedness and long term reliability
20CTQ
20
35 to 45 1060 0.57
V A V
- 55 to 175
C
Case Styles 20CTQ... 20CTQ... S 20CTQ... -1
Base Common Cathode
2
Base Common Cathode
2
Base Common Cathode
2
1
Anode
2 Common Cathode
3
1
Anode
Anode
2 Common Cathode
3
1
Anode
Anode
2 Common Cathode
3
Anode
TO-220 www.irf.com
D PAK
2
TO-262 1
20CTQ... Series
Bulletin PD-20056 rev. A 12/01
Voltage Ratings
Part number
VR Max. DC Reverse Voltage (V) VRWM Max. Working Peak Reverse Voltage (V)
20CTQ035
35
20CTQ040
40
20CTQ045
45
Absolute Maximum Ratings
Parameters
IF(AV) Max. Average Forward Current * See Fig. 5 IFSM EAS IAR Max. Peak One Cycle Non-Repetitive Surge Current (Per Leg) * See Fig. 7 Non-Repetitive Avalanche Energy (Per Leg) Repetitive Avalanche Current (Per Leg) 1060 265 13 2.0 mJ A A 5s Sine or 3s Rect. pulse Following any rated load condition and with 10ms Sine or 6ms Rect. pulse rated VRRM applied
20CTQ Units
20 A
Conditions
50% duty cycle @ TC = 145C, rectangular wave form
TJ = 25 C, IAS = 2.0 Amps, L = 6.5 mH Current decaying linearly to zero in 1 sec Frequency limited by TJ max. VA = 1.5 x VR typical
Electrical Specifications
Parameters
VFM Max. Forward Voltage Drop (Per Leg) * See Fig. 1 (1)
20CTQ Units
0.64 0.76 0.57 0.68 2 15 900 8.0 10000 V V V V mA mA pF nH V/ s @ 10A @ 20A @ 10A @ 20A TJ = 25 C TJ = 125 C
Conditions
TJ = 25 C TJ = 125 C VR = rated VR
IRM CT LS
Max. Reverse Leakage Current (Per Leg) * See Fig. 2 (1) Max. Junction Capacitance (Per Leg) Typical Series Inductance (Per Leg)
VR = 5VDC, (test signal range 100Khz to 1Mhz) 25C Measured lead to lead 5mm from package body
dv/dt Max. Voltage Rate of Change (Rated VR)
Thermal-Mechanical Specifications
Parameters
TJ Tstg Max. Junction Temperature Range Max. Storage Temperature Range
(1) Pulse Width < 300s, Duty Cycle <2%
20CTQ Units
-55 to 175 -55 to 175 3.25 1.63 0.50 2 (0.07) Min. Max. 6 (5) 12 (10) C C
Conditions
RthJC Max. Thermal Resistance Junction to Case (Per Leg) RthJC Max. Thermal Resistance Junction to Case (Per Package) RthCS Typical Thermal Resistance, Case to Heatsink wt T Approximate Weight Mounting Torque
C/W DC operation C/W DC operation
* See Fig. 4
C/W Mounting surface , smooth and greased g (oz.) Kg-cm (Ibf-in)
2
www.irf.com
20CTQ... Series
Bulletin PD-20056 rev. A 12/01
10 00 10 00 10 0 R v rs C rre t - I ( A ee e u n m) R 1 0 1 .1 .0 1 .0 1 0 .0 0 01 0 1 0 T =1 5 C 7 J T =1 5 C 2 J T =1 5C 7 J 1 0C 5 1 5C 2 1 0C 0 7 5C 5 0C 2 5C
10 0
In ta ta e u F rw rdC rre t - I (A s n nos o a un ) F
5
11223344 05050505 R v rs V lta e- V (V ee e o g R)
Fig. 2 - Typical Values Of Reverse Current Vs. Reverse Voltage (Per Leg)
10 00 J n tio C p c n e - C (p ) u c n a a ita c F T
T= 2 5C J
1
T =2 5C J
.1 0
.2
.4
.6
.8
1
1 .2
1 .4
1 .6 1 .8
10 0 0
1 0
2 0
3 0
4 0
5 0
F rw rdV lta eD p- V (V oa o g ro ) F M
Fig. 1 - Max. Forward Voltage Drop Characteristics (Per Leg)
1 0 T e a Im e a c - Zth C( /W h rm l p d n e C) J D=0 0 .5 D=0 3 .3 D=0 5 .2 D=0 7 .1 D=0 8 .0
Fig. 3 - Typical Junction Capacitance Vs. Reverse Voltage (Per Leg)
R v rs V lta e- V (V ee e o g ) R
1
PM D
.1
t 1 t2 N te : os 1 D tyfa to D= t1/ t2 .u cr S g P ls in le u e (T e a R s ta c ) h rm l e is n e 2 P a T =P xZ . ek +T JD M th C C J .0 1 .1 1 1 0 10 0
.0 1
.0 1 0 .0 0 1 00
.0 0 01
.0 1 0
t , R c n u r P ls D ra n(S c n s e ta g la u e u tio eod) 1
Fig. 4 - Max. Thermal Impedance ZthJC Characteristics (Per Leg)
www.irf.com
3
20CTQ... Series
Bulletin PD-20056 rev. A 12/01
10 8 A w b C s T m e tu - ( ) llo a le a e e p ra re C 15 7 10 7 15 6 10 6 15 5 10 5 15 4 0 D C 2CQ 0T R J (D ) =3 5C .2 /W th C C 9 D=0 8 .0 8 D=0 7 .1 D=0 5 .2 7 D=0 3 .3 .5 6 D=0 0 5 4 R SL it M im 3 2 1 5 1 0 1 5 0 0 5 1 0 5 1 D C
A e g P w r L s - (W tts v ra e o e o s a)
A e g F rw rdC rre t - IF V (A v ra e o a un (A ) )
A e g F rw rdC rre t - I v ra e o a un (A ) FV (A )
Fig. 5 - Max. Allowable Case Temperature Vs. Average Forward Current (Per Leg)
1000
FSM
Fig. 6 - Forward Power Loss Characteristics (Per Leg)
Non-Repetitive Surge Current - I
(A)
At Any Rated Load Condition And With Rated V RRM Applied Following Surge
100 10
100
1000
10000
Square Wave Pulse Duration - t p (microsec)
Fig. 7 - Max. Non-Repetitive Surge Current (Per Leg)
L H IG H-SPE ED SW ITC H FRE E-W H EEL D IO D E 40H FL40 S02 V d = 25 V olt
D UT
IRFP460 R g = 25 oh m
+
C URRE NT M O N ITO R
Fig. 8 - Unclamped Inductive Test Circuit
4
www.irf.com
20CTQ... Series
Bulletin PD-20056 rev. A 12/01
Outline Table
10.54 (0.41) MAX. 3.78 (0.15) 3.54 (0.14) 15.24 (0.60) 14.84 (0.58) 123 14.09 (0.55) 13.47 (0.53) 3.96 (0.16) 3.55 (0.14) 2.04 (0.080) MAX. 1.40 (0.05) 1.15 (0.04) 0.94 (0.04) 0.69 (0.03)
1 2 3
1.32 (0.05) DIA. 6.48 (0.25) 6.23 (0.24) 2 1.22 (0.05)
2.92 (0.11) 2.54 (0.10) TERM 2
0.10 (0.004)
2.89 (0.11) 2.64 (0.10)
BASE COMMON CATHODE 2
123 4.57 (0.18) 4.32 (0.17)
0.61 (0.02) MAX.
ANODE COMMON ANODE CATHODE 1 2
5.08 (0.20) REF.
Conform to JEDEC outline TO-220AB Dimensions in millimeters and (inches)
10.16 (0.40) REF.
4.69 (0.18) 4.20 (0.16)
1.32 (0.05)
6.47 (0.25)
15.49 (0.61)
1.22 (0.05)
93
6.18 (0.24)
14.73 (0.58)
2.61 (0.10)
2.32 (0.09) 8.89 (0.35)
5.28 (0.21) 4.78 (0.19)
0.55 (0.02) 0.46 (0.02)
3X
BASE COMMON CATHODE 2
1.40 (0.055)
REF.
0.93 (0.37) 0.69 (0.27)
1.14 (0.045) 2X
MINIMUM RECOMMENDED FOOTPRINT
11.43 (0.45)
1
1 2 3 ANODE COMMON ANODE CATHODE 1 2
3
4.57 (0.18)
4.32 (0.17)
2 0.61 (0.02) MAX. 5.08 (0.20) REF.
8.89 (0.35)
17.78 (0.70) 3.81 (0.15)
2.08 (0.08)
Conform to JEDEC outline D2Pak (SMD-220) Dimensions in millimeters and (inches)
2X
2.54 (0.10) 2X
www.irf.com
5
20CTQ... Series
Bulletin PD-20056 rev. A 12/01
Outline Table
Modified JEDEC outline TO-262 Dimensions in millimeters and (inches)
BASE COMMON CATHODE 2
1
2
3
ANODE COMMON ANODE CATHODE 1 2
Marking Information
EXAMPLE: THIS IS A 20CTQ045-1 LOT CODE 1789 ASSEMBLED ON WW 19, 1999 IN THE ASSEMBLY LINE "C"
INTERNATIONAL RECTIFIER LOGO ASSEMBLY LOT CODE
PART NUMBER
DATE CODE YEAR 7 = 1999 WEEK 19 LINE C
6
www.irf.com
20CTQ... Series
Bulletin PD-20056 rev. A 12/01
Tape & Reel Information
TRR
1.60 (0.063) 1.50 (0.059) 4.10 (0.161) 3.90 (0.153) 1.60 (0.063) 1.50 (0.059)
DIA. 0.368 (0.0145) 0.342 (0.0135)
FEED DIR ECTION
1.85 (0.073) 1.65 (0.065)
11.60 (0.457) 11.40 (0.449)
15.42 (0.609) 15.22 (0.601) 1.75 (0.069) 24.30 (0.957) 23.90 (0.941)
TRL
10.90 (0.429) 10.70 (0.421)
1.25 (0.049) 16.10 (0.634) 15.90 (0.626)
DIA.
4.72 (0.186) 4.52 (0.178)
FEED DIRECTION
13.50 (0.532)
12.80 (0.504) DIA.
26.40 (1.039) 24.40 (0.961)
SMD-220 Tape & Reel When ordering, indicate the part number, part orientation, and the quantity. Quantities are in multiples
60 (2.362) D IA . MIN .
360 (14.173) DIA. MAX.
of 800 pieces per reel for both TRL and TRR.
Dimensions in millimeters and (inches)
Ordering Information Table
Device Code
20
1 1 2 3 4 5 6 6 -
C
2
T
3
Q
4
045
5
-1
6
Essential Part Number Common Cathode T = TO-220 Q = Schottky Q Series Voltage Rating S = D2Pak -1 = TO-262 035 = 35V 040 = 40V 045 = 45V
www.irf.com
7
20CTQ... Series
Bulletin PD-20056 rev. A 12/01
Data and specifications subject to change without notice. This product has been designed and qualified for Industrial Level. Qualification Standards can be found on IR's Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7309 Visit us at www.irf.com for sales contact information. 12/01
8
www.irf.com


▲Up To Search▲   

 
Price & Availability of 20CTQ040S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X