Part Number Hot Search : 
RJP30H2 BTB16 03A93 40160 4483A 405K100 TN2124N SI106
Product Description
Full Text Search
 

To Download XPC604ERX200PD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TM
PID9v-604e BS 961115 Motorola Part Numbers Affected: XPC604ERX166PD XPC604ERX180PD XPC604ERX200PD
Application-Specific Information
PowerPC 604eTM RISC Microprocessor Family:
PID9v-604e (Sirocco) Bin Specification
This document defines a unique part number for a PowerPC 604e microprocessor manufactured by Motorola. It describes changes to recommended operating conditions and revised electrical specifications, as applicable, from those described in the PowerPC 604e RISC Microprocessor Family: PID9v-604e Hardware Specifications. Any functional differences (errata) for these parts from the functional description provided in the PowerPCTM 604 RISC Microprocessor User's Manual (order # MPC604UM/AD) or its addendum (order # MPC604UMAD/AD) are described in a separate Errata List available from your local Motorola sales office. Specifications provided in this data sheet supercede those in Revision 1 (11/96) of the PID9v-604e Hardware Specifications (order #: MPC604E9VEC/D); specifications not addressed herein are unchanged. Note that headings and table numbers in this data sheet are not consecutively numbered. They are intended to correspond to the heading or table affected in the general hardware specifications. Part numbers addressed in this document and a summary of their differences from the general specification are listed in Table A. For more detailed ordering infomation see Table 14.
Table A. Part Numbers Addressed by this Data Sheet
Operating Conditions Motorola Part Number CPU Frequency XPC604ERX166PD XPC604ERX180PD XPC604ERX200PD 166 MHz 180 MHz 200 MHz Vdd 2.65 to 2.85 V 2.65 to 2.85 V 2.65 to 2.85 V TJ (C) 0 to 85 0 to 85 0 to 85 Specification changes for different operating conditions. Specification changes for different operating conditions. Specification changes for different operating conditions. Significant Differences
Note: The X prefix in a Motorola PowerPC part number designates a "Pilot Production Prototype" as defined by Motorola SOP 3-13. These are from a limited production volume of prototypes manufactured, tested and Q.A. inspected on a qualified technology to simulate normal production. These parts have only preliminary reliability and characterization data. Before pilot production prototypes may be shipped, written authorization from the customer must be on file in the applicable sales office acknowledging the qualification status and the fact that product changes may still occur while shipping pilot production prototypes
1.1.4 DC Electrical Characteristics
Table 2 describes the changed DC operating conditions for the 604e part numbers described herein..
Table 2. Recommended Operating Conditions
Characteristic Core supply voltage PLL supply voltage Junction temperature Vdd AVdd TJ Symbol Value 2.65 to 2.85 2.65 to 2.85 0 to 85 Unit V V C
Table 5 provides the power dissipation for these changed operating conditions.
Table 5. Power Consumption
Vdd = AVdd = 2.75 0.1 V dc, OVdd = 3.3 5% V dc, GND = 0 V dc, 0 TJ 85 C CPU Clock: SYSCLK Full-On Mode Processor Core Frequency Unit 166 MHz 180 MHz 200 MHz Notes
The PowerPC name, the PowerPC logotype, and PowerPC 604e are trademarks of International Business Machines Corporation used by Motorola under license from International Business Machines Corporation. This document contains information on a new product under development by Motorola. Motorola reserves the right to change or discontinue this product without notice.
(c) Motorola Inc. 1996. All rights reserved.
Table 5. Power Consumption
Vdd = AVdd = 2.75 0.1 V dc, OVdd = 3.3 5% V dc, GND = 0 V dc, 0 TJ 85 C CPU Clock: SYSCLK Typical Maximum Nap Mode Typical Maximum Notes: 1. .872 1.10 .888 1.11 .911 1.13 W W Processor Core Frequency Unit 166 MHz 12.1 15.0 180 MHz 13.0 17.0 200 MHz 14.3 19.5 W W Notes
1.9 Ordering Information
Table 14 provides the ordering information for the 604e part numbers described herein..
Table 14. Ordering Information for the PB-604e Microprocessor
Package Type 255 CBGA Device Rev 2.4 Process PPC2.0 Mask Code 75G64W CPU Frequency (MHz) 166 180 200 Part Number per PID9v-604e HW Specification XPC604ERX166LD XPC604ERX180LD XPC604ERX200LD Application Specific Motorola Part Number XPC604ERX166PD XPC604ERX180PD XPC604ERX200PD
1.10 Part Marking
This section provides information on Motorola device marking. Parts are marked as the example shown in Figure A.
XPC604ERX166PD
MMMMMM
YWWLA
BGA
Notes: MMMMM is the 6-digit mask code YWWLA is the traceability code
Figure A. Motorola Part Marking for BGA Devices
2
PID9v-604e Specification Variances PRELIMINARY--SUBJECT TO CHANGE WITHOUT NOTICE
Information in this document is provided solely to enable system and software implementers to use PowerPC microprocessors. There are no express or implied copyright licenses granted hereunder to design or fabricate PowerPC integrated circuits or integrated circuits based on the information in this document. Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters can and do vary in different applications. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. Motorola and are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer. IBM is a registered trademark of International Business Machines Corporation.


▲Up To Search▲   

 
Price & Availability of XPC604ERX200PD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X