Part Number Hot Search : 
HCT04 1060CT 11QMQ 200K6TR MC1488M HXXDC1 SG308 TLP862
Product Description
Full Text Search
 

To Download XC221A1100MR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Operating Voltage Range (Single Cell) 1.2V to 10V Input / Output Rail To Rail Operation Gain Bandwidth 210kHz Slew Rate 0.07V /S Low Power Consumption 15 A SOT - 25 Ultra Small Package
Applications
Palmtop computers, PDAs Cellular and portable phones Portable audio systems Various battery powered systems
General Description
The XC221A1100MR is an input / output rail to rail CMOS Op Amp. With rail to rail functions, operation is guaranteed from power supplies as low as 1.2V. Moreover, since the XC221 comes in an ultra small SOT-25 package, the series is particularly suited for use with various types of portable phones. Margins of 210kHz and slew rates of 0.07V can be achieved even with power consumption as low as 15 A. Even with large capacitance levels of CL = 200pF (unity gain connection), the XC221 will not be susceptible to oscillation.
Features
Operating Voltage Range : 1.2 to 10V ( single cell ) + 0.6 to 5V ( + ve / - ve supply ) Common Mode Input Voltage Range : VSS -0.2V to VDD +0.2V Output Signal : 0.1 to 2.9V (3V single cell, RL=2k ) Gain Bandwidth : 210kHz Slew Rate : 0.07v / S High Capacitance Load : CL=200pF ( 500pF also available ) Low Supply Current : 15 A
Pin Assignment
PIN NUMBER 1 2 3 4 5 SYMBOL VOUT VDD IN+ INVSS FUNCTION Output Pin Positive Power Supply Pin Positive Input Negative Input Negative Power Supply Pin
Absolute Maximum Ratings
Ta = 25 O C, VSS = 0V
PARAMETER VDD pin voltage OUT pin voltage IN pin voltage IN/ pin voltage OUT pin current Continuous Total Power Dissipation Ambient Operating Temp. Storage Temp.
SYMBOL VDD VOUT VIN+ VINIOUT Pd Topr Tstg
RATINGS -0.3 to 12 -0.3 to 12 - 0.3 to VDD + 0.3 - 0.3 to VDD + 0.3 100 150 -30 to +80 -40 to +125
UNITS V V V V mA mW
O O
i
C C
Pin Configuration
V SS 5
IN 4
1 2 V OUT V DD
3 IN +
S O T -2 5 (T O P V IE W )
Electrical Characteristics
XC221A1100 IDD =15A, VOF =20.0mV PARAMETER Power Supply Voltage Range Supply Current Input Offset Voltage Input Offset Current Input Bias Current Input Resistance Large Signal Voltage Gain Common Mode Rejection Ratio Power Supply Rejection Ratio Output Voltage Range SYMBOL VDD IDD VOF IOF IB RIN AVD CMRR PSRR VOUT 0 VCM 3.0V PSRR + VDD = 3 to 10V, VSS = 0V, VOUT = 1.5V VSS = -3 to -10V, VDD = 0V, VOUT = -1.5V RL = VDD = 1.2V, RL = 47k VDD = 3V, RL = 2k VDD = 5V, RL = 2k Gain Bandwidth Slew Rate Measuring Conditions : Unless otherwise stated, VDD = 3.0V, VSS = 0V, VCM = VOUT = VDD / 2, RL = 1M (to VSS), CL = 10pF (to VSS) FT SR VDD = 10V, RL = 2k VDD = 3V VDD = 3V 8 (to VDD/2) (to VDD/2) (to VDD/2) (to VDD/2)
V V
Ta = 25 O C CONDITIONS VDD = 3V VDD = 1.2V MIN 1.2 10 2.5 75 60 60 60 0.05 0.10 0.10 0.10 0.10 0.04 TYP 15 8 1 1 1 110 75 75 75 210 0.07 MAX 10 23 23 20.0 VDD - 0.05 1.10 2.90 4.90 9.80 UNITS V A A mV pA pA T dB dB dB dB V V V V V kHz V / S
i
XC221A1100 (15 A) Electrical characteristics
(1) Voltage Gain, Phase Margin
(2) Sink Current vs. Output Voltage
(3) Source Current vs. Output Voltage
i
(4) Supply Current vs. Power Supply Voltage
(5) Supply Current vs. Ambient Temperature
(6) Power Supply Rejection Ratio vs. Frequency
(7) Large Signal Input Response
(8) Small Signal Input Response
i
n Ordering Information XC221A x x x x x x a bcdef DESIGNATOR a DESCRIPTION Number of Channels : 1=one Consumption Current : 1=15A Device Orientation : R = Embossed Tape ( Right ) L = Embossed Tape ( Left ) DESIGNATOR e DESCRIPTION Package Type : M = SOT-25
b
c
0 = Internal standard Load Capacitance : 0=200pF
f
d
n Marking
-(R)
SOT-25 (TOP VIEW)
Represents the part name and the consumption current level
PART XC221A11 CURRENT
15A
SYMBOL 1
(R)
Based on internal standards
Represents load capacitance SYMBOL 0
CAPACITANCE 200Pf
Represents the assembly lot no. 0 - 9, A - Z repeated (excluding G,I,J,O,Q & W)


▲Up To Search▲   

 
Price & Availability of XC221A1100MR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X