Part Number Hot Search : 
C190KSKT ZMY62 FSF254R4 2SK1442 82C50 01303 C3500 5KP10
Product Description
Full Text Search
 

To Download UN2225 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Transistors with built-in Resistor
UNR2225 (UN2225)
Silicon NPN epitaxial planer type
0.40+0.10 -0.05
Unit: mm
0.16+0.10 -0.06
For muting circuit I Features
* Low collector to emitter saturation voltage VCE(sat) , optimum for the muting circuit * Small type surface mounting package (mini 3-pin)
10 1
3
1.50+0.25 -0.05 2.8+0.2 -0.3
2
(0.65)
(0.95) (0.95) 1.90.1 2.90+0.20 -0.05
1.1+0.2 -0.1
Parameter Collector to base voltage Collector to emitter voltage Emitter to base voltage Collector current Total power dissipation Junction temperature Storage temperature
Symbol VCBO VCEO VEBO IC PT Tj Tstg
Rating 30 20 5 600 200 150 -55 to +150
Unit V V V mA mW C C
0 to 0.1
1: Base 2: Emitter 3: Collector EIAJ: SC-59 Mini3-G1 Type Package
Marking Symbol: FZ Internal Connection
R1 (10 k) B C
1.1+0.3 -0.1
I Absolute Maximum Ratings Ta = 25C
E
I Electrical Characteristics Ta = 25C 3C
Parameter Collector to base voltage Collector to emitter voltage Emitter to base voltage Collector cutoff current Emitter cutoff current Forward current transfer ratio Collector to emitter saturation voltage Input resistance ON-resistance * Transition frequency Note) *: RON measurement circuit RL R1 VI V B VV VA Symbol VCBO VCEO VEBO ICBO IEBO hFE VCE(sat) R1 RON fT VI = 7 V, RL = 1 k, f = 1 kHz VCB = 10 V, IE = -50 mA, f = 200 MHz Conditions IC = 1 A, IE = 0 IC = 1 mA, IB = 0 IE = 1 A, IC = 0 VCB = 30 V, IE = 0 VEB = 5 V, IC = 0 VCE = 5 V, IC = 50 mA IC = 50 mA, IB = 2.5 mA -30% 10 1.5 200 100 Min 30 20 5 1 1 600 80 +30% mV k MHz Typ Max Unit V V V A A
f = 1 kHz V = 0.3 V RON = VB x RL () VA-VB
Note) The part number in the parenthesis shows conventional part number.
0.40.2
5
1
UNR2225
P T Ta
250 400
Transistors with built-in Resistor
IC VCE
Collector to emitter saturation voltage VCE(sat) (mV)
1 000
VCE(sat) IC
Ta = 25C
IC / IB = 10
Total power dissipation PT (mW)
200
300
Collector current IC (A)
300
IB = 1.0 mA 0.9 mA 0.8 mA
100
150
200
0.7 mA 0.6 mA 0.5 mA 0.4 mA 0.3 mA 0.2 mA 0.1 mA
30
Ta = 75C -25C
100
10 25C 3
100
50
0
0
20
40
60
80 100 120 140 160
0
0
2.5
5
7.5
10
1
1
3
10
30
100
Ambient temperature Ta (C)
Collector to emitter voltage VCE (V)
Collector current IC (mA)
hFE IC
250 VCE = 10 V
14
Cob VCB
100m
IO VIN
VO = 5 V Ta = 25C
Collector output capacitance Cob (pF)
Forward current transfer ratio hFE
200 Ta = 75C 150
10m 10
Output current IO (A)
10 30 100
25C -25C
1m
100
100
5
50
10
0 1m
10m
100m
1
10
1
1
3
1 250m 500m
750m
1
1.25
1.5
Collector current IC (A)
Collector to base voltage VCB (V)
Input voltage VIN (V)
VIN IO
100 VO = 0.2 V Ta = 25C
30
Input voltage VIN (V)
10
3
1
300m
100m 1
10
100
1m
10m
100m
Output current IO (A)
2
Request for your special attention and precautions in using the technical information and semiconductors described in this material
(1) An export permit needs to be obtained from the competent authorities of the Japanese Government if any of the products or technologies described in this material and controlled under the "Foreign Exchange and Foreign Trade Law" is to be exported or taken out of Japan. (2) The technical information described in this material is limited to showing representative characteristics and applied circuit examples of the products. It does not constitute the warranting of industrial property, the granting of relative rights, or the granting of any license. (3) The products described in this material are intended to be used for standard applications or general electronic equipment (such as office equipment, communications equipment, measuring instruments and household appliances). Consult our sales staff in advance for information on the following applications: * Special applications (such as for airplanes, aerospace, automobiles, traffic control equipment, combustion equipment, life support systems and safety devices) in which exceptional quality and reliability are required, or if the failure or malfunction of the products may directly jeopardize life or harm the human body. * Any applications other than the standard applications intended. (4) The products and product specifications described in this material are subject to change without notice for reasons of modification and/or improvement. At the final stage of your design, purchasing, or use of the products, therefore, ask for the most up-to-date Product Standards in advance to make sure that the latest specifications satisfy your requirements. (5) When designing your equipment, comply with the guaranteed values, in particular those of maximum rating, the range of operating power supply voltage and heat radiation characteristics. Otherwise, we will not be liable for any defect which may arise later in your equipment. Even when the products are used within the guaranteed values, redundant design is recommended, so that such equipment may not violate relevant laws or regulations because of the function of our products. (6) When using products for which dry packing is required, observe the conditions (including shelf life and after-unpacking standby time) agreed upon when specification sheets are individually exchanged. (7) No part of this material may be reprinted or reproduced by any means without written permission from our company.
Please read the following notes before using the datasheets
A. These materials are intended as a reference to assist customers with the selection of Panasonic semiconductor products best suited to their applications. Due to modification or other reasons, any information contained in this material, such as available product types, technical data, and so on, is subject to change without notice. Customers are advised to contact our semiconductor sales office and obtain the latest information before starting precise technical research and/or purchasing activities. B. Panasonic is endeavoring to continually improve the quality and reliability of these materials but there is always the possibility that further rectifications will be required in the future. Therefore, Panasonic will not assume any liability for any damages arising from any errors etc. that may appear in this material. C. These materials are solely intended for a customer's individual use. Therefore, without the prior written approval of Panasonic, any other use such as reproducing, selling, or distributing this material to a third party, via the Internet or in any other way, is prohibited.
2001 MAR


▲Up To Search▲   

 
Price & Availability of UN2225

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X