Part Number Hot Search : 
5KE30A 5KE40 E470M WV512 EC3A03B B140WS 15000UF SWTC316A
Product Description
Full Text Search
 

To Download U5020M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 U5020M
Digital Window Watchdog Timer
Description
The digital window watchdog timer, U5020M, is a CMOS integrated circuit. In applications where safety is critical, it is especially important to monitor the microcontroller. Normal microcontroller operation is indicated by a cyclically transmitted trigger signal, which is received by a window watchdog timer within a defined time window. A missing or a wrong trigger signal makes the watchdog timer reset the microcontroller. The IC is tailored for microcontrollers which can work in both full-power and sleep mode. With an additional voltage monitoring (power-on reset and supply voltage drop reset), the U5020M offers a complete monitoring solution for microsystems in automotive and industrial applications.
Features
D Low current consumption: IDD < 100 mA D RC-oscillator D Internal reset during power-up and supply voltage
drops (POR)
D Trigger input D Six wake-up inputs D Reset output D Enable output
D "Short" trigger window for active mode
"long" trigger window for sleep mode
D Cyclical wake-up of microcontroller in sleep mode
Ordering Information
Extended Type Number U5020M-FP Package SO16 Remarks
Block Diagram
C R1 VDD C1 Reset 10 Input ts 16 OSC Trigger 11 Input signal conditioning POR State machine 9 Enable Power-on reset POR Test logic External switching circuitry OSC 15 RC Oscillator OSC VDD 10 nF 13
95 10387
mC
Mode 12 Wake up 3-8
14 GND
2 Test
1 Test
Figure 1. Block diagram with external circuit
Rev. A3, 21-Apr-99
1 (8)
Preliminary Information
U5020M
Pin Description
Pin 1 2 3 to 8 Symbol Function TM Test must not be connected TM Test must be connected to GND Wake-up Wake-up inputs (pull-down resistor) There are six digitally debounced wake-up inputs. During the long trigger mode each signal slope at the inputs initiates a reset pulse at Pin 10. Ena Enable output (push-pull) It is used for the control of peripheral components. It is activated after the processor triggers three times correctly. Reset Reset output (open drain) Resets the processor in the case of a trigger error or if a wake-up pulse occurs during the long watchdog period. Trig Trigger input (pull-up resistor) It is connected to the microprocessor's trigger signal. Mode Mode input (pull-up resistor) The processor's mode signal initiates the switchover between the long and the short watchdog time. VDD Supply voltage GND Ground, reference voltage Osc RC oscillator ts Time switch input Programming pin to select different time durations for the long watchdog time.
TM TM
1 2
16 ts 15 Osc 14 GND 13 VDD 12 Mode 11 Trig 10 Reset 9
95 10635
9
Wake-up 3 Wake-up 4
10
Wake-up 5 Wake-up 6 Wake-up 7 Wake-up 8
11
12
Ena 13 14 15 16
Figure 2. Pin connections
Functional Description
Supply, Pin 13
The U5020M requires a stabilized supply voltage 5% to comply with its electrical VDD = 5 V characteristic.
"
+ 1t where t + 1.35 ) 1.57 R
f
1
(C 1
) 0.01)
ms
R 1 in kW, C 1 in nF and t in
An external buffer capacitor of C = 10 nF may be connected between Pin 13 and GND.
RC-Oscillator, Pin 15
The clock frequency, f, can be adjusted with the components R1 and C1 according to the formula:
The clock frequency determines all time periods of the logic part as shown in the last section of the data sheet (timing). With an appropriate selection of components, the clock frequency, f, is nearly independent of the supply voltage as shown in figure 3. Frequency tolerance 1%, C1 = 5%. Dfmax = 10% with R1
"
"
2 (8)
Rev. A3, 21-Apr-99
Preliminary Information
U5020M
1000.00
100.00
t (ms)
10.00
4.5 V 5.0 V 5.5 V C1 = 500 pF
1.00 1 10 100 1000
95 10636
R1 (kW)
Figure 3. Period t vs. R1, @ C1 = 500 pF
Pin 13 V DD Reset Out
to t1
t6
Pin 10
Mode
Figure 4. Power-up reset and mode switchover
Pin 12
95 10637
Supply Voltage Monitoring, Pin 10
The integrated power-on reset (POR) circuitry sets the internal logic to a defined basic status and generates a reset pulse at the reset output, Pin 10, during ramp-up of the supply voltage and in the case of voltage drops of the supply. A hysteresis in the POR threshold prevents the circuit from oscillating. During ramp-up of the supply voltage the reset output stays active for time, to, in order to bring the microcontroller in its defined reset status (see figure 4). Pin 10 has an open-drain output.
and the time, t1, starts again. Micro and watchdog are synchronized with the switchover mode time, t1, each time a reset pulse is generated.
Microcontroller in Active Mode Monitoring with the "Short" Trigger Window
After the switch-over mode the watchdog works in the short watchdog mode and expects a trigger pulse from the microcontroller within the defined time window, t3, (enable time). The watchdog generates a reset pulse which resets the microcontroller if
Switch-over Mode Time, Pin 12
The switch-over mode time enables the synchronous operation of micro and watchdog. After the power-up reset time the watchdog has to be switched to its monitoring mode by the micro with a "low" signal transmitted to the mode pin (Pin 12) within the time out period, t1,. If the low signal does not occur within time, t1, (see figure 4) the watchdog generates a reset pulse, t6,
D the trigger pulse duration is too long, D the trigger pulse is within the disable time, t2 D there is no trigger pulse
Figure 5 shows the pulse diagram with a missing trigger pulse.
Rev. A3, 21-Apr-99
3 (8)
Preliminary Information
U5020M
V DD Reset Out Pin 13
to
t1
Pin 10
t2
Mode
t3
Pin 12
Pin 11 Trigger
Figure 5. Pulse diagram with no trigger pulse during the short watchdog time
95 10638
Figure 6 shows a correct trigger sequence. The positive edge of the trigger signal starts a new monitoring cycle with the disable time, t2. To ensure a correct operation of the microcontroller, the watchdog needs to be triggered three times correctly before it sets its enable output. This feature is used to activate or deactivate safety-critical components which have to be switched to a certain condition (emergency status) in the case of a microcontroller malfunction. As soon as there is an incorrect trigger sequence, the enable signal is reset and it takes again a sequence of three correct triggers before enable is reset.
Microcontroller in Sleep Mode Monitoring with the "Long" Trigger Window
The long watchdog mode allows cyclical wake-up of the
microcontroller during sleep mode. As in short watchdog mode, there is a disable time, t4, and an enable time, t5, in which a trigger signal is accepted. The watchdog can be switched from the short trigger window to the long trigger window with a "high" potential at the mode pin (Pin 12). In contrast to the short watchdog mode, the time periods are now much longer and the enable output remains inactive so that other components can be switched off to effect a further decrease in current consumption. As soon as a wake-up signal at one of the 6 wake up inputs (Pins 3 to 8) is detected, the long watchdog mode ends, a reset pulse wakes-up the sleeping microcontroller and the normal monitoring cycle starts with the mode switch-over time. By means of a low or high potential at Pin 16 (time switch), two values for the long watchdog time can be selected.
VDD
Pin 13
t0
Reset Out
t1
Pin 10
t3 t2 t2
Pin 12 Pin 11
Mode
Trigger
t trig
Enable
95 10639
Pin 9
Figure 6. Pulse diagram of a correct trigger sequence during the short watchdog time
4 (8)
Rev. A3, 21-Apr-99
Preliminary Information
U5020M
Figure 7 shows the switch-over from the short to the long watchdog mode. The wake-up signal during the enable time, t5, activates a reset pulse, t6. The watchdog can be switched back from the long to the short watchdog mode with a low potential at the mode pin (Pin 12).
t6
Reset out
t1
Pin 10
Wake-up
Pins 3 to 8
t4
Mode
t5
Pin 12
t2
Trigger Pin 11
Enable
95 10640
Pin 9
Figure 7. Pulse diagram of the long watchdog time
Application Hint
In order to prevent the IC from an undesired reset output signal which may be caused by transcients on the supply under certain conditions, a pc board connection from Pin 2 to GND is strongly recommended.
Absolute Maximum Ratings
Parameters Supply voltage Output current
A A A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA A AA A A A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA AAAAA AAAA A A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA A AA AAAAAAAAAAAAAAAAAAAAAAAAAAAA AA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAAAAAAAAAAAAAAAAAAAAAAAAAA AA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA A AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA A
Input voltage Ambient temperature range Storage temperature range VIN Tamb Tstg -0.5 V to VDD + 0.5 V -40 to +85 -55 to +150
Symbol VDD IOUT
Value 6.5
"2
Unit V mA V C C
Thermal Resistance
Junction ambient
AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA A AA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA A AA
Rev. A3, 21-Apr-99 5 (8)
Parameters SO16
Symbol RthJA
Value 160
Unit K/W
Preliminary Information
AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAAA AAAAA A A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA A AAAAAA A A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAAAA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAAAAAAAAAAAAAAAAAAAAA AAAAA AAAAA AAAA A A A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAAAAAAA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAAA A AAAA A A A A AAAAA AAAAA A A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAAA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAA A A A A A A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAAA A AAAA A A A A AAAAA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAAA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAAAAAAAAAAAAAAAAAAAAAAAAAAA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAAA AAAA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAAA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAAA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAAA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAAA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAAA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAAA A A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAAA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAAA A A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAAAAAAAAAAAAAAAAAAAAAA AAAAA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAAA AAAAAAAAA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAAA A A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAAAAAAAAAAAAAAAAAAAAAAAAAAA A AAAA A A A A AAAAA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAAA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAAA A A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAAA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAAA A A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAAAAAAAAAAAAAAAAAAAAAAAAAAA A AAAA A A A A A A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAAA A AAAA A A A A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAAA AAAAA A A A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAAA A A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAAAAAAAAAAAAAAAAAAAAAAAAAAA A AAAA A A A A AAA A A A A A A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAAA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAAA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAAA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAAA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAAAAAAAAAAAAAAAAAAAAAAAAAAA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAAA AAAA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAA A
VDD = 5 V; Tamb = 25 C; reference point is ground (Pin14); figure 4, unless otherwise specified
Electrical Characteristics
U5020M
6 (8) Reset-out time Long enable time Long disable time Long enable time Output Pin 9 Max. output current Upper output voltage ("1") Lower output voltage ("0") Output Pin 10 Max. output current Lower output voltage ("0") Timing Debounce period Debounce period Max. trigger pulse period Power-up reset time Time-out period Short disable time Short enable time Long disable time Power-on reset Power-on reset Power-on reset Inputs Upper threshold ("1") Lower threshold ("0") Input voltage range Input current Parameters Supply voltage Current consumption Input switch = low (0) Pin 16 Input switch = low (0) Pin 16 Input switch = high (1) Pin 16 Input switch = high (1) Pin 16 Trig, Mode, Pins 11 and 12 Wake-up 1-6, Pins 3 to 8 IOUT = -1 mA IOUT = 1 mA IOUT = -1 mA Depending on pin Logic functions Pin 13 Threshold Pin 13 Hysteresis Pin 13 Pins 3 to 8, 11, 12 and 16 Test Conditions / Pins Pin 13 R1 = 66 kW Pin 13 Symbol VDD IDD VDD VPOR Vhys IOUT VOL IOUT VOH VOL VIH VIL VIN I IN t6 t5 t4 t5 to t1 t2 t3 t4 Min. 4.5 -0.4 -20 2 4.5 4.0 3 96 2 1 30002 45 201 1112 130 124 71970 1200 Typ. 400 3.8 100 40
Preliminary Information
VDD + 0.2 20 Rev. A3, 21-Apr-99 Max. 5.5 100 4 128 0.5 0.5 1.0 Unit V mA V mA V V V V mV
mA
mA
cyc cyc cyc cyc cyc cyc cyc cyc cyc cyc cyc cyc V V V
U5020M
Package Information
Package SO16
Dimensions in mm
10.0 9.85 5.2 4.8 3.7
1.4 0.4 1.27 8.89 16 9 0.25 0.10 0.2 3.8 6.15 5.85
technical drawings according to DIN specifications
13036
1
8
Rev. A3, 21-Apr-99
7 (8)
Preliminary Information
U5020M
Ozone Depleting Substances Policy Statement
It is the policy of TEMIC Semiconductor GmbH to 1. Meet all present and future national and international statutory requirements. 2. Regularly and continuously improve the performance of our products, processes, distribution and operating systems with respect to their impact on the health and safety of our employees and the public, as well as their impact on the environment. It is particular concern to control or eliminate releases of those substances into the atmosphere which are known as ozone depleting substances ( ODSs). The Montreal Protocol ( 1987) and its London Amendments ( 1990) intend to severely restrict the use of ODSs and forbid their use within the next ten years. Various national and international initiatives are pressing for an earlier ban on these substances. TEMIC Semiconductor GmbH has been able to use its policy of continuous improvements to eliminate the use of ODSs listed in the following documents. 1. Annex A, B and list of transitional substances of the Montreal Protocol and the London Amendments respectively 2 . Class I and II ozone depleting substances in the Clean Air Act Amendments of 1990 by the Environmental Protection Agency ( EPA) in the USA 3. Council Decision 88/540/EEC and 91/690/EEC Annex A, B and C ( transitional substances ) respectively. TEMIC Semiconductor GmbH can certify that our semiconductors are not manufactured with ozone depleting substances and do not contain such substances.
We reserve the right to make changes to improve technical design and may do so without further notice. Parameters can vary in different applications. All operating parameters must be validated for each customer application by the customer. Should the buyer use TEMIC Semiconductors products for any unintended or unauthorized application, the buyer shall indemnify TEMIC Semiconductors against all claims, costs, damages, and expenses, arising out of, directly or indirectly, any claim of personal damage, injury or death associated with such unintended or unauthorized use. TEMIC Semiconductor GmbH, P.O.B. 3535, D-74025 Heilbronn, Germany Telephone: 49 ( 0 ) 7131 67 2594, Fax number: 49 ( 0 ) 7131 67 2423
8 (8)
Rev. A3, 21-Apr-99
Preliminary Information


▲Up To Search▲   

 
Price & Availability of U5020M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X