|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
(R) TIP2955 TIP3055 COMPLEMENTARY SILICON POWER TRANSISTORS s s STMicroelectronics PREFERRED SALESTYPES COMPLEMENTARY PNP - NPN DEVICES DESCRIPTION The TIP3055 is a silicon Epitaxial-Base Planar NPN transistor mountend in TO-218 plastic package. It is intented for power switching circuits, series and shunt regulators, output stages and hi-fi amplifiers. The complementary PNP type is the TIP2955. 3 2 1 TO-218 INTERNAL SCHEMATIC DIAGRAM ABSOLUTE MAXIMUM RATINGS Symbol Parameter PNP NPN V CBO V CEO IC IB P tot T stg Tj Collector-Base Voltage (I E = 0) Collector-Emitter Voltage (I B = 0) Collector Current Base Current Total Dissipation at T c 25 C Storage Temperature o Value TIP2955 TIP3055 100 60 15 7 90 -65 to 150 150 Unit V V A A W o o C C Max. Operating Junction Temperature For PNP types voltage and current are negative. August 1999 1/4 TIP2955/TIP3055 THERMAL DATA R thj-case Thermal Resistance Junction-case Max 1.4 o C/W ELECTRICAL CHARACTERISTICS (Tcase = 25 oC unless otherwise specified) Symbol I CEX I CEO IEBO Parameter Collector Cut-off Current (V BE = -1.5V) Collector Cut-off Current (I B = 0) Emitter Cut-off Current (I C = 0) Test Conditions V CE = 100 V V CE = 100 V V CE = 30 V V EB = 7 V I C = 30 mA 60 T J = 150 o C Min. Typ. Max. 1 5 0.7 5 Unit mA mA mA mA V V CEO(sus) Collector-Emitter Sustaining Voltage (I B = 0) VCE(sat) V BE h FE h fe fT t on t off Collector-emitter Saturation Voltage Base-emitter Voltage DC Current Gain Small Signal Current Gain Transition-Frequency RESISTIVE LOAD Turn-on Time Turn-off Time IC = 4 A I C = 10 A IC = 4 A IC = 4 A I C = 10 A IC = 1 A I C = 0.5 A IC = 6 A RL = 5 I B = 0.4 A I B = 3.3 A V CE = 4 V V CE = 4 V V CE = 4 V V CE = 10 V V CE = 10 V f = 1 KHz f = 1 MHz 20 5 15 3 0.5 0.9 1 3 1.8 70 V V V MHz s s I B1 = - IB2 = 0.6 A V BE(off) = - 4 V Pulsed: Pulse duration = 300 s, duty cycle 1.5 % For PNP type, voltage and current value are negative. 2/4 TIP2955/TIP3055 TO-218 (SOT-93) MECHANICAL DATA mm MIN. A C D E F G H L2 L3 L5 L6 R O - 4 3.95 31 12.2 4.1 - 0.157 0.5 1.1 10.8 14.7 - 18 4.15 0.155 1.220 0.480 0.161 4.7 1.17 2.5 0.78 1.3 11.1 15.2 16.2 0.019 0.043 0.425 0.578 - 0.708 0.163 TYP. MAX. 4.9 1.37 MIN. 0.185 0.046 0.098 0.030 0.051 0.437 0.598 0.637 inch TYP. MAX. 0.193 0.054 DIM. A C L5 L3 L2 L6 D E H F R 123 P025A G 3/4 TIP2955/TIP3055 Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specification mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. The ST logo is a trademark of STMicroelectronics (c) 1999 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - France - Germany - Italy - Japan - Korea - Malaysia - Malta - Mexico - Morocco - The Netherlands Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A. 4/4 http://www.st.com . |
Price & Availability of TIP2955 |