Part Number Hot Search : 
NUF2042 15T1G PS224 1000B AQV216 NTE6003 ESD24V 6222E
Product Description
Full Text Search
 

To Download TDA8543 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INTEGRATED CIRCUITS
DATA SHEET
TDA8543 2 W BTL audio amplifier
Product specification File under Integrated Circuits, IC01 1997 Jun 12
Philips Semiconductors
Product specification
2 W BTL audio amplifier
FEATURES * Flexibility in use * Few external components * Low saturation voltage of output stage * Gain can be fixed with external resistors * Standby mode controlled by CMOS compatible levels * Low standby current * No switch-on/switch-off plops * High supply voltage ripple rejection * Protected against electrostatic discharge * Outputs short-circuit safe to ground, VCC and across the load * Thermally protected. QUICK REFERENCE DATA SYMBOL VCC Iq Istb Po PARAMETER supply voltage quiescent current standby current output power THD = 10% RL = 8 ; VCC = 5 V RL = 8 ; VCC = 7.5 V RL = 16 ; VCC = 9 V THD SVRR total harmonic distortion supply voltage ripple rejection Po = 0.5 W 1 - - - 50 1.2 2.2 2.0 0.15 - VCC = 5 V CONDITIONS MIN. 2.2 - - TYP. 5 8 - APPLICATIONS * Portable consumer products * Personal computers * Telephony. GENERAL DESCRIPTION
TDA8543
The TDA8543(T) is a one channel audio power amplifier for an output power of 2 W with an 8 load at a 7.5 V supply. The circuit contains a BTL amplifier with a complementary PNP-NPN output stage and standby/mute logic. The TDA8543T comes in a 16 pin SO package and the TDA8543 in a 16 pin DIP package.
MAX. 18 12 10 - - - - -
UNIT V mA A W W W % dB
ORDERING INFORMATION TYPE NUMBER TDA8543T TDA8543 PACKAGE NAME SO16 DIP16 DESCRIPTION plastic small outline package; 16 leads; body width 3.9 mm plastic dual in-line package; 16 leads (300 mil); long body VERSION SOT109-1 SOT38-1
1997 Jun 12
2
Philips Semiconductors
Product specification
2 W BTL audio amplifier
BLOCK DIAGRAM
TDA8543
handbook, halfpage
-
IN- IN+ VCC 6 5 12
TDA8543
11 OUT-
- +
R R
20 k 4 20 k 3
- - +
14
OUT+
SVR
MODE
STANDBY/MUTE LOGIC 13 GND
MGK402
Fig.1 Block diagram.
PINNING SYMBOL n.c. n.c. MODE SVR IN+ IN- n.c. n.c. n.c. n.c. OUT- VCC GND OUT+ n.c. n.c. 1997 Jun 12 PIN 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 DESCRIPTION not connected not connected operating mode select (standby, mute, operating) half supply voltage, decoupling ripple rejection positive input negative input not connected not connected not connected not connected negative loudspeaker terminal supply voltage ground positive loudspeaker terminal not connected not connected 3 Fig.2 Pin configuration.
handbook, halfpage
n.c. 1 n.c. 2 MODE 3 SVR 4
16 n.c. 15 n.c 14 OUT+ 13 GND
TDA8543
IN+ 5 IN- 6 n.c. 7 n.c. 8
MGK401
12 VCC 11 OUT- 10 n.c. 9 n.c
Philips Semiconductors
Product specification
2 W BTL audio amplifier
FUNCTIONAL DESCRIPTION The TDA8543(T) is a BTL audio power amplifier capable of delivering an output power between 1 and 2 W, depending on supply voltage, load resistance and package. Using the MODE pin the device can be switched to standby and mute condition. The device is protected by an internal thermal shutdown protection mechanism. The gain can be set within a range from 6 dB to 30 dB by external feedback resistors. Power amplifier The power amplifier is a Bridge Tied Load (BTL) amplifier with a complementary PNP-NPN output stage.
TDA8543
The voltage loss on the positive supply line is the saturation voltage of a PNP power transistor, on the negative side the saturation voltage of an NPN power transistor. Mode select pin The device is in standby mode (with a very low current consumption) if the voltage at the MODE pin is >(VCC - 0.5 V), or if this pin is floating. At a MODE voltage level of less than 0.5 V the amplifier is fully operational. In the range between 1.5 V and VCC - 1.5 V the amplifier is in mute condition. The mute condition is useful to suppress plop noise at the output, caused by charging of the input capacitor.
LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 134). SYMBOL VCC VI IORM Tstg Tamb Vpsc Ptot input voltage repetitive peak output current storage temperature operating ambient temperature AC and DC short-circuit safe voltage total power dissipation SO16 DIP16 QUALITY SPECIFICATION In accordance with "SNW-FQ-611-E". The number of the quality specification can be found in the "Quality Reference Handbook". The handbook can be ordered using the code 9397 750 00192. THERMAL CHARACTERISTICS SYMBOL Rth j-a PARAMETER thermal resistance from junction to ambient TDA8543T (SO16) TDA8543 (DIP16) CONDITIONS in free air 100 55 K/W K/W VALUE UNIT non-operating PARAMETER supply voltage CONDITIONS operating MIN. -0.3 -0.3 - -55 -40 - - - MAX. +18 VCC + 0.3 1 +150 +85 10 1.2 2.2 V V A C C V W W UNIT
1997 Jun 12
4
Philips Semiconductors
Product specification
2 W BTL audio amplifier
TDA8543
MGK410
handbook, halfpage
2.5
P (W) 2.0
1.5
(1)
1
(2)
0.5
0 0 40 80 120 160 Tamb (C)
(1) DIP16. (2) SO16.
Fig.3 Power derating curve.
Table 1 CONTINUOUS SINE WAVE DRIVEN VCC (V) RL () Po (W)(1) Pmax (W) 0.7 1.6 0.9 1.3 0.9 Tamb(max) (C) SO16 80 - 60 - 60 DIP16 112 62 100 78 100
5 7.5 7.5 9 9 Note 1. At THD = 10%; BTL.
8 8 16 16 25
1.2 2.2 1.4 2.0 1.3
1997 Jun 12
5
Philips Semiconductors
Product specification
2 W BTL audio amplifier
TDA8543
DC CHARACTERISTICS VCC = 5 V; Tamb = 25 C; RL = 8 ; VMODE = 0 V; G = 20 dB; measured in test circuit Fig.4; unless otherwise specified. SYMBOL VCC Iq Istb VO IIN+, IIN- VMODE PARAMETER supply voltage quiescent current standby current DC output voltage input bias current input voltage mode select operating mute standby IMODE Notes 1. With a load connected at the outputs the quiescent current will increase, the maximum of this increase being equal to the DC output offset voltage divided by RL. 2. The DC output voltage with respect to ground is approximately 0.5 x VCC. AC CHARACTERISTICS VCC = 5 V; Tamb = 25 C; RL = 8 ; f = 1 kHz; VMODE = 0 V; G = 20 dB; measured in test circuit Fig.4; unless otherwise specified. SYMBOL Po PARAMETER output power CONDITIONS THD = 10%; VCC = 5 V; RL = 8 VCC = 7.5 V; RL = 8 VCC = 9 V; RL = 16 THD = 0.5%; VCC = 5 V; RL = 8 VCC = 7.5 V; RL = 8 VCC = 9 V; RL = 16 THD Gv Zi Vno SVRR Vo total harmonic distortion closed loop voltage gain differential input impedance noise output voltage supply voltage ripple rejection note 2 note 3 note 4 output voltage in mute condition note 5 Po = 0.5 W note 1 0.6 - - - 6 - - 50 40 - 0.9 1.7 1.4 0.15 - 100 - - - - - - - 0.3 30 - 100 - - 200 W W W % dB k V dB dB V 1 - - 1.2 2.2 2.0 - - - W W W MIN. TYP. MAX. UNIT input current mode select 0 < VMODE < VCC CONDITIONS operating RL = ; note 1 VMODE = VCC note 2 - - - - - 0 1.5 - MIN. 2.2 5 8 - 2.2 - - - - - TYP. MAX. 18 12 10 - 50 500 0.5 VCC 20 V mA A V mV nA V V A UNIT
VOUT+ - VOUT- differential output voltage offset
VCC - 1.5 V
VCC - 0.5 -
1997 Jun 12
6
Philips Semiconductors
Product specification
2 W BTL audio amplifier
Notes to the AC characteristics R2 1. Gain of the amplifier is 2 x ------- in test circuit of Fig.4. R1
TDA8543
2. The noise output voltage is measured at the output in a frequency range from 20 Hz to 20 kHz (unweighted), with a source impedance of RS = 0 at the input. 3. Supply voltage ripple rejection is measured at the output, with a source impedance of RS = 0 at the input. The ripple voltage is a sine wave with a frequency of 1 kHz and an amplitude of 100 mV (RMS), which is applied to the positive supply rail. 4. Supply voltage ripple rejection is measured at the output, with a source impedance of RS = 0 at the input. The ripple voltage is a sine wave with a frequency between 100 Hz and 20 kHz and an amplitude of 100 mV (RMS), which is applied to the positive supply rail. 5. Output voltage in mute position is measured with an input voltage of 1 V (RMS) in a bandwidth of 20 kHz, so including noise. TEST AND APPLICATION INFORMATION Test conditions Because the application can be either Bridge Tied Load (BTL) or Single-Ended (SE), the curves of each application are shown separately. The thermal resistance = 55 K/W for the DIP16 envelope; the maximum sine wave power dissipation for Tamb = 25 C is: 150 - 25 --------------------- = 2.27 W 55 For Tamb = 60 C the maximum total power dissipation is: 150 - 60 --------------------- = 1.63 W 55 See the power derating curve illustrated in Fig.3. BTL application Tamb = 25 C if not specially mentioned, VCC = 5 V, f = 1 kHz, RL = 8 , Gv = 20 dB, audio band-pass 22 Hz to 22 kHz. The BTL application diagram is shown in Fig.4. The quiescent current has been measured without any load impedance. The total harmonic distortion as a function of frequency was measured with a low-pass filter of 80 kHz. The value of capacitor C2 influences the behaviour of the SVRR at low frequencies, increasing the value of C2 increases the performance of the SVRR. The figure of the mode select voltage (Vms) as a function of the supply voltage shows three areas; operating, mute and standby. It shows, that the DC-switching levels of the mute and standby respectively depends on the supply voltage level. SE application Tamb = 25 C if not specially mentioned, VCC = 7.5 V, f = 1 kHz, RL = 4 , Gv = 20 dB, audio band-pass 22 Hz to 22 kHz. The SE application diagram is shown in Fig.14. The capacitor value of C3 in combination with the load impedance determines the low frequency behaviour. The total harmonic distortion as a function of frequency was measured with low-pass filter of 80 kHz. The value of capacitor C2 influences the behaviour of the SVRR at low frequencies, increasing the value of C2 increases the performance of the SVRR. General remark The frequency characteristic can be adapted by connecting a small capacitor across the feedback resistor. To improve the immunity of HF radiation in radio circuit applications, a small capacitor can be connected in parallel with the feedback resistor; this creates a low-pass filter.
1997 Jun 12
7
Philips Semiconductors
Product specification
2 W BTL audio amplifier
BTL APPLICATION
TDA8543
handbook, full pagewidth
VCC C1 R2 R1 56 k IN- IN+ SVR C2 47 F MODE 6 11 5 12 OUT- RL 14 3 13 GND
MGK403
100 nF
100 F
1 F 11 k Vin
TDA8543
4 OUT+
R2 Gain = 2 x ------R1
Fig.4 BTL application.
handbook, halfpage
15
MGD876
handbook, halfpage
10
MGK404
Iq (mA)
THD (%)
(1) (3) (2)
10
1
5
10-1
0 0 4 8 12 20 16 VCC (V)
10-2 10-2
10-1
1
Po (W)
10
RL = .
f = 1 kHz, Gv = 20 dB. (1) VCC = 5 V, RL = 8 . (2) VCC = 7.5 V, RL = 8 . (3) VCC = 9 V, RL = 16 .
Fig.5 Iq as a function of VCC.
Fig.6 THD as a function of Po.
1997 Jun 12
8
Philips Semiconductors
Product specification
2 W BTL audio amplifier
TDA8543
handbook, halfpage
10
MGK409
handbook, halfpage
-20
MGD879
THD (%) 1
(1) (3)
SVRR (dB) -40
(1)
10-1
(2)
(2)
-60
(3)
10-2 10
102
103
104
f (Hz)
105
-80 10
102
103
104
f (Hz)
105
Po = 0.5 W, Gv = 20 dB. (1) VCC = 5 V, RL = 8 . (2) VCC = 7.5 V, RL = 8 . (3) VCC = 9 V, RL = 16 .
VCC = 5 V, 8 , Rs = 0 , Vr = 100 mV. (1) Gv = 30 dB. (2) Gv = 20 dB. (3) Gv = 6 dB.
Fig.7 THD as a function of frequency.
Fig.8 SVRR as a function of frequency.
handbook, halfpage
2.5 Po (W) 2
MGK405
handbook, halfpage
2
MGK406
P (W) 1.5
(1) (2)
1.5
(1)
(2)
(3)
1
(3)
1
0.5
0.5
0 0 4 8 VCC (V) 12
0 0 4 8 VCC (V) 12
THD = 10%. (1) RL = 8 . (2) RL = 16 . (3) RL = 25 .
(1) RL = 8 . (2) RL = 16 . (3) RL = 25 .
Fig.9 Po as a function of VCC.
Fig.10 Worst case power dissipation as a function of VCC.
1997 Jun 12
9
Philips Semiconductors
Product specification
2 W BTL audio amplifier
TDA8543
MGK407
handbook, halfpage
(3)
2 P (W) 1.6
handbook, halfpage V
10 o (V) 1
MGD883
(1)
10-1 10-2 10-3
(1) (2) (3)
1.2
0.8
(2)
10-4 0.4 10-5 10-6 10-1
0 0 0.5 1 1.5 2 Po (W) 2.5
1
10
Vms (V)
102
Sine wave of 1 kHz. (1) VCC = 9 V, RL = 16 . (2) VCC = 5 V, RL = 8 . (3) VCC = 7.5 V, RL = 8 .
Band-pass = 22 Hz to 22 kHz. (1) VCC = 3 V. (2) VCC = 5 V. (3) VCC = 12 V.
Fig.11 P as a function of Po.
Fig.12 Vo as a function of Vms.
handbook, halfpage
16
MGL070
Vms (V) 12 standby
8 mute 4
operating 0 0 4 8 12 VP (V) 16
Fig.13 Vms as a function of VP.
1997 Jun 12
10
Philips Semiconductors
Product specification
2 W BTL audio amplifier
SE APPLICATION
TDA8543
handbook, full pagewidth
VCC C1 R2 R1 110 k IN- IN+ SVR C2 47 F MODE 6 5 11 OUT- C3 470 F 14 13 GND
MGK408
12
100 nF
100 F
1 F 11 k Vin
TDA8543
4 3 OUT+
RL
R2 Gain = ------R1
Fig.14 SE application.
handbook, halfpage
10
MGD884
handbook, halfpage
10
MGD885
THD (%) 1
THD (%) 1
(1) (2)
(1)
10-1
(3)
10-1
(2) (3)
10-2 10-2
10-1
1
Po (W)
10
10-2 10
102
103
104
f (Hz)
105
f = 1 kHz, Gv = 20 dB. (1) VCC = 7.5 V, RL = 4 . (2) VCC = 9 V, RL = 8 . (3) VCC = 12 V, RL = 16 .
Po = 0.5 W, Gv = 20 dB. (1) VCC = 7.5 V, RL = 4 . (2) VCC = 9 V, RL = 8 . (3) VCC = 12 V, RL = 16 .
Fig.15 THD as a function of Po.
Fig.16 THD as a function of frequency.
1997 Jun 12
11
Philips Semiconductors
Product specification
2 W BTL audio amplifier
TDA8543
handbook, halfpage
-20
MGD886
handbook, halfpage
2
MGD887
SVRR (dB) -40
Po (W)
1.6
(3)
(1)
(2)
1.2
(1)
0.8 -60
(2)
(3)
0.4
-80 10
102
103
104
f (Hz)
105
0 0 4 8 12 VCC (V) 16
VCC = 7.5 V, RL = 4 , Rs = 0 , Vi = 100mV. (1) Gv = 24 dB. (2) Gv = 20 dB. (3) Gv = 0 dB.
(1) THD = 10%, RL = 4 . (2) THD = 10%, RL = 8 . (3) THD = 10%, RL = 16 .
Fig.17 SVRR as a function of frequency.
Fig.18 Po as a function of VCC.
handbook, halfpage
1.6
MGD888
handbook, halfpage
1.2
MGD889
P (W) 1.2
P (W) 0.8
(1) (2)
(3) (1) (2) (3)
0.8
0.4 0.4
0 0 4 8 12 VCC (V) 16
0 0 0.4 0.8 1.2 Po (W) 1.6
(1) RL = 4 . (2) RL = 8 . (3) RL = 16 .
(1) VCC = 7.5 V, RL = 4 . (2) VCC = 12 V, RL = 16 . (3) VCC = 9 V, RL = 8 .
Fig.19 Worst case power dissipation as a function of VCC. 1997 Jun 12 12
Fig.20 P as a function of Po.
Philips Semiconductors
Product specification
2 W BTL audio amplifier
TDA8543
handbook, full pagewidth
a. Top view.
MS 10 k 10 k 1 16
IN
1 F
11 k
TDA8543
OUT+
8 47 F
9 56 k 100 nF OUT-
100 F +VP
MGK411
b. Component side.
Fig.21 Printed-circuit board layout (BTL and SE).
1997 Jun 12
13
Philips Semiconductors
Product specification
2 W BTL audio amplifier
PACKAGE OUTLINES DIP16: plastic dual in-line package; 16 leads (300 mil); long body
TDA8543
SOT38-1
D seating plane
ME
A2
A
L
A1
c Z e b1 b 16 9 MH wM (e 1)
pin 1 index E
1
8
0
5 scale
10 mm
DIMENSIONS (inch dimensions are derived from the original mm dimensions) UNIT mm inches A max. 4.7 0.19 A1 min. 0.51 0.020 A2 max. 3.7 0.15 b 1.40 1.14 0.055 0.045 b1 0.53 0.38 0.021 0.015 c 0.32 0.23 0.013 0.009 D (1) 21.8 21.4 0.86 0.84 E (1) 6.48 6.20 0.26 0.24 e 2.54 0.10 e1 7.62 0.30 L 3.9 3.4 0.15 0.13 ME 8.25 7.80 0.32 0.31 MH 9.5 8.3 0.37 0.33 w 0.254 0.01 Z (1) max. 2.2 0.087
Note 1. Plastic or metal protrusions of 0.25 mm maximum per side are not included. OUTLINE VERSION SOT38-1 REFERENCES IEC 050G09 JEDEC MO-001AE EIAJ EUROPEAN PROJECTION
ISSUE DATE 92-10-02 95-01-19
1997 Jun 12
14
Philips Semiconductors
Product specification
2 W BTL audio amplifier
TDA8543
SO16: plastic small outline package; 16 leads; body width 3.9 mm
SOT109-1
D
E
A X
c y HE vMA
Z 16 9
Q A2 A1 pin 1 index Lp 1 e bp 8 wM L detail X (A 3) A
0
2.5 scale
5 mm
DIMENSIONS (inch dimensions are derived from the original mm dimensions) UNIT mm inches A max. 1.75 A1 0.25 0.10 A2 1.45 1.25 A3 0.25 0.01 bp 0.49 0.36 c 0.25 0.19 D (1) 10.0 9.8 E (1) 4.0 3.8 0.16 0.15 e 1.27 HE 6.2 5.8 L 1.05 Lp 1.0 0.4 0.039 0.016 Q 0.7 0.6 0.028 0.020 v 0.25 0.01 w 0.25 0.01 y 0.1 Z (1) 0.7 0.3
0.010 0.057 0.069 0.004 0.049
0.019 0.0100 0.39 0.014 0.0075 0.38
0.244 0.050 0.041 0.228
0.028 0.004 0.012
8 0o
o
Note 1. Plastic or metal protrusions of 0.15 mm maximum per side are not included. OUTLINE VERSION SOT109-1 REFERENCES IEC 076E07S JEDEC MS-012AC EIAJ EUROPEAN PROJECTION
ISSUE DATE 95-01-23 97-05-22
1997 Jun 12
15
Philips Semiconductors
Product specification
2 W BTL audio amplifier
SOLDERING Introduction There is no soldering method that is ideal for all IC packages. Wave soldering is often preferred when through-hole and surface mounted components are mixed on one printed-circuit board. However, wave soldering is not always suitable for surface mounted ICs, or for printed-circuits with high population densities. In these situations reflow soldering is often used. This text gives a very brief insight to a complex technology. A more in-depth account of soldering ICs can be found in our "IC Package Databook" (order code 9398 652 90011). DIP SOLDERING BY DIPPING OR BY WAVE The maximum permissible temperature of the solder is 260 C; solder at this temperature must not be in contact with the joint for more than 5 seconds. The total contact time of successive solder waves must not exceed 5 seconds. The device may be mounted up to the seating plane, but the temperature of the plastic body must not exceed the specified maximum storage temperature (Tstg max). If the printed-circuit board has been pre-heated, forced cooling may be necessary immediately after soldering to keep the temperature within the permissible limit. REPAIRING SOLDERED JOINTS Apply a low voltage soldering iron (less than 24 V) to the lead(s) of the package, below the seating plane or not more than 2 mm above it. If the temperature of the soldering iron bit is less than 300 C it may remain in contact for up to 10 seconds. If the bit temperature is between 300 and 400 C, contact may be up to 5 seconds. SO REFLOW SOLDERING Reflow soldering techniques are suitable for all SO packages. Reflow soldering requires solder paste (a suspension of fine solder particles, flux and binding agent) to be applied
TDA8543
to the printed-circuit board by screen printing, stencilling or pressure-syringe dispensing before package placement. Several techniques exist for reflowing; for example, thermal conduction by heated belt. Dwell times vary between 50 and 300 seconds depending on heating method. Typical reflow temperatures range from 215 to 250 C. Preheating is necessary to dry the paste and evaporate the binding agent. Preheating duration: 45 minutes at 45 C. WAVE SOLDERING Wave soldering techniques can be used for all SO packages if the following conditions are observed: * A double-wave (a turbulent wave with high upward pressure followed by a smooth laminar wave) soldering technique should be used. * The longitudinal axis of the package footprint must be parallel to the solder flow. * The package footprint must incorporate solder thieves at the downstream end. During placement and before soldering, the package must be fixed with a droplet of adhesive. The adhesive can be applied by screen printing, pin transfer or syringe dispensing. The package can be soldered after the adhesive is cured. Maximum permissible solder temperature is 260 C, and maximum duration of package immersion in solder is 10 seconds, if cooled to less than 150 C within 6 seconds. Typical dwell time is 4 seconds at 250 C. A mildly-activated flux will eliminate the need for removal of corrosive residues in most applications. REPAIRING SOLDERED JOINTS Fix the component by first soldering two diagonallyopposite end leads. Use only a low voltage soldering iron (less than 24 V) applied to the flat part of the lead. Contact time must be limited to 10 seconds at up to 300 C. When using a dedicated tool, all other leads can be soldered in one operation within 2 to 5 seconds between 270 and 320 C.
1997 Jun 12
16
Philips Semiconductors
Product specification
2 W BTL audio amplifier
DEFINITIONS Data sheet status Objective specification Preliminary specification Product specification Limiting values
TDA8543
This data sheet contains target or goal specifications for product development. This data sheet contains preliminary data; supplementary data may be published later. This data sheet contains final product specifications.
Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Where application information is given, it is advisory and does not form part of the specification. LIFE SUPPORT APPLICATIONS These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips for any damages resulting from such improper use or sale.
1997 Jun 12
17
Philips Semiconductors
Product specification
2 W BTL audio amplifier
NOTES
TDA8543
1997 Jun 12
18
Philips Semiconductors
Product specification
2 W BTL audio amplifier
NOTES
TDA8543
1997 Jun 12
19
Philips Semiconductors - a worldwide company
Argentina: see South America Australia: 34 Waterloo Road, NORTH RYDE, NSW 2113, Tel. +61 2 9805 4455, Fax. +61 2 9805 4466 Austria: Computerstr. 6, A-1101 WIEN, P.O. Box 213, Tel. +43 1 60 101, Fax. +43 1 60 101 1210 Belarus: Hotel Minsk Business Center, Bld. 3, r. 1211, Volodarski Str. 6, 220050 MINSK, Tel. +375 172 200 733, Fax. +375 172 200 773 Belgium: see The Netherlands Brazil: see South America Bulgaria: Philips Bulgaria Ltd., Energoproject, 15th floor, 51 James Bourchier Blvd., 1407 SOFIA, Tel. +359 2 689 211, Fax. +359 2 689 102 Canada: PHILIPS SEMICONDUCTORS/COMPONENTS, Tel. +1 800 234 7381 China/Hong Kong: 501 Hong Kong Industrial Technology Centre, 72 Tat Chee Avenue, Kowloon Tong, HONG KONG, Tel. +852 2319 7888, Fax. +852 2319 7700 Colombia: see South America Czech Republic: see Austria Denmark: Prags Boulevard 80, PB 1919, DK-2300 COPENHAGEN S, Tel. +45 32 88 2636, Fax. +45 31 57 1949 Finland: Sinikalliontie 3, FIN-02630 ESPOO, Tel. +358 9 615800, Fax. +358 9 61580/xxx France: 4 Rue du Port-aux-Vins, BP317, 92156 SURESNES Cedex, Tel. +33 1 40 99 6161, Fax. +33 1 40 99 6427 Germany: Hammerbrookstrae 69, D-20097 HAMBURG, Tel. +49 40 23 53 60, Fax. +49 40 23 536 300 Greece: No. 15, 25th March Street, GR 17778 TAVROS/ATHENS, Tel. +30 1 4894 339/239, Fax. +30 1 4814 240 Hungary: see Austria India: Philips INDIA Ltd, Shivsagar Estate, A Block, Dr. Annie Besant Rd. Worli, MUMBAI 400 018, Tel. +91 22 4938 541, Fax. +91 22 4938 722 Indonesia: see Singapore Ireland: Newstead, Clonskeagh, DUBLIN 14, Tel. +353 1 7640 000, Fax. +353 1 7640 200 Israel: RAPAC Electronics, 7 Kehilat Saloniki St, TEL AVIV 61180, Tel. +972 3 645 0444, Fax. +972 3 649 1007 Italy: PHILIPS SEMICONDUCTORS, Piazza IV Novembre 3, 20124 MILANO, Tel. +39 2 6752 2531, Fax. +39 2 6752 2557 Japan: Philips Bldg 13-37, Kohnan 2-chome, Minato-ku, TOKYO 108, Tel. +81 3 3740 5130, Fax. +81 3 3740 5077 Korea: Philips House, 260-199 Itaewon-dong, Yongsan-ku, SEOUL, Tel. +82 2 709 1412, Fax. +82 2 709 1415 Malaysia: No. 76 Jalan Universiti, 46200 PETALING JAYA, SELANGOR, Tel. +60 3 750 5214, Fax. +60 3 757 4880 Mexico: 5900 Gateway East, Suite 200, EL PASO, TEXAS 79905, Tel. +9-5 800 234 7381 Middle East: see Italy Netherlands: Postbus 90050, 5600 PB EINDHOVEN, Bldg. VB, Tel. +31 40 27 82785, Fax. +31 40 27 88399 New Zealand: 2 Wagener Place, C.P.O. Box 1041, AUCKLAND, Tel. +64 9 849 4160, Fax. +64 9 849 7811 Norway: Box 1, Manglerud 0612, OSLO, Tel. +47 22 74 8000, Fax. +47 22 74 8341 Philippines: Philips Semiconductors Philippines Inc., 106 Valero St. Salcedo Village, P.O. Box 2108 MCC, MAKATI, Metro MANILA, Tel. +63 2 816 6380, Fax. +63 2 817 3474 Poland: Ul. Lukiska 10, PL 04-123 WARSZAWA, Tel. +48 22 612 2831, Fax. +48 22 612 2327 Portugal: see Spain Romania: see Italy Russia: Philips Russia, Ul. Usatcheva 35A, 119048 MOSCOW, Tel. +7 095 755 6918, Fax. +7 095 755 6919 Singapore: Lorong 1, Toa Payoh, SINGAPORE 1231, Tel. +65 350 2538, Fax. +65 251 6500 Slovakia: see Austria Slovenia: see Italy South Africa: S.A. PHILIPS Pty Ltd., 195-215 Main Road Martindale, 2092 JOHANNESBURG, P.O. Box 7430 Johannesburg 2000, Tel. +27 11 470 5911, Fax. +27 11 470 5494 South America: Rua do Rocio 220, 5th floor, Suite 51, 04552-903 Sao Paulo, SAO PAULO - SP, Brazil, Tel. +55 11 821 2333, Fax. +55 11 829 1849 Spain: Balmes 22, 08007 BARCELONA, Tel. +34 3 301 6312, Fax. +34 3 301 4107 Sweden: Kottbygatan 7, Akalla, S-16485 STOCKHOLM, Tel. +46 8 632 2000, Fax. +46 8 632 2745 Switzerland: Allmendstrasse 140, CH-8027 ZURICH, Tel. +41 1 488 2686, Fax. +41 1 481 7730 Taiwan: Philips Semiconductors, 6F, No. 96, Chien Kuo N. Rd., Sec. 1, TAIPEI, Taiwan Tel. +886 2 2134 2870, Fax. +886 2 2134 2874 Thailand: PHILIPS ELECTRONICS (THAILAND) Ltd., 209/2 Sanpavuth-Bangna Road Prakanong, BANGKOK 10260, Tel. +66 2 745 4090, Fax. +66 2 398 0793 Turkey: Talatpasa Cad. No. 5, 80640 GULTEPE/ISTANBUL, Tel. +90 212 279 2770, Fax. +90 212 282 6707 Ukraine: PHILIPS UKRAINE, 4 Patrice Lumumba str., Building B, Floor 7, 252042 KIEV, Tel. +380 44 264 2776, Fax. +380 44 268 0461 United Kingdom: Philips Semiconductors Ltd., 276 Bath Road, Hayes, MIDDLESEX UB3 5BX, Tel. +44 181 730 5000, Fax. +44 181 754 8421 United States: 811 East Arques Avenue, SUNNYVALE, CA 94088-3409, Tel. +1 800 234 7381 Uruguay: see South America Vietnam: see Singapore Yugoslavia: PHILIPS, Trg N. Pasica 5/v, 11000 BEOGRAD, Tel. +381 11 625 344, Fax.+381 11 635 777
For all other countries apply to: Philips Semiconductors, Marketing & Sales Communications, Building BE-p, P.O. Box 218, 5600 MD EINDHOVEN, The Netherlands, Fax. +31 40 27 24825 (c) Philips Electronics N.V. 1997
Internet: http://www.semiconductors.philips.com
SCA53
All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent- or other industrial or intellectual property rights.
Printed in The Netherlands
547027/50/01/pp20
Date of release: 1997 Jun 12
Document order number:
9397 750 02232


▲Up To Search▲   

 
Price & Availability of TDA8543

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X