Part Number Hot Search : 
BTA208 LA4168M RT5028 8950AC LC4115 ML6431 24LC22A L624F
Product Description
Full Text Search
 

To Download SSTPAD100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PAD/JPAD/SSTPAD Series
Low-Leakage Pico-Amp Diodes
PAD1 PAD5 PAD50 Product Summary
Part Number
PAD1 PAD5/JPAD5/SSTPAD5 PAD50/JPAD50 SSTPAD100
JPAD5 JPAD50
SSTPAD5 SSTPAD100
IR Max (pA)
-1 -5 -50 -100
Features
Benefits
Applications
D Op Amp Input Protection D Multiplexer Overvoltage Protection
D Negligible Circuit Leakage Contribution D Ultralow Leakage: PAD1 <1 pA D Ultralow Capacitance: PAD1 <0.8 pF D Circuit "Transparent" Except to Shunt High-Frequency Spikes D Two-Leaded Package D Simplicity of Operation
Description
The PAD/JPAD/SSTPAD series of extremely low-leakage diodes provides a superior alternative to conventional diode technology when reverse current (leakage) must be minimized. They feature leakage currents ranging from -1 pA (PAD1) to -100 pA (SSTPAD100) to support a wide range of applications. These devices are well suited for use in applications such as input protection for operational amplifiers.
TO-206AF (TO-72) Modified TO-206AA (TO-18) Modified
The hermetically sealed TO-206AF (TO-72) package allows full military processing per MIL-S-19500 (see Military Information). The TO-226A (TO-92) plastic package provides a low-cost option. The TO-236 (SOT-23) package provides surface-mount capability. Both J and SST series are available in tape-and-reel for automated assembly. (See Packaging Information.)
TO-226AA (TO-92) Modified
TO-236 (SOT-23)
C 1 3
Case
C C 1
1
C
1 3 A
C 2 A Top View PAD1 PAD5 Top View PAD50 2 A and Case A 2
2
Top View Top View JPAD5 JPAD50 SSTPAD5 (05)* SSTPAD100 (01) *Marking Code for TO-236
Updates to this data sheet may be obtained via facsimile by calling Siliconix FaxBack, 1-408-970-5600. Please request FaxBack document #70339.
Siliconix S-52424--Rev. G, 14-Apr-97
1
PAD/JPAD/SSTPAD Series
Absolute Maximum Ratingsa
Forward Current: Total Device Dissipation: Operation Junction Temp: (PAD . . . . . . . . . . . . . . . . . . . . . . 50 mA (JPAD/SSTPAD ) . . . . . . . . . . . . . 10 mA (PAD)b . . . . . . . . . . . . . . . . . . . 300 mW (JPAD/SSTPAD)b . . . . . . . . . . 350 mW (PAD) . . . . . . . . . . . . . . . . -55 to 175_C (JPAD/SSTPAD )c . . . . . . -55 to 150_C Lead Temperature (1/16" from case for 10 sec.) . . . . . . . . . . . . . 300_C Notes: a. TA = 25_C unless otherwise noted. b. Derate 2 mW/_C above 25_C. c. Derate 2.8 mW/_C above 25_C.
Specificationsa
Limits Parameter Static
PAD1 PAD5/JPAD5/SSTPAD5 Reverse Current IR VR = -20 V 20 PAD50/JPAD50 SSTPAD100 PAD1/PAD5 Reverse Breakdown Voltage BVR IR = -1 mA SSTPAD5/100 All Others Forward Voltage Drop VF IF = 1 mA -45 -30 -35 -0.3 -1 -5 -10 -60 -55 -55 0.8 1.5 V -1 -5 pA -50 -100
Symbol
Test Conditions
Min
Typb
Max
Unit
Dynamic
Reverse Capacitance CR VR = -5V, f = 1 MHz -5V PAD1/PAD5 All Others 0.5 1.5 0.8 pF 2
Notes: a. TA = 25_C unless otherwise noted. b. Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing.
NT/NPA
Typical Characteristics
-1000
Reverse Current vs. Reverse Voltage
PAD/JPAD/SSTPAD5
-100
Reverse Current vs. Temperature
VR = -20 V
IR @ 125_C -100 PAD1 I R (pA) I R (pA) -10 All Others PAD1/5 -0.1 IR @ 25_C PAD1 -0.1 0 -6 -12 -18 VR (V) -24 -30 -0.01 -55 -35 -15 5 25 45 65 85 105 125 -10
-1
PAD/JPAD/SSTPAD5 -1
TA - Temperature (_C)
2
Siliconix S-52424--Rev. G, 14-Apr-97


▲Up To Search▲   

 
Price & Availability of SSTPAD100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X