Part Number Hot Search : 
P6KE75C 12887A 1H273 TC144 MAX30 CBRLD104 48S15 2AS10
Product Description
Full Text Search
 

To Download SP8714 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SP8714
SP8714
2100 MHz Very Low Current Multi-Modulus Divider
March 2006
The SP8714 is a switchable divide by 32/33, 64/65 programmable divider which is guaranteed to operate up to 2100MHz. It will operate from a supply of 2.7V to 5.25V and requires typically 6.8mA (including the output current). It also features a power down facility for battery economy. The RF inputs are internally biased and should be capacitively coupled to the signal source. The output is designed to interface with CMOS synthesisers.
Ordering Information Industrial Temperature Range Miniature Plastic SOIC Package SP8714/IG/MPAS 8 Pin SOP/SOIC Tubes SP8714/IG/MPAC 8 Pin SOP/SOIC Tape & Reel SP8714/IG/MPBQ 8 Pin SOP/SOIC* Tape & Reel SP8714/IG/MPBP 8 Pin SOP/SOIC* Tubes *Pb Free Matte Tin
FEATURES I I I I I I I Operation to 2100MHz Very Low Power Single Supply Operation 2.7V to 5.25V Power Down Facility for Battery Economy Latched Modulus Control Input Push Pull Output Drive ESD Protection on All Pins
RF INPUT V CC RATIO SELECT OUTPUT
1 2 3 4 SP8714
8 7 6 5
RF INPUT POWER DOWN MODULUS CONTROL VEE
APPLICATIONS I Cellular Telephones I Cordless Telephones
MP8
Fig. 1 Pin connections - top view
ESD precautions must be observed
V CK 6 MC D
CC 2 250K NOMINAL
D TYPE
Q 7 POWER DOWN
3 RS V CC
BIAS CONTROL LOGIC
5 V EE
RF INPUT (CLOCK)
1
DIVIDE BY 4/5
8 V
DIVIDE BY 8 / 16
4 OUTPUT
EE
Fig. 2 Block diagram
1
Zarlink Semiconductor Inc. Zarlink, ZL and the Zarlink Semiconductor logo are trademarks of Zarlink Semiconductor Inc. Copyright 1999-2006, Zarlink Semiconductor Inc. All Rights Reserved.
0
SP8714
ABSOLUTE MAXIMUM RATINGS
Supply voltage (VEE=0V) (note 1) -0.5V to 7V Control and RF inputs, RF output (VEE =0V) (note 1) -0.5V to VCC+0.5V RF input current (note 1) 10mA Operating temperature -40C to +85C Storage temperature range -55C to +150C Maximum junction temperature +150C NOTE 1. Duration <2 minutes.
ELECTRICAL CHARACTERISTICS
Guaranteed over the following conditions (unless otherwise stated): VCC=+2.7V to +5.25V (with respect to VEE), Output load (pin 4) = 10pF, Tamb = -40C to +85C (note 2) Value Characteristic Min. (note 3) (note 3) VCC-0.5 0 (note 4) (note 4) (note 4, 9) (note 4, 9) 0.6VCC 0 0.6VCC 0 2100 200 50 200 500 (notes 5,6,8) (notes 6,8) (notes 7,8) 10 1 10 8 600 Typ. 6.8 8 Max. 8.5 50 VCC VCC-2.0 VCC 0.4VCC VCC 0.4VCC Units Conditions
Supply current Supply current Power down high Power down low Modulus control high Modulus control low Ratio select high Ratio select low
mA A V V V V V V MHz MHz
Power down input low Power down input high
Divide by 32 or 64 Divide by 33 or 65 Divide by 32 or 33 Divide by 64 or 65 See Figure 5 See Figure 5
Max. sinewave input frequency Min. sinewave input frequency Min. RF input voltage Max. RF input voltage Output level (pin 4) Modulus set-up time, ts Modulus hold time, th Power down time, tpd
mV RMS RF input 200MHz to 2100MHz. See Figure 5 mV RMS RF input 200MHz to 2100MHz. See Figure 5 mV p-p ns ns s s RF input = 1GHz RF input = 1GHz See Figure 9 See Figure 9
Power down recovery time, tpu (notes 7,8)
NOTES 2. All electrical testing is performed at +85C. 3. Typical values are measured at +25C and VCC = +5V. 4. Modulus Control and Ratio Select are high impedance inputs which can be driven directly by standard CMOS outputs. 5. Modulus control is latched at the end of the previous cycle. 6. See Figure 4. 7. See Figure 8. 8. These parameters are not tested but are guaranteed by design. 9. The ratio select pin is not intended to be switched dynamically.
2
SP8714
OPERATING NOTES
The RF inputs are biased internally and are normally coupled to the signal source with suitable capaitors. The output stage has a novel design and is intended to drive a CMOS synthesiser input. External pull-down resistors or circuits are not required. The SP8714 is not suitable for driving TTL or similar devices. The device will operate down to DC frequencies for non-sinusoidal signals provided that the input slew rate is better than 100V/s. POWER DOWN (pin 7) is connected internally to a pull-up resistor. If the battery economy facility is not used, pin 7 should be connected to V EE.
RF INPUT VOLTAGE (mV RMS)
1000
Ratio Select (Pin 3) L L H H
Modulus Control (Pin 6) L H L H
Division Ratio
800 TYPICAL OVERLOAD
600
65 64 33 32
400
TYPICAL SENSITIVITY GUARANTEED* OPERATING WINDOW
200
Table 1 Truth table
0 500 1000 1500 2000 2500 3000
FREQUENCY (MHz)
* Tested as specified in table of Electrical Characteristics
Fig. 3 Typical input characteristics
RF INPUT CLOCK
MODULUS CONTROL INPUTS
DON'T CARE
DON'T CARE
OUTPUT
32 (16)
32 (16) or 33 (17)
ts th
Fig. 4 Modulus control timing diagram
2
SP8714
V CC 100n 50 MONITOR 1n 50 SIGNAL SOURCE
V CC RF INPUT
V EE POWER DOWN
SP8714
OUTPUT 1n RF INPUT MC RATIO SELECT CL
OUTPUT
10n
10n
MODULUS CONTROL 1 INPUT
MODULUS CONTROL 2 INPUT
Fig. 5 Toggle frequency test circuit
j1 j0.5 j2
S11 PLOT 50 OHM NORMALISED
j0.2
f2
0.2
0.5
1
2
f1
-j0.2
f1: 130MHz f2: 2.49GHz
-j0.5 -j2
-j1
Fig. 6 Typical S11 parameter for pin 1. VCC = +5.0V
4
SP8714
300
200 R() R() 100
0
-100
-200
-300 jx jx() () -400
-500
-600
-700
-800 100
300
500
700
900
1100
1300
1500
1700
1900
2100
2300
2500
INPUT FREQUENCY (MHz)
Fig. 7 Typical input impedance v. frequency
4
SP8714
FREQ-MHZ 130.000 177.200 224.400 271.600 318.800 366.000 413.200 460.400 507.600 554.800 602.000 649.200 596.400 743.600 790.800 838.000 885.200 332.400 979.600 1026.80 1074.00 1121.20 1168.40 1215.60 1262.80 1310.00 1357.20 1404.40 1451.60 1498.80 1546.00 1593.20 1640.40 1687.60 1734.80 1782.00 1829.20 1876.40 1923.60 1970.80 2018.00 2065.20 2112.40 2159.60 2206.80 2254.00 2301.20 2348.40 2395.60 2442.80 2490.00 R () 255.068 153.330 88.649 71.050 39.526 38.779 23.809 27.545 22.227 17.767 14.607 13.075 12.583 10.213 11.269 10.509 10.172 10.841 12.260 14.508 19.260 23.285 18.956 14.377 12.711 12.598 14.565 19.164 15.001 15.864 18.993 26.822 39.830 47.875 63.267 74.259 58.878 42.530 32.302 27.333 24.894 23.369 23.577 23.023 23.325 24.623 26.340 28.632 31.161 34.219 39.808 jx () -733.538 -583.339 -482.377 -411.502 -346.620 -304.804 -269.674 -245.161 -224.572 -203.241 -186.545 -174.839 -160.468 -149.642 -143.144 -132.750 -124.495 -118.100 -109.552 -103.110 -98.149 -99.907 -99.639 -95.033 -89.249 -82.581 -77.212 -71.976 -70.250 -61.898 -53.403 -44.704 -41.522 -43.255 -44.879 -67.801 -86.964 -87.052 -80.484 -73.570 -67.291 -60.620 -54.716 -49.220 -43.340 -37.163 -30.805 -24.040 -17.165 -8.172 -4.368
Table.2 Coefficients for Fig.7
6
SP8714
VOLTAGE CURRENT
tpu
0.95 I C VCC - 0.5V POWER DOWN INPUT VOLTAGE SUPPLY CURRENT
VCC - 2.0V
tpd
TIME
0.05 I C
Fig. 8 Power up and power down
PULSE GENERATOR INPUT 47
8 SP8714 1
POWER SUPPLY
+ CURRENT SENSE RESISTOR OSCILLOSCOPE PROBE POINT
10nF
Fig. 9 Power-down time test circuit
6
For more information about all Zarlink products visit our Web Site at
www.zarlink.com
Information relating to products and services furnished herein by Zarlink Semiconductor Inc. or its subsidiaries (collectively "Zarlink") is believed to be reliable. However, Zarlink assumes no liability for errors that may appear in this publication, or for liability otherwise arising from the application or use of any such information, product or service or for any infringement of patents or other intellectual property rights owned by third parties which may result from such application or use. Neither the supply of such information or purchase of product or service conveys any license, either express or implied, under patents or other intellectual property rights owned by Zarlink or licensed from third parties by Zarlink, whatsoever. Purchasers of products are also hereby notified that the use of product in certain ways or in combination with Zarlink, or non-Zarlink furnished goods or services may infringe patents or other intellectual property rights owned by Zarlink. This publication is issued to provide information only and (unless agreed by Zarlink in writing) may not be used, applied or reproduced for any purpose nor form part of any order or contract nor to be regarded as a representation relating to the products or services concerned. The products, their specifications, services and other information appearing in this publication are subject to change by Zarlink without notice. No warranty or guarantee express or implied is made regarding the capability, performance or suitability of any product or service. Information concerning possible methods of use is provided as a guide only and does not constitute any guarantee that such methods of use will be satisfactory in a specific piece of equipment. It is the user's responsibility to fully determine the performance and suitability of any equipment using such information and to ensure that any publication or data used is up to date and has not been superseded. Manufacturing does not necessarily include testing of all functions or parameters. These products are not suitable for use in any medical products whose failure to perform may result in significant injury or death to the user. All products and materials are sold and services provided subject to Zarlink's conditions of sale which are available on request.
Purchase of Zarlink's I2C components conveys a licence under the Philips I2C Patent rights to use these components in and I2C System, provided that the system conforms to the I2C Standard Specification as defined by Philips. Zarlink, ZL and the Zarlink Semiconductor logo are trademarks of Zarlink Semiconductor Inc. Copyright Zarlink Semiconductor Inc. All Rights Reserved.
TECHNICAL DOCUMENTATION - NOT FOR RESALE


▲Up To Search▲   

 
Price & Availability of SP8714

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X