Part Number Hot Search : 
A3280 AD626AN ADG431 KBP206 MB89689 DA332M FTZ56E TD62107
Product Description
Full Text Search
 

To Download SN74LS109AD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SN74LS109A Dual JK Positive Edge-Triggered Flip-Flop
The SN74LS109A consists of two high speed completely independent transition clocked JK flip-flops. The clocking operation is independent of rise and fall times of the clock waveform. The JK design allows operation as a D flip-flop by simply connecting the J and K pins together.
http://onsemi.com
MODE SELECT - TRUTH TABLE
INPUTS OPERATING MODE SD Set Reset (Clear) *Undetermined Load "1" (Set) Hold Toggle Load "0" (Reset) * L H L H H H H CD H L L H H H H J X X X h l h l K X X X h h l l Q H L H H q q L Q L H H L q q H OUTPUTS
LOW POWER SCHOTTKY
16 1
Both outputs will be HIGH while both SD and CD are LOW, but the output states are unpredictable if SD and CD go HIGH simultaneously.
H, h = HIGH Voltage Level L, I = LOW Voltage Level X = Don't Care l, h (q) = Lower case letters indicate the state of the referenced input i, h (q) = (or output) one set-up time prior to the LOW to HIGH clock transition.
16
PLASTIC N SUFFIX CASE 648
1
GUARANTEED OPERATING RANGES
Symbol VCC TA IOH IOL Parameter Supply Voltage Operating Ambient Temperature Range Output Current - High Output Current - Low Min 4.75 0 Typ 5.0 25 Max 5.25 70 - 0.4 8.0 Unit V C mA mA
SOIC D SUFFIX CASE 751B
ORDERING INFORMATION
Device SN74LS109AN SN74LS109AD Package 16 Pin DIP 16 Pin Shipping 2000 Units/Box 2500/Tape & Reel
(c) Semiconductor Components Industries, LLC, 1999
1
December, 1999 - Rev. 6
Publication Order Number: SN74LS109A/D
SN74LS109A
LOGIC DIAGRAM
SET (SD) 5(11) CLEAR (CD) 1(15) CLOCK 4(12)
Q 6(10)
Q 7(9) J 2(14) K 3(13)
LOGIC SYMBOL
5 2 4 3 J SD Q CP KC Q D 1 VCC = PIN 16 GND = PIN 8 7 6 14 12 13 11 J SD Q CP KC Q D 15 9 10
DC CHARACTERISTICS OVER OPERATING TEMPERATURE RANGE (unless otherwise specified)
Limits Symbol VIH VIL VIK VOH Parameter Input HIGH Voltage Input LOW Voltage Input Clamp Diode Voltage Output HIGH Voltage 2.7 - 0.65 3.5 0.25 VO OL Output LOW Voltage 0.35 Input HIGH Current J, K, Clock Set, Clear J, K, Clock Set, Clear IIL IOS ICC Input LOW Current J, K, Clock Set, Clear Output Short Circuit Current (Note 1) Power Supply Current - 20 0.5 20 40 0.1 0.2 - 0.4 - 0.8 - 100 8.0 V A IOL = 8.0 mA 0.4 Min 2.0 0.8 - 1.5 Typ Max Unit V V V V V Test Conditions Guaranteed Input HIGH Voltage for All Inputs Guaranteed Input LOW Voltage for All Inputs VCC = MIN, IIN = - 18 mA VCC = MIN, IOH = MAX, VIN = VIH or VIL per Truth Table IOL = 4.0 mA VCC = VCC MIN, VIN = VIL or VIH per Truth Table
VCC = MAX, VIN = 2.7 V
IIH
mA
VCC = MAX, VIN = 7.0 V
mA mA mA
VCC = MAX, VIN = 0.4 V VCC = MAX VCC = MAX
Note 1: Not more than one output should be shorted at a time, nor for more than 1 second.
http://onsemi.com
2
SN74LS109A
AC CHARACTERISTICS (TA = 25C, VCC = 5.0 V)
Limits Symbol fMAX tPLH tPHL Parameter Maximum Clock Frequency Clock Clear Set to Output Clock, Clear, Min 25 Typ 33 13 25 25 40 Max Unit MHz ns ns VCC = 5.0 V 50 CL = 15 pF F Test Conditions
AC SETUP REQUIREMENTS (TA = 25C, VCC = 5.0 V)
Limits Symbol tW ts th Parameter Clock High Clear, Set Pulse Width Data Setup Time -- HIGH Data Setup Time -- LOW Hold time Min 25 20 20 5.0 Typ Max Unit ns ns ns ns VCC = 5 0 V 5.0 Test Conditions
PACKAGE DIMENSIONS
N SUFFIX PLASTIC PACKAGE CASE 648-08 ISSUE R
-A-
16 9 NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. DIMENSION L TO CENTER OF LEADS WHEN FORMED PARALLEL. 4. DIMENSION B DOES NOT INCLUDE MOLD FLASH. 5. ROUNDED CORNERS OPTIONAL. DIM A B C D F G H J K L M S INCHES MIN MAX 0.740 0.770 0.250 0.270 0.145 0.175 0.015 0.021 0.040 0.70 0.100 BSC 0.050 BSC 0.008 0.015 0.110 0.130 0.295 0.305 0_ 10 _ 0.020 0.040 MILLIMETERS MIN MAX 18.80 19.55 6.35 6.85 3.69 4.44 0.39 0.53 1.02 1.77 2.54 BSC 1.27 BSC 0.21 0.38 2.80 3.30 7.50 7.74 0_ 10 _ 0.51 1.01
B
1 8
F S
C
L
-T- H G D
16 PL
SEATING PLANE
K
J TA
M
M
0.25 (0.010)
M
http://onsemi.com
3
SN74LS109A
PACKAGE DIMENSIONS
D SUFFIX PLASTIC SOIC PACKAGE CASE 751B-05 ISSUE J
-A-
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSIONS A AND B DO NOT INCLUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.15 (0.006) PER SIDE. 5. DIMENSION D DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.127 (0.005) TOTAL IN EXCESS OF THE D DIMENSION AT MAXIMUM MATERIAL CONDITION. MILLIMETERS MIN MAX 9.80 10.00 3.80 4.00 1.35 1.75 0.35 0.49 0.40 1.25 1.27 BSC 0.19 0.25 0.10 0.25 0_ 7_ 5.80 6.20 0.25 0.50 INCHES MIN MAX 0.386 0.393 0.150 0.157 0.054 0.068 0.014 0.019 0.016 0.049 0.050 BSC 0.008 0.009 0.004 0.009 0_ 7_ 0.229 0.244 0.010 0.019
16
9
-B-
1 8
P
8 PL
0.25 (0.010)
M
B
S
G F
K C -T-
SEATING PLANE
R
X 45 _
M D
16 PL M
J
0.25 (0.010)
TB
S
A
S
DIM A B C D F G J K M P R
ON Semiconductor and are trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer.
PUBLICATION ORDERING INFORMATION
North America Literature Fulfillment: Literature Distribution Center for ON Semiconductor P.O. Box 5163, Denver, Colorado 80217 USA Phone: 303-675-2175 or 800-344-3860 Toll Free USA/Canada Fax: 303-675-2176 or 800-344-3867 Toll Free USA/Canada Email: ONlit@hibbertco.com N. American Technical Support: 800-282-9855 Toll Free USA/Canada EUROPE: LDC for ON Semiconductor - European Support German Phone: (+1) 303-308-7140 (M-F 2:30pm to 5:00pm Munich Time) Email: ONlit-german@hibbertco.com French Phone: (+1) 303-308-7141 (M-F 2:30pm to 5:00pm Toulouse Time) Email: ONlit-french@hibbertco.com English Phone: (+1) 303-308-7142 (M-F 1:30pm to 5:00pm UK Time) Email: ONlit@hibbertco.com ASIA/PACIFIC: LDC for ON Semiconductor - Asia Support Phone: 303-675-2121 (Tue-Fri 9:00am to 1:00pm, Hong Kong Time) Toll Free from Hong Kong 800-4422-3781 Email: ONlit-asia@hibbertco.com JAPAN: ON Semiconductor, Japan Customer Focus Center 4-32-1 Nishi-Gotanda, Shinagawa-ku, Tokyo, Japan 141-8549 Phone: 81-3-5487-8345 Email: r14153@onsemi.com Fax Response Line: 303-675-2167 800-344-3810 Toll Free USA/Canada ON Semiconductor Website: http://onsemi.com For additional information, please contact your local Sales Representative.
http://onsemi.com
4
SN74LS109A/D


▲Up To Search▲   

 
Price & Availability of SN74LS109AD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X