Part Number Hot Search : 
HE84770 ADC206 U06P40PT BZX84C12 C5346 16C85 AS001 F0512
Product Description
Full Text Search
 

To Download SD1680 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SD1680
RF & MICROWAVE TRANSISTORS 800/900 MHz APPLICATIONS
.915 .24 .CLASS .I .DESI .HI .GOLD .DI .COMMON .P
- 960 MHz VOLTS AB PUSH PULL N TERNAL INPUT MATCHING GNED FOR HIGH POWER LINEAR OPERATION GH SATURATED POWER CAPABILITY METALLIZATION FOR HIGH RELIABILITY FFUSED EMITTER BALLAST RESISTORS EMITTER CONFIGURATION OUT = 100 W MIN. WITH 7.0 dB GAIN
2 x .437 x .450 2LFL (M175) epoxy sealed ORDER CODE SD1680 BRANDING SD1680
PIN CONNECTION
DESCRIPTION The SD1680 is a gold metallized epitaxial silicon NPN planar transistor using diffused emitter ballast resistors for high linearity Class AB operation in cellular base station applications. ABSOLUTE MAXIMUM RATINGS (T case = 25 C)
Symbol Parameter Value Unit 1. Collector 2. Base 3. Emitter
VCBO VCEO VEBO IC PDISS TJ T STG
Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Device Current Power Dissipation Junction Temperature Storage Temperature
60 30 3.0 25 310 +200 - 55 to +150
V V V A W C C
THERMAL DATA RTH(j-c)
November 1992
Junction-Case Thermal Resistance
0.55
C/W
1/7
SD1680
ELECTRICAL SPECIFICATIONS (T case = 25 C) STATIC
Symbol Test Conditions Value Min. Typ. Max. Unit
BVCBO BVCEO BVEBO ICES hFE
Tested Per Side
IC = 100mA IC = 100mA IE = 50mA VCE = 28V VCE = 5V
IE = 0mA IB = 0mA IC = 0mA IE = 0mA IC = 3A
60 30 3.0 -- 15
-- -- -- -- --
-- -- -- 10 70
V V V mA --
DYNAMIC
Symbol Test Conditions Value Min. Typ. Max. Unit
POUT * G P* IMD** c COB
Note:
f = 900 MHz f = 900 MHz f = 900 MHz f = 900 MHz f = 1 MHz =
100W PEP,
VCE = 24 V VCE = 24 V VCE = 24 V VCE = 24 V VCB = 28 V F=
400KHz (2 tones)
ICQ = 2 x 300 mA ICQ = 2 x 300 mA ICQ = 2 x 300 mA ICQ = 2 x 300 mA
120 7.0 -- 45 --
-- -- -32 -- --
-- -- -- -- 100
W dB dBc % pF
* @ 1 dB Compressi on ** P OU T
TYPICAL PERFORMANCE
POWER OUTPUT vs POWER INPUT
THERMAL RESISTANCE vs CASE TEMPERATURE
2/7
SD1680
TYPICAL PERFORMANCE (cont'd)
COLLECTOR EFFICIENCY vs FREQUENCY
BROADBAND POWER GAIN vs FREQUENCY
INTERMODULATION DISTORTION vs POWER OUTPUT
3/7
SD1680
IMPEDANCE DATA
FREQ. 910 MHz 930 MHz 950 MHz
ZIN ()* 4.8 + j 0.95 4.5 + j 0.0 4.3 - j 1.0
ZCL ()** 5.0 + j 0.9 4.6 + j 1.7 4.2 + j 2.6 3.8 + j 3.4
970 MHz 4.1 - j 1.9 * Base to Base ** Collector to Collector POUT = 100W VCC = 24V Normalized to 50 Ohms
4/7
SD1680
TEST CIRCUIT
B1, B2 : Coaxial Cable 25, 43mm C1, C2 : 330pF, ATC 100B C3 : .8 - 8.0pF Johanson Gigatrim C4 : 2 x 3.6pF + 1.6pF ATC 100B C5 : 3.3pF ATC 100B + .8 - 8.0pF Johanson Gigatrim C6, C7 : 330pF, ATC 100B C8 : 120pF ATC 100B C9 : 1.5nF, ATC 100B C10 : 10nF + 47F, 63V C11 : 1.5nF, ATC 100B + 10nF C12 : 470pF + 1.5nF, ATC 100B + 100mF, 63V C13 : .4 - 4pF Johanson Gigatrim Substrate: Teflon Glass, Er = 2.55, 30Mils Thick
L1, L18 L2, L17 L3, L16 L4, L15 L5 L6 L7 L8 L9, L10 L11 L12 L13 L14 L19 L20 L21, L22
: : : : : : : : : : : : : : : :
Printed Line 50 Printed Line 26.7 10mm Printed Line 60 10.5mm Printed Line 50 43mm Printed Line 25 13.5mm Printed Line 21 15mm Printed Line 10.5 12.5mm Printed Line 8 7.5mm Printed Line 50 10mm Printed Line 9.5 10.5mm Printed Line 11 14.5mm Printed Line 15.5 8.5mm Printed Line 19 3.5mm 2 Turns, #16 AWG 2 Turns, #16 AWG 12 Turns, #22 AWG
5/7
SD1680
BIAS VOLTAGE SOURCE
C15 C16 C17 C18 D1 D2 D3
: : : :
10nF + 100nF + 10F 10nF 1F 1.2nF + 27nF + 10F
: AAY 49, Ge Diode Thermally Connected with Q3 Heatsink : 1N 4005, SI Diode Thermally Connected with Q3 Heatsink : 1N 4005, SI Diode Thermally Connected with RF Transistors Flange
L8, L9 : Ferrite Choke Q3 R7 R8 : BDX 63B : 470, 1/2W : 100, Trimpot
6/7
SD1680
PACKAGE MECHANICAL DATA Ref.: Dwg. No.12-0175
Information furnished is believed to be accurate and reliable. However, SGS-THOMSON Microelectronics assumes no responsability for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may results from its use. No license is granted by implication or otherwise under any patent or patent rights of SGS-THOMSON Microelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. SGS-THOMSON Microelectronics products are not authorized for use ascritical components in life support devices or systems without express written approval of SGS-THOMSON Microelectonics. (c) 1994 SGS-THOMSON Microelectronics - All Rights Reserved SGS-THOMSON Microelectronics GROUP OF COMPANIES Australia - Brazil - France - Germany - Hong Kong - Italy - Japan - Korea - Malaysia - Malta - Morocco - The Netherlands Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A
7/7


▲Up To Search▲   

 
Price & Availability of SD1680

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X