Part Number Hot Search : 
UM4014 RTL8801 TL4310 AN4214 24C08 24C08 UF206 2SC22
Product Description
Full Text Search
 

To Download SD1414 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SD1414
NPN SILICON RF POWER TRANSISTOR
DESCRIPTION:
The ASI SD1414 is Designed for FM Land Mobile Applications up to 836 MHz.
FEATURES:
* Internal Input Matching Network * PG = 5.0 dB at 45 W/836 MHz * OmnigoldTM Metalization System
PACKAGE STYLE .230 6L FLG
A .040x45 4X .025 R .115 .430 D E .125 F G H I JK L C B 2XO.130
MAXIMUM RATINGS
IC VCBO VCEO VCES VEBO PDISS TJ TSTG JC 9.0 A 36 V
DIM
MINIMUM
inches / mm
MAXIMUM
inches / mm
18 V 36 V 4.0 V 150 W @ TC = 25 C -65 C to +200 C -65 C to +150 C 1.2 C/W
A B C D E F G H I J K L
.355 / 9.02 .115 / 2.92 .075 / 1.91 .225 / 5.72 .090 / 2.29 .720 / 18.29 .970 / 24.64 .355 / 9.02 .004 / 0.10 .120 / 3.05 .160 / 4.06 .230 / 5.84
.365 / 9.27 .125 / 3.18 .085 / 2.16 .235 / 5.97 .110 / 2.79 .730 / 18.54 .980 / 24.89 .365 / 9.27 .006 / 0.15 .130 / 3.30 .180 / 4.57 .260 / 6.60
CHARACTERISTICS
SYMBOL
BVCEO BVCES BVEBO ICBO hFE COB PG C IC = 50 mA IC = 50 mA IE = 10 mA VCB = 15 V
TC = 25 C
NONETEST CONDITIONS
RBE = 10
MINIMUM TYPICAL MAXIMUM
36 18 4.0 5.0
UNITS
V V V mA --pF dB %
VCE = 5.0 V VCB = 12.5 V VCE = 12.5 V
IC = 1.0 A f = 1.0 MHz POUT = 45 W f = 836 MHz
5.0 80 4.7 35
200
A D V A N C E D S E M I C O N D U C T O R, I N C.
7525 ETHEL AVENUE * NORTH HOLLYWOOD, CA 91605 * (818) 982-1200 * FAX (818) 765-3004
Specifications are subject to change without notice.
REV. A
1/1


▲Up To Search▲   

 
Price & Availability of SD1414

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X