Part Number Hot Search : 
74FCT 36263 RBV1504 FBM24 FBM24 BPC250 PD57060S AOZ1012D
Product Description
Full Text Search
 

To Download PT6312 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Princeton Technology Corp.
VFD Driver
Tel : 886-2-29162151 Fax: 886-2-29174598 URL: http://www.princeton.com.tw
PT6312
DESCRIPTION
PT6312 is a Vacuum Fluorescent Display (VFD) Controller driven on a 1/4 to 1/11 duty factor. Eleven segment output lines, 6 grid output lines, 5 segment/grid output drive lines, one display memory, control circuit, key scan circuit are all incorporated into a single chip to build a highly reliable peripheral device for a single chip micro computer. Serial data is fed to PT6312 via a three-line serial interface. It is housed in a 44-pin plastic QFP or LQFP Package and is functionally compatible with pD16312.
FEATURES
! ! ! ! ! ! ! ! ! ! ! CMOS Technology Low Power Consumption Key Scanning (6 x 4 matrix) Multiple Display Modes: (11 segments, 11 digits to 16 segments, 6 digits) 8-Step Dimming Circuitry LED Ports Provided (4 channels, 20 mA max.) 4- Bits General Purpose Input Ports Provided Serial Interface for Clock, Data Input, Data Output, Strobe Pins No External Resistors Needed for Driver Outputs Functional Compatibility with pD16312 Available in 44-pin, QFP or LQFP Package
APPLICATION
! Micro-computer Peripheral Device
PT6312 v1.7
Page 1
Updated Feb. 2000
Princeton Technology Corp.
VFD Driver
Tel : 886-2-29162151 Fax: 886-2-29174598 URL: http://www.princeton.com.tw
PT6312
PIN CONFIGURATION
Figure 2: PT6312 Pin Configuration PT6312 v1.7 Page 2 Updated Feb. 2000
Princeton Technology Corp.
VFD Driver
Tel : 886-2-29162151 Fax: 886-2-29174598 URL: http://www.princeton.com.tw
PT6312
ORDER INFORMATION
V lid Part N umber a PT6312 PT6312LQ Package T pe y 44 pins, Q FP Package 44 pins, LQ FP Package
6-GRID X 16-SEGMENT VFD APPLICATION CIRCUIT
PT6312 v1.7
Page 3
Updated Feb. 2000


▲Up To Search▲   

 
Price & Availability of PT6312

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X