|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
PMR210 * RC unit, class X1, metallized paper with integrated resistor * 0.022 - 0.1 F, 100 , 250 VAC, +85 C RC unit for safety applications. Small dimensions High dU/dt capability. Self-extinguishing encapsulation. The material is recognized acc. to UL 94 V-0 * Good resistance to ionisation due to impregnated dielectric. * * * * * Excellent self-healing properties. Ensures long life even when subjected to frequent overvoltages. * The impregnated paper ensures excellent stability giving outstanding reliability properties, especially in applications having continuous operation. L TYPICAL APPLICATIONS RC unit for use in DC and AC applications for: - contact protection - interference suppression of contacts - transient suppression B CONSTRUCTION Single layer metallized paper, encapsulated and impregnated in self-extinguishing material meeting the requirements of UL 94V-0. The resistance in the metal layer is utilized as series resistance, integrated resistor. H p 0.5 d l TECHNICAL DATA Rated voltage Capacitance range Capacitance tolerance Resistance range Resistance tolerance Peak pulse voltage Temperature range Climatic category Approvals Series resistance Insulation resistance 250 VAC, 50/60 Hz 0.022-0.1 F 20% 100 30% 1000 V -40 to +85C 40/085/56/B S, N, D, FI, VDE, SEV, UL The series resistance is defined at 100 kHz 1000 M Measured at 500 VDC after 2 min, +23C Max 12 A repetitive. Max 20 A peak for occasional transients. The 100% screening factory test is carried out at 3000 VDC. The voltage level is selected to meet the requirements in applicable equipment standards. All electrical characteristics are checked after the test. Recommended voltage 1000 VDC. The average losses may reach 0.5 W provided the surface temperature does not exceed + 85C. For maximum permitted power dissipation vs temperature, see derating curves. Curve 1 1 2 3 4 Dimensions B = 7.3 B = 8.5 B = 9.0 B = 11.3 B = 10.6 Pmax W 0.5 R d = 0.8 for p = 15.2 and 20.3 1.0 for p = 25.4 C l: standard: 30 +5/-0 mm option: short leads, tolerance +0/-1 mm (standard 6 mm, code R06) Other lead lengths on request. Pulse current Test voltage between terminals In DC applications Power ratings 1 23 4 0 Tamb 40 50 60 70 80 85 C Maximum allowable power dissipation vs ambient temperature and case sizes. 198 PMR210 ARTICLE TABLE Quantity per package reel Weight Approvals R30 R06 taped pcs pcs pcs g 400 300 200 150 150 800 500 1200 1000 1000 400 350 250 180 3.0 3.8 5.0 7.0 8.0 0.022 0.033 0.047 0.068 0.10 100 100 100 100 100 7.3 8.5 9.0 11.3 10.6 13.0 14.3 15.0 16.5 16.1 19.0 18.5 24.0 24.0 30.5 15.2 15.2 20.3 20.3 25.4 S N D FI VDE SEV UL Capacitance F Resis- Max dimensions in mm tance B H L p Article code PMR210MB5220M100R30 PMR210MB5330M100R30 PMR210MC5470M100R30 PMR210MC5680M100R30 PMR210ME6100M100R30 APPROVALS/REFERENCE DOCUMENTS Certification Body S FI N D VDE SEV UL Specification EN 132400 EN 132400 EN 132400 EN 132400 EN 132400 EN 132400 UL 1414 Across-the-line (UR = 250 VAC) Approval reference 9528106 184191-01 293103075 303424 91806 00-1928 E 73869 * * * * * * * * MARKING RIFA RIFA article code RC unit Rated capacitance and resistance Rated voltage IEC 60065 SH, for self-healing Climatic category according to IEC 60068-1, appendix A * Passive flammability class * Approval marks * Manufacturing code (year, month) ENVIRONMENTAL TEST DATA Vibration IEC 60068-2-6 3 directions at 2 hour each Test Fc 10 - 500 Hz at 0.75 mm or 98 m/s2 IEC 60068-2-29 4000 bumps at 390 m/s2 Test Eb No visible damage No open or short circuit PACKING RC units in standard design (lead length 30 mm) and with L < 24 mm and lead length 5 or 6 mm are packed bulk in a box with dimensions 245 x 145 x 80 mm. Quantity/ package as per article table. RC units with L 24 mm and lead length 5 or 6 mm are packed on trays piled in a box with dimensions 300 x 260 x 195 mm. Quantity/package as per article table. Reels with taped capacitors are packed 10 in a box with dimensions 370 x 370 x 560 mm. The standard quantity/reel is for 360 mm reel. If 500 mm reel is required, it must be specified when ordering and the quantity is 2 x the given quantity. Bump No visible damage No open or short circuit Wetting time for d 0.8 < 1 s for d > 0.8 < 1.5 s Solderability IEC 60068-2-20 Solder globule method Test Ta Active EN 132400 flammability Passive IEC 60384-14 (1993) flammability EN 132400 UL 1414 Enclosure material of UL 94V-0 flammability class Humidity IEC 60068-2-3 +40C and 90 - 95% R.H. Test Ca 56 days ORDERING INFORMATION The article code for the standard part is given in the article table. For other options, see page 21. 199 |
Price & Availability of PMR210ME6100M100R30 |