Part Number Hot Search : 
SB120 2SA1834S SPGM501M STSA851 SC339 XDUG14A4 UT136F MAX16814
Product Description
Full Text Search
 

To Download NJM2114 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NJM2114
HIGH PERFORMANCE LOW-NOISE DUAL OPERATIONAL AMPLIFIER
GENERAL DESCRIPTION NJM2114 is a high performance dual low noise operational amplifier that could be replaced in application with NJM5532.Comparing to NJM5532; it has superior specifications on Slew Rate, Bandwidth and Offset Voltage. Furthermore lower noise and distortion are achieved, it is applicable for Hi-Fi audio equipments. FEATURES Operating Voltage High Slew Rate Wide Unity Gain Bandwidth Low Noise Voltage High Output Current Package Outline Bipolar Technology PIN CONFIGURATION
PIN FUNCTION 1.A OUTPUT 2.A -INPUT 3.A +INPUT 4.V 5.B +INPUT 6.B -INPUT 7.B OUTPUT + 8.V
PACKAGE OUTLINE
NJM2114D
NJM2114L
( 3.0V~22.0V ) ( 15V/s typ. ) ( 15MHz typ. ) ( 0.9Vrms typ. ) ( 60mA typ. ) DIP8,DMP8,SIP8
NJM2114M
NJM2114D NJM2114M
NJM2114L
EQUIVALENT CIRCUIT
Ver.2003-03-19
-1-
NJM2114
ABSOLUTE MAXIMUM RATINGS ( Ta=25C )
PARAMETER Supply Voltage Input Voltage Differential Input Voltage Power Dissipation Operating Temperature Range Storage Temperature Range
( note ) At on PC board
SYMBOL +V /V VIC VID PD Topr Tstg
RATINGS 22 +V /V 0.5 ( DIP8 ) 800 ( SIP8 ) 800 ( DMP8 ) 600 ( note ) -20~+75 -40~+125
UNIT V V V mW C C
ELECTRICAL CHARACTERISTICS Direct Current Characteristics
PARAMETER Operating Current Input Offset Voltage Input Offset Current Input Bias Current Maximum Peak-to-peak Output Voltage Swing Common Mode Rejection Ratio Supply Voltage Rejection Ratio Large Swing Voltage Gain 1 Large Swing Voltage Gain 2 Maximum Output Voltage Swing 1 Maximum Output Voltage Swing 2 Input Resistance Maximum Output Current Swing SYMBOL ICC VIO IIO IB VOM CMR SVR AV1 AV2 VOH1 VOH2 RIN IOH TEST CONDITION MIN. 12 70 80 88 83 12 15 -
( V+/V-=15V,Ta=25C )
TYP. 9 0.2 0.01 0.5 13 100 100 110 104 14/-13 17/-16 100 60 MAX. 16 3 0.3 1.8 UNIT mA mV uA uA V dB dB dB dB V V k mA
VICM=12V +V /V =2211V RL2k,VO=10V RL600,VO=10V RL600 +RL600,V /V =18V
ELECTRICAL CHARACTERISTICS Alternating Current Characteristics
PARAMETER Slew Rate Gain Bandwidth product Equivalent Input Noise Voltage Equivalent Input Noise Voltage Equivalent Input Noise Voltage Equivalent Input Noise Current Equivalent Input Noise Current Total Harmonic Distortion SYMBOL SR GB VNI VNI VNI INI INI THD TEST CONDITION GV=20dB,RL=2k 20Hz ~20kHz fO=30Hz fO=1kHz fO=30Hz fO=1kHz f=1kHz,VO=5V MIN. TYP. 15 13 0.9 5.5 3.3 1.5 0.4 0.0005 MAX. UNIT V/s MHz Vrms nV/Hz nV/Hz pA/Hz pA/Hz %
NOTE In the application as a voltage follower, there might be the case the inputs are damaged especially the moment the supply voltage is switched on. That's why we recommend you to put the current limiting resistor at the input pin.
-2-
Ver.2003-03-19
NJM2114
Ver.2003-03-19
-3-
NJM2114
TYPICAL CHARACTERISTICS
[CAUTION] The specifications on this databook are only given for information , without any guarantee as regards either mistakes or omissions. The application circuits in this databook are described only to show representative usages of the product and not intended for the guarantee or permission of any right including the industrial rights.
-4-
Ver.2003-03-19


▲Up To Search▲   

 
Price & Availability of NJM2114

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X