Part Number Hot Search : 
40MHZ T52C4V 90N08 UPC2400A 10020 74477510 LTC38 SMCJ12
Product Description
Full Text Search
 

To Download NJM13600 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NJM13600/13700
DUAL OPERATIONAL TRANSCONDUCTANCE AMPLIFIER
GENERAL DESCRIPTION PACKAGE OUTLINE The NJM13600/13700 consist of two current controlled trans conductance amplifiers each with differential inputs and a push pull output. The two amplifiers share common supplies but otherwise operate independently. Linearizing diodes are provided at the inputs to reduce distortion and allow higher input levels. The result is a 10 dB signal-to-noise improvement referenced to 0.5 NJM13600D percent THD.Controlled impedance buffers are provided which NJM13700D are especially designed to complement the dynamic range of the amplifiers. FEATURES Package Outline Bipolar Technology PIN CONFIGURATION
PIN FUNCTION 1. 2. 3. 4. 5. 6. 7. 8. AMP BIAS INPUT A DIODE BIAS A +INPUT -INPUT OUTPUT A V
-
NJM13600M NJM13700M
DIP16,DMP16,( SSOP16 )
NJM13600V
9. BUFFER OUTPUT B 10. BUFFER INPUT B 11. V
+
12. OUTPUT B 13. -INPUT B 14. +INPUT B 15. DIODE BIAS B 16. AMP BIAS INPUT B
BUFFER INPUT A BUFFER OUTPUT A
NJM13600D,NJM13600M,NJM13600V NJM13700D,NJM13700M
EQUIVALENT CIRCUIT
Ver.2003-03-19
-1-
NJM13600/13700
ABSOLUTE MAXIMUM RATINGS ( Ta=25C )
PARAMETER Supply Voltage Differential Input Voltage Diode Bias Current Amp Bias Current Buffer Output Current Power Dissipation DC Input Voltage Operating Temperature Range Storage Temperature Range SYMBOL +V /V VID ID IABC IO PD VIN Topr Tstg RATINGS 36 or 18 5 2 2 20 ( DIP16 ) 570 ( DMP16 ) 700 (note) + V ~V -40~+85 -40~+125 UNIT V V mA mA mA mW V C C
( note ) At on a ceramic PCB ( 10x20x0.635 mm )
ELECTRICAL CHARACTERISTICS ( V+/V-=15V,Ta=25C,IABC=500A )
PARAMETER Input Offset Voltage (V O S ) Input Offset Voltage V O S Including Diodes Input Offset Change Input Bias Current Input Bias Current Forward Transconductance gm Tracking Peak Output Current Peak Output Current Peak Output Current Peak Output Voltage Positive Peak Output Voltage Negative Operating Current V O S Sensitivity Positive V O S Sensitivity Negative Input Offset Current CMRR Common Mode Range Cross Talk Differential Input Current Leakage Current Input Resistance Open Loop Bandwidth Slew Rate Buffer Input Current Peak Buffer Output Voltage
SYMBOL
TEST CONDITION I ABC =5A
VIO
5AI ABC 500A IB gm IOP VOP (-20~+75C)
Diode Bias Current,I D =500A
(-20~+75C) R L =0,I ABC =5A R L =0,I ABC =5A R L =0,I ABC =500A R L =0 (-20~+75C) R L =,5AI ABC 500A R L =,5AI ABC 500A I ABC =500A,two circuit + V O S /V V O S /V
MIN. 6700 5400 350 300 +12 -12 76.5 76.5 80 12 10 10
13600 TYP. MAX. 0.4 5 0.3 5 0.5 5 0.1 0.4 5 1 8 9600 13000 0.3 5 500 650 +14.2 -14.4 2.6 94 94 0.1 110 13.5 -100 0.02 0.2 26 2 50 0.4 0.6 100 100 5 -
MIN. 6700 5400 350 300 +12 -12 76.5 76.5 80 12 10 10
I CC SVR IIO CMR VICM CT IID
I L EAK RIN SR
20Hz( note2 ) ( note2 )
13700 TYP. MAX. 0.4 4 0.3 4 0.5 5 0.1 3 0.4 5 1 8 9600 13000 0.3 0 500 650 +14. 2 -14.4 2.6 94 94 0.1 0.6 110 13.5 -100 0.02 100 0.2 100 26 2 50 0.4 5 -
UNIT mV mV mV mV A A dB A A A V V mA dB dB A dB V dB nA nA k MHz V/s A V
( note1 ) Open unless otherwise specified. The inputs to the buffers are grounded and outputs are open. ( note2 ) ROUT=5k connected from the buffer output to V- and the input of buffer is connected to the transconductance amplifier output. I AB C =500A
-2-
Ver.2003-03-19
NJM13600/13700
TEST CIRCUIT
Differential Input Current
Leakage Current
TYPICAL APPLICATIONS
Ver.2003-03-19
-3-
NJM13600/13700
TYPICAL CHARACTERISTICS
-4-
Ver.2003-03-19
NJM13600/13700
TYPICAL CHARACTERISTICS
Ver.2003-03-19
-5-
NJM13600/13700
TYPICAL CHARACTERISTICS
[CAUTION] The specifications on this databook are only given for information , without any guarantee as regards either mistakes or omissions. The application circuits in this databook are described only to show representative usages of the product and not intended for the guarantee or permission of any right including the industrial rights.
-6-
Ver.2003-03-19


▲Up To Search▲   

 
Price & Availability of NJM13600

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X