Part Number Hot Search : 
UPD64 SDA180A CPB1621 43223 P6KE51 HER10 74HC03 NX9415
Product Description
Full Text Search
 

To Download MX23L6410 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INDEX
MX23L6410
64M-BIT Mask ROM (8/16 Bit Output)
FEATURES
* Bit organization - 8M x 8 (byte mode) - 4M x 16 (word mode) * Fast access time - Random access: 120ns (max.) * Current - Operating: 60mA (max.) - Standby: 5uA (max.) * Supply voltage - 2.9V~3.6V * Package - 44 pin SOP (500 mil) - 48 pin TSOP (20mm x 12mm)
ORDER INFORMATION
Part No. MX23L6410MC-12 MX23L6410MC-15 MX23L6410TC-12 MX23L6410TC-15 MX23L6410RC-12 MX23L6410RC-15 Access Time 120ns 150ns 120ns 150ns 120ns 150ns Package 44 pin SOP 44 pin SOP 48 pin TSOP 48 pin TSOP 48 pin TSOP (Reverse type) 48 pin TSOP (Reverse type)
PIN CONFIGURATION
44 SOP
A21 A18 A17 A7 A6 A5 A4 A3 A2 A1 A0 CE VSS OE D0 D8 D1 D9 D2 D10 D3 D11 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 24 23 A20 A19 A8 A9 A10 A11 A12 A13 A14 A15 A16 BYTE VSS D15/A-1 D7 D14 D6 D13 D5 D12 D4 VCC
PIN DESCRIPTION
Symbol A0~A21 D0~D14 D15/A-1 CE OE Byte VCC VSS NC Pin Function Address Inputs Data Outputs D15 (Word Mode) / LSB Address (Byte Mode) Chip Enable Input Output Enable Input Word / Byte Mode Selection Power Supply Pin Ground Pin No Connection
2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22
MODE SELECTION
CE OE Byte D15/A-1 D0~D7 D8~D15 Mode H L L L X H L L X X H L X X Output Input High Z High Z D0~D7 High Z High Z High Z Byte Power Stand-by Active Active Active
D0~D7 D8~D15 Word
P/N:PM0408
MX23L6410
REV. 1.9, JAN. 29, 1999
1
INDEX
MX23L6410
48 TSOP (NORMAL TYPE)
BYTE A16 A15 A14 A13 A12 A11 A10 A9 A8 A19 A21 A20 A18 A17 A7 A6 A5 A4 A3 A2 A1 A0 CE 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 VSS VSS D15/A-1 D7 D14 D6 D13 D5 D12 D4 VCC VCC NC D11 D3 D10 D2 D9 D1 D8 D0 OE VSS VSS
48 TSOP (REVERSE TYPE)
VSS VSS D15/A-1 D7 D14 D6 D13 D5 D12 D4 VCC VCC NC D11 D3 D10 D2 D9 D1 D8 D0 OE VSS VSS 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 BYTE A16 A15 A14 A13 A12 A11 A10 A9 A8 A19 A21 A20 A18 A17 A7 A6 A5 A4 A3 A2 A1 A0 CE
MX23L6410 (Normal Type)
MX23L6410 (Reverse Type)
BLOCK DIAGRAM
A0/(A-1) A21 CE BYTE OE
Address Buffer
Memory Array
Page Buffer
Word/ Byte
Output Buffer
D0 D15/(D7)
ABSOLUTE MAXIMUM RATINGS
Item Voltage on any Pin Relative to VSS Ambient Operating Temperature Storage Temperature Symbol VIN Topr Tstg Ratings -1.3V to VCC+2.0V (Note) 0 to 70 C C -65 to 125 C C
Note: Minimum DC voltage on input or I/O pins is -0.5V. During voltage transitions, inputs may undershoot VSS to -0.8V for periods of up to 20ns. Maximum DC voltage on input or I/O pins is VCC+0.5V. During voltage transitions, input may overshoot VCC to VCC+2.0V for periods of up to 20ns.
P/N:PM0408
REV. 1.9 ,JAN. 29, 1999
2
INDEX
MX23L6410
DC CHARACTERISTICS (Ta = 0C ~ 70C, VCC = 2.9V~3.6V)
Item Output High Voltage Output Low Voltage Input High Voltage Input Low Voltage Input Leakage Current Output Leakage Current Operating Current Standby Current (TTL) Standby Current (cmos) Input Capacitance Output Capacitance Symbol VOH VOL VIH VIL ILI ILO ICC1 ICC2 ISTB1 ISTB2 CIN COUT MIN. 2.4V 2.2V -0.3V MAX. 0.4V VCC+0.3V 0.8V 5uA 5uA 60mA 30mA 1mA 5uA 10pF 10pF Conditions IOH = -0.4mA IOL = 1.6mA
0V, VCC 0V, VCC tRC = 120ns, all output open tRC=1us CE = VIH CE>VCC-0.2V Ta = 25 f = 1MHZ C, Ta = 25 f = 1MHZ C,
AC CHARACTERISTICS (Ta = 0C ~ 70C, VCC = 5V10%)
Item Read Cycle Time Address Access Time Chip Enable Access Time Output Enable Time Output Hold After Address Output High Z Delay Symbol tRC tAA tACE tOE tOH tHZ 23L6410-12 MIN. 120ns 0ns MAX. 120ns 120ns 60ns 20ns 23L6410-15 MIN. 150ns 0ns MAX. 150ns 150ns 70ns 20ns
Note:Output high-impedance delay (tHZ) is measured from OE or CE going high, and this parameter guaranteed by design over the full voltage and temperature operating range - not tested.
P/N:PM0408
REV. 1.9 ,JAN. 29, 1999
3
INDEX
MX23L6410
AC Test Conditions
Input Pulse Levels Input Rise and Fall Times Input Timing Level Output Timing Level Output Load 0.4V~ 2.4V 10ns 1.4V 1.4V See Figure
IOH (load)=-0.4mA DOUT IOL (load)=1.6mA
C<100pF
Note:No output loading is present in tester load board. Active loading is used and under software programming control. Output loading capacitance includes load board's and all stray capacitance.
TIMING DIAGRAM
RANDOM READ
ADD
ADD tACE
ADD tRC
ADD
CE
OE
tOE tOH VALID tHZ VALID
tAA DATA VALID
Note : CE, OE are enable.
P/N:PM0408
REV. 1.9 ,JAN. 29, 1999
4
INDEX
MX23L6410
PACKAGE INFORMATION
44-PIN PLASTIC SOP
ITEM A B C D E F G H I J K L
MILLIMETERS 28.70 max. 1.10 [REF] 1.27 [TP] .40 .10 [Typ.] .010 min. 3.00 max. 2.80 .13 16.04 .30 12.60 1.72 .15 .10 [Typ.] .80 .20
INCHES 1.130 max. .043 [REF] .050 [TP] .016 .004 [Typ.] .004 min. .118 max. .110 .005 .631 .012 .496 .068 .006 .004 [Typ.] .031 .008
D C B G F K E L 1 A 22 H I J 44 23
NOTE: Each lead centerline is located within .25 mm[.01 inch] of its true position [TP] at maximum material condition.
48-PIN PLASTIC TSOP
ITEM A B C D E F G H I J K L M N
NOTE:
MILLIMETERS 20.0 .20 18.40 .10 12.20 max. 0.15 [Typ.] .80 [Typ.] .20 .10 .30 .10 .50 [Typ.] .45 max. 0 ~ .20 1.00 .10 1.27 max. .50 0 ~ 5
INCHES
A
.787 .008 .724 .004 .480 max. .006 [Typ.] .031 [Typ.] .008 .004 .012 .004 .020 [Typ.] .018 max. 0 ~ .008 .039 .004 .050 max. .020 .500
B
C
N M
K D E F G H I J
L
Each lead centerline is located within .25 mm[.01 inch] of its true position [TP] at maximum material condition.
P/N:PM0408
REV. 1.9 ,JAN. 29, 1999
5
INDEX
MX23L6410
REVISION HISTORY
REVISION 1.9 DESCRIPTION AC CHARACTERISTICS tOH 10ns-->0ns PAGE P3 DATE JAN/29/1999
P/N:PM0408
REV. 1.9 ,JAN. 29, 1999
6
INDEX
MX23L6410
MACRONIX INTERNATIONAL CO., LTD.
HEADQUARTERS:
TEL:+886-3-578-8888 FAX:+886-3-578-8887
EUROPE OFFICE:
TEL:+32-2-456-8020 FAX:+32-2-456-8021
JAPAN OFFICE:
TEL:+81-44-246-9100 FAX:+81-44-246-9105
SINGAPORE OFFICE:
TEL:+65-747-2309 FAX:+65-748-4090
TAIPEI OFFICE:
TEL:+886-3-509-3300 FAX:+886-3-509-2200
MACRONIX AMERICA, INC.
TEL:+1-408-453-8088 FAX:+1-408-453-8488
CHICAGO OFFICE:
TEL:+1-847-963-1900 FAX:+1-847-963-1909
http : //www.macronix.com
MACRONIX INTERNATIONAL CO., LTD. reserves the rignt to change product and specifications without notice.
7


▲Up To Search▲   

 
Price & Availability of MX23L6410

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X