Part Number Hot Search : 
2SB922L 10SC10M BA20D3 C320A EMICO A1356 STW5098 54V6B1E2
Product Description
Full Text Search
 

To Download MC74LCX574 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Low-Voltage CMOS Octal D-Type Flip-Flop Flow Through Pinout
With 5V-Tolerant Inputs and Outputs (3-State, Non-Inverting)
The MC74LCX574 is a high performance, non-inverting octal D-type flip-flop operating from a 2.7 to 3.6V supply. High impedance TTL compatible inputs significantly reduce current loading to input drivers while TTL compatible outputs offer improved switching noise performance. A VI specification of 5.5V allows MC74LCX574 inputs to be safely driven from 5V devices. The MC74LCX574 consists of 8 edge-triggered flip-flops with individual D-type inputs and 3-state true outputs. The buffered clock and buffered Output Enable (OE) are common to all flip-flops. The eight flip-flops will store the state of individual D inputs that meet the setup and hold time requirements on the LOW-to-HIGH Clock (CP) transition. With the OE LOW, the contents of the eight flip-flops are available at the outputs. When the OE is HIGH, the outputs go to the high impedance state. The OE input level does not affect the operation of the flip-flops. The LCX574 flow through design facilitates easy PC board layout.
MC74LCX574
LOW-VOLTAGE CMOS OCTAL D-TYPE FLIP-FLOP
20 1
DW SUFFIX PLASTIC SOIC CASE 751D-04
* * * * * * * *
Designed for 2.7 to 3.6V VCC Operation 5V Tolerant -- Interface Capability With 5V TTL Logic Supports Live Insertion and Withdrawal IOFF Specification Guarantees High Impedance When VCC = 0V LVTTL Compatible LVCMOS Compatible 24mA Balanced Output Sink and Source Capability
20 1 1 20
M SUFFIX PLASTIC SOIC EIAJ CASE 967-01
Near Zero Static Supply Current in All Three Logic States (10A) Substantially Reduces System Power Requirements * Latchup Performance Exceeds 500mA
SD SUFFIX PLASTIC SSOP CASE 940C-03
* ESD Performance: Human Body Model >2000V; Machine Model >200V
20 1
DT SUFFIX PLASTIC TSSOP CASE 948E-02
Pinout: 20-Lead (Top View)
VCC 20 O0 19 O1 18 O2 17 O3 16 O4 15 O5 14 O6 13 O7 12 CP 11
PIN NAMES
Pins OE CP D0-D7 O0-O7 Function Output Enable Input Clock Pulse Input Data Inputs 3-State Outputs
1 OE
2 D0
3 D1
4 D2
5 D3
6 D4
7 D5
8 D6
9 D7
10 GND
9/95
(c) Motorola, Inc. 1996
1
REV 2
MC74LCX574
LOGIC DIAGRAM
OE CP 1 11 nCP Q D 18 Q D 17 Q D 16 Q D nCP Q D 14 Q D nCP Q D 12 Q D O7 13 O6 O5 15 O4 O3 O2 O1 19 O0
2 D0
3 D1
nCP
4 D2
nCP
5 D3
nCP
6 D4
7 D5
nCP
8 D6
9 D7
nCP
INPUTS OE L L L H H H CP Dn l h X X l h
INTERNAL LATCHES Q L H NC NC L H
OUTPUTS On L H NC Z Z Z OPERATING MODE Load and Read Register Hold and Read Register Hold and Disable Outputs Load Internal Register and Disable Outputs
H = High Voltage Level; h = High Voltage Level One Setup Time Prior to the Low-to-High Clock Transition; L = Low Voltage Level; l = Low Voltage Level One Setup Time Prior to the Low-to-High Clock Transition; NC = No Change; X = High or Low Voltage Level and Transitions are Acceptable; Z = High Impedance State; = Low-to-High Transition; = Not a Low-to-High Transition; For ICC Reasons DO NOT FLOAT Inputs
MOTOROLA
2
LCX DATA BR1339 -- REV 3
MC74LCX574
ABSOLUTE MAXIMUM RATINGS*
Symbol VCC VI VO Parameter DC Supply Voltage DC Input Voltage DC Output Voltage Value -0.5 to +7.0 -0.5 VI +7.0 -0.5 VO +7.0 -0.5 VO VCC + 0.5 IIK IOK DC Input Diode Current DC Output Diode Current -50 -50 +50 IO ICC IGND TSTG DC Output Source/Sink Current DC Supply Current Per Supply Pin DC Ground Current Per Ground Pin Storage Temperature Range 50 100 100 -65 to +150 Output in 3-State Note 1. VI < GND VO < GND VO > VCC Condition Unit V V V V mA mA mA mA mA mA C
* Absolute maximum continuous ratings are those values beyond which damage to the device may occur. Exposure to these conditions or conditions beyond those indicated may adversely affect device reliability. Functional operation under absolute-maximum-rated conditions is not implied. 1. Output in HIGH or LOW State. IO absolute maximum rating must be observed.
RECOMMENDED OPERATING CONDITIONS
Symbol VCC VI VO IOH IOL IOH IOL TA t/V Supply Voltage Input Voltage Output Voltage (HIGH or LOW State) (3-State) Parameter Operating Data Retention Only Min 2.0 1.5 0 0 0 Typ 3.3 3.3 Max 3.6 3.6 5.5 VCC 5.5 -24 24 -12 12 -40 0 +85 10 Unit V V V mA mA mA mA C ns/V
HIGH Level Output Current, VCC = 3.0V - 3.6V LOW Level Output Current, VCC = 3.0V - 3.6V HIGH Level Output Current, VCC = 2.7V - 3.0V LOW Level Output Current, VCC = 2.7V - 3.0V Operating Free-Air Temperature Input Transition Rise or Fall Rate, VIN from 0.8V to 2.0V, VCC = 3.0V
DC ELECTRICAL CHARACTERISTICS
TA = -40C to +85C Symbol VIH VIL VOH Characteristic HIGH Level Input Voltage (Note 2.) LOW Level Input Voltage (Note 2.) HIGH Level Output Voltage Condition 2.7V VCC 3.6V 2.7V VCC 3.6V 2.7V VCC 3.6V; IOH = -100A VCC = 2.7V; IOH = -12mA VCC = 3.0V; IOH = -18mA VCC = 3.0V; IOH = -24mA VOL LOW Level Output Voltage 2.7V VCC 3.6V; IOL = 100A VCC = 2.7V; IOL= 12mA VCC = 3.0V; IOL = 16mA VCC = 3.0V; IOL = 24mA 2. These values of VI are used to test DC electrical characteristics only. VCC - 0.2 2.2 2.4 2.2 0.2 0.4 0.4 0.55 V Min 2.0 0.8 Max Unit V V V
LCX DATA BR1339 -- REV 3
3
MOTOROLA
MC74LCX574
DC ELECTRICAL CHARACTERISTICS (continued)
TA = -40C to +85C Symbol II IOZ IOFF ICC ICC Characteristic Input Leakage Current 3-State Output Current Power-Off Leakage Current Quiescent Supply Current Condition 2.7V VCC 3.6V; 0V VI 5.5V 2.7 VCC 3.6V; 0V VO 5.5V; VI = VIH or V IL VCC = 0V; VI or VO = 5.5V 2.7 VCC 3.6V; VI = GND or VCC 2.7 VCC 3.6V; 3.6 VI or VO 5.5V Increase in ICC per Input 2.7 VCC 3.6V; VIH = VCC - 0.6V Min Max 5.0 5.0 10 10 10 500 Unit A A A A A A
AC CHARACTERISTICS (tR = tF = 2.5ns; CL = 50pF; RL = 500)
Limits TA = -40C to +85C VCC = 3.0V to 3.6V Symbol fmax tPLH tPHL tPZH tPZL tPHZ tPLZ ts th tw tOSHL tOSLH Parameter Clock Pulse Frequency Propagation Delay CP to On Output Enable Time to HIGH and LOW Levels Output Disable Time from HIGH and LOW Levels Setup TIme, HIGH or LOW Dn to CP Hold TIme, HIGH or LOW Dn to CP CP Pulse Width, HIGH or LOW Output-to-Output Skew (Note 3.) Waveform 1 1 2 2 1 1 3 Min 150 1.5 1.5 1.5 1.5 1.5 1.5 2.5 1.5 3.3 1.0 1.0 8.5 8.5 8.5 8.5 6.5 6.5 1.5 1.5 1.5 1.5 1.5 1.5 2.5 1.5 3.3 9.5 9.5 9.5 9.5 7.0 7.0 Max VCC = 2.7V Min Max Unit MHz ns ns ns ns ns ns ns
3. Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same device. The specification applies to any outputs switching in the same direction, either HIGH-to-LOW (tOSHL) or LOW-to-HIGH (tOSLH); parameter guaranteed by design.
DYNAMIC SWITCHING CHARACTERISTICS
TA = +25C Symbol VOLP Characteristic Dynamic LOW Peak Voltage (Note 4.) Condition VCC = 3.3V, CL = 50pF, VIH = 3.3V, VIL = 0V Min Typ 0.8 Max Unit V
VOLV Dynamic LOW Valley Voltage (Note 4.) VCC = 3.3V, CL = 50pF, VIH = 3.3V, VIL = 0V 0.8 V 4. Number of outputs defined as "n". Measured with "n-1" outputs switching from HIGH-to-LOW or LOW-to-HIGH. The remaining output is measured in the LOW state.
CAPACITIVE CHARACTERISTICS
Symbol CIN COUT CPD Parameter Input Capacitance Output Capacitance Power Dissipation Capacitance Condition VCC = 3.3V, VI = 0V or VCC VCC = 3.3V, VI = 0V or VCC 10MHz, VCC = 3.3V, VI = 0V or VCC Typical 7 8 25 Unit pF pF pF
MOTOROLA
4
LCX DATA BR1339 -- REV 3
MC74LCX574
2.7V 2.7V Dn OE 1.5V 0V ts CP 1.5V 0V fmax tPLH, tPHL VOH On 1.5V VOL WAVEFORM 1 - PROPAGATION DELAYS, SETUP AND HOLD TIMES tR = tF = 2.5ns, 10% to 90%; f = 1MHz; tW = 500ns WAVEFORM 2 - OUTPUT ENABLE AND DISABLE TIMES tR = tF = 2.5ns, 10% to 90%; f = 1MHz; tW = 500ns 2.7V CP 1.5V tw 1.5V 0V 2.7V 1.5V 0V WAVEFORM 3 - PULSE WIDTH tR = tF = 2.5ns (or fast as required) from 10% to 90%; Output requirements: VOL 0.8V, VOH 2.0V On tPZL 1.5V VOL + 0.3V GND tPLZ th 2.7V On 1.5V 0V 3.0V tPZH tPHZ 1.5V 1.5V 0V VCC VOH - 0.3V
tw CP 1.5V
Figure 1. AC Waveforms
VCC 6V OPEN GND
PULSE GENERATOR RT
DUT CL
R1 RL
TEST tPLH, tPHL tPZL, tPLZ Open Collector/Drain tPLH and tPHL tPZH, tPHZ
SWITCH Open 6V 6V GND
CL = 50pF or equivalent (Includes jig and probe capacitance) RL = R1 = 500 or equivalent RT = ZOUT of pulse generator (typically 50)
Figure 2. Test Circuit
LCX DATA BR1339 -- REV 3
5
MOTOROLA
MC74LCX574
OUTLINE DIMENSIONS
DW SUFFIX PLASTIC SOIC PACKAGE CASE 751D-04 ISSUE E -A -
20 11 NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSIONS A AND B DO NOT INCLUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.150 (0.006) PER SIDE. 5. DIMENSION D DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.13 (0.005) TOTAL IN EXCESS OF D DIMENSION AT MAXIMUM MATERIAL CONDITION. DIM A B C D F G J K M P R MILLIMETERS MIN MAX 12.65 12.95 7.40 7.60 2.35 2.65 0.35 0.49 0.50 0.90 1.27 BSC 0.25 0.32 0.10 0.25 0 7 10.05 10.55 0.25 0.75 INCHES MIN MAX 0.499 0.510 0.292 0.299 0.093 0.104 0.014 0.019 0.020 0.035 0.050 BSC 0.010 0.012 0.004 0.009 0 7 0.395 0.415 0.010 0.029
-B -
1 10
P 10 PL 0.010 (0.25)
M
B
M
D
20 PL
J
M
0.010 (0.25)
T
A
S
B
S
F R X 45 C -T G
18 PL SEATING - PLANE
K
M
M SUFFIX PLASTIC SOIC EIAJ PACKAGE CASE 967-01 ISSUE O
NOTES: 1 DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2 CONTROLLING DIMENSION: MILLIMETER. 3 DIMENSIONS D AND E DO NOT INCLUDE MOLD FLASH OR PROTRUSIONS AND ARE MEASURED AT THE PARTING LINE. MOLD FLASH OR PROTRUSIONS SHALL NOT EXCEED 0.15 (0.006) PER SIDE. 4 TERMINAL NUMBERS ARE SHOWN FOR REFERENCE ONLY. 5 THE LEAD WIDTH DIMENSION (b) DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.08 (0.003) TOTAL IN EXCESS OF THE LEAD WIDTH DIMENSION AT MAXIMUM MATERIAL CONDITION. DAMBAR CANNOT BE LOCATED ON THE LOWER RADIUS OR THE FOOT. MINIMUM SPACE BETWEEN PROTRUSIONS AND ADJACENT LEAD TO BE 0.46 ( 0.018). DIM A A1 b c D E e HE L LE M Q1 Z MILLIMETERS MIN MAX --2.05 0.05 0.20 0.35 0.50 0.18 0.27 12.35 12.80 5.10 5.45 1.27 BSC 7.40 8.20 0.50 0.85 1.10 1.50 10 _ 0_ 0.70 0.90 --0.81 INCHES MIN MAX --0.081 0.002 0.008 0.014 0.020 0.007 0.011 0.486 0.504 0.201 0.215 0.050 BSC 0.291 0.323 0.020 0.033 0.043 0.059 10 _ 0_ 0.028 0.035 --0.032
20
11
LE Q1 E HE M_ L DETAIL P
1
10
Z D e A VIEW P
c
b 0.13 (0.005)
M
A1 0.10 (0.004)
MOTOROLA
6
LCX DATA BR1339 -- REV 3
MC74LCX574
OUTLINE DIMENSIONS
SD SUFFIX PLASTIC SSOP PACKAGE CASE 940C-03 ISSUE B
20X
K REF 0.12 (0.005)
M
TU
S
V
S
0.25 (0.010) N
L/2 L
PIN 1 IDENT
20
11
M B N F
1
10
DETAIL E K -U- J
A -V- 0.20 (0.008)
M
NOTES: 13 DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 14 CONTROLLING DIMENSION: MILLIMETER. 15 DIMENSION A DOES NOT INCLUDE MOLD FLASH, PROTRUSIONS OR GATE BURRS. MOLD FLASH OR GATE BURRS SHALL NOT EXCEED 0.15 (0.006) PER SIDE. 16 DIMENSION B DOES NOT INCLUDE INTERLEAD FLASH OR PROTRUSION. INTERLEAD FLASH OR PROTRUSION SHALL NOT EXCEED 0.15 (0.006) PER SIDE. 17 DIMENSION K DOES NOT INCLUDE DAMBAR PROTRUSION/INTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.13 (0.005) TOTAL IN EXCESS OF K DIMENSION AT MAXIMUM MATERIAL CONDITION. DAMBAR INTRUSION SHALL NOT REDUCE DIMENSION K BY MORE THAN 0.07 (0.002) AT LEAST MATERIAL CONDITION. 18 TERMINAL NUMBERS ARE SHOWN FOR REFERENCE ONLY. 19 DIMENSION A AND B ARE TO BE DETERMINED AT DATUM PLANE -W-. DIM A B C D F G H J J1 K K1 L M MILLIMETERS MIN MAX 7.07 7.33 5.20 5.38 1.73 1.99 0.05 0.21 0.63 0.95 0.65 BSC 0.59 0.75 0.09 0.20 0.09 0.16 0.25 0.38 0.25 0.33 7.65 7.90 0_ 8_ INCHES MIN MAX 0.278 0.288 0.205 0.212 0.068 0.078 0.002 0.008 0.024 0.037 0.026 BSC 0.023 0.030 0.003 0.008 0.003 0.006 0.010 0.015 0.010 0.013 0.301 0.311 0_ 8_
TU
S
SECTION N-N -W-
0.076 (0.003) -T-
SEATING PLANE
C D G H
DETAIL E
20X
K REF
M
DT SUFFIX PLASTIC TSSOP PACKAGE CASE 948E-02 ISSUE A TU
S
0.15 (0.006) T U
S
0.10 (0.004)
V
S
2X
L/2
20
11
B L
PIN 1 IDENT 1 10
J J1
-U-
N 0.15 (0.006) T U
S
A -V- N F
C D 0.100 (0.004) -T- SEATING
PLANE
G
H
DETAIL E
LCX DATA BR1339 -- REV 3
7
IIII IIII IIII
EEE CCC EEE CCC
K1 K K1 DETAIL E
J1
SECTION N-N
0.25 (0.010)
NOTES: 6 DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 7 CONTROLLING DIMENSION: MILLIMETER. 8 DIMENSION A DOES NOT INCLUDE MOLD FLASH, PROTRUSIONS OR GATE BURRS. MOLD FLASH OR GATE BURRS SHALL NOT EXCEED 0.15 (0.006) PER SIDE. 9 DIMENSION B DOES NOT INCLUDE INTERLEAD FLASH OR PROTRUSION. INTERLEAD FLASH OR PROTRUSION SHALL NOT EXCEED 0.25 (0.010) PER SIDE. 10 DIMENSION K DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.08 (0.003) TOTAL IN EXCESS OF THE K DIMENSION AT MAXIMUM MATERIAL CONDITION. 11 TERMINAL NUMBERS ARE SHOWN FOR REFERENCE ONLY. 12 DIMENSION A AND B ARE TO BE DETERMINED AT DATUM PLANE -W-. MILLIMETERS MIN MAX 6.40 6.60 4.30 4.50 --- 1.20 0.05 0.15 0.50 0.75 0.65 BSC 0.27 0.37 0.09 0.20 0.09 0.16 0.19 0.30 0.19 0.25 6.40 BSC 0_ 8_ INCHES MIN MAX 0.252 0.260 0.169 0.177 --- 0.047 0.002 0.006 0.020 0.030 0.026 BSC 0.011 0.015 0.004 0.008 0.004 0.006 0.007 0.012 0.007 0.010 0.252 BSC 0_ 8_
M
DIM A B C D F G H J J1 K K1 L M
-W-
MOTOROLA
MC74LCX574
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters which may be provided in Motorola data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. Motorola and are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer. How to reach us: USA / EUROPE / Locations Not Listed: Motorola Literature Distribution; P.O. Box 5405; Denver, Colorado 80217. 1-800-441-2447 MFAX: RMFAX0@email.sps.mot.com - TOUCHTONE 602-244-6609 INTERNET: http://Design-NET.com
JAPAN: Nippon Motorola Ltd.; Tatsumi-SPD-JLDC, 6F Seibu-Butsuryu-Center, 3-14-2 Tatsumi Koto-Ku, Tokyo 135, Japan. 81-3-3521-8315 ASIA/PACIFIC: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park, 51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852-26629298
MOTOROLA 8
MC74LCX574/D LCX DATA BR1339 -- REV 3


▲Up To Search▲   

 
Price & Availability of MC74LCX574

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X