Part Number Hot Search : 
V800ME14 F050420 MC101 FN2899 SC531 HA173 XN0111F BD00HC0
Product Description
Full Text Search
 

To Download MC33399 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MOTOROLA
Order Number: MC33399/D Rev. 4.0, 08/2001
Semiconductor Technical Data
Advance Information
MC33399
Automotive "Local Interconnect Network" Physical Interface
The MC33399 is a Physical Layer component dedicated to automotive sub bus applications. The device is compliant to LIN specification. Its main features are: * Speed Communication from 1 to 20Kb/s * Nominal Operation from VSUP 8 to 18V DC * Fully Functional up to 27V DC battery voltage. * 40V maximum Voltage during Load Dump * Handle from +40V to -18V DC voltage at LIN pin * Gnd disconnection fail safe at module level * An Unpowered Node does not disturb the network * GND Shift Operation at system level * Two Operation Modes: Normal and Sleep Mode * Very Low Standby Current during Sleep Mode 20uA * Wake-up Capability from LIN bus, MCU command and dedicated high voltage wake up input (interface to external switch) * Interface to MCU with CMOS compatible I/O pins * Control of External Voltage Regulator * LIN bus Threshold Voltage fully Compatible with LIN protocol specification * Bus slew rate control according to LIN protocol specification recommendations (2V/us typ.) * Internal pull up resistor * Handle Automotive Transients per ISO9137 Specification * ESD 4KV on LIN bus Pin * High EMC Immunity
LIN INTERFACE
SILICON MONOLITHIC INTEGRATED CIRCUIT
8 1
D SUFFIX PLASTIC PACKAGE CASE 751 (SO-8)
Simplified Block Diagram
PIN CONNECTIONS
Wake
VSUP
MC33399
Wake up INH EN V-Reg Ctrl V. ref Bias
RX EN Wake TX
30k
1 2 3 4
8 7 6 5
INH Vsup LIN gnd
Logic Rxd Protection Receiver LIN
(Top view)
Txd
Driver
ORDERING INFORMATION
Device Operating Temperature Range Package
Gnd
_
This document contains information on a new product. Specifications and information herein are subject to change without notice.
- 40C to+125C
SO-8
TM
(c) Motorola, Inc., 2001. All rights reserved.
MC33399
MAXIMUM RATINGS
Ratings ELECTRICAL RATINGS VSUP - Continuous Supply Voltage - Transient Voltage (Load dump) Wake DC & Transient Voltage (Through a 33kohms serial resistor) Logic pins (Rx, Tx, EN) LIN - DC voltage - Transient (coupled through 1nF capacitor) INH - DC Voltage - Transient Voltage ESD Human Body Model (100pF, 1.5 kOhms) - All Pins, Except LIN Pin - LIN Pin ESD Machine Model (220pF, 0 Ohms) - All Pins THERMAL RATINGS Junction Temperature Storage Temperature Ambient Temperature Thermal Resistance Junction to Ambient Thermal Shutdown Thermal Shutdown Hysteresis Tj Ts Ta Rtja Tshut Thyst 150 8 170 10 - 40 - 55 - 40 +150 +165 +125 150 200 20 C C C C/W C C V VSUP VSUP Vwake Vlog Vbus -18 -150 Vinh -0.3 tbd VHesd -2 -4 VMesd -200 +200 V +2 +4 kV Vsup+0.3 tbd +40 +100 V -18V - 0.3 +27 +40 +40 5.5 V V V Symbol Min Typ Max Unit
ELECTRICAL CHARACTERISTICS ( VSUP = FROM 7 TO 18V, and TJ FROM -40 TO 150C UNLESS OTHERWISE NOTED)
Characteristics Description VSUP pin (Device power supply) Nominal DC Voltage Range Supply Current in Sleep Mode
VSUP Is1
Symbol Min Typ Max
Unit
Conditions
7
13.5 20
18 50
V A Sleep mode Vlin>Vsup-0.5V Vsup<14V 14V500 Ohms
Supply Current in Sleep Mode and Vsup>14V Supply Current in Normal Mode Supply Current in Normal Mode Vsup Undervolatage Threshold Rx output pin (logic) Low Level Voltage Output High Level Voltage Output Tx input pin (logic) Low Level Voltage Input High Level Voltage Input Input Threshold Hysteresis
Is2
Is(n-rec) Is(n-dom)
300 2 3 5.8 6.4 6.8
A mA mA V
Vsup_low
Vol Voh
0 3.75
0.9 5.25
V V
I out +1.5mA I out -250uA
Vil Vih Vinhyst 3.5 50 400
1.5
V V mV
2
Automotive "Local Interconnect Network" Physical Interface
MC33399
ELECTRICAL CHARACTERISTICS ( VSUP = FROM 7 TO 18V, and TJ FROM -40 TO 150C UNLESS OTHERWISE NOTED)
Characteristics Description Pull-up Current Source Enable Input Pin (Logic) Low Level Voltage Input High Level Voltage Input Input Threshold Hysteresis Low Level Input Current (Vin 1V) High Level Input Current (Vin = 4V) Pull-down Current Vil Vih Vinhyst Iil Iih Idw 3.5 50 10 400 20 20 20 40 1.5 V V mV uA uA uA 1VLIN Bus Pin (Voltage Expressed versus Vsup Voltage) Low Level Voltage (Tx low, Iout =40mA) High Level Voltage (Tx high, Iout = 10uA) Pull up Resistor to Vsup (NOTE 1) Current Limitation (Tx low, LIN = Vsup) Leakage Current to GND (NOTE 1) Leakage Current to GND, Vsup Disconnected Vlin-low Vlin-high Ipu Ilim Ileak1 Ileak2 0 VSUP-1V 20 50 0 -40 30 200 10 40 40 1.4 V V kohms mA uA uA Recessive state, Vlin from Vsup-0.5V to +VBAT Vsup disconnected Vlin from -18 to +18V Excluding internal pull up source Vsup disconnected Vlin from -18V Including internal pull up source Vsup disconnected Vlin from +18V Including internal pull up source Dominant state Recessive state
Leakage Current to GND, Vsup Disconnected VLin at -18V Leakage Current to GND Vsup Disconnected VLin at +18V Lin Receiver Vil (Tx high, Rx low) Lin Receiver Vih (Tx high, Rx high) LIN Receiver Threshold LIN Receiver Input Hysteresis Inhibit Output Pin High Level Voltage Leakage Current WAKE Pin Typical Wake Up Threshold (EN = 0V), High to Low Transition, V SUP=7V to 18V. NOTE 2. Typical Wake Up Threshold (EN = 0V), Low To High Transition, V SUP=7V to 18V. NOTE 2. Wake Up Threshold Hysteresis Wake Up Threshold, High to Low Transition at V SUP=12V Wake Up Threshold, Low To High Transition at V SUP=12V Wake Input Current (V<14V) Wake Input Current (V>14V)
Ileak3
-600
uA
Ileak4
25
uA
Lin-vil Lin-vih
0 0.6 VSUP Vsup/2 0.05VSUP VSUP-0.8 0
0.4VSUP VSUP V 0.1 VSUP VSUP 5 V
LIN hyst
Vwuh Ileak
V uA
Normal mode Sleep mode 0Wuthreshl
0.44 V SUP
V
Wuthreslh Wuhyst Wuhl Wulh Win1 Win2 500 3.6 6.2
0.57 V SUP
V mV 6.5 7.5 V V A A V<14V V<27V
tbd
20 100
NOTE: 1: A diode structure is inserted with the pull resistor to avoid parasitic current path from LIN to Vsup 2. When VSUP is greater than 18V, the wake up thresholds remain identical to the wake up thresholds at 18V
Automotive "Local Interconnect Network" Physical Interface
3
MC33399
ELECTRICAL CHARACTERISTICS ( VSUP = FROM 7 TO 18V, and TJ FROM -40 TO 150C UNLESS OTHERWISE NOTED)
Characteristics Description Timing characteristics LIN Falling Edge Slew Rate LIN Rising Edge Slew Rate, Rbus>1k, Cbus<10nF LIN rise/fall Symmetry (Trise-tfall) Propagation Delay (Tx low to Lin low) (Driver propagation delay) Propagation Delay (Tx high to Lin high) (Driver propagation delay) Propagation Delay (LIN low to Rx low) (Receiver propagation delay) Propagation Delay (LIN high to Rx high) (Receiver propagation delay) Propagation Delay (bus wake-up -> INH high) Tfall Trise Tlin sym TtxLinL TtxLinH TLinRxL TLinRxH TpropWL 4 4 50 1 1 -2 2 2 3 3 +2 1 1 6 6 V/us V/us us us us us us us Measured from 80 to 20% Measured from 20 to 80% Measured from 20 to 80% Measured from Tx H->L to LIN crossing 90%Vsup Measured from Tx L->H to LIN crossing 10%Vsup Symbol Min Typ Max Unit Conditions
Figure 1. Timing Description
Figure 2. Rise and Fall Time Description
Tfall 0.8Vsup
Tx recessive state Vsup LIN TtxLinL 0.4Vsup 0.9Vsup
recessive state
0.6Vsup Trise 0.1Vsup dominant state
0.2Vsup
0.8Vsup
Rx TLinRxL TtxLinH TLinRxH
0.2Vsup
Figure 3. Bus Wake up Timing Description
recessive state Vsup LIN 0.4Vsup dominant state
INH
TpropWL
4
Automotive "Local Interconnect Network" Physical Interface
MC33399
FUNCTIONAL DESCRIPTION VSUP Supply Pin Device power supply pin. It is connected to battery through a serial diode for reverse battery protection. The DC operating voltage is from 7 to 27V. This pin sustains standard automotive voltage conditions such as 27V DC during jump start conditions and 40V during load dump. An under voltage reset circuitry is implemented to disable the transmission path (from Tx to LIN) when Vsup is falling below 7V in order to avoid false bus message. Supply current in sleep mode is 20uA typical. GND Ground Pin Device gnd connection. In case ground disconnection at the module level, the MC33399 does not have significant current consumption on the LIN bus pin when in recessive state (less than 100uA is sourced from LIN bus pin, which create 100mV drop voltage from the 1 kohms LIN bus pull up resistor), for dominant state the pull up resistor should be always active. Gnd shift: the MC33399 handle ground shift up to 3V for Vsup>9V. Below 9V Vsup, ground shift can reduce Vsup value below the minimum Vsup operation of 7V. LIN Bus Pin This I/O pin represents the single-wire bus transmitter and receiver. Transmitter Characteristics The driver is a low side transistor with internal current limitation and thermal shutdown. An internal pull up resistor with a serial diode structure is integrated, so no external pullup components are required for the application in a slave node. An additional pull up resistor of 1k must be added when the device is used in the master node. Voltage can go from +40V down to 18V DC below GND (18V) without no current other than the pull up resistance. This pin exhibit no reverse current from the LIN bus line to VSUP, even in case of GND shift or Vbat disconnection. LIN thresholds are compatible LIN Protocol Specification. The fall time, from recessive to dominant and the rise time from dominant to recessive are controlled to 2V/us typical. The symmetry between rise and fall time is also guaranteed. When going from dominant to recessive the bus impedance parasitic capacitor has to be charged up to Vsup, and this is done by the total system pull up current resistors. In order to guarantee the rise time is within the specification, maximum bus capacitance should not exceed 10nF with bus total pull up resistance less than 1kOhm. Receiver Characteristics The receiver thresholds are ratiometric with the device supply pin. Typical threshold is 50%, with a hysteresis between 5 and 10% of Vsupply. Tx Input Pin This pin is the MCU interface to control the state of the LIN output. When Tx is low, LIN output is low, when Tx is high, LIN output transistor is turned off. This pin has an internal pull up current source internal 5V in order to set the bus in recessive state in case the micron controller could not control it during system power up or down for instance. During the Sleep mode the pull-up is turned off. Rx Output Pin This pin is the MCU interface which reports the state of the LIN bus voltage. LIN high (recessive) is reported by a high level on Rx, LIN low (dominant) is reported by a low voltage on Rx. Rx output structure is a CMOS type push-pull output stage. EN Input Pin (Enable) This pin controls the operation mode of the interface. If EN=1, the interface is in normal mode, with transmission path from Tx to LIN and from LIN to Rx both active. If EN=0, the device is turned into sleep mode or low power mode, and no transmission is possible. In sleep mode the LIN bus pin is hold at Vsup through the bus pull up resistors and pull up current sources. The device can transmit only after being waked up (see INH pin description). During sleep mode the device is still supplied from the battery voltage (through VSUP pin). Supply current is 20uA typical. Setting the ENABLE pin to low will turn the INHIBIT to high impedance. EN pin has an internal 20uA pull down current source to ensure the device is in sleep mode if EN floats. INH Output Pin This pin is used to control an external switchable voltage regulator having an inhibit input. The inhibit pin is a high side switch structure to Vsup. When the device is in normal mode, inhibit high side switch is turned on and the external voltage regulator is activated. When the device is in sleep mode, the inhibit switch is turned off and disables the voltage regulator (if this feature is used). A wake-up event on the LIN bus line will switch the inhibit pin to Vsup level. Wake up output current capability is limited to 280uA. INH pin can also drive an external transistor connected to an MCU IRQ or XIRQ input to generate an interrupt. Refer to typical application, figure 7. Wake Input Pin This pin is a high voltage input used to wake up the device from Sleep mode. Wake is usually connected to an external switch in the application. The typical wake thresholds are Vsup/2. Wake pin has special design structure and allows wake up from both high to low or low to high transitions. When entering into the Sleep mode, the LIN monitors the state of the wake pin and stores it as reference state. The opposite state of this reference state will be the wake up event used by the device to enter again into normal mode. An internal filter is implemented, (50 s typical filtering time delay). Wake pin input structure exhibits a high impedance, with extremely low input current when voltage at this pin is below 14V. When voltage at Wake pin exceed 14V input current start to sink into the device. A serial resistor should be inserted in order to limit the input current mainly during transient pulses. Recommended resistor value is 33kohms. CAUTION : The Wake pin should not be left open. If wake up function is not used, wake should be connected to GND to avoid false wake up.
Automotive "Local Interconnect Network" Physical Interface
5
MC33399
Device Wake-up Events The device can be waked up from sleep mode from three wake-up events: - LIN bus activity - Internal node wake-up described below (EN pin). - Wake up from Wake pin Fig 5, 6, 7, 8 and 9 show device application circuit and detail of wake up operations. Wake-up From LIN Bus A wake-up from LIN pin switched from recessive state to dominant (switch from Vsup to GND) can occur. This is achieved by a node sending a wake-up frame on the bus. This condition will internally wake-up the interface, which will switch high the INH pin to enable the voltage regulator.The device will switch into the "wait for normal mode". The microcontroller and the complete application will be powered up. The microcontroller will have to switch the EN pin to a high level to allow the device to leave the "wait for normal mode" and turn it into "normal mode" in order to allow communication on the bus. Wake-up From Internal Node Activity The application can internally wake-up. In this case the micro controller of the application will set the device enable pin in the high state. The device will switch into "normal mode". Wake-up From Wake Pin The application can wake up with the activation of an external switch. Refer to pin description. Mode of Operation The device has two main modes of operation: Normal Mode This is the normal transmitting and receiving mode. All features are available. Sleep Mode In this mode the transmission path is disabled and the device is in low power mode. Supply current from Vsup is 20uA typical. Wake-up can occur from LIN bus activity, from node internal wake-up through the EN pin and from Wake input pin. Device Power Up At system power up (Vsup rises from zero) the device automatically switches into the "wait for normal mode". It switches the INH pin in high state to Vsup level. The microcontroller of the application will then confirm the normal mode by setting the EN pin high. Special Automotive Requirements ESD The LIN pin has high Human Body Model ESD immunity and handle more than +-4kV. Electromagnetic Compatibility Emission on LIN Bus Output Line Emission level on LIN bus output is internally limited and reduced by active slew rate control of the output bus driver. Susceptibility On the LIN bus pin: The device offers high susceptibility immunity level from external disturbance occurring at the LIN bus pin in order to guarantee communication during external disturbance. On the Wake input pin:an internal filter is implemented to reduce the false wake up during external disturbance. Noise Filtering Noise filtering is used to protect the electronic module against illegal wake-up spikes on the bus. Integrated receiver filters suppress any HF noise induced into the bus wires. The cut-off frequency of these filters is a compromise between propagation delay and HF suppression.
Figure 4. Device State Machine
System Unpowered, VBAT = 0 A : VBAT >7V B : VBAT <7V C : Bus wake up event D : Wake up from Wake switch
B
A
B
Wait Normal Mode INH: high (INH internal High Side switch ON) Communication: OFF
B
EN = 1
C D
Normal Mode INH: high (INH HS switch ON) Communication: ON
EN = 0
Go to sleep command
EN = 1
Local wake-up event
Sleep Mode INH: high impedance (INH HS switch OFF) Communication: OFF
6
Automotive "Local Interconnect Network" Physical Interface
MC33399
Figure 5. Typical Device Application with Wake Input Switch and INH (Switchable 5V Regulator)
External switch Slave node Master node pull up
Vreg 12V 5V
INH
Inh
Wake VSUP
1k
5V
Vdd I/O
EN
V-Reg Ctrl
V. ref Bias
30k
MCU M Actuator Driver SCI
Txd Rxd
Logic Receiver Protection LIN
Driver Gnd
Figure 6. LIN Wake up Wavefrom Diagram with INH Option
Figure 7. LIN Wake up from Wake up Switch
LIN bus
Wake pin
state change
INH
Low or floating
High
INH
Low or floating Wake filtering time
High
Bus Wake-up filtering time (TprogWL) Voltage Regulator Voltage Regulator
On state Off state Regulator wake-up time delay Node In Operation EN high MCU start up time delay
On state Off state Regulator wake-up time delay Node In Operation EN high MCU start up time delay
EN
EN
Node In sleep state
Node In sleep state
Automotive "Local Interconnect Network" Physical Interface
LIN sub bus
Wake up
7
MC33399
Figure 8. Typical Device Application with MCU Wake up from Stop Mode (Non Switchable 5V Regulator, MCU Stop Mode)
Slave node
Master node pull up
Vreg 12V 5V
1k
5V
Wake
VSUP
INH
5V
Vdd IRQ I/O I/O(2)
EN
V-Reg Ctrl
V. ref Bias
30k
MCU M Actuator Driver SCI
Txd Rxd
Logic Receiver Protection LIN
Driver Gnd
Figure 9. LIN Wake-up Waveform Diagram with MCU in Stop Mode
LIN bus
Inh (prev. Wake-Up)
Low or floating
High
Wake-up filtering time (TprogWL) Voltage reg On state Wake up from Stop mode EN state MCU in stop mode Node In Operation EN high
MCU stop mode recovery/start up time delay
I/O(2)
HZ / I/O in input state
Low
IRQ
High
Low
High
8
Automotive "Local Interconnect Network" Physical Interface
LIN sub bus
Wake up
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters which may be provided in Motorola data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typical" must be validated for each customer application by customer's technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or un authorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the parts. Motorola and an Equal Employment Opportunity/Affirmative Action Employer. are registered trademarks of Motorola, Inc. Motorola, Inc. is
MOTOROLA and the Stylized M Logo are registered in the US Patent & Trademark Office. All other products or service names are the property of their respective owners. (c) Motorola, Inc. 2001.
How to reach us: USA / EUROPE / Locations Not Listed: Motorola Literature Distribution; P.O. Box 5405, Denver, Colorado 80217. 1-303-675-2140 or 1-800-441-2447 Technical Information Center: 1-800-521-6274
JAPAN: Motorola Japan Ltd.; SPS, Technical Information Center, 3-20-1, Minami-Azabu, Minato-ku, Tokyo 106-8573 Japan. 81-3-344-3569 ASIA / PACIFIC: Motorola Semiconductors H.K. Ltd.; Silicon Harbour Centre, 2, Dai King Street, Tai Po Industrial Estate, Tai Po, N.T., Hong Kong. 852-26668334
HOME PAGE: http://www.motorola.com/semiconductors
MC33399/D


▲Up To Search▲   

 
Price & Availability of MC33399

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X