Part Number Hot Search : 
KA75420Z SB360S 52000 EDB2820 SMBG5932 PT116 2SC5245A M5R15TLJ
Product Description
Full Text Search
 

To Download MC022 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MC022
Rev A 8/2/02
MICROCOUPLER, SMALL TRANSISTOR OUTPUT
Mii
OPTOELECTRONIC PRODUCTS{PRIVATE } DIVISION
Features:
* * * *
Applications:
* * * * *
Small phototransistor output Small size saves real estate Large thick film gold bond pads Element evaluation on request
Eliminate ground loops Level shifting Line receiver Solid state switching Switching power supplies
DESCRIPTION The MC022 microcoupler is a single channel optocoupler consisting of an LED optically coupled to a light sensitive silicon phototransistor. Each microcoupler is provided with full 100% DC testing (+125C test option upon request) or 100% element evaluation. All microcouplers are capable of operating over the full military temperature range. Package Dimensions Schematic Diagram
0.060
A
C
K A 0.105
C B E
0.085 K
E B
ALL TOLERANCES +/- .005
DIMENSIONS ARE IN INCHES
_____________________________________________________________________________________________ _ TYPICAL PERFORMANCE CURVES
(TYPICAL, Ta = 25 C) 80 70 60
0 mA IF = 1
Ic (mA)
50 40 30 20 10 0 5 10 15 20 25
IF = 5 m A
IF = 2 m A
Vce (V)
MICROPAC INDUSTRIES, INC. OPTOELECTRONIC PRODUCTS DIVISION * 725 E. Walnut St., Garland, TX 75040 * (972) 272-3571 * Fax (972) 487-6918 www.micropac.com E-MAIL: optosales@micropac.com
4-4
MC022
Rev A 8/2/02
MICROCOUPLER, SMALL TRANSISTOR OUTPUT
ELECTRICAL CHARACTERISTICS
TA = 25C unless otherwise specified.
PARAMETER
Input Diode Reverse Current Input-to-Output Internal Resistance Input-to-Output Capacitance Input Forward Voltage Collector-Emitter Saturation Voltage Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Voltage On State Collector Current Off-State Collector Current Rise Time (Phototransistor Mode) Fall Time (Phototransistor Mode)
SYMBOL
IR RIO CIO VF VCE(SAT) VBRCBO VBRCEO VBREBO IC(ON) ID tr tf
MIN
10
11
TYP
MAX
100
UNITS
A
TEST CONDITIONS
VR = 2V VIN-OUT = 1kV VCC = 5.5V, IF = 20mA IF = 20mA IF = 20mA, IC = 10A, IB = 0 IC = 100A, IB = 0, IF = 0 IC = 1mA, IB = 0, IF = 0 IC = 0, IE =10 0A, IF = 0 IF = 10mA, VCE = 5V, IB = 0 IF = 0mA, VCE = 30V, IB = 0 IF = 5mA, VCE = 10V, RL = 100 IF = 5mA, VCE = 10V, RL = 100
NOTE
1
2.5 1.5
5 1.75 0.3
pF V V V V V
50 50 7 10 25 100 10 10 25 25
mA nA
s s
NOTE 1: These parameters are measured between all phototransistor leads shorted together and both input diode leads shorted together.
RECOMMENDED OPERATING CONDITIONS:
PARAMETER Input Current Supply Voltage Operating Temperature SYMBOL IF VCE TA MIN 1 5 -55 MAX 50 30 125 UNITS mA V
C
MICROPAC INDUSTRIES, INC. OPTOELECTRONIC PRODUCTS DIVISION * 725 E. Walnut St., Garland, TX 75040 * (972) 272-3571 * Fax (972) 487-6918 www.micropac.com E-MAIL: optosales@micropac.com
4-5


▲Up To Search▲   

 
Price & Availability of MC022

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X